Part Number Hot Search : 
2412E 2N7002KG 2SC4851 E3055 MBR3045 BU2520 GILFT P6SMB250
Product Description
Full Text Search
 

To Download CC1206KCNPOCBN121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product s pecification C january 16, 2017 v. 9 data she e t surface - mount ceramic multilayer capacitor s h igh - v oltage np0/x7r 1 kv to 3 kv 10 pf to 33 n f rohs compliant & halogen free
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 2 13 product specification ordering informatio n - global part number, phycomp ctc & 12nc all part numbers are identified by the series, size, tolerance, tc material, packing style, voltage, process code, termination and capacitance value. y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) c c xxxx x x xxx x b x xxx (1) (2) (3) (4) (5) (6) (7) ( 1 ) size C inch based (metric) 0805 ( 2012 ) / 1206 (3216) / 1210 (3225) / 1808 (4520) / 1812 (4532) ( 2 ) tolerance c = 0.25 pf d = 0.5 pf g = 2% j = 5% k = 10% ( 3 ) packing style r = paper /pe taping reel; reel 7 inch k = blister taping reel; reel 7 inch p = paper /pe taping reel; reel 13 inch f = blister taping reel; reel 13 inch c = bulk case ( 4 ) t c material npo x7r ( 5 ) rated voltage c = 1 kv d = 2 kv s = 2.5kv e = 3 kv (6) process n = np 0 b = class 2 mlcc ( 7 ) capacitance value 2 significant digits + number of zeros the 3rd digit signifies the multiplying factor, and letter r is decimal point example : 121 = 12 x 10 1 = 120 pf s cope this specification describes high - v oltage np0/x7r series chip capacitors with lead - free terminations. applications pcs, hard disk, game pcs power supplies lcd panel adsl, modem features supplied in tape on reel nickel - barrier end termination rohs compliant halogen free compliant
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 3 13 product specification construction the capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. this structure gives rise to a high capacitance per unit volume. the inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (nisn). the terminations are lead - free. a cross section of the structure is shown in fig.1. fig. 1 surface m ounted m ultilayer c eramic c apacitor co nstruction type l 1 ( mm ) w ( mm ) t (mm) l 2 / l 3 ( mm ) l 4 ( mm ) min. max. min. 0805 2.0 0.20 1.25 0.20 refer to table 2 to 4 0.25 0.75 0.55 1206 3.2 0.30 1.6 0. 20 0.25 0.75 1.40 1210 3.2 0. 30 2.5 0. 20 0.25 0.75 1.40 1808 4.5 0. 40 2.0 0. 30 0.25 0.75 2.20 1812 4.5 0. 40 3.2 0. 20 0.25 0.75 2.20 table 1 for outlines see fig. 2 dimension o o u u t t l l i i n n e e s s for dimension see table 1 fig. 2 surface mounted multilayer ceramic capacitor dimension
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 4 13 product specification capacitance range & thickness for np0 table 2 sizes from 0805 to 1812 cap . 0805 1206 1210 1808 1812 1 kv 1 kv 2 kv 1 kv 2 kv 1 kv 2 kv 3 kv 1 kv 2 kv 3 kv 10 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 12 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 15 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 18 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 22 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 27 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 33 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 39 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 47 pf 0.85 0. 1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 56 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 68 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 82 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 100 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 120 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 150 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.25 0.2 180 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 2.0 0.2 1.25 0.2 1.25 0.2 1.25 0.2 220 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 2.0 0.2 1.25 0.2 1.25 0.2 1.25 0.2 270 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 330 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 390 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 470 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 560 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 680 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 820 pf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.0 nf 1.25 0.2 1.25 0.2 2.0 0.2 1.25 0.2 1.25 0.2 1.2 nf 1.25 0.2 1.5 nf 1.25 0.2 1.8 nf 2.2 nf 2.7 nf 3.3 nf n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 5 13 product specification table 3 sizes from 0805 to 1812 capacitance range & thickness for x7r cap . 0805 1206 1210 1808 1812 1 kv 1 kv 2 kv 2.5kv 1 kv 2 kv 1 kv 2 kv 3 kv 1 kv 2 kv 3 kv 100 pf 150 pf 0.85 0.1 1.6 0.2 220 pf 0.85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.6 0.2 330 pf 0.85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.35 0. 15 1.6 0.2 470 pf 0.85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.35 0. 15 1.35 0. 15 1.6 0.2 680 pf 0.85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.35 0. 15 1.35 0. 15 1.6 0.2 1.0 nf 0.85 0.1 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 1.35 0. 15 1.35 0. 15 2.0 0.2 1.35 0. 15 1.35 0. 15 1.6 0.2 1.5 nf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.35 0. 15 1.35 0. 15 2.0 0.2 1.35 0. 15 1.35 0. 15 2.2 nf 1.25 0.2 1.25 0.2 1.60 0.2 1.35 0. 15 1.6 0.2 1.35 0. 15 1.35 0. 15 3.3 nf 1.25 0.2 1.25 0.2 1.35 0. 15 1.35 0. 15 1.35 0. 15 4.7 nf 1.25 0.2 1.25 0.2 1.35 0. 15 1.35 0. 15 1.35 0. 15 6.8 nf 1.25 0.2 1.25 0.2 1.6 0.2 1.35 0. 15 1.6 0.2 10 nf 1.25 0.2 1.25 0.2 1.6 0.2 1.35 0. 15 2.0 0.2 15 nf 1.25 0.2 1.35 0. 15 22 nf 1.6 0.2 1.35 0. 15 33 nf 1.6 0.2 47 nf 68 nf 100 nf n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 6 series is on request 3. for product s w it h 5% tolerance, please contact local sales force before order ing
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 6 13 product specification table 5 thickness classes an d packing quantity size code thickness classification t ape width quantity per reel ? 180 mm / 7 inch ? 330 mm / 13 inch quantity per bulk case paper blister paper blister 0201 0.3 0. 03 mm 8 mm 15,000 --- 50,000 --- --- 0402 0.5 0.05 mm 8 mm 10,000 --- 50,000 --- 50,000 0603 0.8 0.1 mm 8 mm 4,000 --- 15,000 --- 15,000 0805 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- 10,000 0.8 / 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- 8,000 1. 00 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 5,000 1206 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- --- 0.8 / 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- --- 1.00 / 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 --- 1.6 0.15 mm 8 mm --- 2,500 --- 10,000 --- 1.6 0.2 mm 8 mm --- 2,000 --- 8 ,000 --- 1210 0.6 / 0.7 0.1 mm 8 mm --- 4,000 --- 15,000 --- 0.85 0.1 mm 8 mm --- 4,000 --- 10,000 --- 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 0.15 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- --- --- 1.5 0.1 mm 8 mm --- 2,000 --- --- --- 1.6 / 1.9 0.2 mm 8 mm --- 2,000 --- --- --- 2.0 0.2 mm 8 mm --- 2,000 1,000 --- --- --- 2.5 0.2 mm 8 mm --- 1,000 500 --- --- --- 1808 1.15 0.15 mm 12 mm --- 3,000 --- --- --- 1.25 0.2 mm 12 mm --- 3,000 --- --- --- 1.35 0.15 mm 12 mm --- 2,000 --- --- --- 1.5 0.1 mm 12 mm --- 2,000 --- --- --- 1.6 0.2 mm 12 mm --- 2,000 --- --- --- 2.0 0.2 mm 12 mm --- 2,000 --- --- --- 1812 0.6 / 0.85 0.1 mm 12 mm --- 2,000 --- --- --- 1.15 0.1 mm 12 mm --- 1, 0 00 --- --- --- 1.15 0.15 mm 12 mm --- 1, 0 00 --- --- --- 1.25 0. 2 mm 12 mm --- 1,000 --- --- --- 1.35 0.15 mm 12 mm --- 1,000 --- --- --- 1.5 0.1 mm 12 mm --- 1,000 --- --- --- 1.6 0.2 mm 12 mm --- 1,000 --- --- --- 2.0 0.2 mm 12 mm --- 1,000 --- --- --- 2.5 0.2 mm 12 mm --- 500 --- --- ---
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 7 13 product specification electrical character istics n n p p 0 0 / / x x 7 7 r r d d i i e e l l e e c c t t r r i i c c c c a a p p a a c c i i t t o o r r s s ; ; n n i i s s n n t t e e r r m m i i n n a a t t i i o o n n s s unless otherwise stated all electrical values apply at an ambient temperature of 20 1 c, an atmospheric pressure of 86 to 106 kpa, and a relative humidity of 63 to 67%. table 6 description value capacitance range 10 p f to 33 n f capacitance tolerance np0 c < 10 pf 0.25 pf, 0.5 pf c 10 pf 2%, 5% x7r 5% (1) , 10% dissipation factor (d.f.) np0 c < 3 0 pf 1 / ( 400 + 20 c ) c 30 pf 0.1 % x7r 2.5 % insulation resistance after 1 minute at u r (dc) r ins 10 g or r ins c 500 seconds whichever is less maximum capacitance change as a function of temperature (temperature c haracteristic/coefficient) : np0 30 ppm/ c x7r 15% operating temperature range: np0/ x7r C 55 c to +125 c note 1. 5% tolerance of capacitance value isn't available for x7r full product range, please contact local sales force before order ing
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 8 13 product specification fig. 3 typical temperature coefficient as a function of temperature sample limits (broken lines). requirement levels (dotted lines) h igh - voltage np0 fig. 4 typical tan as a function of temperature h igh - voltage x7r fig. 5 typical capacitance change as a function of temperature fig. 6 typical tan as a function of temperature ? x
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 9 13 product specification soldering recommenda tion table 7 soldering method size 0402 0603 0805 1206 1210 reflow reflow only 1.0 f 2.2 f 4.7 f reflow only reflow/wave --- < 1.0 f < 2.2 f < 4.7 f --- test test method procedure requirements mounting iec 60384 - 21/ 22 4.3 the capacitors may be mounted on printed - c ircuit boards or ceramic substrates no visible damage visual i nspection and d imension c heck 4.4 any applicable method using 10 magnification in accordance with specification capacitance 4.5.1 class 1: f = 1 mhz for c 1 nf, measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c class 2 : f = 1 khz for c 10 f, measuring at voltage 1 v rms at 20 c within specified tolerance dissipation f actor (d.f.) 4.5.2 class 1: f = 1 mhz for c 1 nf , measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c class 2 : f = 1 khz for c 10 f, measuring at voltage 1 v rms at 20 c in accordance with specification insulation r esistance 4.5.3 u r 500 v: at u r for 1 minute u r > 500 v: at 500 v for 1 minute in accordance with specification tests and requiremen ts table 8 test procedures and requirements
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 10 13 product specification test test method procedure requirements temperature c oefficient 4.6 capacitance shall be measured by the steps shown in the following table. the capacitance change should be measured after 5 min at each specified temperature stage. step temperature( ) a 25 2 b lower temperature 3 c 25 2 d upper temperature 2 e 25 2 (1) class i temperature coefficient shall be calculated from the formula as below temp, coefficient = [ppm/ ] c1: capacitance at step c c2: capacitance at 125 ? t: 100 (=125 - 25 ) (2) c lass ii capacitance change shall be calculated from the formula as below ? c = x 100% c1: capacitance at step c c2: capacitance at step b or d < general purpose series> class1: ? c/c: 30ppm class2: x7r: ? c/c: 15% y5v: ? c/c: 22~ - 82% class2: x7r/x5r: ? c/c: 15% y5v: ? c/c: 22~ - 82% adhesion iec 60384 - 21/ 22 4. 7 a force applied for 10 sec onds to the line joining the terminations and in a plane parallel to the substrate force size 0603: 5n bending strength 4.8 mounting in accordance with iec 60384 - 22 paragraph 4.3 no visible damage conditions: bending 1 mm at a rate of 1 mm/s, radius jig 5 mm ? c/c class 1: np0 : within 1% or 0.5 pf, whichever is greater class2: x7r: 10% 6 10 t x c1 c1 - c2 ? c1 c1 - c2
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 11 13 product specification test test method procedure requirements resistance to s oldering h eat 4.9 precondition: 150 + 0/ C 10 c for 1 hour, then keep for 24 1 hours at room temperature preheating: for size 1206: 120 c to 150 c for 1 minute preheating: for size > 1206: 100 c to 120 c for 1 minute and 170 c to 200 c for 1 minute solder bath temperature: 260 5 c dipping ti me: 10 0.5 s econds recovery time : 24 2 hours dissolution of the end face plating shall not exceed 25% of the length of the edge concerned ? c/c class 1: np0 : within 0.5 % or 0.5 pf, whichever is greater class2: x7r : 10% d.f. within initial specified value r ins within initial specified value solderability 4.10 preheated to a temperature of 80 c to 140 c and maintained for 30 s econds to 60 s econds. 1. temperature: 235 5c / dipping time: 2 0.5 s 2. temperature: 245 5c / dipping time: 3 0.5 s (lead free)depth of immersion: 10mm the solder should cover over 95% of the critical area of each termination rapid c hange of t emperature iec 60384 - 21/22 4.11 preconditioning; 150 + 0/ C 10 c for 1 hour, then keep for 24 1 h ours at room temperature 5 cycles with following detail: 30 minutes at l ower c ategory t emperature 30 minutes at u pper c ategory t emperature recovery time 24 2 h ours no visual damage ? c/c class 1: np0 : within 1% or 1 pf, whichever is greater class2: x7r : 15 % d.f. meet initial specified value r ins meet initial specified value damp h eat 4.13 1. preconditioning, class 2 only: 150 +0/ - 10 c /1 h our , then keep for 24 1 h our at room temp 2. initial measure : spec: refer to i nitial spec c, d, ir 3. damp heat test: 500 12 hours at 40 2 c; 90 to 95% r.h . 4. recovery: class 1: 6 to 24 hours class 2: 24 2 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall b e preconditioned according to iec 60384 4.1 and then the requirement shall be met. no visual damage after recovery ? c/c class 1: np0 : within 2 % or 1 pf, whichever is greater class2: x7r : 1 5 % d.f. class 1: np0: 2 x specified value class2: x7r : 25 v: 5% r ins class 1: np0: 2,500 m or r ins x c r 25s whichever is less class2: x7r : 500 m or r ins x c r 25s whichever is less
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 12 13 product specification test test method procedure requirements endurance iec 60384 - 21/22 4.14 1. preconditioning, class 2 only: 150 +0/ - 10 c /1 h our , then keep for 24 1 h our at room temp 2. initial measure : spec: refer to initial spec c, d, ir endurance test : temperature : np0/x7r: 125 c specified stress voltage applied for 1 , 000 h our s. high - vol tage series follows the stress conditions below : voltage npo x7r 100v 2.0 x ur 2.0 x ur 200/250v 1.5 x ur 1.5 x ur 500/63 0v 1.3 x ur 1.2 x ur 1kv 1.2 x ur 1.1 x ur 3. recovery time: 24 2 hours 4. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be preconditioned according to iec 60384 4.1 and then the requirement shall be met. no visual damage ? c/c class1: np0 : within 2 % or 1 pf, whichever is greater class2: x7r: 1 5 % d.f. class1: np0: 2 x specified value class2: x7r : 25 v: 5% r ins class1: np0: 4,000 m or r ins x c r 40s whichever is less class2: x7r : 1,000 m or r ins x c r 50s whichever is less voltage p roof specified stress voltage applied for 1~5 seconds ur 100 v: series applied 2.5 ur 100 v < ur 200 v series applied (1.5 ur + 100) 200 v < ur 500 v series applied (1.3 ur + 100) ur > 500 v: 1.3 ur ur 1kv: 1.2 ur charge/discharge current less than 50ma no breakdown or flashover
high - voltage np 0 / x 7 r 1 kv to 3 kv www.yageo.com jan. 16, 2017 v. 9 surface - mount ceramic multilayer capacitors 13 13 product specification revision history revision date change notification description version 9 jan. 16 , 201 7 - - product range updated version 8 oct. 12 , 2015 - - product range updated version 7 may 21, 2014 - - product range updated version 6 jun. 17, 2012 - - product range updated version 5 sep 25, 2012 - - product range updated version 4 aug 08, 2011 - - product range updated version 3 jan 19, 2011 - - dimension updated - add np0 0805 1kv version 2 feb 02, 2010 - - change to dual brand datasheet that describe high - v oltage np0/x7r series with rohs compliant - replace the high voltage part of pdf files: up - np0x7r_hv_1k - to - 4kv_1 and uy - np0x7r_hv_1k - to - 4kv_1 - description of "halogen free compliant" added - product range updated - define global part number - test method and procedure updated version 1 sep 30, 2005 - - thickness revised version 0 sep 12, 2005 - - new


▲Up To Search▲   

 
Price & Availability of CC1206KCNPOCBN121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X