Part Number Hot Search : 
S78D18D KMC5S050 XF8418 1N4933 144919 K3150 B25S256 143EC
Product Description
Full Text Search
 

To Download CC1206KCNPO9BN121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification C november 24, 2016 v. 15 data she e t surface - mount ceramic multilayer capacitor s general purpose class 1, np0 16 v to 50 v 0.22 pf to 100 nf rohs compliant & halogen free
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 2 14 product specification general purpose 16 v to 50 v np 0 scope this specification describes np0 series chip capacitors with lead - free terminations. applications ? consumer electronics for example - tuners - television receivers - all types of cameras ? telecommunications ? data processing features ? supplied in tape on reel ? nickel - barrier end termination ? rohs complian t ? halogen free compliant ordering informatio n - global part number, phycomp ctc & 12nc all part numbers are identified by the series, size, tolerance, tc material, packing style, voltage, process code, termination and capacitance value. y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) cc xxxx x x npo x bn xxx (1) (2) (3) (4) (5 ) ( 1 ) size C inch based (metric) 0201 (0603) 040 2 (1005) 0603 (1608) 0805 (2012) 1206 (3216) 1210 (3225) 1812 (4532) ( 2 ) tolerance b = 0.1 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% k = 10% ( 3 ) packing style r = paper/pe taping reel; reel 7 inch k = blister taping reel; re el 7 inch p = paper/pe taping reel; reel 13 inch f = blister taping reel; reel 13 inch c = bulk case ( 4 ) rated voltage 7 = 16 v 8 = 25 v 9 = 50 v ( 5 ) capacitance value 2 significant digits+number of zeros the 3rd digit signifies the multiplying factor, and letter r is decimal point example: 121 = 12 x 10 1 = 120 pf
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 3 14 product specification general purpose 16 v to 50 v np 0 type l 1 ( mm ) w ( mm ) t (mm) l 2 / l 3 ( mm ) l 4 ( mm ) min. max. min. 0201 0.6 0.03 0.3 0.03 refer to table 2 to 5 0.10 0.20 0.20 0402 1.0 0.05 0.5 0.05 0.20 0.30 0.40 0603 1.6 0.10 0.8 0.10 0.20 0.60 0.40 0805 2.0 0.10 (1) 1.25 0.10 (1) 0.25 0.75 0.55 2.0 0.20 (2) 1.25 0.20 (2) 1206 3.2 0.15 (1) 1.6 0.15 (1) 0.25 0.75 1.40 3.2 0.30 (2) 1.6 0.20 (2) 1210 3.2 0.20 2.5 0.20 0.25 0.75 1.40 1812 4.5 0.20 3.2 0.20 0.25 0.75 2.20 note 1. dimension for size 0805 and 1206, c 1 nf 2. dimension for size 0805 and 1206, c > 1 nf table 1 for outlines see fig. 2 dimension o o u u t t l l i i n n e e s s for dimension see table 1 fig. 2 surface mounted multilayer ceramic c apacitor dimension construction the capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. this structure gives rise to a hi gh capacitance per unit volume. the inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (nisn). the terminations are lead - free. a cross section of the structure is shown in fig.1. fig. 1 surface mounted multilayer ceramic capacitor co nstruction
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 4 14 product specification general purpose 16 v to 50 v np 0 capacitance range & thickness for np0 table 2 sizes from 0201 to 0603 cap . 0201 0402 0603 25 v 50 v 16 v 25 v 50 v 16 v 25 v 50 v 0.22 pf 0.3 0.03 0.3 0.03 0.47 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 0.82 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 1.0 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0. 1 1.2 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 1.5 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 1.8 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 2.2 pf 0.3 0.03 0.3 0. 03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 2.7 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 3.3 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 3.9 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 4.7 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 5.6 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 6.8 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 8.2 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 10 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 12 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 15 pf 0.3 0.03 0.3 0.0 3 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 18 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 22 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 27 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 33 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 39 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 47 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 56 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 68 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 82 pf 0.3 0.03 0.3 0.03 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 100 pf 0.3 0.03 0.3 0.03 0.5 0 .05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 5 14 product specification general purpose 16 v to 50 v np 0 cap . 0201 0402 0603 25 v 50 v 16 v 25 v 50 v 16 v 25 v 50 v 120 pf 0.5 0.05 0. 5 0.05 0 . 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 150 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 180 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 220 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 270 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 330 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 390 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 470 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 560 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 680 pf 0.5 0.05 0. 5 0.05 0. 5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 820 pf 0. 8 0.1 0.8 0.1 0.8 0.1 1.0 nf 0.5 0.05 0.5 0.05 0.5 0.05 0. 8 0.1 0.8 0.1 0.8 0.1 1.2 nf 0. 8 0.1 0.8 0.1 0.8 0.1 1.5 nf 0. 8 0.1 0.8 0.1 0.8 0.1 1.8 nf 0. 8 0.1 0.8 0.1 0.8 0.1 2.2 nf 0. 8 0.1 0.8 0.1 0.8 0.1 2.7 nf 0. 8 0.1 0.8 0.1 0.8 0.1 3.3 nf 0. 8 0.1 0.8 0.1 0.8 0.1 3.9 nf 0. 8 0.1 0.8 0.1 0.8 0.1 4.7 nf 5.6 nf 6.8 nf 8.2 nf 10 nf 0. 8 0.1 0. 8 0.1 0.8 0.1 12 nf 15 nf 18 nf 22 nf 33 nf note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request table 3 sizes from 0201 to 0603 (continued) capacit ance range & thickne ss for np0
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 6 14 product specification general purpose 16 v to 50 v np 0 capacitance range & thickness for np0 table 4 sizes from 0805 to 1812 cap . 0805 1206 1210 1812 16 v 25 v 50 v 16 v 25 v 50 v 25 v 50 v 50 v 0.22 pf 0.47 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0.82 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.0 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.2 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.5 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.8 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 2.2 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 2.7 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 3.3 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 3.9 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 4.7 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 5.6 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 6.8 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 8.2 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 10 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0 .1 0. 6 0.1 12 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 15 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 18 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 22 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 27 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 33 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 39 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 47 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.25 0.2 1.25 0.2 56 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 68 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 82 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 100 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 7 14 product specification general purpose 16 v to 50 v np 0 cap . 0805 1206 1210 1812 16 v 25 v 50 v 16 v 25 v 50 v 25 v 50 v 50 v 120 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 150 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 180 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 220 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 270 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 330 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 390 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 470 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 560 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0. 2 1.25 0.2 680 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 820 pf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.0 nf 0.6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.2 nf 0.85 0.1 0. 85 0.1 0. 85 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.5 nf 0.85 0.1 0. 85 0.1 0. 85 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.8 nf 0.85 0.1 0. 85 0.1 0. 85 0.1 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 2.2 nf 1.25 0.2 1.25 0.2 1.25 0.2 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 2.7 nf 1.25 0.2 1.25 0.2 1.25 0.2 0. 6 0.1 0. 6 0.1 0 . 6 0.1 1.25 0.2 1.25 0.2 1.25 0. 2 3.3 nf 1.25 0.2 1.25 0.2 1.25 0.2 0.85 0.1 0. 85 0.1 0. 85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 3.9 nf 1.25 0.2 1.25 0.2 1.25 0.2 0.85 0.1 0. 85 0.1 0. 85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 4.7 nf 1.25 0.2 1.25 0.2 1.25 0.2 0.85 0.1 0. 85 0.1 0. 85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 5.6 nf 1.25 0.2 1.25 0.2 1.25 0.2 0.85 0.1 0. 85 0.1 0. 85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 6.8 nf 1.25 0.2 1.25 0.2 1.25 0.2 0.85 0.1 0. 85 0.1 0. 85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 8.2 nf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.2 5 0.2 1.25 0.2 1.25 0.2 10 nf 0.85 0.1 1.25 0.2 0.85 0.1 1.25 0.2 0.85 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 12 nf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 15 nf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 18 nf 1.25 0.2 1. 25 0.2 1.25 0.2 1.25 0.2 22 nf 1.25 0.2 1.25 0.2 1.25 0.2 2.0 0.2 2.0 0.2 1.25 0.2 33 nf 0.85 0.1 0.85 0.1 0.85 0.1 47 nf 1.15 0.2 1.15 0.2 1.15 0.2 1.60 0.2 1.60 0.2 56 nf 68 nf 1.60 0.2 1.60 0.2 1.60 0.2 82 nf 100 nf 1.60 0.2 1.60 0.2 1.60 0.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request table 5 sizes from 0805 to 1812 (continued) capacitance range & thickness for np0
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 8 14 product specification general purpose 16 v to 50 v np 0 table 6 thickness classes an d packing quantity size code thickness classification tape width quantity per reel ? 180 mm / 7 inch ? 330 mm / 13 inch qu antity per bulk case paper blister paper blister 0201 0.3 0.03 mm 8 mm 15,000 --- 50,000 --- --- 0402 0.5 0.05 mm 8 mm 10,000 --- 50,000 --- 50,000 0603 0.8 0.1 mm 8 mm 4,000 --- 15,000 --- 15,000 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- 10,000 0805 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- 8,000 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 5,000 1206 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- --- 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- --- 1.00 / 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 --- 1.6 0.15 mm 8 mm --- 2,500 --- 10,000 --- 1.6 0.2 mm 8 mm --- 2,000 --- 10,000 --- 1210 0.6 / 0.7 0.1 mm 8 mm --- 4,000 --- 15,000 --- 0.85 0.1 mm 8 mm --- 4,000 --- 10,000 --- 1. 0 0.1 mm 8 mm --- 3,000 --- 10,0 00 --- 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 0.15 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- --- --- 1.5 0.1 mm 8 mm --- 2,000 --- --- --- 1.6 / 1.9 0.2 mm 8 mm --- 2,000 --- --- --- 2.0 0.2 mm 8 mm --- 2,000 1,000 --- --- --- 2.5 0.2 mm 8 mm --- 1,000 500 --- --- --- 1808 1.15 0.15 mm 12 mm --- 3,000 --- --- --- 1.25 0.2 mm 12 mm --- 3,000 --- --- --- 1.35 0.15 mm 12 mm --- 2,000 --- --- --- 1.5 0.1 mm 12 mm --- 2,000 --- --- --- 1.6 0.2 mm 12 mm --- 2,000 --- --- --- 2.0 0.2 mm 12 mm --- 2,000 --- --- --- 1812 0.6 / 0.85 0.1 mm 12 mm --- 2,000 --- --- --- 1.15 0.1 mm 12 mm --- 1,000 --- --- --- 1.15 0.15 mm 12 mm --- 1,000 --- --- --- 1.35 0.15 mm 12 mm --- 1,000 --- --- --- 1.5 0.1 mm 12 mm --- 1,000 --- --- --- 1.6 0.2 mm 12 mm --- 1,000 --- --- --- 2.0 0.2 mm 12 mm --- 1,000 --- --- --- 2.5 0.2 mm 12 mm --- 500 --- --- ---
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 9 14 product specification general purpose 16 v to 50 v np 0 electrical c haracteristics n n p p 0 0 d d i i e e l l e e c c t t r r i i c c c c a a p p a a c c i i t t o o r r s s ; ; n n i i s s n n t t e e r r m m i i n n a a t t i i o o n n s s unless otherwise stated all electrical values apply at an ambient temperature of 20 1 c, an atmospheric pressure of 86 to 106 kpa, and a relative humidity of 63 to 67%. description va lue capacitance range 0.22 p f to 100 nf capacitance tolerance c < 10 pf 0.1 pf, 0.25 pf, 0.5 pf c 10 pf 1%, 2%, 5% , 10 % dissipation factor (d.f.) c < 3 0 pf 1 / ( 400 + 20c ) c 30 pf 0.1 % insulation resistance after 1 minute a t u r (dc) r ins 10 g or r ins c r 500 seconds whichever is less maximum capacitance change as a function of temperature (temperature characteristic/coefficient): 30 ppm/c operating temperature range: C 55 c to +125 c table 7 fig. 4 typical capacitance change with respect to the capacitance at 1 v as a function of dc voltage fig. 3 typical temperature coefficient as a function of temperature sample limits (broken lines). requirement levels (dotted lines)
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 10 14 product specification general purpose 16 v to 50 v np 0 fig. 5 typic al tan as a function of temperature solde ring recommendation table 8 soldering method size 0 201 0402 0603 0805 1206 1210 reflow reflow only 0.1 f 1.0 f 2.2 f 4.7 f reflow only reflow/wave --- < 0.1 f < 1.0 f < 2.2 f < 4.7 f ---
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 11 14 product specification general purpose 16 v to 50 v np 0 tests and requiremen ts table 9 test procedures and requirements test test method procedure requirements mounting iec 60384 - 21/22 4.3 the capacitors may be mounted on printed - circuit boards or ceramic substrates no visible damage visual inspection and dimensio n check 4.4 any applicable method using 10 magnification in accordance with specification capacitance 4.5.1 class 1: f = 1 mhz for c 1 nf, measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c within specified tolera nce dissipation factor (d.f.) 4.5.2 class 1: f = 1 mhz for c 1 nf , measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c in accordance with specification insulation resistance 4.5.3 at u r (dc) for 1 minut e in accordance with specification temperature coefficient 4.6 capacitance shall be measured by the steps shown in the following table. the capacitance change should be measured after 5 min at each specified temperature stage. step temperature( ) a 25 2 b lower temperature 3 c 25 2 d upper temperature 2 e 25 2 (1) class i temperature coefficient shall be calculated from the formula as below temp, coefficient = [ppm/ ] c1: capacitance at step c c2: capacitance at 125 ? t: 100 (=125 - 25 ) (2) class ii capacitance change shall be calculated from the formula as below ? c = x 100% c1: capacitance at step c c2: capacitance at step b or d class1: ? c/c: 30ppm class2: x7r: ? c/c: 15% y5v: ? c/c: 22~ - 82% class2: x7r/x5r: ? c/c: 15% y5v: ? c/c: 22~ - 82% 6 10 t x c1 c1 - c2 ? c1 c1 - c2
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 12 14 product specification general purpose 16 v to 50 v np 0 test test method procedure requirements adhesion 4.7 a force applied for 10 sec onds to the line joining the terminations and in a plane parallel to the substrate force size 0603: 5n size = 0402: 2.5n size = 0201: 1n bond strength of plating on end face 4.8 mounting in accordance with iec 60384 - 22 paragraph 4.3 no visible dama ge conditions: bending 1 mm at a rate of 1 mm/s, radius jig 5 mm ? c/c class 1: np0: within 1% or 0.5 pf whichever is greater resistance to soldering heat iec 60384 - 21/22 4.9 precondition: 150 +0/ C 10 c for 1 hour, then keep for 24 1 hours at room temperature preheating: for size 1206: 120 c to 150 c for 1 minute preheating: for size >1206: 100 c to 120 c for 1 minute and 170 c to 200 c for 1 minute solder bath temperature: 260 5 c dipping time: 10 0.5 seconds rec overy time: 24 2 hours dissolution of the end face plating shall not exceed 25% of the length of the edge concerned ? c/c class 1: np0: within 0.5% or 0.5 pf whichever is greater d.f. within initial specified value r ins within initial specified value solderability 4.10 preheated the temperature of 80 c to 140 c and maintained for 30 seconds to 60 seconds. 1. temperature: 235 5c / dipping time: 2 0.5 s 2. temperature: 245 5c / dipping time: 3 0.5 s (lead free)de pth of immersion: 10mm the solder should cover over 95% of the critical area of each termination rapid change of temperature 4.11 preconditioning; 150 +0/ C 10 c for 1 hour, then keep for 24 1 hours at room temperature 5 cycles with following detail: 30 minutes at lower category temperature 30 minutes at upper category temperature recovery time 24 2 hours no visual damage ? c/c class 1: np0: within 1% or 1 pf whichever is greater d.f. meet initial specified value r ins meet initial specified value
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 13 14 product specification general purpose 16 v to 50 v np 0 test test method procedure requirements damp heat with u r load iec 60384 - 21/22 4.13 1. preconditioning, class 2 only: 150 +0/ - 10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer to initial spe c c, d, ir 3. damp heat test: 500 12 hours at 40 2 c; 90 to 95% r.h . 1.0 u r applied 4. recovery: class 1: 6 to 24 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have be en made the capacitor shall be preconditioned according to iec 60384 4.1 and then the requirement shall be met. no visual damage after recovery ? c/c class 1: np0: within 2% or 1 pf whichever is greater d.f. class 1: np0: 2 x specified value r ins class 1: np0: 2,500 m or r ins x c r 25s whichever is less endurance 4.14 1. preconditioning, class 2 only: 150 +0/ - 10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer to initial s pec c, d, ir 3. endurance test: temperature: np0: 125 c specified stress voltage applied for 1 ,000 hours: applied 2.0 x u r for general product. 4. recovery time: 24 2 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be preconditioned according to iec 60384 4.1 and then the requirement shall be met. no visual damage ? c/c class1: np0: within 2% or 1 pf whichever is greater d.f. class1: np0: 2 x specified value r ins class1: np0: 4,000 m or r ins x c r 40s whichever is less voltage proof iec 60384 - 1 4.6 specified stress voltage applied for 1 minute u r 100 v: se ries applied 2.5 u r 100 v < u r 200 v series applied (1.5 u r + 100) 200 v < u r 500 v series applied (1.3 u r + 100) u r > 500 v: 1.3 u r i: 7.5 ma no breakdown or flashover
www.yageo.com nov. 24, 2016 v .15 surface - mount ceramic multilayer capacitors 14 14 product specification general purpose 16 v to 50 v np 0 revision history revision date change notification description version 1 5 nov. 21, 2016 - - prod uct range updated version 1 4 jul. 22, 2016 - - add 0805/8.2nf and 10nf/ 16v to 50v, t=1.25mm version 13 may. 16 , 2016 - - product range updated version 12 feb. 16, 2016 - - product range updated version 11 sep. 11 , 201 4 - - product range updated versi on 10 feb. 18 , 201 4 - - product range updated version 9 jun. 17 , 2013 - - product range updated version 8 aug 05, 2011 - - dimension updated version 7 jun 14, 2011 - - size1210 t=1.0mm spq added - dimension updated version 6 jan 06, 2011 - - dimension updated version 5 dec 29, 2010 - - dimension updated version 4 nov 23, 2010 - - dimension updated version 3 apr 20, 2010 - - the statement of "halogen free" on the cover added - dimension updated version 2 oct 26, 2009 - - typo updated version 1 jun 0 2, 2009 - - 12nc code updated version 0 apr 15, 2009 - - new datasheet for general purpose np0 series with rohs compliant - replace the "16v to 50v" part of pdf files: np0_16v_7, np0_16v - to - 100v_6, np0_25v_7, np0_50 - to - 500v_11 - combine 0201 from pdf files: up - np0x5rx7ry5v_0201_6.3 - to - 50v_2 and uy - npox5rx7ry5v_0201_6.3 - to - 50v_2 - define global part number - description of "halogen free compliant" added - test method and procedure updated


▲Up To Search▲   

 
Price & Availability of CC1206KCNPO9BN121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X