Part Number Hot Search : 
SQJ463EP 63000 FT2000AA C3317 200BZC C3317 VMAXEA FGH40N60
Product Description
Full Text Search
 

To Download C336C106MAR5HA7301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 1 benefts ? r adial leaded form factor ? c onformally coated ? 0 .100", 0.200" and 0.250" lead spacing ? ?55c to +125c operating temperature range ? l ead (pb)-free, rohs and reach compliant ? x7r temperature stable dielectric overview kemets goldmax conformally coated radial leaded ceramic capacitors in x7r dielectric feature a 125c maximum oper ating temperature. t he electronics industries alliance (e ia) characterizes x7r dielectric as a class ii "temperature stable " material. components of this classifcation are fxed, cer amic dielectric capacitors suited for bypass and decoupling applications or for frequency discriminating circuits where q and stability of capacitance characteristics are not critical. x7r exhibits a predictable change in capacitance with respect to time and voltage and boasts a minimal change in capacitance with r eference to ambient temperature. capacitance change is limited t o 15% from ?55c to +125c. these devices meets the fame test requirements outlined in ul standar d 94vC0. radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade) ordering information c 320 c 106 k 3 r 5 t a 7301 ceramic style/size specifcation/ series capacitance code (pf) capacitance tolerance 1 rated voltage (vdc) dielectric design lead finish 2 failure signifcant f gures. third d igit specifes n umber of zeros. j = 5% k = 10% m = 20% 3 = 25 5 = 50 1 = 100 2 = 200 a = 250 r = x7r 5 = multilayer t = 100% matte sn h = snpb (60/40) a = n/a see "packaging c-spec ordering options table" below 1 additional capacitance tolerance offerings may be available. contact kemet for details. 2 lead materials: s tandard: 100% matte tin (sn) with nickel (ni) underplate and steel core ( t designation). alternative 1: 60% tin (sn)/40% lead (pb) fnish with copper-clad steel core ( h designation). alternative 2: 60% tin (sn)/40% lead (pb) fnish with 100% copper core (available with h designation code with c-spec). contact kemet for c-spec details. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 2 benefts cont'd ? d c voltage ratings of 25 v, 50 v, 100 v, 200 v and 250 v ? capacitance offerings ranging from 100 pf to 10 f ? a vailable capacitance tolerances of 5%, 10% and 20% ? non-polar device, minimizing installation concerns ? 100% pure matte tin-plated lead fnish allowing for excellent solderability ? snpb-plated lead fnish option available upon request (sn60/pb40) ? encapsulation meets famability standard ul 94vC0 applications typical applications include decoupling, bypass, fltering and transient voltage suppression. application notes these devices are not recommended for use in overmold applications and/or processes. packaging c-spec ordering options table packaging type 1 packaging/grade ordering code (c-spec) bulk b ag not required (blank) 12" tape & reel (16.0 0.5 mm lead length) 7301 12" tape & reel (18.0 mm minimum lead length) 7303 ammo pack (16.0 0.5 mm lead length) 7305 ammo pack (18.0 mm minimum lead length) 7317 1 default packaging is "bulk bag". an ordering code c-spec is not required for "bulk bag" packaging. bulk bag option is required for size/style c321 and c 331. 1 "tape and reel" packaging option is not available for size/style c321 and c331. for more information see "packaging quantities". 1 "ammo pack" packaging option is not available for size/style c321, c331, c350 and c356. for more information see "packaging quantities". 1 "ammo pack" and "tape and reel" packaging options have the same lead tape confguration. for more information see "tape & reel packaging i nformation". qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are r eferenced in table 2, performance & reliability. radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 3 dimensions C inches (millimeters) shoulder bend (short) shoulder bend (tall) inside kink straight outside kink snap-in t ype 2 snap-in t ype 1 * may be supplied in a shoulder bend or straight lead confguration. please see capacitance range waterfall section o f this document to determine lead confguration availability by c apacitance value. l t h ll s seating plane f c333 l t h ll s seating plane f e c316 c326 c327 c336 c346 c356 l t h ll s seating plane f c317 c321 c322 c330* c331* c340* c350 l t h ll s seating plane f c318 c323 c328 l t h ll s seating plane f c325 c335 l t h ll s seating plane f e c324 l t h ll s all others: 0.06 max (1.52 mm) f c340: 0.10 max (2.54 mm) c315 c320 c330* c331* c340* series style / 0.030 (0.78) length maximum height maximum thickness maximum lead diameter +0.004 (0.10), ?0.001 (0.025) lead length minimum c31x 315 0.100 (2.5 4) 0.150 (3.81) 0.120 (3.14) 0.100 (2.5 4) 0.020 (0.51) 0.276 ( 7.00) 316 0.150 (3.81) 0.230 (5.84) 0.100 (2.5 4) 0.200 (5.08) c32x 324 0.200 (5.08) 0.230 (5.84) 0.125 (3.18) 1 0.276 ( 7.00) 320 0.200 (5.08) 0.230 (5.84) 0.125 (3.18) 1 0.276 ( 7.00) 326 0.200 (5.08) 0.300 ( 7.62) 0.125 (3.18) 1 0.200 (5.08) c31x 317 0.200 (5.08) 0.150 (3.81) 0.200 (5.08) 0.100 (2.5 4) 0.276 ( 7.00) 318 0.150 (3.81) 0.235 (5.97) 0.100 (2.5 4) 0.276 ( 7.00) c32x 321 0.250 (6.35) 0.200 (5.08) 0.260 (6.60) 0.125 (3.18) 1 0.276 ( 7.00) 322 0.200 (5.08) 0.200 (5.08) 0.260 (6.60) 0.125 (3.18) 1 0.276 ( 7.00) 323 0.200 (5.08) 0.300 ( 7.62) 0.125 (3.18) 1 0.276 ( 7.00) 325 0.200 (5.08) 0.300 ( 7.62) 0.125 (3.18) 1 0.276 ( 7.00) 328 0.200 (5.08) 0.300 ( 7.62) 0.125 (3.18) 1 0.276 ( 7.00) 327 0.200 (5.08) 0.320 (8.13) 0.125 (3.18) 1 0.200 (5.08) c33x 330 0.280 (7.11) 0.360 (9.14) 0.160 (4.07) 0.276 ( 7.00) 331 0.250 (6.35) 0.280 (7.11) 0.360 (9.14) 0.160 (4.07) 0.276 ( 7.00) 333 0.200 (5.08) 0.280 (7.11) 0.400 (10.16) 0.160 (4.07) 0.276 ( 7.00) 335 0.280 (7.11) 0.400 (10.16) 0.160 (4.07) 0.276 ( 7.00) 336 0.280 (7.11) 0.400 (10.16) 0.160 (4.07) 0.200 (5.08) c34x 340 0.290 ( 7.36) 0.400 (10.16) 0.160 (4.07) 0.276 ( 7.00) 346 0.290 ( 7.36) 0.400 (10.16) 0.160 (4.07) 0.200 (5.08) c35x 350 0.400 (10.16) 0.330 (8.38) 0.400 (10.16) 0.200 (5.08) 0.025 (0.64) 0.276 ( 7.00) 356 0.330 (8.38) 0.400 (10.16) 0.200 (5.08) 0.200 (5.08) 1 thickness maximum (t) = 0.160" (4.07 mm) for capacitance values greater than or equal to 4.7 f radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 4 environmental compliance lead (pb)-free, reach and rohs compliant without exemptions when ordered with a 100% tin (sn) wire lead fnish. pr oduct ordered with tin/ lead (sn60/pb40) wire lead fnish do not meet rohs criteria. series termination finish (wire lead) rohs compliant rohs exemption code reach compliant 1 halogen free 300 (c3xx) 100% matte sn yes n/a yes yes sn60/pb40 no n/a yes yes 1 reach compliance indicates product do es not contain substance/s of very high concern (svhc) electrical parameters/characteristics item parameters/characteristics operating temperature range ? 55c to +125c c apacitance change with reference to +25c and 0 vdc applied (tcc) 15% aging rate (maximum % cap loss/decade hour) 3.0% dielectric w ithstanding v oltage 250% of rated voltage r wgsrh erh glevkhmwglevk rsx ghmrk % ex ( mwwmtexmsr *egxsv (* 1emy 0mmx ex see dissipation factor limit table insulation resistance (ir) limit at 25c see insulation resistance limit table (rated voltage applied for 1205 seconds at 25c) regarding aging rate: capacitance measurements (including tolerance) are indexed to a referee time of 48 or 1,000 hours. please refer to a part n umber specifc datasheet for referee time details. to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: 1 khz 50 hz and 1.0 0.2 v rms note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known a s automatic level control (alc). the alc feature should be switched to "on." insulation resistance limit table style/size 1,000 megohm microfarads or 100g 500 megohm microfarads or 10g 100 megohm microfarads or 10g c31x < 0.12 f 0.12 f na c32x < 0.18 f na 0.18 f c33x < 0.18 f na 0.18 f c34x < 1.20 f 1.20 f na c35x < 2.70 f 2.70 f na radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 5 post environmental limits high temperature life, biased humidity and storage life style/size rated dc voltage capacitance va lue dissipation factor (maximum %) c apacitance shift i nsulation r esistance c31x 25 all 5.0 20% 10% of initial l imit > 25 < 1.0 f 3.0 1.0 f 20.0 c32x, c33x, c34x 25 < 2.2 f 5.0 > 25 < 2.2 f 3.0 25/50 2.2 f 20.0 c35x 25 all 5.0 > 25 3.0 dissipation factor (df) limit table style/size rated dc voltage rated capacitance dissipation factor (maximum %) c31x 25 all 3.5 > 25 > 1.0 f 2.5 1.0 f 10.0 c32x, c33x, c34x 25 < 2.2 f 3.5 > 25 < 2.2 f 2.5 25 / 50 2.2 f 10.0 c35x 25 all 3.5 > 25 2.5 radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 6 table 1a C c31x style/size, capacitance range waterfall c315, c316, c317, c318 style/size (0.100" and 0.200" lead spacing) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 100pf j = 5% k = 10% m = 20% 101 101 101 101 101 120pf 121 121 121 121 121 150pf 151 151 151 151 151 180pf 181 181 181 181 181 220pf 221 221 221 221 221 270pf 271 271 271 271 271 330pf 331 331 331 331 331 390pf 391 391 391 391 391 470pf 471 471 471 471 471 560pf 561 561 561 561 561 680pf 681 681 681 681 681 820pf 821 821 821 821 821 1000pf 102 102 102 102 102 1200pf 122 122 122 122 122 1500pf 152 152 152 152 152 1800pf 182 182 182 182 182 2200pf 222 222 222 222 222 2700pf 272 272 272 272 272 3300pf 332 332 332 332 332 3900pf 392 392 392 392 392 4700pf 472 472 472 472 472 5600pf 562 562 562 562 562 6800pf 682 682 682 682 682 8200pf 822 822 822 822 822 0.01f 103 103 103 103 103 0.012f 123 123 123 123 123 0.015f 153 153 153 153 153 0.018f 183 183 183 183 183 0.022f 223 223 223 223 223 0.027f 273 273 273 273 273 0.033f 333 333 333 333 333 0.039f 393 393 393 393 393 0.047f 473 473 473 473 473 0.056f 563 563 563 563 563 0.068f 683 683 683 0.082f 823 823 823 0.1f 104 104 104 0.12f 124 124 124 0.15f 154 154 154 0.18f 184 184 184 0.22f 224 224 224 0.27f 274 274 0.33f 334 334 0.39f 394 394 0.47f 474 474 0.56f 564 564 0.68f 684 684 0.82f 824 824 1.0f 105 105 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 7 table 1b C c32x style/size, capacitance range waterfall c320, c322, c323, c326, c328 style/size (0.100" and 0.200" lead spacing) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 100pf j = 5% k = 10% m = 20% 101 101 101 101 101 120pf 121 121 121 121 121 150pf 151 151 151 151 151 180pf 181 181 181 181 181 220pf 221 221 221 221 221 270pf 271 271 271 271 271 330pf 331 331 331 331 331 390pf 391 391 391 391 391 470pf 471 471 471 471 471 560pf 561 561 561 561 561 680pf 681 681 681 681 681 820pf 821 821 821 821 821 1000pf 102 102 102 102 102 1200pf 122 122 122 122 122 1500pf 152 152 152 152 152 1800pf 182 182 182 182 182 2200pf 222 222 222 222 222 2700pf 272 272 272 272 272 3300pf 332 332 332 332 332 3900pf 392 392 392 392 392 4700pf 472 472 472 472 472 5600pf 562 562 562 562 562 6800pf 682 682 682 682 682 8200pf 822 822 822 822 822 0.01f 103 103 103 103 103 0.012f 123 123 123 123 123 0.015f 153 153 153 153 153 0.018f 183 183 183 183 183 0.022f 223 223 223 223 223 0.027f 273 273 273 273 273 0.033f 333 333 333 333 333 0.039f 393 393 393 393 393 0.047f 473 473 473 473 473 0.056f 563 563 563 563 563 0.068f 683 683 683 683 683 0.082f 823 823 823 823 823 0.1f 104 104 104 104 104 0.12f 124 124 124 124 124 0.15f 154 154 154 154 154 0.18f 184 184 184 184 184 0.22f 224 224 224 224 224 0.27f 274 274 274 0.33f 334 334 334 0.39f 394 394 394 0.47f 474 474 474 0.56f 564 564 564 0.68f 684 684 684 0.82f 824 824 824 1.0f 105 105 105 1.2f 125 125 1.5f 155 155 1.8f 185 185 2.2f 225 225 rated voltage (vdc) 25 50 100 200 250 voltage code 3 1 a radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 8 table 1b C c32x style/size, capacitance range waterfall cont'd 1 thickness maximum (t) = 0.160" (4.07 mm) for capacitance values greater than or equal to 4.7 f table 1c C c32x style/size, capacitance range waterfall c320, c322, c323, c326, c328 style/size (0.100" and 0.200" lead spacing) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 2.7f j = 5% k = 10% m = 20% 275 275 3.3f 335 335 3.9f 395 395 4.7f 4751 4751 5.6f 5651 6.8f 6851 10f 1061 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a c321, c324, c325, c327 style/size (0.100", 0.200" and 0.250" lead spacing) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 100pf j = 5% k = 10% m = 20% 101 101 101 101 101 120pf 121 121 121 121 121 150pf 151 151 151 151 151 180pf 181 181 181 181 181 220pf 221 221 221 221 221 270pf 271 271 271 271 271 330pf 331 331 331 331 331 390pf 391 391 391 391 391 470pf 471 471 471 471 471 560pf 561 561 561 561 561 680pf 681 681 681 681 681 820pf 821 821 821 821 821 1000pf 102 102 102 102 102 1200pf 122 122 122 122 122 1500pf 152 152 152 152 152 1800pf 182 182 182 182 182 2200pf 222 222 222 222 222 2700pf 272 272 272 272 272 3300pf 332 332 332 332 332 3900pf 392 392 392 392 392 4700pf 472 472 472 472 472 5600pf 562 562 562 562 562 6800pf 682 682 682 682 682 8200pf 822 822 822 822 822 0.01f 103 103 103 103 103 0.012f 123 123 123 123 123 0.015f 153 153 153 153 153 0.018f 183 183 183 183 183 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 9 table 1c C c32x style/size, capacitance range waterfall cont'd 1 thickness maximum (t) = 0.160" (4.07 mm) for capacitance values greater than or equal to 4.7 f c321, c324, c325, c327 style/size (0.100", 0.200" and 0.250" lead spacing) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 0.022f j = 5% k = 10% m = 20% 223 223 223 223 223 0.027f 273 273 273 273 273 0.033f 333 333 333 333 333 0.039f 393 393 393 393 393 0.047f 473 473 473 473 473 0.056f 563 563 563 563 563 0.068f 683 683 683 683 683 0.082f 823 823 823 823 823 0.1f 104 104 104 104 104 0.12f 124 124 124 124 124 0.15f 154 154 154 154 154 0.18f 184 184 184 184 184 0.22f 224 224 224 224 224 0.27f 274 274 274 0.33f 334 334 334 0.39f 394 394 394 0.47f 474 474 474 0.56f 564 564 564 0.68f 684 684 684 0.82f 824 824 824 1.0f 105 105 105 1.2f 125 125 1.5f 155 155 1.8f 185 185 2.2f 225 225 2.7f 275 275 3.3f 335 335 3.9f 395 395 4.7f 4751 4751 5.6f 5651 6.8f 6851 10f 1061 0 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 10 table 1d C c33x style/size, capacitance range waterfall c330, c331, c333, c335, c336 style/size (0.200" and 0.250" lead spacing) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 4700pf j = 5% k = 10% m = 20% 472* 472* 472* 472* 472* 5600pf 562* 562* 562* 562* 562* 6800pf 682* 682* 682* 682* 682* 8200pf 822* 822* 822* 822* 822* 0.01f 103* 103* 103* 103* 103* 0.012f 123* 123* 123* 123* 123* 0.015f 153* 153* 153* 153* 153* 0.018f 183* 183* 183* 183* 183* 0.022f 223* 223* 223* 223* 223* 0.027f 273* 273* 273* 273* 273* 0.033f 333* 333* 333* 333* 333* 0.039f 393* 393* 393* 393* 393* 0.047f 473* 473* 473* 473* 473* 0.056f 563* 563* 563* 563* 563* 0.068f 683* 683* 683* 683* 683* 0.082f 823* 823* 823* 823* 823* 0.1f 104* 104* 104* 104* 104* 0.12f 124* 124* 124* 124* 124* 0.15f 154* 154* 154* 154* 154* 0.18f 184* 184* 184* 184 184 0.22f 224* 224* 224* 224 224 0.27f 274* 274* 274* 274 274 0.33f 334* 334* 334* 334 334 0.39f 394* 394* 394* 394 394 0.47f 474* 474* 474* 474 474 0.56f 564* 564* 564* 564 564 0.68f 684* 684* 684* 684 684 0.82f 824* 824* 824* 824 824 1.0f 105* 105* 105* 105 105 1.2f 125* 125* 125 125 125 1.5f 155* 155* 1.8f 185* 185* 2.2f 225* 225* rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a * capacitor is supplied with a "shoulder-bend" lead confguration in style/size c330 and c331. radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 11 table 1e C c34x style/size, capacitance range waterfall c340, c346 style/size (0.200" lead spacing) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 0.068f j = 5% k = 10% m = 20% 683* 683* 683* 683* 683* 0.082f 823* 823* 823* 823* 823* 0.1f 104* 104* 104* 104* 104* 0.12f 124* 124* 124* 124* 124* 0.15f 154* 154* 154* 154* 154* 0.18f 184* 184* 184* 184 184 0.22f 224* 224* 224* 224 224 0.27f 274* 274* 274* 274 274 0.33f 334* 334* 334* 334 334 0.39f 394* 394* 394* 394 394 0.47f 474* 474* 474* 474 474 0.56f 564* 564* 564* 564 564 0.68f 684* 684* 684* 684 684 0.82f 824* 824* 824* 824 824 1.0f 105* 105* 105* 105 105 1.2f 125* 125* 125 125 125 1.5f 155* 155* 155 1.8f 185* 185* 185 2.2f 225* 225* 225 2.7f 275 275 3.3f 335 335 3.9f 395 395 4.7f 475 475 5.6f 565 565 6.8f 685 685 8.2f 825 825 10f 106 106 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a * capacitor is supplied with a "shoulder-bend" lead confguration in style/size c340. radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 12 table 1f C c35x style/size, capacitance range waterfall c350, c356 style/size (0.400" lead spacing) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 0.18f j = 5% k = 10% m = 20% 184 184 184 184 184 0.22f 224 224 224 224 224 0.27f 274 274 274 274 274 0.33f 334 334 334 334 334 0.39f 394 394 394 394 394 0.47f 474 474 474 474 474 0.56f 564 564 564 564 564 0.68f 684 684 684 684 684 0.82f 824 824 824 824 824 1.0f 105 105 105 105 105 1.2f 125 125 125 125 125 1.5f 155 155 1.8f 185 185 2.2f 225 225 2.7f 275 275 3.3f 335 335 3.9f 395 395 4.7f 475 475 5.6f 565 565 6.8f 685 685 8.2f 825 825 10f 106 106 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 13 soldering process recommended soldering methods: ? s older wave ? hand soldering (manual) recommended soldering profle: ? optimum wave solder profle 0 25 50 75 100 125 150 175 200 225 250 1 2 3 time (minutes) degrees ? co 4 5 6 flux zone preheat zone entrance to solder wave exit from solder wave hot air debridging exit from solder machine (time in wave ? 2 to 4 seconds) solder wave peak temperature 260oc entrance to solder machine 80oc to 120oc bottom side temperature range top side nominal 150oc maximum free air cool entrance to in-line cleaner exit from in-line cleaner (time in cleaner may be less) immersion in cleaning vapor mounting all encased capacitors will pass the resistance to soldering heat of mil-std-202, method 210, condition c. this test simulates wave solder topside board mount product. this demonstration of resistance to solder heat is in accordance with what is believed to be the industry standard. more severe treatment must be considered refective of an improper soldering pr ocess. the above fgure is a recommended solder wave profle for both axial and radial leaded ceramic capacitors. ? hand soldering (manual) ma nu al sold er profil e with pre-heating gra du al preh eat 60 ? 120 seconds recommend 2.5oc/second soldering m aximum 3 sec onds del ta t < = 120oc gra du al c ooli ng radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 14 table 2 C performance & reliability: test methods and conditions stress reference test or inspection method solderability jCstdC002 magnifcation 50x. conditions: a) method a, at 235c, category 3 temperature cycling j esd22 method jaC104 5 cycles (?55c to +125c), measurement at 24 hours +/?4 hours after test conclusion. biased humidity milCstdC202 method 1 03 load humidity, 1,000 hours 85c/85%rh and rated voltage. add 100 k ohm resistor. measurement at 24 hours +/?4 hours after test conclusion. low volt humidity, 1,000 hours 85c/85%rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours +/?4 hours after test conclusion. moisture resistance milCstdC202 method 106 x lsyvwggp 7xtw e f rsx vuymvh 9rtsvh 1ewyvrx ex lsyvw lsyvw ejxv xwx gsrgpywmsr 8lvep 7lsgo 1-0i78(i 1xlsh 107 xs 2sx 2yfv sj ggpw vuymvhi 1emy xverwjv xmi wgsrhw (pp xmi mryxw %mvi %mv ,mkl 8tvexyv 0mj 1-0i78(i 1xlsh )-%i lsyvw ex jsv >9 mxl vexh spxek ettpmh s torage life milCstdC202 method 108 125c, 0 vdc for 1,000 hours. v ibration milCstdC202 method 2 04 5 g for 20 minutes, 12 cycles each of 3 orientations. note: use 8"x5" pcb .031" thick 7 secure points on one long side and 2 secure points at corners of opposite sides. parts mounted within 2" from any secure point. test from 10C2000 hz. resistance to soldering heat 1-0i78(i 1xlsh 210 srhmxmsr & 2s tvlex sj wetpw 2sx wmrkp e wsphv i tvsghyv 8 vmrep 7 xvrkxl 1-0i78(i 1xlsh 211 conditions a (454g), condition c (227g) mechanical s hock milCstdC202 method 213 *mkyv sj 1xlsh srhmxmsr r esistance to solvents milCstdC202 method 215 add aqueous wash chemical C okem clean or equivalent. storage & handling the un-mounted storage life of a leaded ceramic capacitor is dependent upon storage and atmospheric conditions as well as packaging materials. while the ceramic chips enveloped under the epoxy coating themselves are quite robust in most environments, solderability of the wire lead on the fnal epoxy-coated product will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degr aded by high temperature and exposure to direct sunlight C reels may soften or warp, and tape peel force may increase. kemet recommends storing the un-mounted capacitors in their original packaging, in a location away from direct sunlight, and where the temperature and relative humidity do not exceed 40 degrees centigrade and 70% respectively. for optimum solder ability, capacitor stock should be used promptly, preferably within 18 months of receipt. for applications requiring pr e-tinning of components, storage life may be extended if solderability is verifed. before cleaning, bonding or molding these de vices, it is important to verify that your process does not affect product quality and performance. kemet recommends testing and evaluating the performance of a cleaned, bonded or molded product prior to implementing and/or qualifying any of these processes. radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 15 construction dielectric material (batio 3 ) detailed cross section barrier layer (ni) finish layer (sn) epoxy encapsulation finish layer (sn) barrier layer (ni) base metal (cu) inner electrodes (ni) epoxy encapsulation inner electrodes (ni) base metal (cu) core metal barrier layer finish layer alt 1 cu 60% sn 40% pb alt 2 cu ? 60% sn 40% pb lead wire std ni 100% matte sn steel lead attach solder (95sn/5ag) lead attach solder (95sn/5ag) marking back front capacitance tolerance code rated voltage code kemet id rated capacitance code style/size c31x, c32x k5r 104k 1520 back front rated voltage code kemet id date code 1 style/size c33x, c34x, c35x style/size c34x, c35x available as an option only capacitance tolerance code dielectric code rated capacitance code 1 to properly request the inclusion of the date code in the marking information provided on the c omponent, ordering code c-spec 9207 must be added to the end of the ordering code. date code 15 20 manufacturing y ear: 15 = 2015 manufacturing w eek: 20 = week 20 (of mfg. calendar year) radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 16 packaging quantities style/ size standard bulk quantity ammo pack r 1 6pr 1 6p 315 500/bag 2500 2500 316 317 318 320 321 n/a n/a 322 2500 2500 323 324 325 326 327 328 330 250/bag 1500 1500 331 n/a n/a 333 1500 335 336 340 100/bag 1000 1000 346 350 50/bag n/a 500 356 radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 17 t tape & reel packaging information kemet offers standard reeling of molded and conformally coated radial leaded capacitors in accordance with eia standard 468. parts are taped to a tagboard carrier strip, and wound on a reel as shown in figure 1. kraft paper interleaving is inserted between the layers of capacitors on the reel. ammopack is also available, with the same lead tape conf guration and package quantities. ceramic radial tape and reel dimensions metric will govern constant dimensions millimeters (inches) d 0 0.2 (0.008) p 0 0.3 (0.012) ?h 0.2 (0.008) l 1 maximum t 0.2 (0.008) t maximum w w 0 minimum w 2 maximum 4.00 (0.157) 12.7 (0.500) 4.0 (0.157) 1.0 (0.039) 0.7 (0.051) 1.5 (0.059) 18.0 (0.709) 5.0 (0.197) 3.0 (0.118) radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 18 ceramic radial tape and reel dimensions cont'd metric will govern variable dimensions millimeters (inches) f 0.78 (0.030) 1 p 1 0.30 (0.012) 1 p 0.3 (0.012) p 2 1.3 (0.51) h h 0 straight lead conf guration formed lead conf guration 2 packaging c-spec 3 7301/7305 7303/7317 7301/7305 7303/7317 2.54 (0.100) 5.08 (0.200) 12.7 (0.500) 6.35 (0.250) 16.00.5 (0.6300.020) 18.0 (0.709) minimum 16.00.5 (0.6300.020) 18.0 (0.709) minimum 4.32 (0.170) 3.89 (0.153) 12.7 (0.500) 6.35 (0.250) 5.08 (0.200) 3.81 (0.150) 12.7 (0.500) 6.35 (0.250) 5.59 (0.220) 3.25 (0.128) 12.7 (0.500) 6.35 (0.250) 6.98 (0.275) 2.54 (0.100) 12.7 (0.500) 6.35 (0.250) 7.62 (0.300) 2.24 (0.088) 12.7 (0.500) 6.35 (0.250) 9.52 (0.375) 7.62 (0.300) 12.7 (0.500) 6.35 (0.250) 10.16 (0.400) 7.34 (0.290) 25.4 (1.000) n/a 12.06 (0.475) 6.35 (0.250) 25.4 (1.000) n/a 14.60 (0.575) 5.08 (0.200) 25.4 (1.000) n/a 17.14 (0.675) 3.81 (0.15) 25.4 (1.000) n/a 1 measured at the egress from the carrier tape, on the component side. 2 formed lead conf guration includes: "shoulder bend", "inside kink", "outside kink", and "snap-in". for more information regarding available lead conf gurations see "dimensions" section of this document. 3 the "packaging c-spec" is a 4 digit code which identif es the packaging type, lead length and/or lead material. when ordering, the proper code must be included in the 15th through 18th character positions of the ordering code. see "ordering information" section of this document for further details. symbol reference table d 0 sprocket hole diameter p 0 sprocket hole pitch p component pitch f lead spacing p 1 sprocket hole center to lead center p 2 sprocket hole center to component center h height to seating plane (straight leads only) h 0 height to seating plane (formed leads only) h 1 component height above tape center ?h component alignment l 1 lead protrusion t composite tape thickness w carrier tape width w 0 hold-down tape width w 2 hold-down tape location radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1050_goldmax_x7r ? 11/11/2016 19 kemet electronic corporation sales off ces for a complete list of our global sales off ces, please visit www.kemet.com/sales. disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet is a registered trademark of kemet electronics corporation. radial leaded multilayer ceramic capacitors goldmax, 300 series, conformally coated, x7r dielectric, 25 C 250 vdc (commercial grade)


▲Up To Search▲   

 
Price & Availability of C336C106MAR5HA7301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X