Part Number Hot Search : 
IC16F 557T196M 21G304 BTS724 LA1210 ON0409 GEMMH GEMMH
Product Description
Full Text Search
 

To Download BUZ101SE3045A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  buz 101s data book 1 05.99 sipmos ? power transistor product summary drain source voltage 55 v ds v drain-source on-state resistance ? 0.05 r ds(on) i d continuous drain current 22 a features ? n channel ? enhancement mode ? avalanche rated ? d v /d t rated ? 175 ?c operating temperature pin 1 pin 2 pin 3 g d s packaging type package ordering code buz101s tube p-to220-3-1 q67040-s4013-a2 buz101s e3045a tape and reel q67040-s4013-a6 p-to263-3-2 tube buz101s e3045 p-to263-3-2 q67040-s4031-a5 maximum ratings ,at t j = 25 ?c, unless otherwise specified parameter symbol unit value continuous drain current t c =25?c t c = 100 ?c 22 16 i d a pulsed drain current t c =25?c i dpulse 88 avalanche energy, single pulse i d =22a, v dd =25v, r gs =25 ? mj e as 90 avalanche energy, periodic limited by t jmax 5.5 e ar reverse diode d v /d t i s =22a, v ds =40v, d i /d t = 200 a/?, t jmax = 175 ?c d v /d t 6 kv/? gate source voltage v gs 20 v power dissipation t c =25?c p tot 55 w operating and storage temperature t j , t stg ?c -55... +175 55/175/56 iec climatic category; din iec 68-1
buz 101s data book 2 05.99 thermal characteristics parameter values symbol unit typ. max. min. characteristics r thjc - - 2.7 k/w thermal resistance, junction - case - thermal resistance, junction - ambient, leded r thja - 62 - - - - 62 40 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 1) r thja electrical characteristics , at t j = 25 ? c, unless otherwise specified parameter symbol unit values min. max. typ. static characteristics drain- source breakdown voltage v gs = 0 v, i d = 0.25 ma, t j = 25 ? c - v (br)dss 55 - v gate threshold voltage, v gs = v ds i d = 40 a v gs(th) 4 3 2.1 zero gate voltage drain current v ds = 50 v, v gs = 0 v, t j = 25 ? c v ds = 50 v, v gs = 0 v, t j = 150 ? c - - i dss a 1 100 0.1 - gate-source leakage current v gs = 20 v, v ds = 0 v i gss - 10 na 100 drain-source on-state resistance v gs = 10 v, i d = 16 a r ds(on) - 0.042 0.05 ? 1 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air.
buz 101s data book 3 05.99 electrical characteristics , at t j = 25 ? c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics transconductance v ds 2* i d * r ds(on)max , i d = 16 a g fs 7 12 - s input capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c iss - 490 615 pf output capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c oss - 170 215 reverse transfer capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c rss - 95 120 turn-on delay time v dd = 30 v, v gs = 10 v, i d = 22 a, r g = 20 ? t d(on) - 15 25 ns rise time v dd = 30 v, v gs = 10 v, i d = 22 a, r g = 20 ? t r - 25 40 turn-off delay time v dd = 30 v, v gs = 10 v, i d = 22 a, r g = 20 ? t d(off) - 30 45 fall time v dd = 30 v, v gs = 10 v, i d = 22 a, r g = 20 ? t f - 25 40
buz 101s data book 4 05.99 electrical characteristics , at t j = 25 ? c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics gate to source charge v dd = 40 v, i d = 22 a 4.5 nc 3 q gs - - 8 q gd gate to drain charge v dd = 40 v, i d = 22 a 12 gate charge total v dd = 40 v, i d = 22 a, v gs = 0 to 10 v - 17 26 q g gate plateau voltage v dd = 40 v, i d = 22 a v (plateau) 5.9 - v - reverse diode inverse diode continuous forward current t c = 25 ? c i s - - 22 a inverse diode direct current,pulsed t c = 25 ? c i sm - - 88 inverse diode forward voltage v gs = 0 v, i f = 44 a v sd - 1.2 v 1.8 reverse recovery time v r = 30 v, i f = i s , d i f /d t = 100 a/s t rr - 55 ns 85 reverse recovery charge v r = 30 v, i f = l s , d i f /d t = 100 a/s q rr - c 0.12 0.18
buz 101s data book 5 05.99 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 140 160 ? c 190 t c 0 5 10 15 20 25 30 35 40 45 50 w 60 buz101s p tot drain current i d = f ( t c ) parameter: v gs 10 v 0 20 40 60 80 100 120 140 160 ? c 190 t c 0 2 4 6 8 10 12 14 16 18 20 a 24 buz101s i d transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -4 10 -3 10 -2 10 -1 10 0 10 1 10 k/w buz101s z thjc single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50 safe operating area i d = f ( v ds ) parameter : d = 0 , t c = 25 ? c 10 -1 10 0 10 1 10 2 v v ds 0 10 1 10 2 10 a buz101s i d r d s ( o n ) = v d s / i d dc 10 ms 1 ms 100 s t p = 26.0 s
buz 101s data book 6 05.99 typ. output characteristics i d = f ( v ds ) parameter: t p = 80 s 0.0 1.0 2.0 3.0 4.0 v 5.5 v ds 0 5 10 15 20 25 30 35 40 45 a 55 buz101s i d v gs [v] a a4.0 b b4.5 c c5.0 d d5.5 e e6.0 f f6.5 g g7.0 h h7.5 i i8.0 j j9.0 k k 10.0 l p tot = 55 w l 20.0 typ. drain-source-on-resistance r ds(on) = f ( i d ) parameter: v gs 0 4 8 12 16 20 24 28 32 36 a 42 i d 0.00 0.02 0.04 0.06 0.08 0.10 0.12 ? 0.16 buz101s r ds(on) v gs [v] = c c 5.0 d d 5.5 e e 6.0 f f 6.5 g g 7.0 h h 7.5 i i 8.0 j j 9.0 k k 10.0 l l 20.0 typ. transfer characteristics i d = f ( v gs ) parameter: t p = 80 s v ds 2 x i d x r ds(on) max 2 3 4 5 6 7 8 v 10 v gs 0 10 20 30 40 a 60 i d typ. forward transconductance g fs = f ( i d ) ; t j = 25 ? c parameter: g fs 0 4 8 12 16 20 24 28 a 34 i d 0 2 4 6 8 10 s 14 g fs
buz 101s data book 7 05.99 drain-source on-resistance r ds(on) = f ( t j ) parameter : i d = 16 a, v gs = 10 v -60 -20 20 60 100 140 ? c 200 t j 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 ? 0.17 buz101s r ds(on) typ 98% gate threshold voltage v gs(th) = f ( t j ) parameter : v gs = v ds , i d = 40 a -60 -20 20 60 100 140 ? c 200 t j 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 v 5.0 v gs(th) min typ max typ. capacitances c = f (v ds ) parameter: v gs = 0 v, f = 1 mhz 0 5 10 15 20 25 30 v 40 v ds 1 10 2 10 3 10 4 10 pf c ciss coss crss forward characteristics of reverse diode i f = f ( v sd ) parameter: t j , t p = 80 s 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd -1 10 0 10 1 10 2 10 a buz101s i f t j = 25 ? c typ t j = 25 ? c (98%) t j = 175 ? c typ t j = 175 ? c (98%)
buz 101s data book 8 05.99 typ. gate charge v gs = f ( q gate ) parameter: i d puls = 22 a 0 4 8 12 16 20 nc 26 q gate 0 2 4 6 8 10 12 v 16 buz101s v gs ds max v 0,8 ds max v 0,2 avalanche energy e as = f ( t j ) parameter: i d = 22 a, v dd = 25 v r gs = 25 ? 20 40 60 80 100 120 140 ? c 180 t j 0 10 20 30 40 50 60 70 80 mj 100 e as drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 140 ? c 200 t j 50 52 54 56 58 60 62 64 v 66 buz101s v (br)dss


▲Up To Search▲   

 
Price & Availability of BUZ101SE3045A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X