Part Number Hot Search : 
BT222 MPSU10 C114T HAH1340 T3906T 71308 GBJ40 03515
Product Description
Full Text Search
 

To Download AUIRFSL8405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet s d g absolute maximum ratings stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. exposure to absolute- maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ descriptionspecifically designed for automotive applications, this hexfet? power mosfet utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. additional features of this design are a 175c junction operating temperature, fast switching speed and improved repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in automotive applications and wide variety of other applications. features  advanced process technology  new ultra low on-resistance  175c operating temperature  fast switching  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * applications  electric power steering (eps)  battery switch  start/stop micro hybrid  heavy loads  dc-dc applications gds gate drain source to-262 AUIRFSL8405 g d s d d 2 pak auirfs8405 s d g d v dss 40v r ds ( on ) t yp .1 . 9 m ? max. 2.3m ? i d (silicon limited) 193a i d (package limited) 120a symbol parameter units i d @ t c = 25c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 25c continuous drain current, v gs @ 10v (package limited) i dm pulsed drain current p d @t c = 25c maximum power dissipation w linear derating factor w/c v gs gate-to-source voltage v t j operating junction and t stg storage temperature range soldering temperature, for 10 seconds (1.6mm from case) mounting torque, 6-32 or m3 screw 163 10lbf  in (1.1n  m) c a 300 -55 to + 175 20 1.1 max. 193  137  904 120 base part number package type standard pack complete part number form quantity AUIRFSL8405 to-262 tube 50 AUIRFSL8405 auirfs8405 d2pak tube 50 auirfs8405 tape and reel left 800 auirfs8405trl tape and reel right 800 auirfs8405trr  















 
 automotive grade 
 
downloaded from: http:///
















 
 
avalanche characteristics e as ( thermall y limited ) single pulse avalanche energy e as ( tested ) single pulse avalanche energy tested value  i ar avalanche current  a e ar repetitive avalanche energy  mj thermal resistance symbol parameter typ. max. units r jc junction-to-case  CCC 0.92 c/w r ja junction-to-ambient (pcb mount)  CCC 40 mj 181 see fig. 14, 15, 24a, 24b 247 static @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v ( br ) dss drain-to-source breakdown voltage 40 CCC CCC v ? v ( br ) dss / ? t j breakdown voltage temp. coefficient CCC 0.026 CCC v/c r ds(on) static drain-to-source on-resistance CCC 1.9 2.3 v gs( th) gate threshold voltage 2.2 3.0 3.9 v i dss drain-to-source leakage current CCC CCC 1.0 CCC CCC 150 i gss gate-to-source forward leakage CCC CCC 100 gate-to-source reverse leakage CCC CCC -100 r g internal gate resistance CCC 2.3 CCC ? dynamic @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units gfs forward transconductance 100 CCC CCC s q g total gate charge CCC 107 161 q g s gate-to-source charge CCC 29 CCC q g d gate-to-drain ("miller") charge CCC 39 CCC q s y nc total gate charge sync. (q g - q g d ) CCC 68 CCC t d(on) turn-on delay time CCC 14 CCC t r rise time CCC 128 CCC t d(off) turn-off delay time CCC 55 CCC t f fall time CCC 77 CCC c iss input capacitance CCC 5193 CCC c oss output capacitance CCC 754 CCC c rss reverse transfer capacitance CCC 519 CCC c oss eff. (er) effective output capacitance (energy related) CCC 878 CCC c oss eff. (tr) effective output capacitance (time related) CCC 1225 CCC m ? ana nc nspf conditions v ds = 10v, i d = 100a i d = 100a v gs = 20v v gs = -20v v ds = 40v, v gs = 0v, t j = 125c v ds =20v v gs = 10v v gs = 0v v ds = 25v ? = 1.0 mhz, see fig. 5 v gs = 0v, v ds = 0v to 32v  , see fig. 11 i d = 100a r g = 2.7 ? v gs = 10v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1.0ma  v gs = 10v, i d = 100a v ds = v gs , i d = 100a v ds = 40v, v gs = 0v v dd = 26v i d = 100a, v ds =0v, v gs = 10v v gs = 0v, v ds = 0v to 32v  downloaded from: http:///
















 
  
   calculated continuous current based on maximum allowable junction temperature. bond wire current limit is 120a. note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements. 
  repetitive rating; pulse width limited by max. junction temperature.  limited by t jmax , starting t j = 25c, l = 0.036mh, r g = 50 ? , i as = 100a, v gs =10v. part not recommended for use above this value.  i sd 100a, di/dt 1295a/s, v dd v (br)dss , t j 175c.  pulse width 400s; duty cycle 2%.  c oss eff. (tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  c oss eff. (er) is a fixed capacitance that gives the same energy as c oss while v ds is rising from 0 to 80% v dss .  when mounted on 1" square pcb (fr-4 or g-10 material).for recommended footprint and soldering techniques refer to application note #an-994.     
 jc   !"# s d g diode characteristics symbol parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage CCC 0.9 1.3 v dv/dt peak diode recovery  CCC 1.7 CCC v/ns t rr reverse recovery time CCC 44 CCC t j = 25c v r = 34v, CCC 45 CCC t j = 125c i f = 100a q rr reverse recovery charge CCC 44 CCC t j = 25c di/dt = 100a/s  CCC 46 CCC t j = 125c i rrm reverse recovery current CCC 1.9 CCC a t j = 25c t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominat ed by ls+ld) t j = 175c, i s = 100a, v ds = 40v t j = 25c, i s = 100a, v gs = 0v  integral reverse p-n junction diode. mosfet symbol showing the conditions ns nc a CCC CCC CCC CCC 193  904 downloaded from: http:///
















 
  
fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 60s pulse width tj = 25c 4.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 60s pulse width tj = 175c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 2 3 4 5 6 7 8 9 v gs , gate-to-source voltage (v) 1.0 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 175c v ds = 10v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 100a v gs = 10v 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 20 40 60 80 100 120 140 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 32v v ds = 20v i d = 100a downloaded from: http:///
















 
  
fig 8. maximum safe operating area fig 10. drain-to-source breakdown voltage fig 7. typical source-drain diode forward voltage fig 11. typical c oss stored energy fig 9. maximum drain current vs. case temperature fig 12. maximum avalanche energy vs. draincurrent 0.2 0.6 1.0 1.4 1.8 2.2 v sd , source-to-drain voltage (v) 1.0 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , temperature ( c ) 40 42 44 46 48 50 v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) id = 1.0ma -5 0 5 10 15 20 25 30 35 40 45 v ds, drain-to-source voltage (v) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 e n e r g y ( j ) 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 600 700 800 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 17a 36a bottom 100a 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 10msec 1msec operation in this area limited by r ds (on) 100sec dc limited by package 25 50 75 100 125 150 175 t c , case temperature (c) 0 50 100 150 200 i d , d r a i n c u r r e n t ( a ) limited by package downloaded from: http:///
















 
  
fig 13. maximum effective transient thermal impedance, junction-to-case fig 14. typical avalanche current vs.pulsewidth fig 15. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 14, 15(for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far inexcess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 24a, 24b.4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. ? t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 14, 15).t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figures 13) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 20 40 60 80 100 120 140 160 180 200 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1.0% duty cycle i d = 100a 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? j = 25c and tstart = 150c. 0.01 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 150c and tstart =25c (single pulse) downloaded from: http:///
















 
  



 
!"
#
$  %$ fig 17. threshold voltage vs. temperature 


&$
!'(
#
$  %$ 



 
!"
#
$  %$  


&$
!'(
#
$  %$ fig 16. on-resistance vs. gate voltage 4 6 8 10 12 14 16 18 20 v gs, gate -to -source voltage (v) 0.0 2.0 4.0 6.0 8.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 100a t j = 25c t j = 125c -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 100a i d = 1.0ma i d = 1.0a 0 200 400 600 800 1000 di f /dt (a/s) 0 2 4 6 8 10 i r r m ( a ) i f = 60a v r = 34v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/s) 0 2 4 6 8 10 12 i r r m ( a ) i f = 100a v r = 34v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/s) 0 50 100 150 200 q r r ( n c ) i f = 100a v r = 34v t j = 25c t j = 125c 0 200 400 600 800 1000 di f /dt (a/s) 0 50 100 150 200 q r r ( n c ) i f = 60a v r = 34v t j = 25c t j = 125c downloaded from: http:///
















 
 ) 
fig 22. typical on-resistance vs. drain current 0 100 200 300 400 500 i d , drain current (a) 0 10 20 30 40 50 60 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) v gs = 5.5v v gs = 6.0v v gs = 7.0v v gs = 8.0v v gs =10v downloaded from: http:///
















 
 * 
fig 25a. switching time test circuit fig 25b. switching time waveforms fig 24b. unclamped inductive waveforms fig 24a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 26a. gate charge test circuit fig 26b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 23. +,
-$
 
$ %$
#
!"
for n-channel hexfet 
power mosfets 
 
  ?  
 
  ?   
  ?  

 
   
  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period . $  %&$'()'*) . + - + + + - - -      $  ?      ? 
 !
"#"" ?       $
 %% ? "#""&#  
     d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - v ds 90%10% v gs t d(on) t r t d(off) t f $  '( 1 )  $
  0.1 %   $    *+ $ + - $  $  downloaded from: http:///
















 
  
  
 
           
 note: for the most current drawing please refer to ir website at http://www.irf.com/package/  !"#$%  &&&& -
!$ /0
/ 110
1,
1, 0
"  
2$3 +
4" 5 
2( 2
!$ downloaded from: http:///
















 
  
to-262 package outlinedimensions are shown in millimeters (inches) to-262 part marking information note: for the most current drawing please refer to ir website at http://www.irf.com/package/  !'"#$%  &&&& -
!$ /0
/ 110
1,
1, 0
"  
2$3 +
4" 5 
2( 2
!$ downloaded from: http:///
















 
  
  ( ) dimensions are shown in millimeters (inches) 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. downloaded from: http:///
















 
  
6
7"
#$$#

5
"$


 8#
5
#9
'%% % 66
:('#
##(
( qualification information ? to-262 n/a d 2 pak msl1 charged device model class c5 (+/- 2000v) ?? aec-q101-005 qualification level automotive (per aec-q101) comments: this part number(s) passed automotive qualification. irs industrial and consumer qualification level is granted by extension of the higher automotive level. rohs compliant yes esd machine model class m3 (+/- 400v) ?? aec-q101-002 human body model class h1c (+/- 2000v) ?? aec-q101-001 downloaded from: http:///
















 
  
 
unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reservethe right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterati ons is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information ofthird parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or serv ice voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive businesspractice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any suchunintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product.only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military gr ade products, is solely at the buyers own risk and that they are solely responsible for compliance with all legal and regulatoryrequirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir product s are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au.buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact irs technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRFSL8405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X