radial lead npcap tm - psk series ? super low esr, high ripple current capability ? downsized from pse series ( 6.38l to 58l) ? long life (20,000 hours at 105 ) ? solvent resistant type (see precautions and guidelines) ? rohs compliant ? halogen free specifications items characteristics category temperature range -55 to +105 rated voltage range 2.5 to 6.3 v dc capacitance tolerance 20% (m) (at 20 , 120hz) surge voltage rated voltage(v) 1.15 (at 105 ) leakage current *note 500a max. (at 20 after 2 minutes) dissipation factor (tan ) 0.10 max. (at 20 , 120hz) low temperature characteristics (max.impedance ratio) z(-25 )/z(+20 ) Q 1.15 z(-55 )/z(+20 ) Q 1.25 (at 100khz) endurance the following speci?cations shall be satis?ed when the capacitors are restored to 20 after the rated voltage is applied for 20,000 hours at 105 . appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value bias humidity test the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjecting them to dc voltage at 60 , 90 to 95% rh for 1,000 hours. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q the initial speci?ed value esr Q the initial speci?ed value leakage current Q the initial speci?ed value surge voltage test the capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage speci?ed at 105 for 30 seconds through a protective resistor(r=1k ) and discharge for 5 minutes 30 seconds. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q the initial speci?ed value esr Q the initial speci?ed value leakage current Q the initial speci?ed value failure rate 0.5% per 1,000 hours maximum (con?dence level 60% at 105 ) *note : if any doubt arises, measure the leakage current after the following voltage treatment. voltage treatment : dc rated voltage is applied to the capacitors for 120 minutes at 105. dimensions [mm] coat ed case l' 15min. 4min. d' d f 0.5 t er minal code : e size code d d f d' l' e08 5.0 0.5(note2) 2.0 d+0.5max. l+1.0max. note2 : 0.45 for rated vollage 2.5v downsized psk pse p56 marking k 6d6 560 2 . 5 v ex) 2.5v560f 52 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer aluminum solid capacitors
radial lead npcap tm - psk series part numbering system supplement code size code capacitance tolerance code capacitance code (ex. 560f:561) terminal code series code category a p s k e a a 5 6 1 e 0 8 s m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 please ref er to "product code guide (conductiv e polymer type)" lead forming . taping code voltage code (ex. 2.5v:2r5, 6.3v:6r3) standard ratings wv (v dc ) cap (f) case size d l (mm) esr (m max./20 ? , 100k to 300khz) rated ripple current (marms/105 ? , 100khz) part no. 2.5 220 5 8 7 4,350 apsk2r5e 221me08s 330 5 8 7 4,350 apsk2r5e 331me08s 470 5 8 7 4,350 apsk2r5e 471me08s 560 5 8 7 4,350 apsk2r5e 561me08s 4 330 5 8 8 4,050 apsk4r0e 331me08s 6.3 270 5 8 10 3,700 apsk6r3e 271me08s 330 5 8 8 4,050 apsk6r3e 331me08s : enter the appropriate lead forming or taping code. 53 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer aluminum solid capacitors
|