Part Number Hot Search : 
SP6002 0603L 118B2 AK8146A 118B2 RA78K0S LTC1660C S1000
Product Description
Full Text Search
 

To Download APMA200ARA390MF35S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  please contact us for mass production schedule. specifcations in this bulletin are subject to change without notice. nippon chemi-con corporation 1777 1 pma series npcap tm - specifications (at 20, 120hz) (at 20, 120hz) (at 105) (at 20 after 2 minutes) (at 100khz) category temperature range rated voltage range capacitance tolerance surge voltage leakage current dissipation factor (tan ) low temperature characteristics (max. impedance ratio) damp heat (steady state) endurance surge voltage failure rate items - 55 to +105 16 to 25v dc 20% (m) rated voltage 1.15v shall not exceed values shown in standard ratings. 0.12 max. z( - 25)/z(+20)Q1.15 z( - 55)/z(+20)Q1.25 the following specifications shall be satisfied when the capacitors are restored to 20 after the rated voltage is applied for 5,000 hours at 105. appearance no significant damage capacitance change Q 20% of the initial value df (tan ) esr leakage current Q the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 after exposing them for 500 hours at 60 , 90 to 95% rh without voltage applied. appearance no significant damage capacitance change esr leakage current the capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105 for 30 seconds through a protective resistor(r=1k ) and discharge for 5 minutes 30 seconds. appearance no significant damage capacitance change esr leakage current 0.5% per 1,000 hours maximum (confidence level 60% at 105) characteristics dimensions [mm] marking part numbering system ex) 25v15f *note : if any doubt arises, measure the leakage current after following voltage treatment. voltage treatment : dc rated voltage are applied to the capacitors for 120 minutes at 105 . supplement code size code capacitance tolerance code capacitance code (ex. 15f:150, 220f:221) taping code terminal code voltage code (ex. 16v:160, 25v:250) series code category a p m a a r a s m 1 34 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 Q 20% of the initial value Q the initial specified value Q 20% of the initial value Q the initial specified value df (tan ) df (tan ) super low esr, impedance and high heat resistance have been obtained by using endurance : 105 5,000 hours conductive polymer as electrolyte. Q 200% of the initial specified value Q 200% of the initial specified value Q 200% of the initial specified value Q 200% of the initial specified value Q 200% of the initial specified value Q 200% of the initial specified value nippon chemi-con corporation 1595 engineering bulletin conductive polymer aluminum solid capacitors no.824c / oct.2012 tentative 1 speci?cations in this bulletin are subject to change without notice. please ask us for technical specifications before purchase and use. a 7.00.1 b 7.00.1 c 7.20.1 l 4.0max w 1.40.2 p 2.650.1 7.00.1 7.00.1 7.20.1 6.0max 1.40.2 2.650.1 size code f40 f60 a1dk 15 25v l a w b p c rated voltage range : 16 to 25v dc , capacitance range : 15 to 220 f suitable for dc-dc converters, voltage regulators and decoupling applications used to rohs compliant computer motherboards etc. exterior resin : flame-retardant epoxy resin(ul94 v-0) halogen free low profile and higher capacitance with the new structure. npcap tm - pma s eries low profle and higher capacitance with the new structure. super low esr, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte. endurance : 105 5,000 hours suitable for dc-dc converters, voltage regulators and decoupling applications used on computer motherboards etc. non solvent resistant type rohs compliant halogen free exterior resin : flame-retardant epoxy resin(ul94 v-0) specifications items characteristics category temperature range -55 to +105 rated voltage range 16 to 25v dc capacitance tolerance 20% m (at 20 , 120hz) surge voltage rated voltage ( v ) 1.15 (at 105 ) leakage current shall not exceed values shown in standard ratings. (at 20 after 2 minutes) dissipation factor (tan ) 0.12 max. (at 20 , 120hz) low temperature characteristics (max. impedance ratio) z(-25 ) / z(+20 ) Q 1.15 z(-55 ) / z(+20 ) Q 1.25 (at 100khz) endurance the following specifcations shall be satisfed when the capacitors are restored to 20 after the rated voltage is applied for 5,000 hours at 105 . appearance no signifcant damage capacitance change Q 20 of the initial value d.f. (tan ) Q 200 of the initial specifed value esr Q 200 of the initial specifed value leakage current Q the initial specifed value damp heat (steady state) the following specifcations shall be satisfed when the capacitors are restored to 20 after exposing them for 500 hours at 60 , 90 to 95% rh without voltage applied. appearance no signifcant damage capacitance change Q -20 to +40 of the initial value d.f. (tan ) Q 200 of the initial specifed value esr Q 200 of the initial specifed value leakage current Q the initial specifed value surge voltage the capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specifed at 105 for 30 seconds through a protective resistor(r=1k)and discharge for 5 minutes 30 seconds. appearance no signifcant damage capacitance change Q 20 of the initial value d.f. (tan ) Q 200 of the initial specifed value esr Q 200 of the initial specifed value leakage current Q the initial specifed value failure rate 0.5% per 1,000 hours maximum (confdence level 60% at 105 ) *note : if any doubt arises, measure the leakage current after the following voltage treatment. voltage treatment : dc rated voltage is applied to the capacitors for 120 minutes at 105 . size code a b c l w p f35 7.00.1 7.00.1 7.20.2 3.5max. 1.50.2 2.650.1 marking ex) 25v22f dimensions mm rated voltage symbol rated voltage(v dc ) 16 20 25 symbol c d e capacitance symbol capacitance code (ex. 22f:220) a 357 e 220 engineering bulletin introductory no.824s/jul.2015 conductive polymer aluminum solid capacitors
please contact us for mass production schedule. specifcations in this bulletin are subject to change without notice. nippon chemi-con corporation 1777 2 npcap tm - pma s eries standard ratings wv (v dc ) cap (f) size code leakage current (a max./ after 2min.) esr (m max./20 , 100k to 300khz) rated ripple current (marms/105 , 100khz) part no. 16 56 f35 448 40 2,200 apma160ara560mf35s 20 39 f35 390 45 2,100 APMA200ARA390MF35S 25 22 f35 275 50 2,000 apma250ara220mf35s 33 f35 412 50 2,000 apma250ara330mf35s recommended reflow soldering conditions refow profle recommended solder land [mm] pma series npcap tm - standard ratings recommended solder land(based on the px series) [mm] reflow profile location of capacitor c a b b solder land on pc board 217 230 peak preheat peak temperature time (sec.) max. period of time over 230 temperature on the top of capacitor temperature of capacitor terminal and ( ) max. period of time over 217 recommended reflow soldering conditions nippon chemi-con corporation 1595 engineering bulletin conductive polymer aluminum solid capacitors no.824c / oct.2012 tentative 2 cap (f) rated ripple current -55 Q tx Q +85 * 1 +85 < tx Q +105 * 1 ( marms/100khz) part no. 16 20 25 apma160ara680mf40s 40 f40 apma160ara151mf60s 18 f60 apma160ara390mf40s 2,200 3,300 2,200 2,700 4,100 2,700 40 f40 apma200ara470mf40s 45 f40 apma200ara151mf60s 20 f60 apma160ara221mf60s 2,100 3,200 3,300 2,600 3,700 4,100 18 f60 apma250ara220mf40s 50 f40 apma250ara560mf60s 26 f60 apma250ara150mf40s 2,000 2,800 2,000 2,400 3,400 2,400 50 544 1,200 312 470 1,500 1,760 275 700 187 f40 68 150 39 47 150 220 22 56 15 wv (v dc ) size code leakage current (amax/after 2min.) esr (m max/ 2 0 , 100k to 300khz) speci?cations in this bulletin are subject to change without notice. please ask us for technical specifications before purchase and use. *1 tx: ambient temperature voltage range(v dc ) reflow number preheat time maintained above 230 peak temp. 16 to 25v 1-cycle only 150 to 180 120 sec.max. 50 sec.max. 250 max. 30 sec.max. 40 sec.max. 2-cycle allowed time maintained above 217 40 sec.max. size code a b c f40,f60 1.6 3.5 1.9 part numbering system 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 a p m a a r a m f 3 5 s supplement code size code capacitance tolerance code capacitance code (ex. 22f:220, 39f:390) taping code terminal code voltage code (ex. 20v:200, 25v:250) series code category voltage range (v dc ) preheat time maintained above 217 time maintained above 230 peak temp. refow number 16 to 25v 150 to 180 120 sec. max. 50 sec. max. 40 sec. max. 250 max. 1-cycle only 40 sec. max. 30 sec. max. 2-cycles allowed location of capacitor location of capacitor solder land on pc board < pma only > < share with ta/al multilayer capacitors (7343 size) > size code a b c d e f f35 1.9 3.5 2.0 4.0 2.0 3.0 a b b c e e a b b c f d location of capacitor engineering bulletin introductory no.824s/jul.2015 conductive polymer aluminum solid capacitors
please contact us for mass production schedule. specifcations in this bulletin are subject to change without notice. nippon chemi-con corporation 1777 3 npcap tm - pma s eries carrier tape [mm] reel dimensions [mm] polarity storage size code quantity (pcs./reel) quantity (pcs./reel) w 1 (mm) f35 1,000 7,000 18 items size code w a b f p t 0.3 0.2 0.2 0.1 0.1 0.2 f35 16.0 7.5 8.0 7.5 12.0 4.4 40.1 20.1 f 1.750.1 w ? 1.5 0 +0.1 b 40.1 20.1 1.750.1 ? 1.5 0 +0.1 ?? ?? 0.6 0.6 t t 4 0 . 1 2 0 . 1 f 1 . 7 5 0 . 1 w ? 1.5 -0 +0.1 b ?' 0 . 6 t 1 . 5 40.1 20.1 f 1.750.1 w ? 1.5 -0 +0.1 b feed direction cross section (?') 0.6max. t 1.5 4 0 . 1 2 0 . 1 f 1 . 7 5 0 . 1 w ? 1.5 -0 +0.1 b f e e d d i r e c t i o n c r o s s s e c t i o n ( c - c ' ) 0 . 6 m a x . t 1 . 5 pma series npcap tm - nippon chemi-con corporation 1595 3 speci?cations in this bulletin are subject to change without notice. please ask us for technical specifications before purchase and use. wa b f p t items size code 0.3 0.2 0.2 0.1 0.1 0.2 fig. f40 f60 size code quantity (pcs./reel) quantity (pcs./reel) w 1 (mm) fig.2 1. 5 0. 1 0 t t carrier tape [mm] fig.1 reel dimensions [mm] polarity 1 2 4.9 6.7 12.0 16.0 7.5 11.5 8.0 8.0 7.5 7.5 16.0 24.0 18 26 7,000 3,000 1,000 500 f40 f60 4 0.1 20.05 w a p c ' c f b 0.6max feed direction cross section (c-c ' ) 20.05 w a p c ' feed direction cross section (c-c ' ) f b 0.6max 1.750.1 1.750.1 130.5 w 1 feed direction 382max. 50min. c 1. 5 0. 1 0 engineering bulletin conductive polymer aluminum solid capacitors no.824c / oct.2012 tentative 40.1 pma series npcap tm - nippon chemi-con corporation 1595 3 speci?cations in this bulletin are subject to change without notice. please ask us for technical specifications before purchase and use. wa b f p t items size code 0.3 0.2 0.2 0.1 0.1 0.2 fig. f40 f60 size code quantity (pcs./reel) quantity (pcs./reel) w 1 (mm) fig.2 1. 5 0. 1 0 t t carrier tape [mm] fig.1 reel dimensions [mm] polarity 1 2 4.9 6.7 12.0 16.0 7.5 11.5 8.0 8.0 7.5 7.5 16.0 24.0 18 26 7,000 3,000 1,000 500 f40 f60 4 0.1 20.05 w a p c ' c f b 0.6max feed direction cross section (c-c ' ) 20.05 w a p c ' feed direction cross section (c-c ' ) f b 0.6max 1.750.1 1.750.1 130.5 w 1 feed direction 382max. 50min. c 1. 5 0. 1 0 engineering bulletin conductive polymer aluminum solid capacitors no.824c / oct.2012 tentative 40.1 store pma series capacitors in a cool, dry place. store at a temperature between 5 and 35 , with a humidity of 75%rh or less. pma series capacitors are sealed in a special laminated aluminum bag. use all capacitors once the bag is opened. return unused capacitors to the bag, and seal it with a zipper. please refer to the following storage conditions. maximum storage term before the bag is opened :within 2 years after manufacturing maximum storage condition after the bag is opened : within 7 days after the bag is opened engineering bulletin introductory no.824s/jul.2015 conductive polymer aluminum solid capacitors


▲Up To Search▲   

 
Price & Availability of APMA200ARA390MF35S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X