Part Number Hot Search : 
MUN5216 HLMP2550 CN454 UF540 H8SX1527 SMS2P3 80N30 GBPC35
Product Description
Full Text Search
 

To Download 74HC08S14-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74hc08 document number: ds35322 rev. 3 - 2 1 of 8 www.diodes.com january 2013 ? diodes incorporated 74hc08 quadruple 2-input and gates description the 74hc08 provides provides f our independent 2-input and gates with standard push-pull outputs. the device is designed for operation with a power supply range of 2.0v to 6.0v. the gates perform the boolean function: b a y ? = or b a y + = features ? wide supply voltage range from 2.0v to 6.0v ? sinks or sources 4ma at v cc = 4.5v ? cmos low power consumption ? schmitt trigger action at all inputs ? esd protection exceeds jesd 22 ? 200-v machine model (a115-a) ? 2000-v human body model (a114-a) ? exceeds 1000-v charged device model (c101c) ? range of package options so-14 and tssop-14 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? pin assignments applications ? general purpose logic ? wide array of products such as: ? pcs, networking, notebooks, netbooks ? computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds.
74hc08 document number: ds35322 rev. 3 - 2 2 of 8 www.diodes.com january 2013 ? diodes incorporated 74hc08 pin descriptions pin number pin name function 1 1a data input 2 1b data input 3 1y data output 4 2a data input 5 2b data input 6 2y data output 7 gnd ground 8 3y data output 9 3a data input 10 3b data input 11 4y data output 12 4a data input 13 4b data input 14 v cc supply voltage logic diagram function table inputs output a b y l l l l h l h l l h h h
74hc08 document number: ds35322 rev. 3 - 2 3 of 8 www.diodes.com january 2013 ? diodes incorporated 74hc08 absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to +7.0 v v i input voltage range (note 5) -0.5 to +7.0 v i ik input clamp current v i < -0.5v or vi> v cc +0.5v 20 ma i ok output clamp current v o < -0.5v or v o > v cc +0.5v 20 ma i o continuous output current -0.5v < v o v cc +0.5v +/- 25 ma i cc continuous current through v cc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c p tot total power dissipation 500 mw notes: 4. stresses beyond the absolute maximum may result in imm ediate failure or reduced reliab ility. these are stress values and device operation should be within recommend values. 5. input voltage cannot exceed v cc to the extent the maximum clamp current is exceeded recommended operating conditions (note 6) (@t a = +25c, unless otherwise specified.) symbol parameter conditions min max unit v cc supply voltage 2.0 6.0 v v i input voltage 0 v cc v v o output voltage 0 v cc v t/ v input transition rise or fall rate v cc = 2.0v ? 625 ns/v v cc = 4.5v ? 140 v cc = 6.0v ? 85 t a operating free-air temperature -40 +125 c note: 6. unused inputs should be held at v cc or ground.
74hc08 document number: ds35322 rev. 3 - 2 4 of 8 www.diodes.com january 2013 ? diodes incorporated 74hc08 electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = -40c to +85c t a = -40c to +125c unit min max min max v ih high-level input voltage 2.0v 1.5 ? 1.5 ? v 4.5v 3.15 ? 3.15 ? 6.0v 4.2 ? 4.2 ? v il low-level input voltage 2.0v ? 0.5 ? 0.5 v 4.5v ? 1.35 ? 1.35 6.0v ? 1.8 ? 1.8 v oh high-level output voltage i oh = -20 a 2.0v 1.9 ? 1.9 ? v i oh = -20 a 4.5v 4.4 ? 4.4 ? i oh = -20 a 6.0v 5.9 ? 5.9 ? i oh = -4.0ma 4.5v 3.84 ? 3.7 ? i oh = -5.2ma 6.0v 5.34 ? 5.2 ? v ol low-level output voltage i ol = 20 a 2.0v ? 0.1 ? 0.1 v i ol = 20 a 4.5v ? 0.1 ? 0.1 i ol = 20 a 6.0v ? 0.1 ? 0.1 i ol = 4ma 4.5v ? 0.33 ? 0.44 i ol = 5.2 ma 6.0v ? 0.33 ? 0.44 i i input current v i =gnd to 5.5v 6.0v ? 1 ? 1 a i cc supply current v i = gnd or v cc , i o = 0 6.0v ? 20 ? 40 a switching characteristics symbol parameter test conditions vcc t a = +25c -40c to +85c -40c to +125c unit min typ. max max max t pd propagation delay a n to y n figure 1 c l = 50pf 2.0v ? 25 90 115 125 ns 4.5v ? 9 18 23 27 6.0v ? 7 15 20 23 t t transition time figure 1 c l = 50pf 2.0v ? 19 75 95 110 ns 4.5v ? 7 15 19 22 6.0v ? 6 13 16 19 operating characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc = 6v unit typ c pd power dissipation capacitance per gate f = 1 mhz 20 pf c i input capacitance v i = v cc ? or gnd 4 pf
74hc08 document number: ds35322 rev. 3 - 2 5 of 8 www.diodes.com january 2013 ? diodes incorporated 74hc08 parameter measurement information v cc inputs v m c l v i t r /t f 2.0v to 6.0v v cc 6ns v cc /2 15pf,50pf voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 1 mhz c. inputs are measured separatel y one transition per measurement d. t plh and t phl are the same as t pd figure 1 load circuit and voltage waveforms
74hc08 document number: ds35322 rev. 3 - 2 6 of 8 www.diodes.com january 2013 ? diodes incorporated 74hc08 ordering information device package code packaging 7? tape and reel quantity part number suffix 74HC08S14-13 s14 so-14 2500/tape & reel -13 74hc08t14-13 t14 tssop-14 2500/tape & reel -13 marking information (1) so-14, tssop-14 part number package 74hc08s14 so-14 74hc08t14 tssop-14
74hc08 document number: ds35322 rev. 3 - 2 7 of 8 www.diodes.com january 2013 ? diodes incorporated 74hc08 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. package type: so-14 package type: tssop-14 suggested pad layout please see ap02001 at http://www.diodes.com/ datasheets/ap02001.pdf for latest version. package type: so-14 so-14 dim min max a 1.47 1.73 a1 0.10 0.25 a2 1.45 typ b 0.33 0.51 d 8.53 8.74 e 3.80 3.99 e 1.27 typ h 5.80 6.20 l 0.38 1.27 0 8 all dimensions in mm tssop-14 dim min max a1 7 (4x) a2 0 8 a 4.9 5.10 b 4.30 4.50 c ? 1.2 d 0.8 1.05 f 1.00 typ f1 0.45 0.75 g 0.65 typ k 0.19 0.30 l 6.40 typ all dimensions in mm dimensions value (in mm) x 0.60 y 1.50 c1 5.4 c2 1.27 e h a a2 e d a1 l gauge plane detail ?a? detail ?a? 7 ( 4 x ) b g l a k a 1 d c a 2 f f1 pin# 1 indent detail ?a? detail ?a? 0 . 2 5 gauge plane seating plane b x c1 c2 y
74hc08 document number: ds35322 rev. 3 - 2 8 of 8 www.diodes.com january 2013 ? diodes incorporated 74hc08 suggested pad layout (cont.) package type: tssop-14 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com dimensions value (in mm) x 0.45 y 1.45 c1 5.9 c2 0.65 x c1 c2 y


▲Up To Search▲   

 
Price & Availability of 74HC08S14-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X