Part Number Hot Search : 
M32F3 05002 NDB408A MMBT5089 BR404 1013B F1621 MAX2470
Product Description
Full Text Search
 

To Download 2SA1225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SA1225 2010-02-05 1 toshiba transistor silicon pnp epit axial type (pct process) 2SA1225 power amplifier applications driver stage amplifier applications ? high transition frequency: f t = 100 mhz (typ.) ? complementary to 2sc2983 absolute maximum ratings (ta = 25c) characteristics symbol rating unit collector-base voltage v cbo ? 160 v collector-emitter voltage v ceo ? 160 v emitter-base voltage v ebo ? 5 v collector current i c ? 1.5 a base current i b ? 0.3 a ta = 25c 1.0 collector power dissipation tc = 25c p c 15 w junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage a nd the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). unit: mm jedec D jeita D toshiba 2-7j1a weight: 0.36 g (typ.)
2SA1225 2010-02-05 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb = ? 160 v, i e = 0 D D ? 1.0 a emitter cut-off current i ebo v eb = ? 5 v, i c = 0 D D ? 1.0 a collector-emitter breakdown voltage v (br) ceo i c = ? 10 ma, i b = 0 ? 160 D D v emitter-base breakdown voltage v (br) ebo i e = ? 1 ma, i c = 0 ? 5 D D v dc current gain h fe (note 1) v ce = ? 5 v, i c = ? 100 ma 70 D 240 collector emitter saturation voltage v ce (sat) i c = ? 500 ma, i b = ? 50 ma D D ? 1.5 v base-emitter voltage v be v ce = ? 5 v, i c = ? 500 ma D D ? 1.0 v transition frequency f t v ce = ? 10 v, i c = ? 100 ma D 100 D mhz collector output capacitance c ob v cb = ? 10 v, i e = 0, f = 1 mhz D 30 D pf note1: h fe classification o: 70 to 140, y: 120 to 240 marking a1225 lot no. note 2 characteristics indicator part no. (or abbreviation code) note 2: a line under a lot no. identifies the indication of product labels. not underlined: [[pb]]/includes > mcv underlined: [[g]]/rohs compatible or [[g]]/rohs [[pb]] please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. the rohs is the directive 2002/95/ec of the european parliament and of the council of 27 january 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
2SA1225 2010-02-05 3 collector current i c (a) transition frequency f t (mhz) collector-emitter voltage v ce (v) i c ? v ce collector current i c (a) collector current i c (a) h fe ? i c dc current gain h fe collector current i c (a) v ce (sat) ? i c collector-emitter saturation voltage v ce (sat) (v) collector current i c (ma) f t ? i c collector-emitter voltage v ce (v) safe operating area collector power dissipation p c (w) ambient temperature ta (c) p c ? ta common emitter v ce = ? 5 v 10 ? 0.003 30 50 100 300 500 ? 0.01 ? 0.03 ? 0.1 ? 0.3 ? 1 tc = 100c ? 25 25 ? 0.003 common emitter i c /i e = 10 tc = 100c ? 0.05 ? 0.01 ? 0.03 ? 0.1 ? 0.3 ? 1 ? 0.1 ? 0.3 ? 0.5 ? 1 ? 3 ? 25 25 common emitter v ce = ? 10 v tc = 25 c 10 ? 5 ? 10 ? 30 ? 100 ? 300 ? 1000 30 50 100 300 (1) tc = ta infinite heat sink (2) ceramic substrate 50 50 0.8 mm (3) no heat sink 0 0 24 20 40 60 80 100 120 140 160 4 8 12 16 20 (1) (2) (3) common emitter tc = 25 c 0 0 ? 1.0 ? 0.2 i b = ? 2 ma ? 0.4 ? 0.6 ? 0.8 ? 2 ? 4 ? 6 ? 8 ? 10 ? 12 ? 6 ? 8 ? 10 ? 20 ? 4 ? 14 0 *: single nonrepetitive pulse tc = 25c curves must be derated linearly with increase in temperature. ? 0.005 ? 0.3 i c max (continuous) i c max (pulse)* dc operation tc = 25c v ceo max ? 100 ? 300 ? 10 ? 30 ? 1 ? 3 ? 0.01 ? 0.03 ? 0.05 ? 0.1 ? 0.3 ? 0.5 ? 1 ? 3 ? 5 1 ms* 10 ms*
2SA1225 2010-02-05 4 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the ?toshiba semiconductor reliability handbook? and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of 2SA1225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X