Part Number Hot Search : 
SZ3C130B 40310 D2N101LE HY5V62CF P1256 20005 BPC5010 NDUCTOR
Product Description
Full Text Search
 

To Download 12065L104KAT4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16 020117 0805 size 0603 0805 1206 5 voltage 16v = y 25v = 3 50v = 5 100v = 1 f dielectric x8r = f x8l = l 104 capacitance code (in pf) 2 sig. digits + number of zeros e.g. 10f = 106 k capacitance tolerance j = 5% k = 10% m = 20% 4 failure rate 4 = automotive a = not applicable t terminations t = plated ni and sn z = flexiterm ? 2 packaging 2 = 7" reel 4 = 13" reel a special code a = std. product x8r/x8l dielectric general specifications avx has developed a range of multilayer ceramic capacitors designed for use in applications up to 150oc. these capacitors are manufactured with an x8r and an x8l dielectric material. x8r material has capacitance variation of 15% between -55oc and +150oc. the x8l material has capacitance variation of 15% between -55oc to 125oc and +15/-40% from +125oc to +150oc. the need for x8r and x8l performance has been driven by customer requirements for parts that operate at elevated temperatures. they provide a highly reliable capacitor with low loss and stable capacitance over temperature. they are ideal for automotive under the hood sensors, and various industrial applications. typical industrial application would be drilling monitoring system. they can also be used as bulk capacitors for high temperature camera modules. both x8r and x8l dielectric capacitors are automotive aec-q200 qualified. optional termination systems, tin, flexiterm ? and conductive epoxy for hybrid applications are available. providing this series with our flexiterm ? termination system provides further advantage to customers by way of enhanced resistance to both, temperature cycling and mechanical damage. part number (see page 2 for complete part number explanation) note: contact factory for availability of termination and tolerance options for specific part numbers. letter acegjkmnpqxyz max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed size 0603 0805 1206 soldering reflow/wave reflow/wave reflow/wave wvdc 25v 50v 25v 50v 25v 50v 331 cap 330 g g j j 471 (pf) 470 g g j j 681 680 g g j j 102 1000 g g j j j j 152 1500 g g j j j j 222 2200 g g j j j j 332 3300 g g j j j j 472 4700 g g j j j j 682 6800 g g j j j j 103 cap 0.01 g g j j j j 153 (f) 0.015 g g j j j j 223 0.022 g g j j j j 333 0.033 g g j j j j 473 0.047 g g j j j j 683 0.068 g n n m m 104 0.1 n n m m 154 0.15 n n m m 224 0.22 n m m 334 0.33 m m 474 0.47 m 684 0.68 105 1 155 1.5 225 2.2 wvdc 25v 50v 25v 50v 25v 50v size 0603 0805 1206 size 0603 0805 1206 1210 soldering reflow/wave reflow/wave reflow/wave reflow/wave wvdc 25v 50v 100v 25v 50v 100v 16v 25v 50v 100v 10v 50v 100v 271 cap 270 g g 331 (pf) 330 g g g j j j 471 470 g g g j j j 681 680 g g g j j j 102 1000 g g g j j j j j 152 1500 g g g j j j j j j 182 1800 g g g j j j j j j 222 2200 g g g j j j j j j 272 2700 g g g j j j j j j 332 3300 g g g j j j j j j 392 3900 g g g j j j j j j 472 4700 g g g j j j j j j 562 5600 g g g j j j j j j 682 6800 g g g j j j j j j 822 8200 g g g j j j j j j 103 cap 0.01 g g g j j j j j j 123 (f) 0.012 g g j j j j j j 153 0.015 g g j j j j j j 183 0.018 g g j j j j j j 223 0.022 g g j j j j j j 273 0.027 g g j j j j j j 333 0.033 g g j j n j j j 393 0.039 g g j j n j j j 473 0.047 g g j j n j j j 563 0.056 g g j j n j j j 683 0.068 g g j j n j j j 823 0.082 g g j j n j j j 104 0.1 g g j j n j j m 124 0.12 j n j j m 154 0.15 j n j j j q 184 0.18 n n j j j q 224 0.22 n n j j j q 274 0.27 n j m m q 334 0.33 n j m m q 394 0.39 n m m p q 474 0.47 n m m p q 684 0.68 n m m p q 824 0.82 n m m p q 105 1 n m m p q 155 1.5 m m 225 2.2 m m z z 475 z 106 z wvdc 25v 50v 100v 25v 50v 100v 16v 25v 50v 100v 10v 50v 100v size 0603 0805 1206 1210 = aec-q200 qualified x8r x8l
020117 17 x8r/x8l dielectric general specifications ? all market sectors with a 150c requirement ? automotive on engine applications ? oil exploration applications ? hybrid automotive applications C battery control C inverter / converter circuits C motor control applications C water pump ? hybrid commercial applications C emergency circuits C sensors C temperature regulation advantages of x8r and x8l mlc capacitors ? both ranges are qualified to the highest automotive aec-q200 standards ? excellent reliability compared to other capacitor technologies ? rohs compliant ? low esr / esl compared to other technologies ? tin solder finish ? flexiterm ? available ? epoxy termination for hybrid available ? 100v range available -50.00 -40.00 -30.00 -20.00 -10.00 0.00 10.00 -55 -35 -15 0 20 25 35 45 65 85 105 125 130 135 140 150 cap change % temperature (c) x8r/x8l dielectric 0805, 50v, x8r/x8l typical temperature coefficient x8r x8l engineering tools for high voltage mlc capacitors ? samples ? technical articles ? application engineering ? application support applications for x8r and x8l capacitors
18 020117 x8r/x8l dielectric specifications and test methods parameter/test x8r/x8l specification limits measuring conditions operating temperature range -55oc to +150oc temperature cycle chamber capacitance within specified tolerance freq.: 1.0 khz 10% dissipation factor 2.5% for 50v dc rating voltage: 1.0vrms .2v 3.5% for 25v dc and 16v dc rating insulation resistance 100,000m or 1000m - f, charge device with rated voltage for whichever is less 120 5 secs @ room temp/humidity charge device with 250% of rated voltage for dielectric strength no breakdown or visual defects 1-5 seconds, w/charge and discharge current limited to 50 ma (max) note: charge device with 150% of rated voltage for 500v devices. appearance no defects deflection: 2mm capacitance test time: 30 seconds resistance to variation 12% flexure dissipation meets initial values (as above) stresses factor insulation initial value x 0.3 resistance solderability 95% of each terminal should be covered dip device in eutectic solder at 230 5oc with fresh solder for 5.0 0.5 seconds appearance no defects, <25% leaching of either end terminal capacitance variation 7.5% dip device in eutectic solder at 260oc for 60 dissipation meets initial values (as above) seconds. store at room temperature for 24 2 resistance to factor hours before measuring electrical properties. solder heat insulation meets initial values (as above) resistance dielectric meets initial values (as above) strength appearance no visual defects step 1: -55oc 2o 30 3 minutes capacitance variation 7.5% step 2: room temp 3 minutes dissipation meets initial values (as above) step 3: +125oc 2o 30 3 minutes thermal factor shock insulation meets initial values (as above) step 4: room temp 3 minutes resistance dielectric meets initial values (as above) repeat for 5 cycles and measure after strength 24 2 hours at room temperature appearance no visual defects capacitance variation 12.5% dissipation initial value x 2.0 (see above) load life factor insulation initial value x 0.3 (see above) resistance dielectric meets initial values (as above) strength appearance no visual defects capacitance variation 12.5% load dissipation initial value x 2.0 (see above) humidity factor insulation initial value x 0.3 (see above) resistance dielectric meets initial values (as above) strength charge device with 1.5 rated voltage ( 10v) in test chamber set at 150oc 2oc for 1000 hours (+48, -0) remove from test chamber and stabilize at room temperature for 24 2 hours before measuring. store in a test chamber set at 85oc 2oc/ 85% 5% relative humidity for 1000 hours (+48, -0) with rated voltage applied. remove from chamber and stabilize at room temperature and humidity for 24 2 hours before measuring. 1mm/sec 90 mm


▲Up To Search▲   

 
Price & Availability of 12065L104KAT4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X