Part Number Hot Search : 
158X0 NJM29 CP58806 T960014 N6006A STK413 NJM29 R3020
Product Description
Full Text Search
 

To Download X1G004131000901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tcxo tg-5006cj product name tg-5006cj-18h 19.200000 mhz product number / ordering code x1g0041310009xx please refer to the 10.packing information about xx (last 2 digits) output waveform clipped sine wave pb free / complies with eu rohs directive reference weight typ.9.1mg 1.absolute maximum ratings parameter symbol min. typ. max. unit conditions / remarks maximum supply voltage v cc -gnd -0.3 - 4 v vcc terminal storage temperature t_stg -40 - 90 oc storage as single product 2.operating conditions parameter symbol min. typ. max. unit conditions / remarks supply voltage vcc 1.7 - 3.3 v gnd = 0v - - - operating temperature t_use -30 25 85 oc - output load condition load_r 9 10 11 k - load_c 9 10 11 pf dc cut capacitor=0.01f dc-cut capacitor is not included in this tcxo. please attach an external dc-cut capacitor (0.01 f min.) to the out pin. (vcc=1.8, 2.8, 3.0, 3.3 v, vc=1.65 v, gnd=0.0 v, load 10 k//10 pf(dc cut), t_use=+25oc) 3.frequency characteristics parameter symbol min. typ. max. unit conditions / remarks output frequency f0 - 19.2000 - mhz frequency tolerance f_tol -2.0 - 2.0 x10 -6 t_use = +25oc, reflow 2 times - - - f0-tc -0.5 - 0.5 x10 -6 t_use = -30 oc to +85 oc temperature characteristics - - - - frequency / load coefficient f0-load -0.2 - 0.2 x10 -6 10 k? // 10 pf +/- 10% frequency / voltage coefficient f0-vcc -0.2 - 0.2 x10 -6 vcc +/- 5 % frequency slope - - - - x10 -6 / oc - - - - - - - - - frequency aging f_age -1.0 - 1.0 x10 -6 1st year, t_use=25degc - - - - - - - - *1 include initial frequency tolerance and frequency deviation after reflow cycles. *2 measured in the elapse of 24 hours after reflow soldering. *3 vcc +/- 5% must be in operating supply voltage range (1.7 v to 3.47 v) (vcc=1.8, 2.8, 3.0, 3.3 v, vc=1.65 v, gnd=0.0 v, load 10 k//10 pf(dc cut), t_use=+25oc) 4.electrical characteristics parameter symbol min. typ. max. unit conditions / remarks current consumption icc - - 1.5 ma t_use = +25oc , 10 k?//10pf symmetry sym 40 - 60 % gnd level output voltage vp-p 0.8 - 1.5 v peak to peak 10 k?//10pf +/- 10% harmonics - - - -8 dbc - - - - - start up time tosc - - 2.0 ms within 90% of final amp. - - 2.0 ms f = +/- 1.0 x 10-6 phase noise l(f) - - -87 dbc/hz offset:10 hz - - -113 dbc/hz offset:100 hz - - -135 dbc/hz offset:1 khz - - -147 dbc/hz offset:10 khz - - -148 dbc/hz offset:100 khz - - -148 dbc/hz offset:1 mhz frequency / 1 page
5.timing chart output waveform (clipped sine wave output) 6.test circuit for tcxo 1) output load : 10 k//10 pf 2) current consumption 3) conditions 1. oscilloscope: impedance min. 1 m? input capacitance max. 10 pf band width min. 300 mhz impossible to measure both frequency and wave form at the same time.(in case of using oscilloscope's amplifier output, possible to measure both at the same time.) 2. load_c includes probe capacitance. 3. a capacitor (by - pass:0.01 to 0.1 uf) is placed between v cc and gnd,and closely to tcxo. 4. use the current meter whose internal impedance value is small. 5. power supply impedance of power supply should be as low as possible. by - pass capacitor 0.01 mf supply voltage 0.01 10 pf 10 k test point v cc n.c out gnd by - pass capacitor 0.01 mf 0.01 10 pf 10 k v cc n.c out gnd a supply voltage 2 page gnd v p - p t w t sym=tw/t100 %
7.external dimensions (unit: mm) 8.footprint(recommended) (unit: mm) 9.reflow profile 10.packing information [ 1 ]product number last 2 digits code(xx) description the recommended code is "00" x1g0041310009xx code code 00 12000pcs / reel 14 1000pcs / reel 01 any q'ty vinyl bag(tape cut) 15 2000pcs / reel 11 any q'ty / reel 16 3000pcs / reel condition condition to maintain stable operation, provide a 0.01uf to 0.1uf by - pass capacitor at a location as near as possible to the power source terminal of the crystal product (between vcc - gnd). 2.0 0 1.6 0.1 0.73 0.07 0.27 1.18 0.40 1.2 1.58 c0.15 #1 #2 #3 #4 1.65 0.6 0.75 1.13 3 page ? temperature ? [ ? ? c ? ] ? 60 300 250 200 150 100 50 0 ts ? 60 ? s ? ? to ? ? 180 ? s ? ? ? ? ? ? ? ? ? ? ? ? ? avg. ramp - up ? 3 ? ? c ? / ? s ? ? max. ? ramp - down 6 ? ? c ? / ? s ? ? max. ? time ? [ ? s ? ] ? 120 180 240 300 360 420 480 540 600 660 720 780 ? ts ? min ? ; ? +150 ? ? c ? ts ? max ? ; ? +200 ? ? c ? tl ? ? ; ? +217 ? ? c ? ? ? ? ? +255 ? ? c tl ? 60 ? s ? ? to ? ? 150 ? s ? ? ? ? ? ? ? ? ? tp ? ; ? 20 ? s ? ? to ? ? 40 ? s ? tp ? ? ; ? +260 ? ? c ? time +25 ? ? c ? to ? pe ak
[ 2 ] taping specification subject to eia-481 & iec-60286 (1) tape dimensions te0804l material of the carrier tape : ps material of the top tape : pet+pe unit: mm (2) reel dimensions center material : ps material of the reel : ps 4 page 0 + 0 . 1 0 + 0 . 1 1 . 8 5 0 . 1 3 . 5 0 . 1 1 . 0 0 . 1 0 . 2 5 0 . 0 5 8 . 0 0 . 2 1 . 7 5 0 . 1 2 . 0 0 . 1 2 . 2 5 0 . 1 4 . 0 0 . 1 4 . 0 0 . 1 1 . 5 1 . 0 1 3 .4 ? 1 . 0 9 . 4 ? 1 . 0 100.0 1 3.0 ? 0. 2 2.0 ? 0 . 5 330.0 ? 2 . 0
11.handling precautions prior to using this product, please carefully read the section entitled precautions on our web site ( http://www5.epsondevice.com/en/quartz/tech/precaution/ ) for instructions on how to handle and use the product properly to ensure optimal performance of the product in your equipment. before using the product under any conditions other than those specified therein, please consult with us to verify and confirm that the performance of the product will not be negatively affected by use under such conditions. in addition to the foregoing precautions, in order to avoid the deteriorating performance of the product, we strongly recommend that you do not use the product under any of the following conditions: (1) mounting the product on a board using water - soluble solder flux and using the product without removing the residue of the flux completely from the board. the residue of such flux that is soluble in water or water - soluble cleaning agent, especially the residues which contains active halogens, will negatively affect the performance and reliability of the product. (2) using the product in any manner that will result in any shock or impact to the product. (3) using the product in places where the product is exposed to water, chemicals, organic solvent, sunlight, dust, corrosive gasses, or other materials. (4) using the product in places where the product is exposed to static electricity or electromagnetic waves. (5) applying ultrasonic cleaning without advance verification and confirmation that the product will not be affected by such a cleaning process, because it may damage the crystal, ic and/or metal line of the product. (6) touching the ic surface with tweezers or other hard materials directly. (7) using the product under any other conditions that may negatively affect the performance and/or reliability of the product. (8) using the product with power line ripple exceeding 50 mv(p - p) level. should any customer use the product in any manner contrary to the precautions and/or advice herein, such use 5 page
notice contact us http://www5.epsondevice.com/en/contact/ this material is subject to change without notice. any part of this material may not be reproduced or duplicated in any form or any means without the written permission of seiko epson. the information about applied data, circuitry, software, usage, etc. written in this material is intended for reference only. seiko epson does not assume any liability for the occurrence of customer damage or infringing on any patent or copyright of a third party. this material does not authorize the licensing for any patent or intellectual copyrights. when exporting the products or technology described in this material, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you are requested not to use the products (and any technical information furnished, if any) for the development and/or manufacture of weapon of mass destruction or for other military purposes. you are also requested that you would not make the products available to any third party who may use the products for such prohibited purposes. these products are intended for general use in electronic equipment. when using them in specific applications that require extremely high reliability, such as the applications stated below, you must obtain permission from seiko epson in advance. / space equipment (artificial satellites, rockets, etc.) / transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.) / medical instruments to sustain life / submarine transmitters / power stations and related / fire work equipment and security equipment / t raffic control equipment / a nd others requiring equivalent reliability. 6 page


▲Up To Search▲   

 
Price & Availability of X1G004131000901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X