Part Number Hot Search : 
ZMM5234B TRRPB 2C2857 CPC10 FT20120 005000 CPC10 EXC410
Product Description
Full Text Search
 

To Download VEMD5010X01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VEMD5010X01 www.vishay.com vishay semiconductors rev. 1.0, 04-sep-14 1 document number: 84202 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 silicon pin photodiode description VEMD5010X01 is a high speed and high sensitive pin photodiode. it is a low profi le surface mount device (smd) including the chip with a 7.5 mm 2 sensitive area detecting visible and near infrared radiation. features ? package type: surface mount ? package form: top view ? dimensions (l x w x h in mm): 5 x 4 x 0.9 ? radiant sensitive area (in mm 2 ): 7.5 ? aec-q101 qualified ? high photo sensitivity ? high radiant sensitivity ? suitable for visible and near infrared radiation ? fast response times ? angle of half sensitivity: ? = 65 ? floor life: 72 h, msl 4, according to j-std-020 ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? high speed photo detector note ? test conditions see table basic characteristics note ? moq: minimum order quantity product summary component i ra (a) ? (deg) 0.1 (nm) VEMD5010X01 48 65 430 to 1100 ordering information ordering code packaging remarks package form VEMD5010X01 tape and reel moq: 1000 pcs, 1000 pcs/reel top view VEMD5010X01-gs15 tape and reel moq: 5000 pcs, 5000 pcs/reel top view absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit reverse voltage v r 20 v power dissi pation t amb 25 c p v 215 mw junction temperature t j 110 c operating temperature range t amb -40 to +110 c storage temperature range t stg -40 to +110 c soldering temperature acc. reflow solder profile fig. 8 t sd 260 c thermal resistance junction/ambient r thja 350 k/w esd safety hbm 2000 v, 1.5 k , 100 pf, 3 pulses esd hbm 2 kv
VEMD5010X01 www.vishay.com vishay semiconductors rev. 1.0, 04-sep-14 2 document number: 84202 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) basic characteristics graphs to be extended to 110 c ambient temperatures where applicable. fig. 1 - reverse dark current vs. ambient temperature fig. 2 - relative reverse light cu rrent vs. ambient temperature basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit forward voltage i f = 50 ma v f 11.3v breakdown voltage i r = 100 a, e = 0 v (br) 20 v reverse dark current v r = 10 v, e = 0 i ro 230na diode capacitance v r = 0 v, f = 1 mhz, e = 0 c d 70 pf v r = 3 v, f = 1 mhz, e = 0 c d 25 40 pf open circuit voltage e e = 1 mw/cm 2 , = 950 nm v o 350 mv temperature coefficient of v o e e = 1 mw/cm 2 , = 950 nm tk vo -2.6 mv/k short circuit current e e = 1 mw/cm 2 , = 950 nm i k 45 a temperature coefficient of i k e e = 1 mw/cm 2 , = 950 nm tk ik 0.1 %/k reverse light current e e = 1 mw/cm 2 , = 950 nm, v r = 5 v i ra 40 48 a angle of half sensitivity ? 65 deg wavelength of peak sensitivity p 940 nm range of spectral bandwidth 0.1 430 to 1100 nm noise equivalent power v r = 10 v, = 950 nm nep 4 x 10 -14 w/ hz rise time v r = 10 v, r l = 1 k , = 820 nm t r 100 ns fall time v r = 10 v, r l = 1 k , = 820 nm t f 100 ns 20 40 60 80 1 10 100 1000 100 94 8403 v r = 10 v t amb - ambient temperature (c) i ro - reverse dark current (na) 0.6 0.8 1.0 1.2 1.4 94 8409 v r =5v = 950 nm 100 80 60 40 20 0 i - relative reverse light current t - ambient temperature (c) amb ra rel
VEMD5010X01 www.vishay.com vishay semiconductors rev. 1.0, 04-sep-14 3 document number: 84202 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - reverse light current vs. irradiance fig. 4 - reverse light current vs. reverse voltage fig. 5 - diode capacitance vs. reverse voltage fig. 6 - relative spectral sensitivity vs. wavelength fig. 7 - relative radiant sensitivity vs. angular displacement 0.01 0.1 1 0.1 1 10 100 1000 i ra - reverse light current (a) e e - irradiance (mw/cm 2 ) 10 12787 v r = 5 v = 950 nm 0.1 1 10 1 10 100 v r - reverse voltage (v) 100 12788 i ra - reverse light current (a) 1 mw/cm 2 0.5 mw/cm 2 0.2 mw/cm 2 0.1 mw/cm 2 0.05 mw/cm 2 = 950 nm 0 20 40 60 80 948407 e = 0 f = 1 mhz c d - diode capacitance (pf) v r - reverse voltage (v) 0.1 100 110 350 550 750 950 0 0.2 0.4 0.6 0.8 1.0 1150 94 8420 - wavelength (nm) s( ) rel - relative spectral sensitivit y 0.4 0.2 0 s rel - relative radiant sensitivity 94 8406 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 ? - angular displacement
VEMD5010X01 www.vishay.com vishay semiconductors rev. 1.0, 04-sep-14 4 document number: 84202 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters top view bottom view recommended footprint optical window drawing- no.: 6.550-5329.01-4 issue: prel.4. 30.05.2014 not indicated tolerances 0.1 technical drawings according to din specification. 4 5 0 . 9  0 . 1 5 optical center 2 . 1 2 2 0 . 8 0 . 9 0 . 6 3 . 7 0 . 7 5 0 . 7 5 1 4.55 center of device cathode 0.5 0.5 1.2 3.1 exposed pad (cathode) 1 . 2 2 . 5 tie bar, electrical connected to cathode anode nc
VEMD5010X01 www.vishay.com vishay semiconductors rev. 1.0, 04-sep-14 5 document number: 84202 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape and reel dimensions in millimeters x b-b ( 2 : 1 ) x b b tape-& reel dimensions: drawing refers to following types: vemd 5110x01 drawing-no.: 9.800-5129.01-4; issue: prel. 14.04.2014 ? 1 8 0 ? 1 3 1 . 5 1 8 . 4 1 2 . 4 e m p t y l e a d e r 4 0 0 m m m i n . ( e m p t y t r a i l e r 2 0 0 m m m i n . ) 1 0 0 m m m i n . w i t h c o v e r t a p e reel-design is reperesentative for different types unreel direction label posted here 0.3 1.42 ? 1.5 ? 1.55 8 2 1.75 5.5 anode
VEMD5010X01 www.vishay.com vishay semiconductors rev. 1.0, 04-sep-14 6 document number: 84202 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solder profile fig. 8 - lead (pb)-free reflow solder profile acc. j-std-020d drypack devices are packed in moistu re barrier bags (mbb) to prevent the products from mo isture absorption during transportation and storage. each bag contains a desiccant. floor life time between soldering and re moving from mbb must not exceed the time indicated in j-std-020: moisture sensitivity: level 4 floor life: 72 h conditions: t amb < 30 c, rh < 60 % drying in case of moisture absorption devices should be baked before soldering. conditions see j-std-020 or recommended conditions: 192 h at 40 c (+ 5 c), rh < 5 % or 96 h at 60 c (+ 5 c), rh < 5 %. 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VEMD5010X01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X