Part Number Hot Search : 
A1774 SRMB0 01544 B99003 74VHC16 5A17B GBU4J 4AC14
Product Description
Full Text Search
 

To Download VCAS060385H400DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  14 012317 transguard ? automotive series multilayer varistors for automotive applications general description the transguard automotive series are zinc oxide (zno) based ceramic semicon- ductor devices with non-linear, bi-directional voltage-current characteristics. they have the advantage of offering bi-directional overvoltage protection as well as emi/rfi attenuation in a single smt package. the automotive series high current and high energy handling capability make them well suited for protection against automotive related transients. avx vg series parts (large case size, high energy) are glass encapsulated. these parts provide the same high reliability as traditional vc series parts. the glass encapsulation provides also enhanced resistance against harsh environment or process such as acids, salts, chlorite flux. operating temperature: -55oc to +125oc features ? high reliability ? high energy absorption (load dump) ? high current handling ? aec q200 qualified ? bi-directional protection ? emi/rfi attenuation ? multi-strike capability ? sub 1ns response to esd strike applications ? internal combustion engine (ice) vehicles ? hybrid electric vehicles (hev) ? plug-in hybrid electric vehicles (phev) ? commercial vehicles C can, lin, flexray based modules C sensors C module load dump protection C motor/inductive load transient suppression how to order *not available for 0402 **only available for 0402 lead-free compatible component vc varistor chip vc = varistor chip vg = varistor glass encapsulated chip as automotive series 1206 case size 0402 0603 0805 1206 1210 1812 2220 3220 18 working voltage 400 clamping voltage r package d = 7" (1000)* r = 7" (4000)* t = 13" (10,000)* w = 7" (10,000)** 0402 only 03 = 3.3vdc 05 = 5.6vdc 09 = 9vdc 12 = 12vdc 14 = 14vdc 16 = 16vdc 18 = 18vdc 22 = 22vdc 26 = 26vdc 30 = 30vdc 31 = 31vdc 34 = 34vdc 38 = 38vdc 42 = 42vdc 45 = 45vdc 48 = 48vdc 56 = 56vdc 60 = 60vdc 65 = 65vdc 85 = 85vdc a = 0.1j b = 0.2j c = 0.3j d = 0.4j e = 0.5j f = 0.7j h = 1.2j j = 1.5j k = 0.6j l = 0.8j s = 1.9-2.0j x = 0.05j m = 1j n = 1.1j u = 4.0-5.0j p = 2.5-3.7j y = 6.5-12j p termination p = ni/sn plated 140 = 14v 150 = 18v 220 = 22v 250 = 27v 300 = 32v 380 = 38v 390 = 42v 400 = 42v 440 = 44v 490 = 49v 540 = 54v 570 = 57v 580 = 60v 620 = 67v 650 = 67v 770 = 77v 800 = 80v 900 = 90v 101 = 100v 111 = 110v 131 = 135v 151 = 150v d energy rating
15 012317 transguard ? automotive series multilayer varistors for automotive applications avx pn v w (dc) v w (ac) v b v c i vc i l e t e ld i p cap freq v jump p diss. max vdc vac v v a a j j a pf v w vcas060303a140 3.3 2.3 6.020% 14 1 50 0.1 - 30 1450 k - 0.002 vcas080503a140 3.3 2.3 6.020% 14 1 50 0.1 - 40 1000 k - 0.002 vcas080503c140 3.3 2.3 6.020% 14 1 50 0.3 - 120 4500 k - 0.006 vcas120603a140 3.3 2.3 6.020% 14 1 50 0.1 - 40 1500 k - 0.002 vcas120603d140 3.3 2.3 6.020% 14 1 50 0.4 - 150 4000 k - 0.009 vcas040205x150 _ _ 5.6 4.0 8.520% 18 1 35 0.05 - 20 175 m - 0.001 vcas060305a150 _ _ 5.6 4.0 8.520% 18 1 35 0.1 - 30 750 k - 0.001 vcas080505a150 _ _ 5.6 4.0 8.520% 18 1 35 0.1 - 40 1100 k - 0.001 vcas080505c150 _ _ 5.6 4.0 8.520% 18 1 35 0.3 - 120 3000 k - 0.005 vcas120605a150 _ _ 5.6 4.0 8.520% 18 1 35 0.1 - 40 1200 k - 0.002 vcas120605d150 _ _ 5.6 4.0 8.520% 18 1 35 0.4 - 150 3000 k - 0.008 vcas040209x200 _ _ 9 6.4 12.715% 22 1 25 0.05 - 20 175 m - 0.001 vcas060309a200 _ _ 9 6.4 12.715% 22 1 25 0.1 - 30 550 k - 0.002 vcas080509a200 _ _ 9 6.4 12.715% 22 1 25 0.1 - 40 750 k - 0.002 vcas080512a250 _ _ 12 8.5 1615% 27 1 25 0.1 - 40 525 k - 0.002 vcas040214x300 _ _ 14 10 18.512% 32 1 15 0.05 - 20 85 k 16 0.001 vcas060314a300 _ _ 14 10 18.512% 32 1 15 0.1 - 30 350 k 16 0.002 vcas080514a300 _ _ 14 10 18.512% 32 1 15 0.1 - 40 325 k 16 0.002 vcas080514c300 _ _ 14 10 18.512% 32 1 15 0.3 - 120 900 k 20 0.006 vcas120614a300 _ _ 14 10 18.512% 32 1 15 0.1 - 40 600 k 20 0.002 vcas120614d300 _ _ 14 10 18.512% 32 1 15 0.4 - 150 1050 k 20 0.008 vcas060316b400 _ _ 16 11 25.510% 42 1 10 0.2 0.25 30 150 k 27.5 0.003 vcas120616k380 _ _ 16 11 25.510% 38 1 10 0.6 1.5 200 930 k 27.5 0.010 vcas121016j390 _ _ 16 11 25.510% 42 5 10 1.6 3 500 3100 k 27.5 0.030 vgas121016s390 16 14 24.510% 40 2.5 15 2 5 500 3000 k 27.5 0.01 vgas181216p390 16 11 24.510% 40 5 15 2.9 10 1000 7000 k 27.5 0.07 vgas222016y390 16 11 24.510% 40 10 15 10.2 45 1500 20000 k 27.5 0.08 vgas181216p400 _ _ 16 11 24.510% 42 5 10 2.9 10 1000 5000 k 27.5 0.070 vgas222016y400 16 11 24.510% 42 10 10 7.2 25 1500 13000 k 25.5 0.100 vcas040218x400 _ _ 18 13 25.510% 42 1 10 0.05 0.05 20 65 m 27.5 0.001 vcas060318a400 _ _ 18 13 25.510% 42 1 10 0.1 0.25 30 150 k 27.5 0.003 vcas080518a400 _ _ 18 13 25.510% 42 1 10 0.1 0.1 30 225 k 27.5 0.002 vcas080518c400 _ _ 18 13 25.510% 42 1 10 0.3 1 120 550 k 27.5 0.007 vcas120618a400 _ _ 18 13 25.510% 42 1 10 0.1 0.5 30 350 k 27.5 0.002 vcas120618d400 _ _ 18 13 25.510% 42 1 10 0.4 1.5 150 900 k 27.5 0.008 vcas120618e380 _ _ 18 13 25.510% 38 1 10 0.5 1.5 200 930 k 27.5 0.010 vcas121018j390 _ _ 18 13 25.510% 42 5 10 1.6 3 500 3100 k 27.5 0.030 vgas181218p440 18 14 27.510% 44 5 15 2.9 6 800 5000 k 27.5 0.05 vgas222022y490 22 17 3010% 49 10 15 6.8 25 1200 12000 k 27.5 0.03 vcas060326a580 _ _ 26 18 34.510% 60 1 10 0.1 0.1 30 155 k 27.5 0.002 vcas080526a580 _ _ 26 18 34.510% 60 1 10 0.1 0.15 30 120 k 27.5 0.002 vcas080526c580 _ _ 26 18 34.510% 60 1 10 0.3 0.5 100 250 k 27.5 0.006 vcas120626d580 _ _ 26 18 34.510% 60 1 10 0.4 1 120 500 k 27.5 0.008 vcas120626f540 _ _ 26 18 33.010% 54 1 15 0.7 1.5 200 600 k 27.5 0.008 vcas121026h560 _ _ 26 18 34.510% 60 5 10 1.2 3 300 2150 k 27.5 0.018 vgas181226p570 26 23 35.010% 57 5 15 2.5 8 600 3000 k 30 0.015 vgas222026y570 26 23 3510% 57 10 15 6.8 25 1100 7000 k 30 0.030 vgas322026z570 26 23 3510% 57 10 15 13 50 1800 15000 k 30 0.04 vcas060330a650 _ _ 30 21 41.010% 67 1 10 0.1 0.15 30 125 k 29 0.002 vcas080530a650 _ _ 30 21 41.010% 67 1 10 0.1 0.15 30 90 m 29 0.002 vcas080530c650 _ _ 30 21 41.010% 67 1 10 0.3 0.5 80 250 k 29 0.005 vcas120630d650 _ _ 30 21 41.010% 67 1 10 0.4 1 120 400 k 29 0.008 vcas121030h620 _ _ 30 21 41.010% 67 5 10 1.2 3 280 1850 k 30 0.018 vcas121030s620 _ _ 30 21 41.010% 67 5 10 1.9 3 300 1500 k 29 0.038 vcas080531c650 _ _ 31 25 39.010% 65 1 10 0.3 0.5 80 250 k 29 0.005 vcas120631m650 _ _ 31 25 39.010% 65 1 15 1 1.5 200 500 k 29 0.008 vgas121031r650 31 25 3910% 65 2.5 15 1.7 4.5 300 1200 k 30 0.05 vgas181231p650 31 25 39.010% 65 5 15 3.7 8 800 2600 k 30 0.06 vgas222031y650 31 25 3910% 65 10 15 9.6 23 1200 6100 k 30 0.03 vcas120634n770 _ _ 34 30 47.010% 77 1 15 1.1 1.5 200 400 k 48 0.008 vgas121034s770 _ _ 34 30 47.010% 77 2.5 15 2 3.0 400 1000 k 48 0.040 vgas181234u770 _ _ 34 30 47.010% 77 5 15 5 6.1 800 1500 k 48 0.080 vgas222034y770 34 30 47.010% 77 10 15 12 25 2000 6300 k 48 0.240 vcas080538c770 _ _ 38 30 47.010% 77 1 10 0.3 - 80 200 k 48 0.006 vcas120642l800 _ _ 42 32 51.010% 80 1 15 0.8 - 180 600 k 48 0.016 electrical characteristics
16 012317 transguard ? automotive series multilayer varistors for automotive applications v w (dc) dc working voltage [v] v w (ac) ac working voltage [v] v b typical breakdown votage [v @ 1ma dc ] v c clamping voltage [v @ i iv ] i vc test current for v c i l maximum leakage current at the working voltage [a] e t transient energy rating [j, 10x1000s] i p peak current rating [a, 8x20s] cap typical capacitance [pf] @ frequency specified and 0.5v rms v jump jump start (v) p . power dissipation (w) avx pn v w (dc) v w (ac) v b v c i vc i l e t e ld i p cap freq v jump p diss. max vdc vac v v a a j j a pf v w vcas120642k900 42 32 5610% 90 1 15 0.6 200 260 k 48 0.012 vgas181242u900 42 35 56.010% 90 5 15 4.0 6 500 1200 k 48 0.015 vgas222042y900 42 37 5610% 90 10 15 12 24 1000 5000 k 48 0.06 vcas120645k900 45 35 5610% 90 1 25 0.6 200 260 k 48 0.012n vcas120648d101 _ _ 48 34 62.010% 100 1 10 0.4 - 100 225 k 48 0.008 vcas121048h101 _ _ 48 34 62.010% 100 1 10 1.2 - 250 500 k 48 0.022 vcas120656f111 _ _ 56 40 68.010% 110 1 15 0.7 - 100 180 k 48 0.014 vgas181256u111 56 40 6810% 110 5 15 4.8 - 500 1100 k 48 0.04 vcas120660m131 _ _ 60 50 82.010% 135 1 15 1 - 150 250 k 48 0.008 vcas121060j121 60 42 7610% 120 5 10 1.5 250 400 k 48 0.03 vgas121065p131 65 50 8210% 135 2.5 15 2.7 350 600 k 48 0.05 vgas181265u131 65 50 8210% 135 5 15 4.5 - 400 800 k 48 0.03 vgas222065y131 65 50 8210% 135 10 15 6.5 - 1100 3000 k 48 0.06 vcas121085s151 _ _ 85 60 100.010% 150 1 35 2 - 250 275 k 48 0.040 vgas181285u161 85 60 10010% 165 5 15 4.5 - 400 500 k 48 0.04 electrical characteristics
17 012317 transguard ? automotive series multilayer varistors for automotive applications automotive series C load dump test according to iso dp7637 rev 2 pulse 5 when using the test method indicated below, the amount of energy dissipated by the varistor must not exceed the load dump energy value specified in the product table. automotive load dump pulse (according to iso 7637 pulse 5) voltage (v) energy (joules) time (msec) vcas060316b400 0.5 1 4 100ms 37 38 42 200ms 36 37 41 400ms 35 36 39 vcas120616k380 0.5 1 4 100ms 42 45 55 200ms 40 43 50 400ms 39 40 45 vcas121016j390 0.5 1 4 100ms 48 53 74 200ms 46 50 64 400ms 43 46 56 vgas181216p400 0.5 1 4 100ms 46 52 72 200ms 37 41 59 400ms 32 35 51 vgas222016y400 0.5 1 4 100ms 53 60 77 200ms 50 55 73 400ms 47 50 66 vcas040218x400 0.5 1 4 100ms 38 39 40 200ms 37 37 38 400ms 34 35 36 vcas060318a400 0.5 1 4 100ms 37 38 42 200ms 36 37 41 400ms 35 36 39 vcas080518a400 0.5 1 4 100ms 37 39 40 200ms 35 38 39 400ms 33 37 38 vcas080518c400 0.5 1 4 100ms 40 41 48 200ms 39 40 45 400ms 38 39 42 vcas120618a400 0.5 1 4 100ms 43 45 55 200ms 41 43 48 400ms 40 41 45 vcas120618d400 0.5 1 4 100ms 42 45 55 200ms 40 42 50 400ms 39 40 45 vcas120618e380 0.5 1 4 100ms 42 45 55 200ms 40 43 50 400ms 39 40 45 vcas121018j390 0.5 1 4 100ms 48 53 74 200ms 46 50 64 400ms 43 46 56 load dump library typical max vz versus pulse duration and ri 12v systems vcas060326a580 1 4 8 100ms 51 56 58 200ms 50 54 56 400ms 49 51 53 vcas080526a580 1 4 8 100ms 51 53 59 200ms 49 51 57 400ms 48 50 51 vcas080526c580 1 4 8 100ms 51 54 62 200ms 49 51 56 400ms 48 49 51 vcas120626d580 1 4 8 100ms 52 60 68 200ms 50 57 65 400ms 47 54 61 vcas121026h560 1 4 8 100ms 61 74 91 200ms 59 69 82 400ms 55 64 70 vcas060330a650 1 4 8 100ms 57 59 63 200ms 56 58 61 400ms 54 57 58 vcas080530a650 1 4 8 100ms 58 62 66 200ms 56 61 64 400ms 53 57 61 vcas080530c650 1 4 8 100ms 58 61 63 200ms 57 58 62 400ms 55 56 59 vcas120630d650 1 4 8 100ms 61 70 75 200ms 57 66 69 400ms 56 62 64 vcas121030h620 1 4 8 100ms 70 77 98 200ms 64 70 89 400ms 56 65 70 vgas181234u770 1 4 8 100ms 87 110 125 200ms 82 97 114 400ms 75 85 95 vgas222034y770 1 4 8 100ms 100 125 165 200ms 91 115 155 400ms 84 104 120 24v systems
18 012317 transguard ? automotive series multilayer varistors for automotive applications l     w     t t dimensions: mm (inches) 1) applicable for: vcas120618e380 2) applicable for: vcas120626f540, vcas120631m650, vcas120638n770, vcas120642l800, vcas120645k900, vcas120656f111, vcas120660m1 31 soldering pad: mm (inches) c a b a d avx style 0402 0603 0805 1206 1210 1812 2220 3220 (l) length mm 1.000.10 1.600.15 2.010.20 3.200.20 3.200.20 4.500.30 5.700.40 8.200.40 (in.) (0.0400.004) (0.0630.006) (0.0790.008) (0.1260.008) (0.1260.008) (0.1770.012) (0.2240.016) (0.3230.016) (w) width mm 0.500.10 0.800.15 1.250.20 1.600.20 2.490.20 3.200.30 5.000.40 5.000.40 (in.) (0.0200.004) (0.0310.006) (0.0490.008) (0.0630.008) (0.0980.008) (0.1260.012) (0.1970.016) (0.1970.016) (t) max thickness mm 0.6 0.9 1.02 1.02 (0.040) 1.70 2.00 2.50 2.50 max. (in.) (0.024) (0.035) (0.040) 1.27 (0.050) 1) (0.067) (0.080) (0.098) (0.098 max.) 1.70 (0.067) 2) (t) land length mm 0.250.15 0.350.15 0.71 max. 0.94 max. 1.14 max. 1.00 max. 1.00 max. 1.30 max. (in.) (0.0100.006) (0.0140.006) (0.028 max.) (0.037 max.) (0.045 max.) (0.039 max.) (0.039 max.) (0.051 max.) pad layout 0402 0603 0805 1206 1210 1812 2220 3220 a 1.61 (0.024) 0.89 (0.035) 1.02 (0.040) 1.02 (0.040) 1.02 (0.040) 1.00 (0.039) 1.00 (0.039) 2.21 (0.087) b 1.51 (0.020) 0.76 (0.030) 1.02 (0.040) 2.03 (0.080) 2.03 (0.080) 3.60 (0.142) 4.60 (0.18) 5.79 (0.228) c 1.70 (0.067) 2.54 (0.100) 3.05 (0.120) 4.06 (0.160) 4.06 (0.160) 5.60 (0.220) 6.60 (0.26) 10.21 (0.402) d 1.51 (0.020) 0.76 (0.030) 1.27 (0.050) 1.65 (0.065) 2.54 (0.100) 3.00 (0.118) 5.00 (0.20 ) 5.50 (0.217)
19 012317 transguard ? automotive series multilayer varistors for automotive applications forward transmission characteristics (s21) 5 0 -5 -10 -15 -20 -25 -30 -35 -40 -45 1 18a - 730 mhz 26a - 550 mhz 30a - 665 mhz 100 1000 10000 frequency (mhz) insertion los (db) 10 0603 case size 5 0 -5 -10 -15 -20 -25 -30 -35 -40 -45 1 18a - 730 mhz 26a - 550 mhz 30a - 665 mhz 100 1000 10000 frequency (mhz) insertion los (db) 10 0603 case size 0 -5 -10 -15 -20 -25 -30 -35 -40 -45 1 18c - 300 mhz 26a - 555 mhz 26c - 460 mhz 30a - 530 mhz 30c - 390 mhz 38c - 430 mhz 100 1000 1000 0 frequency (mhz) insertion los (db) 10 0805 case size
20 012317 forward transmission characteristics (s21) transguard ? automotive series multilayer varistors for automotive applications 0 -10 -20 -30 -40 -50 -60 1 18d - 180 mhz 18e - 78 mhz 26d - 260 mhz 26f - 210 mhz 30d 125 mhz 42l - 95 mhz 48d - 325 mhz 56f - 290 mhz 100 1000 10000 frequency (mhz) insertion los (db) 10 1206 case size 0 -10 -20 -30 -40 -50 -60 1 18j - 100 mhz 30h - 140 mhz 48h - 225 mhz 100 1000 10000 frequency (mhz) insertion los (db) 10 1210 case size
21 012317 transguard ? automotive series multilayer varistors for automotive applications v-i characteristics 90 80 70 60 50 40 30 20 10 0 18a 26a 30a current (a) voltage (v) 1.00e-09 1.00e-06 1.00e-03 1.00e+00 1.00e+03 0603 case size 120 100 80 60 40 20 0 current (a) voltage (v) 1.00e-09 1.00e-06 1.00e-03 1.00e+00 1.00e+03 0805 case size 18c 26c 30c 38c
22 012317 transguard ? automotive series multilayer varistors for automotive applications v-i characteristics 140 120 100 80 60 40 20 0 current (a) voltage (v) 1.00e-09 1.00e-06 1.00e-03 1.00e+00 1.00e+03 1206 case size 18e 26d 30d 42l 48d 56f 160 140 120 100 80 60 40 20 0 current (a) voltage (v) 1.00e-09 1.00e-06 1.00e-03 1.00e+00 1.00e+03 1210 case size 18j 30h 48h 60j 85s
23 012317 transguard ? automotive series multilayer varistors for automotive applications esd v-i characteristics typical voltage at 8 kv pulse 8kv pulse peak voltage (v) 30ns voltage (v) 100ns voltage (v) no part 2130 1370 517 (no suppression) 120618a400 171 123 65 120618d400 177 133 66 120618e380 161 121 63 120626d580 203 155 88 102626f540 201 159 84 120630d650 249 177 106 120656f111 366 262 169 no part 8k v 120618a400 120618d400 120618e380 120626d580 120626f540 120630d650 120656f111 2000 1500 1000 500 0 0 50 100 150 200 8 kv esd vc (150pf/300ohm iec network) time (nsec) voltage (v) 30.0 28.0 26.0 24.0 22.0 20.0 initial 10 100 # pulses breakdown voltage 1000 10000 esd 8 kv iec 61000-4-2 150pf / 330 resistor vc060318a400


▲Up To Search▲   

 
Price & Availability of VCAS060385H400DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X