Part Number Hot Search : 
ETX500T C3277 CT374P AK53264G ETX500T MT3S0 BX0016 WFU20N06
Product Description
Full Text Search
 

To Download UTOUTC1002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t hin- fi lm casc adab le a mplif ier 5 to 1000 mhz te chni ca l data features ? fr equ ency ra nge: 5 to 100 0 mhz ? me di um gain: 14.5 db (typ) ? me di um outpu t powe r: +8.5 dbm (t yp) applications ? if/rf a mplifi cation description the 1 002 s eri es i s a th in-film bip ol ar rf ampl if ie r th at us es resisti ve fee db ack a nd active bi as to provi de a s tabl e, reliab le ga in sta ge. in du cti ve ly-coupled in put and o utput circuits p rovide g ood vswr u nder all con dition s. in put and o utput blockin g cap acit ors cou ple t he r f t hroug h the a mpli- fie r. t he 1 002 seri es a mplifiers a re ava ilabl e i n ei ther the to-8 herme tic c ase or connector ed uto/utc 1002 series pin configuration ut o?to-8u rf v + in rf out ut c?tc-1a ground case ground v + rf out rf in schematic maximum ratings par ameter max imum dc voltage +17 v olts co ntin uous r f in put power +13 d bm op er at ing cas e t emper ature ?55 to +1 25 c sto rage temp er ature ?62 to +1 50 c ?r? s eri es burn- in te mper ature +1 25 c weight: (typical) uto ?2.1 grams; utc?21.5 grams rf out rf in v+ thermal characteristics 1 jc 90 c/w active tra nsist or power di ssipat ion 120 mw j un cti on te mperature a bov e cas e t em perature 11 c mtb f ( mil-hdbk- 217e , a uf @ 9 0 c) 1, 246 ,00 0 hrs. tc- 1a package.
2 electrical specifications (measured in 50 w system @ +15 vdc nominal unless otherwise noted) symbol unit t c = C55 to +85 c 5-1000 13.5 1.0 4.5 +7.0 2.0:1 2.0:1 mhz db db db dbm dbm dbm dbm ma t c = 0 to 50 c guaranteed specifications typical t c = 25 c 5-1000 14.5 0.5 3.0 +8.5 <1.5:1 <1.5:1 +21.0 +30.0 +36.0 23 5-1000 14.0 1.0 4.0 +7.0 2.0:1 2.0:1 characteristic frequency range small signal gain (min.) gain flatness (max.) noise figure (max.) power output @ +1 db comp. (min.) input vswr (max.) output vswr (max.) two tone 3rd order intercept point two tone 2nd order intercept point one tone 2nd harmonic intercept point dc current bw gp nf p 1db ip 3 ip 2 hp 2 i d typical performance over temperature (@ +15 vdc unless otherwise noted) key: +25 c +85 c -55 c 16.0 gain, db 0 gain frequency, mhz 200 15.5 15.0 400 800 1000 14.5 14 600 4 noise figure, db frequency, mhz 3 2 noise figure 200 400 600 800 0 1000 1 11 power output @ 1 db gain compression, dbm power output frequency, mhz 0 7 2.0 vswr input vswr frequency, mhz 1.75 1.5 1.0 vswr output vswr frequency, mhz 26 ip 3 , dbm third-order intercept point frequency, mhz 40 ip 2 , dbm second-order intercept point frequency, mhz 35 50 hp 2 , dbm second-harmonic intercept point frequency, mhz 35 200 2.0 1.75 1.5 1.25 0 200 400 1.0 0 200 400 25 1.25 600 200 400 1000 6 22 18 1000 1000 1000 400 1000 0 200 400 1000 16 20 30 0 0 10 400 800 600 800 600 800 20 24 600 800 30 600 800 40 45 200 600 800 9 8
3 automatic network analyzer measurements frequency vswr gain phase phase group delay vswr isolation mhz in db degrees dev ns out db numerical readings bias = 15.00 volts 100.0 1.36 14.85 156.93 C.77 1.14 20.63 150.0 1.37 14.72 145.59 C.92 .63 1.13 20.69 200.0 1.40 14.66 134.27 C1.06 .63 1.14 20.69 250.0 1.43 14.67 122.99 C1.16 .62 1.15 20.70 300.0 1.45 14.70 111.95 C1.02 .60 1.16 20.75 350.0 1.49 14.68 101.24 C.54 .59 1.18 20.76 400.0 1.54 14.65 90.56 C.04 .59 1.20 20.76 450.0 1.57 14.56 80.05 .63 .59 1.23 20.81 500.0 1.60 14.53 69.29 1.05 .60 1.25 20.81 550.0 1.63 14.49 58.39 1.34 .60 1.28 20.84 600.0 1.65 14.44 47.72 1.86 .60 1.32 20.83 650.0 1.67 14.43 36.75 2.08 .61 1.37 20.82 700.0 1.66 14.40 25.68 2.20 .63 1.40 20.79 750.0 1.63 14.40 14.22 1.92 .64 1.45 20.73 800.0 1.59 14.42 2.58 1.46 .65 1.52 20.68 850.0 1.52 14.49 C9.35 .71 .68 1.57 20.60 900.0 1.43 14.52 C21.84 C.58 .71 1.62 20.51 950.0 1.31 14.62 C34.95 C2.40 .74 1.68 20.47 1000.0 1.18 14.69 C48.37 C4.74 .77 1.72 20.40 1050.0 1.08 14.73 C62.42 .81 1.73 20.41 1100.0 1.24 14.70 C77.41 .86 1.71 20.47 1150.0 1.54 14.50 C93.33 .93 1.65 20.66 1200.0 2.00 14.17 C110.74 .97 1.55 21.05 1250.0 2.70 13.68 C129.23 .95 1.41 21.75 (typical production unit @ +25 c ambient) linearization range: 100.0 to 500.0 mhz s-parameters s 21 100.00 .048 .8 14.48 156.3 C20.00 C6.8 .031 174.6 200.00 .070 C10.2 14.38 137.1 C20.00 C15.3 .034 167.6 300.00 .102 C25.1 14.47 115.0 C19.91 C24.5 .042 163.5 400.00 .136 C41.6 14.45 93.1 C20.00 C33.2 .056 163.0 500.00 .175 C60.1 14.48 72.2 C19.74 C43.8 .081 159.5 600.00 .206 C79.0 14.57 50.0 C19.66 C53.1 .114 154.0 700.00 .224 C96.4 14.82 27.1 C19.57 C63.2 .161 140.2 800.00 .221 C117.4 14.81 5.6 C19.49 C75.5 .215 125.0 900.00 .195 C143.6 15.15 C20.6 C19.17 C89.7 .270 105.1 1000.00 .108 168.1 15.55 C47.4 C18.79 C105.0 .319 79.9 1100.00 .158 54.6 15.65 C78.0 C18.71 C127.1 .351 44.8 1200.00 .405 .8 15.07 C113.9 C19.66 C153.7 .324 C2.1 1300.00 .658 C36.6 13.45 C152.0 C21.83 176.4 .291 C65.7 1400.00 .818 C64.4 10.62 175.5 C25.51 149.7 .314 C125.3 1500.00 .885 C86.9 7.30 148.4 C30.46 126.0 .383 C170.0 bias = 15.00 volts frequency mhz mag ang db ang db ang mag ang s 11 s 22 s 12
4 product options uto ?509r screening option blank = no screening r = r-series screening for more information on r-series screening, see reliability screening, pub. 5963-3240e. model number prefix uto- utm- ppa- model number utc ?509-1 connector option for tc-1 case the only connector option available is the -1. the -1 option consists of a sma female connector on both the input and output (see note). model number prefix utc- model number note: r-series screening is not available in the tc-1 case as the case is non-hermetic.
5 case drawings to-8u .031 .031 .50 dia .450 dia max .175 .017 0.185 0.015 +.002 - 001 .150 typ .300 typ ground case ground v .150 typ 3 4 2 1 45 + rf in approximate weight 2.1 grams rf out glass ring .060 dia typ (3x) notes (unless otherwise specified): 1. dimensions are specified in inches 2. tolerances: xx .02 xxx .010
case drawings tc-1 gnd .350 .890 .460 .310 dc input .38 (2) pl .24 .19 sma jack (female) (2) pl .180 .640 .905 .095 .250 .570 2-56 unc-2b x .15 deep threaded insert (4) pl .460 .310 .350 1.000 .820 product marking area typical weight with connectors = 21.5 grams rf .100 v + in rf out notes: 1. the tc-1 case is a non-hermetic case. 2. the only connector option available for the tc-1 case is the ?, sma female connectors at both input and output ports. agc (if required) .890 .500 notes (unless otherwise specified): 1. dimensions are specified in inches 2. tolerances: xx .02 xxx .010 contact teledyne microwave solutions: 650-691-9800 650-962-6845 fax check for updates: www.teledynemicrowave.com


▲Up To Search▲   

 
Price & Availability of UTOUTC1002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X