Part Number Hot Search : 
JKC5819 BY627 NCP1910 GL4HY8 ESD05 05WS1 MC141 CRR3206
Product Description
Full Text Search
 

To Download UTL10011002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage-controlled signal limiter 5 to 1000 mhz technical data description the utl series consists of two voltage controlled signal limiters which cover the 5 to 1000 mhz frequency range. these thin-film limiters feature voltage program- mable output levels with input levels as high as +26 dbm. they have low vswr, low insertion loss, and excellent second- and third-harmonic suppression. recovery from fully saturated input levels is less than 50 nano- seconds. the utl models are provided in the to-8 package. utl-1001/1002 pin configuration to-8u features ? 0 to C13 dbm programmable output ? vswr less than 2.0:1 applications ? protection for detectors, mixers, and amplifiers ? cascadable gain control ? ew receiver circuits ? wideband system protection maximum ratings parameter maximum dc voltage +25.0 v continuous rf input power +26.0 dbm peak input power (3 m sec max.) +30 dbm operating case temperature C54 c to +125 c storage temperature C62 c to +150 c r series burn-in temeprature +125 c ground case ground v + rf out rf in weight: (typical) 2.1 grams schematic v+ rf in rf out
2 electrical specifications (measured in 50 w system @ +15 vdc nominal unless otherwise noted) symbol unit mhz mhz dbm dbm dbm dbm dbm dbm dbm dbm db db db db db db db db db ma ma guaranteed specifications characteristic bw frequency range utl-1001 utl-1002 output level at limiting threshold (1 db compression) (max) +20 volts bias +15 volts bias +10 volts bias +5 volts bias maximum output limiting level (+20 dbm input) +20 volts bias +15 volts bias +10 volts bias +5 volts bias maximum insertion loss at 500 mhz @ C20 dbm input +20 volts bias +15 volts bias +10 volts bias +5 volts bias maximum insertion loss at 1000 mhz +20 volts bias +15 volts bias +10 volts bias +5 volts bias input vswr, p in < +20 dbm output vswr, p in < C10 dbm output level variation vs. temperature bias current at +20 vdc at +15 vdc t c = 0 to 50 c typical t c = 25 c 50-1000 5-1000 0 C2 C6 C13 0 C1 C4 C9 1.6 1.9 2.5 4.3 2.0 2.5 3.1 5.2 10 7 50-1000 5-1000 +2 0 C4 +2 +1 C2 2.0 2.4 3.0 2.5 3.0 3.7 2.0:1 2.0:1 1.0
3 typical performance at 25 c temperature bias voltage: 5v 10v 15v 20v (at +15 vdc unless otherwise noted) frequency, mhz vswr 2.5 2.0 1.5 input and output vswr 1.0 500 0 frequency, mhz insertion loss, db 1 2 3 4 1000 1500 insertion loss 2000 5 6 input power, dbm d degrees, db 4 3 2 1 am-to-pm conversion 0 -10 -20 0 +10 +20 500 0 1000 1500 2000 input power, dbm 0 -10 -20 fundamental power -30 -10 -20 input power, dbm power output, dbm -30 -40 -50 -60 0 +10 second-harmonic power +20 -70 input power, dbm power output, dbm 0 -10 -20 -30 third-harmonic power -40 -10 -20 0 +10 +20 -10 -20 0 +10 +20 10 -50 -60 -70 power output, dbm p in = -20 dbm p in = -20 dbm +15v, +20v f = 100 mhz f = 500 mhz bias = 10v f = 1 ghz f = 100 mhz f = 100 mhz f = 100 mhz
4 typical performance at 25 c temperature bias voltage: 5v 10v 15v 20v input power, dbm 0 -10 -20 fundamental power -30 -10 -20 input power, dbm power output, dbm -30 -40 -50 -60 0 +10 second-harmonic power +20 -70 input power, dbm power output, dbm 0 -10 -20 -30 third-harmonic power -40 -10 -20 0 +10 +20 -10 -20 0 +10 +20 10 -50 -60 -70 power output, dbm input power, dbm 0 -10 -20 fundamental power -30 -10 -20 input power, dbm power output, dbm -30 -40 -50 -60 0 +10 second-harmonic power +20 -70 input power, dbm power output, dbm -10 -20 -30 third-harmonic power -40 -10 -20 0 +10 +20 -10 -20 0 +10 +20 10 -50 -60 -70 power output, dbm 0 f = 500 mhz f = 500 mhz f = 500 mhz f = 1 ghz f = 1 ghz f = 1 ghz (at +15 vdc unless otherwise noted)
5 product options utl ?503r screening option blank = no screening r = r-series screening for more information on r-series screening, see reliability screening, pub. 5963-3240e. model number prefix utl- udl- ppl- model number case drawings to-8u .031 .031 .50 dia .450 dia max .175 .017 0.185 ?.015 +.002 - 001 .150 typ .300 typ ground case ground v .150 typ 3 4 2 1 45 + rf in approximate weight 2.1 grams rf out glass ring .060 dia typ (3x) notes (unless otherwise specified): 1. dimensions are specified in inches 2. tolerances: xx .02 xxx .010 contact teledyne microwave solutions: 650-691-9800 650-962-6845 fax check for updates: www.teledynemicrowave.com


▲Up To Search▲   

 
Price & Availability of UTL10011002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X