Part Number Hot Search : 
8NQ11 ADA3R3 R400B 200BG CY14B10 BT301 IT122 MSAU125
Product Description
Full Text Search
 

To Download U03006NHUB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usb 2.0 hi-speed port liberator (usb a to 5-pin mini b) adapter cable with 500ma charging port, 6-in. model number: u030-06n-hub description tripp lite's 6 in. usb 2.0 port liberator allows connection of a cell/smartphone to your notebook/laptop computer for charging and syncing while creating a second port for other peripheral connections, such as a printer, external mouse, etc. plug the u030-06n-hub into your notebook's usb port and your 5-pin, mini-b phone port into the mini-b male pigtail cable. a second female "a" port is now created for attaching other usb peripherals, such as a printer, usb external mouse, etc. ( note: will not charge ipad or other tablets and devices that require 2.5 amps or higher ). features 6 in. usb a male to 5-pin mini-b male, with female "a" hub port allows charging/syncing of cell / smartphones 480mbps data pass-through 500ma on charging port specifications overview cable type usb output usb charging no ouput amp capacity 0.5 physical color gray; white highlights 6 in. usb 2.0 a to mini-b, with 1-port hub 480mbps speed plug-and-play system requirements computer with usb 2.0 port package includes usb 2.0 port liberator cable - 5 pin mini-b with built-in charging hub - 6in 1 / 2
connections connector a usb mini-b 5-pin (male) connector b usb a (female) & usb a (male) connector c usb mini-b 5-pin (male) ports 1 special features chromebook compatible no warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of U03006NHUB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X