Part Number Hot Search : 
HSBD136 M050A A1150 7152I02L 30WQ05F SA25F020 CPT40040 160NTD
Product Description
Full Text Search
 

To Download TPK0305DA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tpk series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description the tpk series are miniature, isolated 2w dc/dc converters in a sip package. they offer the ideal solution in many space critical applications for board level power distribution. the internal smd construction makes it possible to offer a product with high performance at low cost. the series offers smaller size, improved efficiency, lower output ripple noise and 3kvdc isolation. selection guide part number nominal input voltage output voltage output current (max./min) load regulation (max) efficiency (typ.) package style v v m a % % tpk0303s a 3.3 3.3 606/60.6 7.2 82 sip tpk0305s a 3.3 5 400/40 7.2 82 sip tpk0503s a 5 3.3 606/60.6 7.2 82 sip tpk0505s a 5 5 400/40 7.2 82 sip tpk0509s a 5 9 222/22.2 5.8 86 sip tpk0512s a 5 12 167/16.7 5.0 86 sip tpk0515s a 5 15 133/13.3 4.6 87 sip tpk1205s a 12 5 400/40 4.9 82 sip tpk1209s a 12 9 222/22.2 3.0 87 sip tpk1212s a 12 12 167/16.7 2.9 87 sip tpk1215s a 12 15 133/13.3 2.5 89 sip tpk1515s a 15 15 133/13.3 2.5 84 sip tpk2405s a 24 5 400/40 4.9 82 sip tpk2412s a 24 12 167/16.7 5.0 84 sip tpk2415s a 24 15 133/13.3 2.5 84 sip tpk2424s a 24 24 83.3/8.33 5.0 83 sip tpk0505s 5 5 200/20 6.3 82 sip tpk0509s 5 9 111/11.1 5.4 86 sip tpk0512s 5 12 83/8.3 4.8 86 sip tpk0515s 5 15 67/6.7 5.3 87 sip tpk0524s 5 24 41.65/4.165 5.0 83 sip tpk1205s 12 5 200/20 3.9 82 sip tpk1209s 12 9 111/11.1 2.9 86 sip tpk1212s 12 12 83/8.3 2.8 87 sip tpk1215s 12 15 67/6.7 2.5 87 sip tpk1515s 15 15 67/6.7 2.5 87 sip tpk2405s 24 5 200/20 3.9 82 sip tpk2409s 24 9 111 / 11.1 2.9 86 dip tpk2412s 24 12 83/8.3 2.8 87 sip tpk2415s 24 15 67/6.7 2.5 87 sip tpk2424s 24 24 41.65/4.165 5.0 83 sip tpk0305d a 3.3 5 400/40 7.2 82 dip tpk0505d a 5 5 400/40 7.2 82 dip tpk0509d a 5 9 222/22.2 5.8 86 dip tpk0512d a 5 12 167/16.7 5.0 86 dip tpk0515d a 5 15 133/13.3 4.6 87 dip tpk1205d a 12 5 400 / 40 4.9 82 dip tpk1209d a 12 9 222 / 22.2 3.0 87 dip tpk1212d a 12 12 167 / 16.7 2.9 87 dip tpk1215d a 12 15 133 / 13.3 2.5 89 dip tpk1515d a 15 15 133 / 13.3 2.5 84 dip tpk2405d a 24 5 400/40 4.9 82 dip tpk2412d a 24 12 167/16.7 5.0 84 dip tpk2424d a 24 24 83.3 / 8.33 5.0 83 dip tpk0505d 5 5 200 / 20 6.3 82 dip tpk0509d 5 9 111 / 11.1 5.4 86 dip tpk0512d 5 12 83 / 8.3 4.8 86 dip tpk0515d 5 15 67 / 6.7 5.3 87 dip tpk1205d 12 5 200 / 20 3.9 82 dip tpk1209d 12 9 111 / 11.1 2.9 86 dip tpk1212d 12 12 83 / 8.3 2.8 87 dip tpk1215d 12 15 67 / 6.7 2.5 87 dip tpk1515d 15 15 67 / 6.7 2.5 87 dip tpk2405d 24 5 200 / 20 3.9 82 dip tpk2412d 24 12 83 / 8.3 2.8 87 dip tpk2424d 24 24 41.65/4.164 5.0 83 dip add suffix ?p? for continuous short circ uit protection, for example tpk0505sap. features rohs compliant efficiency from 80% input voltage: 3.3v, 5v,12v, 15v,24v operating temperature: -40 to 105 ul 94v-0 package material output voltage: 3.3v,5v, 9v, 12v, 15v ,24v / 5v, 9v, 12v, 15v,24v industry standard pinout 3kvdc isolation (1 minute) ce certification 2w 3kvdc isolated single and dual output dc/dc converters toppower
tpk series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 input characteristics parameter conditions min. typ. max. units voltage range 3.3v input 2.9 3.3 3.6 v voltage range 5v input 4.5 5 5.5 v voltage range 12v input 11 12 13 v voltage range 15v input 13.4 15 16.4 v voltage range 24v input 22 24 26 v output characteristics parameter conditions min. typ. max. units rated power ta=-40c to 85c 2 w voltage set point accuracy see tolerance envelope line regulation high vin to low vin 1.0 1.2 %/% absolute maximum ratings lead tem p erature 1.5mm from case for 10 seconds 300c internal power dissipation 650mw input voltage vin, tpk03 5.5v input voltage vin, tpk05 7v input voltage vin, tpk12 15v input voltage vin, tpk15 18v input voltage vin, tpk24 28v isolation characteristics parameter conditions min. typ. max. units isolation test voltage tested for 1 minute 3000 vdc resistance viso= 1000vdc 1 g ? general characteristics parameter conditions min. typ. max. units switching frequency 65 khz temper ature characteristics parameter conditions min. typ. max. units specification derating if the temperature 85c -40 105 storage -50 150 case temperature above ambient 5v output 30 case temperature above ambient all other output 30 cooling free air convection temperature derating graphs tolerance envelopes output voltage t y p i c a l l o a d l i n e 10 25 50 75 100 -4% 2% nom v +5% output load current(%) 0% 3.0 2.0 1.0 0 -40 0 50 100 150 output power(w) ambient temperature(c) 85c safe operating area 105 toppower
tpk series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 all dimensions in mm 0.25mm . all pins on a 2.54mm pitch and within 0.25mm of true position. weight: 2.8g * pin n o t fitt ed o n s in g l e ou t pu t v a ri a nt s mechanical dimensions pin connections single output variants 14 pin dip pin function 1 -vin 7 nc 8 +vout 10 -vout 14 +vin 7 pin sip pin function 1 +vin 2 -vin 5 -vout 7 +vout dual output variants 14 pin dip pin function 1-vin 7nc 8 +vout 90v 10 -vout 14 +vin 7 pin sip pin function 1+vin 2-vin 5 -vout 60v 7 +vout recommended footprint details 14pin dip 7pin sip tube outline dimensions 14pin dip 7pin sip soldering information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 for 10 seconds. the series is backward compatible with sn/pb soldering systems unless otherwise stated all dimensions in mm 0.5mm. 2.54 2.54 4 holes 1.00 1.15 0.30 0.20 15.24 1.45 1.00 2.54 0.4min yyww tpk0505sa 19.50 0.50 1 2 5 2.52 1.54 7 7.50 10.00 4.60 3.60 0.40min bottom view 6 * tpk0505d yyww 19.50 2.54 2.13 15.24 0.55 0.45 1 7 8 9 10 14 9.80 7.70 3.60 4.60 1.09 7.62 0.20 0.30 * bottom view toppower toppower 9.30 12.43 0.50 5.00 18.00 unless otherwise stated all dimensions in mm 0.5mm. tube len g th : 520mm 2mm. tube quantit y : 25pcs unless otherwise stated all dimensions in mm 0.5mm. 2.54 2.54 6 1.00 1.15 6holes 12.00 14.50 5.05 0.65 5.07 unless otherwise stated all dimensions in mm 0.5mm. tube len g th : 520mm 2mm. tube quantit y : 25pcs dip packa g e sip packa g e toppower


▲Up To Search▲   

 
Price & Availability of TPK0305DA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X