Part Number Hot Search : 
74LVT543 NJU25008 SMCJ36A 74AHC594 74HC13 47M35 UPD70F34 MKP9V160
Product Description
Full Text Search
 

To Download T4821114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 d p a2 a1 o1 mn dv %p 13 14 12 11 10 9 8 7 6 5 4 3 2 1 (49.5) (49.5) 1.95 1.95 4.17 (105.9) 0.37 (9.4) (44.7) 1.76 1.76 (44.7) 1.772 (45 ) 1.772 (45 ) +0.024 -0.000 +0.6 -0.0 +0.024 -0.000 +0.6 -0.0 ? pid control with reduced overshoot ? on demand auto-tuning of pid control settings ? nema 4x/ip65 bezel ? dual led displays for simultaneous indication of temperature and setpoint ? status indicators for outputs and control modes ? accepts 10 types of sensor inputs (thermocouple or rtd) ? optional heater current monitor and heater break alarm ? optional dual alarm outputs ? optional two linear dc outputs (0 to 10 v, 0/4 to 20 ma) ? manual/automatic control modes ? setpoint ramping for process startup ? programmable user input (digital) for added flexibility ? sensor error compensation (offset) and break detection ? heating and optional cooling outputs ? parameter security via programmable lockouts ? field replaceable output board (relay or logic/ssr drive) ? optional triac output ? second setpoint setting ? optional remote setpoint input (0/4 to 20 ma) ? optional rs485 serial communications ? pc software available for controller configuration description the t48 controller accepts signals from a variety of temperature sensors (thermocouple or rtd elements), precisely displays the process temperature, and provides an accurate output control signal (time proportional or linear dc) to maintain the process at the desired temperature. the controllers comprehensive yet simple programming allows it to meet a wide variety of application requirements. the controller operates in the pid control mode for both heating and cooling, with on-demand auto-tune, which will establish the tuning constants. the pid tuning constants may be fine-tuned by the operator at any time and then locked out from further modification. the controller employs a unique overshoot suppression feature, which allows the quickest response without excessive overshoot. the unit can be transferred to operate in the manual mode, providing the operator with direct control of the output. the controller may also be programmed to operate in the on/off control mode with adjustable hysteresis. a second setpoint is available on select models to allow quick selection of a different setpoint setting. dual 4-digit displays allow viewing of the process temperature and setpoint simultaneously. front panel indicators inform the operator of the controller and output status. on many models the main control output and the alarm outputs are field replaceable. optional alarm(s) can be configured to activate according to a variety of actions (absolute hi or lo, deviation hi or lo, band in or out, and heater current break) with adjustable hysteresis. a standby feature suppresses the alarm during power-up until the temperature stabilizes outside the alarm region. the second alarm can be configured as a secondary pid output (heat/cool applications). optional main linear dc output (10 v or 20 ma) can be used for control or temperature re-transmission purposes. programmable output update time reduces valve or actuator activity. the output range can be scaled independent of the input range. optional second linear dc output (10 v or 20 ma) provides an independent temperature re-transmission, while the main linear dc output is being used for control. the output range can be scaled independent of the input range. optional heater current monitor provides a direct readout of process heater current. an alarm can be programmed to signal when the heater has failed. this provides early warning of system failure before product quality is affected. model t48 - 1/16 din temperature controller dimensions in inches (mm) panel cut-out caution: risk of danger. read complete instructions prior to installation and operation of the unit. caution: risk of electric shock. bulletin no. t48-h drawing no. lp0332 released 08/13 tel +1 (717) 767-6511 fax +1 (717) 764-0839 www.redlion.net ul recognized component, file # e156876
2 optional remote setpoint input (0/4 to 20 ma) allows for cascade control loops, where tighter control is required; and allows for remotely driven setpoint signal from computers or other similar equipment. straightforward end point scaling with independent filtering and local/remote transfer option expand the controllers flexibility. the optional rs485 serial communication interface provides two-way communication between a t48 and other compatible equipment such as a printer, plc, hmi, or a host computer. in multipoint applications (up to thirty- two), the address number of each t48 on the line can be programmed from 0 to 99. data from the t48 can be interrogated or changed, and alarm output(s) may be reset by sending the proper command code via serial communications. pc software, sfcrm, allows for easy configuration of controller parameters. these settings can be saved to disk for later use or used for multi-controller down loading. on-line help is provided within the software. the unit is constructed of a lightweight, high impact plastic case with a tinted front panel. the front panel meets nema 4x/ip65 specifications when properly installed. multiple units can be stacked horizontally or vertically. modern surface-mount technology, extensive testing, plus high immunity to noise interference makes the controller extremely reliable in industrial environments. safety summary all safety related regulations, local codes and instructions that appear in the manual or on equipment must be observed to ensure personal safety and to prevent damage to either the instrument or equipment connected to it. if equipment is used in a manner not specified by the manufacturer, the protection provided by the equipment may be impaired. do not use the t48 to directly command motors, valves, or other actuators not equipped with safeguards. to do so can be potentially harmful to persons or equipment in the event of a fault to the controller. an independent and redundant temperature limit indicator with alarm outputs is strongly recommended. specifications 1. display: dual 4-digit upper temperature display : 0.4" (10.2 mm) high red led lower auxiliary display : 0.3" (7.6 mm) high green led display messages : olol - appears when measurement exceeds + sensor range. ulul - appears when measurement exceeds - sensor range. open - appears when open sensor is detected. shrt - appears when shorted sensor is detected (rtd only) ... - appears when display values exceed + display range. -.. - appears when display values exceed - display range. led status annunciators : %p - lower auxiliary display shows power output in (%). mn - flashing: controller is in manual mode. on: local setpoint (remote setpoint option) off: remote setpoint dv - lower auxiliary display shows deviation (error) from temperature setpoint or shows heater current. o1 - main control output is active. a1 - alarm #1 is active (for a1 option.) . a2 - alarm #2 is active or - cooling output (o2) is active 2. power: ac versions : 85 vac min. to 250 vac max., 50 to 60 hz, 8 va max. dc versions : dc power : 18 to 36 vdc; 7 w ac power : 24 vac 10%; 50 to 60 hz, 9 va 3. controls: four front panel push buttons for modification and setup of controller functions and one external input user for parameter lockout or other functions. 4. memory: nonvolatile e 2 prom retains all programmable parameters and values. 5. main sensor input: sample period : 100 msec response time : less than 300 msec typ., 400 msec max. (to within 99% of final value w/step input; typically, response is limited to response time of probe) failed sensor response : main control output(s) : programmable preset output display : open alarms : upscale drive normal mode rejection : 40 db @ 50/60 hz (improves with increased digital filtering.) common mode rejection : greater than 120 db, dc to 60 hz protection : input overload 120 vac max. for 15 seconds max. 6. thermocouple input: types : t, e, j, k, r, s, b, n, linear mv, software selectable input impedance : 20 m ? all types lead resistance effect : 0.25 v/ ? cold junction compensation : less than 1c ( 1.5 c max), error over 0 to 50c max. ambient temperature range. defeated for linear mv indication mode. resolution : 1 for all types, or 0.1 for t, e, j, k, and n only. 7. rtd input: 2 or 3 wire, 100 ? platinum, alpha = 0.00385 (din 43760), alpha = 0.0039162 excitation : 150 a typical resolution : 1 or 0.1 degree lead resistance : 15 ? max. per input lead 8. indication accuracy: (0.3% of span +1c.) includes nist conformity, cold junction effect and a/d conversion errors at 23c after 20 min. warm-up. 9. user input: internally pulled up to +5 vdc (1 m ? ). v in max = 5.25 vdc , v il = 0.85 v max., v ih = 3.65 v min., i off = 1a max. response time : 120 msec max. functions : 10. control and alarm outputs: (heating, cooling or alarm) relay outputs with form a contacts : contact rating : 3 a @ 250 vac or 30 vdc (resistive load). life expectancy : 100,000 cycles at max. load rating. (decreasing load and/or increasing cycle time, increases life expectancy.) logic/ssr drive outputs : rating : 45 ma @ 4 v min., 7 v nominal triac outputs : type : isolated, zero crossing detection rating : voltage : 120/240 vac max. load current : 1 amp @ 35c 0.75 amp @ 50c min load current : 10 ma offstate leakage current : 7 ma max. @ 60 hz operating frequency : 20 to 400 hz protection : internal transient snubber 11. main control: control : pid or on/off output : time proportioning or linear dc cycle time : programmable auto-tune : when selected, sets proportional band, integral time, and derivative time values. probe break action : programmable 12. alarms: 1 or 2 alarms (optional) modes : absolute high acting absolute low acting deviation high acting deviation low acting inside band acting outside band acting rtd type range 385 -200 to +600c -328 to +1100f 392 -200 to +600c -328 to +1100f ohms 1.0 to 320.0 program lock integral action lock auto/manual mode select setpoint ramp enable reset alarms setpoint 1/setpoint 2 select local/remote setpoint select serial block print tc type range mv wire color ansi bs 1843 t -200 to +400 c -328 to +752 f blue (+) red (-) white (+) blue (-) e -200 to +750c -328 to +1382f violet (+) red (-) brown (+) blue (-) j -200 to +760c -328 to 1400f white (+) red (-) yellow (+) blue (-) k -200 to +1250c -328 to +2282f yellow (+) red (-) brown (+) blue (-) r 0 to 1768c +32 to +3214f black (+) red (-) white (+) blue (-) s 0 to 1768c +32 to 3214f black (+) red (-) white (+) blue (-) b +149 to +1820c +300 to +3308f grey (+) red (-) no standard n -200 to +1300c -328 to +2372f orange (+) red (-) orange (+) blue (-) -5.00 to +56.00 no standard no standard
heater break alarm reset action : programmable; automatic or latched standby mode : programmable; enable or disable hysteresis : programmable probe break action : upscale annunciator : led backlight for a1, a2 13. cooling: software selectable (overrides alarm 2) control : pid or on/off output : time proportioning cycle time : programmable proportional gain adjust : programmable heat/cool deadband overlap : programmable 14. main and second linear dc output: (optional) self-powered (active) main : control or re-transmission, programmable update rate from 0.1 sec to 250 sec second : re-transmission only, fixed update rate of 0.1 sec * accuracies are expressed as percentages after 20 minutes warm-up. output accuracy is specified in two ways: accuracy over an 18 to 28c range at 10 to 75% rh environment; and accuracy over a 0 to 50c range at 0 to 85% rh (non-condensing) environment. accuracy over the wide temperature range reflects the temperature coeffecient of the internal circuitry. ** outputs are independently jumper selectable for either 10 v or 20 ma. the output range may be field calibrated to yield approximately 10% overrange and a small underrange (negative) signal. 15. remote setpoint input: (optional) input type : 0/4 to 20 ma input resistance : 10 ? overrange : -5% to 105% overload : 100 ma (continuous) scale range : -999 to 9999 degrees or -99.9 to 999.9 degrees. resolution : 1 part in 10,000. accuracy : at 25 c : (0.1 % of full scale + ? lsd) over 0 to 50 c range : (0.2% of full scale + ? lsd) reading rate : 10/sec. setpoint filtering : programmable digital setpoint ramping : programmable, 0.1 to 999.9 degrees/minute. 16. heater current monitor input: (optional) type : single phase, full wave monitoring of load currents controlled by main output (01). input : 100 ma ac output from current transformer (rlc #ct004001) or any ct with 100 ma ac output. display scale range : 1.0 to 999.9 amps or 0.0 to 100.0% input resistance : 5 ? accuracy : at 25 c : (0.5 % of full scale + ? lsd), (5 to 100% of range) over 0 to 50 c range : (1.0% of full scale + ? lsd), (5 to 100% of range) frequency : 50 to 400 hz. alarm mode : dual acting; heater element fail detect and control device fail detect. overrange : 105% capacity overload : 200 ma (continuous). 17. serial communications: (optional) type : rs485 multipoint, balanced interface baud rate : 300 to 9600 data format : 7o1, 7e1, 7n2, 8n1 node address : 0-99, max of 32 units per line transmit delay : 2-100 msec or 100-200 msec data encoding : ascii isolation w.r.t main input common : 500 vrms for 1 min. (50 v working) not isolated w.r.t. remote setpoint or heater current inputs, or analog output common note: rs485 and the analog output commons are not internally isolated within the controller. the terminating equipment of these outputs must not share the same common (ie. earth ground). 18. environmental conditions: operating range : 0 to 50c storage range : -40 to 80c span drift (max.) : 130 ppm/c, main input zero drift (max.) : 1v/c, main input operating and storage humidity : 85% max. relative humidity (non-condensing) from 0c to 50c. vibration to iec 68-2-6 : operational 5 to 150 hz, 2 g. shock to iec 68-2-27 : operational 20 g (10 g relay). altitude : up to 2000 meters 19. isolation breakdown ratings: ac line with respect to all inputs and outputs : 250 v working (2300 v for 1 minute). main input with respect to analog outputs, remote setpoint input, heater current input : 50 v working (2300 v for 1 minute). all other inputs and outputs with respect to relay contacts : 2000 vac not isolated between analog outputs, remote setpoint and heater current commons. 20. certifications and compliances: ce approved en 61326-1 immunity to industrial locations emission cispr 11 class a iec/en 61010-1 rohs compliant ul recognized component: file #e156876 type 4x enclosure rating (face only) ip65 enclosure rating (face only) ip20 enclosure rating (rear of unit) refer to emc installation guidelines section of the manual for additional information. 21. connection: wire clamping screw terminals 22. construction: black plastic alloy case and collar style panel latch. panel latch can be installed for vertical or horizontal instrument stacking. one piece tinted plastic bezel. bezel assembly with circuit boards can be removed from the case to change the output board without removing the case from the panel or disconnecting wiring. unit meets nema 4x/ip65 requirements for indoor use, when properly installed. installation category ii, pollution degree 2. 23. weight: 0.38 lbs (0.17 kgs) 3 output range accuracy (18 to 28c) accuracy (0 to 50c) compliance resolution 0 to 10 v 0.10% of fs + 1/2 lsd 0.30% of fs + 1/2 lsd 10k ohm min. 1/3500 0 to 20 ma 0.10% of fs + 1/2 lsd 0.30% of fs + 1/2 lsd 500 ohm max. 1/3500 4 to 20 ma 0.10% of fs + 1/2 lsd 0.30% of fs + 1/2 lsd 500 ohm max. 1/2800
4 basic operation the t48 controls a process temperature by measuring the temperature via an input probe, then calculating a control output power value by use of a modified pid control algorithm. the unit controls the system with the new output power value to keep the process temperature at setpoint. the pid control algorithm incorporates features which provide for high control accuracy and low temperature overshoot from process disturbances. front panel features in the normal operating mode, the unit displays the process temperature in the upper display. one of the following parameters can be viewed in the lower display: - setpoint - % power output - temperature deviation - heater current - temperature symbol (f or c) - blank display the user scrolls through these parameters by pressing the d button. if enabled, the control setpoint or power output (manual mode only) can be directly modified in this mode. in the normal operating mode, parameters are selected by use of the p button and modified by use of the up and down buttons. parameters are then entered by the p button, which advances the user to the next parameter. pressing the d button immediately returns the controller to the normal operating mode without changing the currently selected parameter. hardware features a fast 100 msec input sampling rate provides quick controller response to a process disturbance, thus providing excellent temperature control. measurement accuracy of 0.3% of span 1c or better, provides close process control conforming to the desired control setpoint value. the t48 accepts a variety of both thermocouple and rtd temperature probes. an output board contains the main control output, alarm 1 output, alarm 2/cooling output, and/or linear dc output. since the controller is serviceable from the front of the panel, the output board (on some models) may be easily changed or replaced without disturbing the wiring behind the panel. no re-programming is required when changing or replacing the output board for units without the linear dc output option. units with the linear output option require calibration procedure for the new linear output. low-drift, highly stable circuitry ensures years of reliable and accurate temperature control. the recommended two year re-calibration interval is easily accomplished via the programming menu. remote setpoint input the remote setpoint input facilitates the use of a remote signal to drive the controllers setpoint. the remote signal can be scaled independent to that of the controllers range. the controllers response to local/remote setpoint transfers can be programmed. also, the remote signal is filtered by use of an adaptive filter. with this filter, relatively large filtering time constants can be used without suffering from long settling times. the time constant and filter disable band are programmable. additionally, the remote signal can also be velocity limited (or ramped) to slow the controllers response to changes in setpoint. this results in a steady control response with no overshoot. heater current monitor the t48 provides a direct readout of process heater current. this provides valuable information regarding single phase heater system integrity. it is especially useful on extruder and large oven applications where adjacent controllers mask the effect of a failed heater. the heater break alarm senses two types of heater system faults: 1) main control output is on and heater current is below alarm value. this indicates failed heater or failed parts of heater, breaker trip, failed power control device, etc. 2) main control output is off and heater current is above 10% of alarm value. this indicates a failed power control device, wiring fault, etc. linear dc analog outputs the main linear dc output has independent scaling, programmable output update time and filter (damping) time. these parameters permit flexibility in process configuration. the output can be set for 0 to 10 v, 0 to 20 ma or 4 to 20 ma ranges, and can be configured for control or for transmission of temperature or setpoint values. a second linear dc output is dedicated for retransmission of input temperature. the output can be scaled and converted independent of the input and main linear dc output. this output is isolated from the input. setpoint features the controller setpoint can be protected from out of range values by programming the setpoint range limit values. additionally, safeguards from inadvertent data entry can be programmed. a second setpoint value can be programmed which can be made active by a user input and/or through the front panel on selected models. the setpoint ramp feature ramps the setpoint value at start-up or any time a setpoint change is made, at a user programmable rate. this feature reduces thermal shock to the process and helps to minimize temperature overshoot. input features a programmable input filter can be used to stabilize readings from a process with varying or oscillating temperature characteristics, helping to provide better temperature control. a programmable temperature shift function can be used to compensate for probe errors or to have multiple t48 units indicate the same nominal temperature. the programmable user input can be used to control a variety of functions, such as auto/manual transfer of the controller, reset alarm output (s) , transfer to second setpoint, etc. output features programmable output power limits provide protection for processes where excessive power can cause damage. automatic sensor probe break detection, for fail-safe operation, causes the controller to default to a programmed output power (upscale or downscale burnout). programmable output cycle time, output hysteresis and dampening can reduce output activity without degrading control accuracy. the main outputs can operate in pid, on/off, or manual control modes. control and alarm outputs in addition to the linear dc outputs, there are up to three types of on/off outputs.these outputs can be relay, logic, or triac for control or alarm purposes. relay outputs can switch user applied ac or dc voltages. logic/ssr drive outputs supply power to external ssr power units. one logic/ssr drive output can control up to four ssr power units at one time. the triac output supplies one amp of ac current for control of an external ac relay or triac device. auto-tune the t48 has an auto-tune feature which, on demand, automatically determines the pid control parameters for a particular thermal process. after completion of auto-tune, the pid parameters are automatically optimized for that process and loaded into non-volatile memory. the operator may view and modify the parameters as desired. auto-tune may be invoked either at start-up or at setpoint, depending on the process requirements. an auto-tune programmable dampening factor produces various levels of process control and response characteristics. rs485 communications the rs485 communications option allows the connection of up to 32 devices on a single pair of wires with a distance of up to 4,000 feet and a maximum baud rate of 9600. since the same pair of wires are used for both transmit and receive, only one way communication is possible at any given time. the controller has a programmable response time to allow the host device adequate time to release the communication line for a transmission. selected parameters from the t48 can be interrogated or changed, and alarm output(s) may be reset by sending the proper command code via serial communications. it is also possible to invoke auto-tune through the serial port. serial communications used with sfcrm software allows for easy controller parameter configuration by computer. heating and cooling systems the t48 is available with dual outputs to provide heating and cooling to those processes that require them. for example, many extruder applications require both heating and cooling to maintain accurate extruder barrel and die temperatures. the t48 is easily configured for these types of applications.
5 controller programming front panel program disable allows all of the controllers set-ups to be locked-out from further operator intervention after the initial set-up. the following four programming modes allow the controller to adapt to any required user-interface level: unprotected parameter mode protected parameter mode hidden function mode configuration parameter mode unprotected parameters mode * the unprotected parameters mode is accessible from the normal display mode when program disable is inactive or when the proper access code number from the protected parameter mode is entered. the configuration parameter modes can be accessed only from this mode. sp - enter setpoint op - enter output power prop - enter proportional band intt - enter integral time dert - enter derivative time al-1 - enter value for alarm #1 al-2 - enter value for alarm #2 cnfp - select configuration access point end - return to normal display mode protected parameters mode * the protected parameters mode is enabled when program disable is active. this mode prevents access to the configuration parameter modes without the proper access code number. only the parameters that are enabled in the configuration 3 parameter (lock-out section) can be accessed. prop - enter proportional band intt - enter integral time dert - enter derivative time al-1 - enter value for alarm #1 al-2 - enter value for alarm #2 code - enter value to access unprotected parameters and configuration parameters hidden function mode * the hidden function mode is accessible from the normal display mode. the functions in this mode may be locked-out individually in configuration 3 parameter (lock-out section). spsl - select local ( s p1 or s p2) or remote setpoint trnf - transfer between automatic (pid) control and manual control tune - invoke/cancel pid auto-tune alrs - reset latched alarms configuration parameter mode the configuration parameter mode allows the operator to set-up the basic requirements of the controller. it is divided into sections which group together related programming steps, such as inputs, outputs, alarms, etc. upon completion of each section, the program returns to the configuration access point, allowing the user to return to the normal display mode. configuration 1, inputs (1-in) type - select input probe type scal - select temperature scale dcpt - select temperature resolution fltr - select level of input filtering shft - enter input correction shift (offset) splo - enter setpoint lower limit sphi - enter setpoint higher limit sprp - enter setpoint ramp rate inpt - select user input function configuration 2, outputs (2-op) * cyct - enter time proportioning cycle time opac - select output control action oplo - enter output power low limit ophi - enter output power high limit opfl - enter probe fail power preset opdp - enter output control dampening chys - enter on/off control hysteresis tcod - select auto-tuning dampening antp - main linear dc analog output range anas - main linear dc analog output source anut - main linear dc analog output update time anlo - main linear dc analog output scaling low anhi - main linear dc analog output scaling high configuration 3, parameter l ock- o uts (3-lc) * sp - select setpoint access level op - select power access level dev - enable deviation display hcur - enable heater current display udsp - enable temperature scale display code - enter parameter access code pid - select pid access level al - select alarm access level alrs - enable alarm reset access spsl - enable local/remote selection trnf - enable auto/manual mode selection tune - enable auto-tune invocation configuration 4, alarms (4-al) * act1 - select operation mode of alarm #1, or select heat output rst1 - select reset mode of alarm #1 stb1 - enable activation delay of alarm #1 al-1 - enter value for alarm #1 act2 - select operation mode of alarm #2, or select cooling output rst2 - select reset mode of alarm #2 stb2 - enable activation delay of alarm #2 al-2 - enter value for alarm #2 ahys - enter hysteresis value for both alarms configuration 5, cooling (5-o2) * cyc2 - enter cooling time proportioning cycle time gan2 - enter cooling relative gain db-2 - enter heat/cool deadband or overlap configuration 6, serial communications (6-sc) * baud - select baud rate conf - select character frame format addr - enter address abrv - select abbreviated or full transmission popt - select print options configuration 7, remote setpoint input (7-n2) * dsp1 - enter remote setpoint display scaling value #1 inp1 - enter remote setpoint process scaling value #1 dsp2 - enter remote setpoint display scaling value #2 inp2 - enter remote setpoint process scaling value #2 fltr - enter remote setpoint filter time constant band - enter remote setpoint filter disable band trnf - select local/remote setpoint transfer response configuration 7 - heater current parameters (7-n2) * hcur - enter full scale rating of ct configuration 8, second linear dc analog output (8-a2) * a2tp - second linear dc analog range a2lo - second linear dc analog scaling low a2hi - second linear dc analog scaling high configuration 9, factory service operations (9-fs) code 48 - calibrate instrument code 66 - reset parameters to factory setting * these parameters may not appear due to option configuration or other programming.
m ultiple unit stacking the t48 is designed for close spacing of multiple units. units can be stacked either horizontally or vertically. for vertical stacking, install the panel latch with the screws to the sides of the unit. for horizontal stacking, the panel latch screws should be at the top and bottom of the unit. the minimum spacing from center line to center line of units is 1.96" (49.8 mm). this spacing is the same for vertical or horizontal stacking. note: when stacking units, provide adequate panel ventilation to ensure that the maximum operating temperature range is not exceeded. 1.96 (49.8) min st andard pa nel cut- out if nema 4 is no t required, this pa nel ma terial ma y be removed. panel cut-out spacing for multiple unit stacking. horizontal arrangement shown. accessory - current transformer-40 a the external current transformer is used when specifying the t48s equipped with the heater current monitor. current t ransformers: part number : ct004001 current ratio : 40 : 0.1 (amperes) max heater current : 50 a dielectric strength : 1000 vac (for 1 minute) vibration resistance : 50 hz (approx 10 g) terminals : solder type window diameter : 0.228" (5.8 mm) weight : 0.406 oz (11.5 g) 6 1.57 (40) 1.18 (30) 0.39 (10) 2x ?0.14 0.59 0.029 (0.5) 0.83 0.41 (10.5) 0.12 (3) 0.98 (25) 0.29 (7.5) 0.11 (2.8) ?0.23 (5.8) (15) (21) (3.5) ct004001 ratio 40:0.1a red lion controls m2015 a accessory - current transformer-50 a the external current transformer is used when specifying the t48s equipped with the heater current monitor. part number : ct005001 current ratio : 50 : 0.1 (amperes) operation frequency : 50 to 400 hz insulation class : 0.6 kv bil, 10 kv full wave. terminals : brass studs no. 8-32 unc with flat washer and hex nuts. window diameter : 1.13" (28.7 mm) weight : 8 oz (226.0 g) 1 2 3 4 5 6 7 8 9 10 13 14 12 11 2.39 (60.7) max. 1.96 (49.8) max. pa nel la tch inst alled for ver tical unit st acking horizont al unit st acking pa nel la tch inst alled for max. 2.39 (60.7) max. 1.96 (49.8) 1 2 3 4 5 6 7 8 9 10 13 14 12 11 panel latch installed for horizontal unit stacking accessory - external ssr power unit the external ssr power unit is used with t48s equipped with logic/ssr drive outputs to switch loads up to 240 vac @ 45 amps, 25c ambient. the unit is operated by applying a low level dc control signal to the isolated input. the unit features zero cross detection circuits which reduces radiated rfi when switching load currents. with no contacts to wear out, the ssr power unit provides virtually limitless operational life. the unit is supplied with an integral heat sink for immediate installation. external ssr power unit: part number : rly50000 switched voltage range : 50 to 280 vac load current : 45 amps max. @ 25c ambient temperature 35 amps max. @ 50c ambient temperature on state input : 3 to 32 vdc @ 1500 ? impedance. (isolated) (use logic/ssr drive output.) off state input : 0.0 to 1.0 vdc size : 5.5" (14 cm) l x 4.75" (12 cm) w x 2.62" (6.6 cm) h 2.62 (66.5) 4.75 (121 ) 4.56 (116 ) centers for #8 screws 4.50 5.50 (114) (140) 0.20 (typ.) (5.1) (5.5) 0.22 (typ.) (28.7) 1.13 (61.0) 2.40 h1 (31.8) 2.68 1.25 (67.8) (27.9) 1.75 (44.5) 1.10 1.60 (40.6) 2x #8-32unc terminal x1 .44 (11.2) (7.9) (6.9) 4x .27 4x .31 (24.4) .96 (50.8) 2.00
multiple unit/remote setpoint application eight t48 controllers are used in a drying oven. each t48 controls a zone within the oven. depending upon the material to be dried, and its initial moisture content, the drying setpoint temperature varies. a master t48 controller transmits setpoint via linear dc output. this signal is received as a remote setpoint signal by the other slave controllers. whenever the master controllers setpoint is changed, the slave controllers setpoint changes automatically. the remote setpoint input at each slave controller can be scaled independently. 7 oem paint sprayer application an oem manufacturing spray painting equipment utilizes the t48 to maintain optimum paint temperature. in addition to the low cost, the 1/16 din package size permits the oem to design temperature control into various sized painting equipment, from small hand sprayers to large paint booths. the heating element used to heat the paint, is connected to the main control output (op1) programmed for on/off control. alarm 1 is programmed as band inside acting, so that as long as the paint temperature is within manufacturers specifications for temperature, the go light is on. alarm 2 is programmed as band outside acting so that the no go light is lit when the paint temperature is more than 12 outside the manufacturers specifications of 140 to 150f. 11 12 14 13 10 9 8 7 6 5 4 3 2 1 user input comm. tc + rtd al2/o2 comm. al1 o1 n.o. (+) comm. (-) ac power 85-250 vac ac power power ac no go go 13 14 12 11 10 9 8 7 6 5 4 3 2 1 out (-) out (+) 02/a2 (+) comm (-) 01/a1 (+) user input comm tc (+) rtd in (+)i n (-) slave controller #1 tc (+) comm (-) 49 01/a1 (+) 5 master controller 11 12 10 rtd in (+) 02/a2 (+) out (+) out (-) 3 2 1 user input 13 14 in (-) 8 7 comm 6 to heater zone #2 zone #1 heater to 2nd inpu t analog output ac power 85 - 250 vac ac power 85 - 250 vac remote setpoin t signal to othe r heater zones plastics extruder application several t48 controllers are employed to control the temperature of a plastics extruder. each t48 controls a heating element and a cooling water solenoid to maintain each extruder zone at the desired temperature. the heater current monitor option is used to provide a readout of the heater current. the multi-function user input can be programmed to allow selection of manual operation when connected to common. this allows the user to hold the control output of the controller during abnormal process conditions. 11 12 14 13 10 9 8 7 6 5 4 3 2 1 ac power 85-250 va c user input comm. tc + a2/o2 n.o. comm. a1 n.o. o1 n.o. (+) comm. (-) ssr power unit 240v hea ter suppl y cooling suppl y extruder cooling wa ter rt d output hold 2nd input option in (+) in (-) 120v ct hea ter alarm application (terminal assignments are model number dependent.) (terminal assignments are model number dependent.) (terminal assignments are model number dependent.)
models with rs485 or linear dc analog output ordering information options and output boards are factory configured per the part number specified. part numbers without replacement output boards listed must be returned to the factory for output board replacement. models without rs485 and linear dc analog output na rbd48211 rbd48211 rbd48211 rbd48211 rbd48200 rbd48111 rbd48111 rbd48111 rbd48111 rbd48100 replacement output board logic/ssr t4832200 t4832210 logic/ssr triac relay t4821104 T4821114 yes relay logic/ssr relay t4821103 t4821113 yes relay logic/ssr relay t4821100 t4821110 relay logic/ssr relay t4821000 na logic/ssr t4820000 t4820010 logic/ssr relay t4811104 t4811114 yes relay relay relay t4811103 t4811113 yes relay relay relay t4811100 t4811110 relay relay relay t4811000 na relay t4810000 t4810010 relay part numbers 85 to 250 vac 18-36 vdc/24 vac dedicated alarm 1 a1 output * - this output is programmable as either control ( pid ) or as an alarm. @ - these part numbers are equipped with a second setpoint. t4821102 t4821112 t4820209 t4820219 t4820208 t4820218 t4820206 t4820216 t4820205 t4820215 t4820201 t4820211 t4811102 t4811112 t4810109 t4810119 t4810108 t4810118 t4810107 t4810117 t4810106 t4810116 t481010a t481011a t4810105 t4810115 t4810101 t4810111 t4810002 na part numbers 85 to 250 vac 18-36 vdc/24 vac relay yes relay logic/ssr logic/ssr yes yes logic/ssr logic/ssr yes yes logic/ssr logic/ssr yes logic/ssr yes logic/ssr yes logic/ssr yes logic/ssr yes logic/ssr relay yes 2 relay relay relay yes yes relay relay yes yes relay relay yes relay yes relay yes relay yes relay yes yes relay relay yes relay yes relay yes relay yes 1 relay second analog output** @ heater current input @ dedicated main control o1 output dedicated alarm 1 a1 output rs485 @ * - this output is programmable as either control (pid) or as an alarm. ** - this output is jumper and program selectable for either a current or voltage linear dc output. @ - these part numbers are equipped with a second setpoint. 1 - replacement output board rbd48100 may be used. 2 - replacement output board rbd48111 may be used. description part numbers rly three phase din rail mount ssr single phase 40 a din rail mount ssr single phase 25 a din rail mount ssr external ssr power unit (for logic/ssr output models) rly70000 rly6a000 rly60000 rly50000 ct 40 ampere current transformer (for heater current input models) ct004001 50 ampere current transformer (for heater current input models) ct005001 icm5 icm4 sfcrm icm40030 sfcrm three way isolated rs232/rs485 serial converter rs232/rs485 serial converter module accessories remote setpoint input @ dedicated main control 01 output remote setpoint input @ heater current input @ (alarm 2) a2 or 02 (cool)* (alarm 2) a2 or o2 (cool) * main control o1 or a1 (alarm 1) * main analog output** @ option boards are installed at the factory for the appropriate models. these boards are only needed for field replacement. crimson 2 pc configuration software for windows 98, me, 2000 and xp (for rs485 models) icm50000 * crimson software is available for download from http://www.redlion.net model no. red lion controls headquarters 20 willow springs circle york pa 17406 tel +1 (717) 767-6511 fax +1 (717) 764-0839 red lion controls china unit 302, xinan plaza building 13, no.99 tianzhou road shanghai, p.r. china 200223 tel +86 21 6113 3688 fax +86 21 6113 3683 red lion controls europe softwareweg 9 nl - 3821 bn amersfoort tel +31 (0) 334 723 225 fax +31 (0) 334 893 793 red lion controls india 201-b, 2nd floor, park centra opp 32 mile stone, sector-30 gurgaon-122002 haryana, india tel +91 984 487 0503


▲Up To Search▲   

 
Price & Availability of T4821114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X