Part Number Hot Search : 
BDY90S FR304 MLL983B S2065K BA5954FM PD223 TR1000 0200A
Product Description
Full Text Search
 

To Download SL2S1502FUD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the iso 18000-3 mode 3/epc class-1 hf stan dard allows the commercialized provision of mass adoption of hf rfid technology for passive smart tags and labels. main fields of applications are supply chain management and logistics for worldwide use. the icode ilt is a dedicated chip for passive, intelligent tags and labels supporting the iso 18000-3 mode 3 rfid standard. it is espe cially suited for applications where reliable identification and high anti- collision rates are required. the icode ilt is a product out of the nxp semiconductors icode product family. the entire icode product family offers anti-collis ion functionality. this allows a reader to simultaneously operate multiple labels/tags within its antenna field. a icode ilt based label/tag requires no external power supply. its contactless interface generates the power supply via the antenna circuit by inductive energy transmission from t he interrogator (reade r), while the system clock is extracted from the magnetic field. data transmitted from interrogator to label/tag is demodulated by the interface, and it also modulates the inte rrogator's magnetic field for data transmission from label/tag to interrogator. a label/tag can be operated without the need for line of sight or battery, as long as it is connected to a dedicated antenna for the targeted frequency range. when the label/tag is within the inte rrogator's operating range, the high-speed wireless interface allows data tr ansmission in both directions. 2. features and benefits 2.1 key features ? up to 240-bit of epc memory ? 96-bit tag identifier (tid) including 48-bit unique serial number ? eas (electronic article surv eillance) functionality ? recommissioning feature (priva cy) with 32-bit kill password ? 32-bit access password to allow a transition into the secured state ? long read/write ranges due to extremely low-power design ? reliable operation of multiple tags due to advanced anti-collision (up to 800 tags/s) ? fast initialization (write epc) ? forward link: 25 kbit/s to 100 kbit/s ? return link: 53 kb it/s to 848 kbit/s sl2s1402; sl2s1502; sl2s1602 icode ilt rev. 3.2 ? 8 october 2013 234332 product data sheet company public
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 2 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 2.2 key benefits ? high sensitivity provides long read range ? highly advanced anti-co llision resulting in highest identification speed ? reliable and robust rfid technology suit able noisy environments and dense label populations 2.3 custom features ? eas enables the hf rfid tag to be used as eas tag without the need for a backend data base. 3. applications ? healthcare and pharmaceutical supply chain ? medical lab automation ? document tracking ? casino chips ? laundry automation 4. ordering information table 1. ordering information type number package name description version sl2s1402fud wafer sawn, bumped wafer, 120 ? m, on film frame carrier, c i between la and lb = 0 pf (typical) - SL2S1502FUD wafer sawn, bumped wafer, 120 ? m, on film frame carrier, c i between la and lb = 23.5 pf (typical) - sl2s1602fud wafer sawn, bumped wafer, 120 ? m, on film frame carrier, c i between la and lb = 97 pf (typical) - sl2s1502ftb xson3 plastic extremely thin small outline package; no leads; 3 terminals; body 1 x 1.45 x 0.5 mm; c i between la and lb = 23.5 pf (typical) sot1122
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 3 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 5. block diagram the sl2s1402; sl2s1502; sl2s1602 ic consists of three major blocks: - analog rf interface - digital controller - eeprom the analog part provides stable supply voltage and demodulates data received from the reader for being processed by the digital pa rt. further, the modulation transistor of the analog part transmits data back to the reader. the digital section includes the state mach ines, processes the protocol and handles communication with the eeprom, which contains the epc and the user data. fig 1. block diagram 001aai335 mod demod vreg vdd vdd data in data out r/w analog rf interface pa d pa d rect digital control antenna anticollision read/write control access control eeprom interface control rf interface control i/o control eeprom memory sequencer charge pump pa d out pa d
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 4 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 6. pinning information fig 2. pin configuration for sot1122 table 2. pin description sot1122 pin symbol description 1 lb antenna rf input 2 la antenna rf input 3 n.c. not connected aaa-009401 la lb n.c. transparent top view 21 3
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 5 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 7. wafer layout fig 3. wafer sl2s1402fud and SL2S1502FUD layout and pin configuration for the bare die 001aam246 not to scale gnd la lb test
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 6 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt fig 4. wafer sl2s1602fud layout and pin configuration for the bare die table 3. bond pad description symbol description la antenna rf input lb antenna rf input gnd ground test test input 001aam546 not to scale gnd la lb test
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 7 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 8. mechanical specification 8.1 wafer specification see ref. 13 ? general specification fo r 8? wafer on uv-tape with electronic fail die marking ? . table 4. wafer specification wafer designation each wafer is inscribed with batch number and wafer number diameter 200 mm (8 inches) thickness 120 ? m ? 15 ? m process cmos 0.14 ? m batch size 25 wafers dies per wafer sl2s1402fud/SL2S1502FUD 110050 sl2s1602fud 88225 wafer backside material si treatment ground and stress release roughness r a minimum = 0.5 ? m r t maximum = 5 ? m chip dimensions die size without scribe sl2s1402fud/SL2S1502FUD 520 ? m ? 484 ? m = 251680 mm 2 sl2s1602fud 520 ? m ? 607 ? m = 315640 mm 2 scribe line width x-dimension 15 ? m (scribe line width measured between nitride edges) y-dimension 15 ? m (scribe line width measured between nitride edges) number of pads 4 pad location non-diagonal/placed in chip corners distance pad to pad la to lb 400 ? m distance pad to pad lb to test sl2s1402fud/SL2S1502FUD 360 ? m sl2s1602fud 517 ? m passivation on front type sandwich structure material pe-nitride (on top) thickness 1.75 ? m total thickness of passivation au bump material >99.9 % pure au hardness 35 hv to 80 hv 0.005 shear strength >70 mpa height 18 ? m
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 8 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 8.1.1 fail die identification no inkdots are applied to the wafer. electronic wafer mapping (secs ii format) covers the electrical test results and additionally the results of mechanical/visual inspection. see ref. 13 ? general specification for 8? wafer on uv-tape with electronic fail die marking ? 8.1.2 map file distribution see ref. 13 ? general specification fo r 8? wafer on uv-tape with electronic fail die marking ? . height uniformity within a die ? 2 ? m within a wafer ? 3 ? m wafer to wafer ? 4 ? m bump flatness ? 1.5 ? m bump size la, lb 60 ? m ? 60 ? m test, gnd 60 ? m ? 60 ? m variation ? 5 ? m under bump metallization sputtered tiw table 4. wafer specification
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 9 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 9. functional description 9.1 power transfer whenever connected to a very simple and c heap type of antenna (as a result of the 13.56 mhz carrier frequency) made out of a few windings printed, winded, etched or punched coil the icode ilt ic can be operat ed without line of sight up to a distance of 1.5 m (gate width). no battery is needed. 9.2 data transfer 9.2.1 reader to tag link an interrogator transmits information to the ic ode ilt by modulating an rf signal in the 13.56 mhz frequency. the icode ilt receives both information and operating energy from this rf signal. tags are passive, meaning that they receive all of their operating energy from the interrogator's rf waveform. an interrogator is using a fixed modulation and data rate for the duration of at least an inventory round. it communicates to the icod e ilt by modulating an rf carrier using dsb-ask with pie encoding. for further details refer to section 18 , ref. 2 . interrogator-to-tag (r=>t) communications. 9.2.2 tag to reader link an interrogator receives information from the icod e ilt by transmitting a continuous-wave rf signal to the tag; the icode ilt responds by load modulation of the 13.56 mhz carrier frequency, thereby generat ing modulated sidebands used to transmit an information signal to the interrogator. the system is a re ader talks first (rtf) system, meaning that a icode ilt only responds with an information signal after being directed by the interrogator. icode ilt transmits information using ask modulation. the returned data are either coded with fm0 baseband, miller with sub carrier or manchester with sub carrier. the interrogator can select if the icode ilt shall respond with a sub carrier frequency of 424 khz or 848 khz. for further details refer to section 18 , ref. 2 . tag-to-interrogator (t=>r) communications. 9.3 air interface standards the icode ilt fully supports all parts of the iso 18000-3 mode 3 (refer to section 18 , ref. 1 ) and the "epc? radio-frequency identity protocols epc class-1 hf rfid air interface protocol for communications at 13.56 mhz, version 2.0.3" (refer to section 18 , ref. 2 ).
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 10 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 10. memory configuration this section contains all information including commands by which a reader selects, inventories, and accesses a icode ilt population an interrogator manages icode ilt equip ped tag populations using three basic operations. each of these operations comprises one or more commands. the operations are defined as follows: 10.1 memory for the general memory layout according to the standard section 18 , ref. 2 . the tag memory is logically subdivided into four distinct banks. in accordance to the standard section 18 , ref. 2 . the tag memory of the icode ilt is organized in following 4 memory sections: the logical address of all memory banks begin at zero (00h). table 5. tag populations operation description select: the process by which an interrogator selects a tag population for inventory and access. interrogators may use one or more select commands to select a particular tag population prior to inventory. inventory: the process by which an inte rrogator identifies icode ilt equipped tags. an interrogator begins an inventory round by transmitting a beginround command in one of two sessions. one or more tags may reply. the interrogator detects a single tag reply and requests the pc, epc, and crc-16 from the chip. an inventory round operates in one and only one session at a time. for an example of an interrogator inventorying and accessing a single tag refer to section 18 , ref. 2 . access: the process by which an interrogator transacts with (reads from or writes to) individual tags. an individual tag must be uniquely identified prior to access. access comprises multiple commands, some of which employ one-time-pad based cover-coding of the r=>t link. table 6. memory sections name size bank reserved memory (32-bit access and 32-bit kill password) 64 bit 00b epc (excluding 16 bit crc-16 and 16-bit pc) 240 bit 01b tid (including unique 48 bit serial number) 96 bit 10b
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 11 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt fig 5. tid for icode ilt aaa-003708 class identifier byte 0 ms byte ms bit ls bit tid mask-designer identifier model number xtid header snr 000 7bits 11 11 15 0 0 47 47 bits 07h 13h 1fh 5f 00h addresses 5fh 00h addresses 08h 14h 20h 2fh 30h addresses e2h (ean.ucc) tid example (icode ilt) 006h (nxp) 802h (icode ilt) 0000h 000000000000h - ffffffffffffh sub version number version number 0000b 1b 0000010b (icode ilt) 60 03 bits 0 1fh 14h 18h addresses 19h ls byte byte 11 byte 1 byte 2 byte 3 byte 4 byte 5 byte 6 table 7. model number si (status indicator bit) sub version no. version (silicon) no. icode ilt 1 0000b 0000010b
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 12 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 10.1.1 memory map [1] this is the initial memory cont ent when delivered by nxp semiconductors 10.1.1.1 supported epc types the epc types are defined in the epc tag standards document from epcglobal. these standards define completely that port ion of epc tag data that is standardized, including how that data is encoded on the epc tag itself (i.e. the epc tag encodings), as well as how it is encoded for use in the in formation systems layers of the epc systems network (i.e. the epc uri or uniform resource identifier encodings). the epc tag encodings include a header field followed by one or more value fields. the header field indicates the length of the val ues fields and contains a numbering system identifier (nsi). the value fields contain a unique epc identifier and optional filter value when the latter is judged to be important to encode on the tag itself. table 8. memory map bank address memory address type content initial [1] remark bank 00 00h ? 1fh reserved kill password: refer to section 18 , ref. 2 all 00h unlocked memory 20h ? 3fh reserved access password: refer to section 18 , ref. 2 all 00h unlocked memory bank 01 00h ? 0fh epc crc-16: refer to section 18 , ref. 2 memory mapped calculated crc 10h ? 14h epc backscatter length: refer to section 18 , ref. 2 00110b unlocked memory 15h epc umi refer to section 18 , ref. 2 0b unlocked memory 16h epc xi: refer to section 18 , ref. 2 0b calculated 17h ?1fh epc numbering system indicator: refer to section 18 , ref. 2 00h unlocked memory 20h - 10fh epc epc: refer to section 18 , ref. 2 unlocked memory 110h - 1ffh epc rfu 0000h factory locked memory 200h - 20fh epc configword 0000h unlocked memory 210h - 21fh epc xpc_w1 0000h factory locked memory bank 10 00h ? 07h tid allocation class identifier: refer to section 18 , ref. 2 1110 0010b factory locked memory 08h ? 13h tid tag mask designer identifier: refer to section 18 , ref. 2 0000 0000 0110b factory locked memory 14h ? 1fh tid tag model number: refer to section 18 , ref. 2 tmnr factory locked memory 20h ? 2fh tid extended tid header refer to [ section 18 , ref. 3 xtid header locked memory 30h ? 5fh tid serial number: refer to [ section 18 , ref. 2 snr locked memory
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 13 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 11. interrogator commands and tag replies for a detailed description refer to section 18 , ref. 2 . 11.1 commands an overview of interrogator to tag commands is located in section 18 , ref. 2 . note that all mandatory commands are implem ented on the icode ilt according to the standard. additionally the optional command access is supported by the icode ilt ic (for details refer to section 11.5 ? optional access command ? ). besides also custom commands are implemented on the icod e ilt ic (for details refer to section 11.7 ? custom commands ? . 11.2 mandatory se lect commands select commands select a particular icod e ilt tag population based on user-defined criteria. 11.2.1 select for a detailed description of the mandatory select command refer to section 18 , ref. 2 . 11.3 mandatory inventory commands inventory commands are used to run the collision arbitration protocol. 11.3.1 beginround for a detailed description of the mandatory beginround command refer to section 18 , ref. 2 . 11.3.2 adjustround for a detailed description of the mandatory adjustround command refer to section 18 , ref. 2 . 11.3.3 nextslot for a detailed description of the m andatory nextslot command refer to section 18 , ref. 2 . 11.3.4 ack for a detailed description of the mandatory ack command refer to section 18 , ref. 2 . 11.3.5 nak for a detailed description of the mandatory nak command refer to section 18 , ref. 2 . 11.4 mandatory access commands access commands are used to read or write data from or to the icode ilt memory. for a detailed description of the mandatory access command refer to section 18 , ref. 2 .
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 14 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 11.4.1 req_rn access commands are used to read or write data from or to the icode ilt memory. for a detailed description of the mandatory access command refer to section 18 , ref. 2 . 11.4.2 read for a detailed description of the mandatory req_rn command refer to section 18 , ref. 2 . 11.4.3 write for a detailed description of the mandatory write command refer to section 18 , ref. 2 . 11.4.4 kill (recommissioning) only mandatory asserted recom bit 3sb is supported. for a detailed descripti on of the mandatory kill command refer to section 18 , ref. 2 . 11.4.5 lock for a detailed description of the mandatory lock command refer to section 18 , ref. 2 . 11.5 optional access command 11.5.1 access for a detailed description of the optional access command refer to section 18 , ref. 2 , section 6.3.2.10. 11.5.2 blockwrite the blockwrite command supports the writing of up to two data words at once (wordcount = 00h to 02h). for a detailed description of the optional blockwrite command refer to section 18 , ref. 2 . 11.6 optional features 11.6.1 umi the umi (user memory indicator bit 15h) of th e protocol-control (pc) word is supported using method 2 (written by the reader). for a detailed description of the optional umi bit refer to section 18 , ref. 2 . 11.7 custom commands 11.7.1 changeconfigword the configword is located in the epc memory bank at the memory address 200h - 20fh. dedicated bits in this word control the custom-spe cific feature eas. memo ry is accessible with select and read sequence. the changeconfigword command allows to read the dedicated bits in open and secured state. changing these dedicated bits is only possible if the access password is not equal zero and the ic is in the secured state.
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 15 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt after completing a successful changeconfig word command the icode ilt backscatters the reply within 20 ms shown below comprising a header (a 0-bit), the configword, the handle, and a crc-16 calculated over the 0-bit, configword and handle. if the toggle bits are transmitted with a value of 00h the icode ilt responds with a successful change configword reply (i.e. the configword) which allows to read the actual configword content. if the icode ilt encounters an error duri ng execution of changeconfigword it backscatters an er ror code (see section 18 , ref. 2 for error-code definitions and for the reply format). table 9. configword bank address memory address type initial remark bank 01 (epc) 200h - 20eh rfu 0b 20fh eas alarm bit 0b table 10. configword details msb lsb 200 hex 201 hex 202 hex 203 hex 204 hex 205 hex 206 hex 207 hex 208 hex 209 hex 20a hex 20b hex 20c hex 20d hex 20e hex 20f hex rfu rfu rfu rfu rfu rfu rfu rfu rfu rfu rfu rfu rfu rfu rfu eas alarm bit table 11. command coding command rfu data rn crc-16 no. of bits 16 8 16 16 16 description 11100000 00000111 0000 0000 toggle eas bit optionally xor rn16 handle table 12. changeconfigword command response header status bits rn crc-16 no. of bits 1 16 16 16 description 0 configword handle table 13. command response table starting state condition response next state ready all - ready arbitrate, reply, acknowledged all - arbitrate open valid handle, configword needs to change backscatter unchanged configword immediately open valid handle, configword does not need to change backscatter configword immediately open
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 16 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 11.8 custom features 11.8.1 eas the icode ilt offers an eas feature which can be enabled or disabled with the changeconfigword command by toggling the eas alarm bit. only tags with the eas alarm bit set to 1 will respond to the followi ng command sequence (inventory round) with their epc: 1. select command to the eas alarm bit with the parameters membank: 01h (epc) action: 010b (deassert sl if not matching) pointer: 20fh mask length: 01h mask: 1b 2. beginround 3. ack 11.8.2 fastinitialwrite if the memory content where data shall be written is completely 00h the write command will be executed within shorter ti me. the fastinitialw rite is internally executed for all commands where the memory content is changed (e.g. write, lock, blockwrite, blockpermalock,...). 12. limiting values [1] stresses above those listed under absolute maximum ratings ma y cause permanent damage to the device. this is a stress rating only and functional operation of the device at th ese or any conditions other than those des cribed in the operating conditions and el ectrical characteristics sections of this specification is not implied. secured valid handle, configword needs to change backscatter modified configword, when done secured valid handle, configword does not need to change backscatter configword immediately secured invalid handle - secured killed all - killed table 13. command response table starting state condition response next state table 14. limiting values (wafer) [1] [2] in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit t stg storage temperature ? 55 +125 ?c p tot total power dissipation - 125 mw t j junction temperature ? 40 +85 ?c i i(max) maximum input current la to lb; peak [3] - ? 60 ma i i input current la to lb; rms - 30 ma v esd electrostatic discharge voltage human body model [4] - ? 2kv
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 17 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt [2] this product includes circ uitry specifically designed for the protection of its internal devices from the damaging effects o f excessive static charge. nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima. [3] the voltage between la and lb is limited by the on-chip voltage limitation circuitry (corresponding to parameter i i ). [4] for esd measurement, the ic was mounted in a cdip8 package. 13. characteristics 13.1 memory characteristics 13.2 interface characteristics [1] bandwidth limitation ( ? 7 khz) according to ism band regulations. [2] including losses in the resonant capacitor and rectifier. [3] measured with an hp4285a lcr meter at 13.56 mhz and 2 v rms. 14. marking 14.1 marking sot1122 table 15. eeprom characteristics symbol parameter conditions min typ max unit t ret retention time t amb ?? 55 ? c50- - year n endu(w) write endurance 100000 - - cycle table 16. interface characteristics typical ratings are not guaranteed. the values listed are at room temperature. symbol parameter conditions min typ max unit f i input frequency [1] 13.553 13.56 13.567 mhz v i(rms)min minimum rms input voltage operating read/write 1.5 - 1.7 v p i(min) minimum input power operating [2] -40- ? w c i input capacitance between la and lb [3] sl2s1402fud - - - pf SL2S1502FUD 22.3 23.5 24.7 pf sl2s1602fud 92 97 102 pf table 17. marking sot1122 type number marking code sl2s1502ftb s0
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 18 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 15. package outline fig 6. package outline sot1122 references outline version european projection issue date iec jedec jeita sot1122 mo-252 sot1122_po unit mm max nom min 0.50 0.04 0.55 0.425 0.30 0.25 0.22 0.35 0.30 0.27 a (1) dimensions notes 1. dimension a is including plating thickness. 2. can be visible in some manufacturing processes. sot1122 a 1 d 1.50 1.45 1.40 1.05 1.00 0.95 eee 1 0.55 0.50 0.47 0.45 0.40 0.37 bb 1 ll 1 09-10-09 xson3: plastic extremely thin small outline package; no leads; 3 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b 1 l 1 l e 1 0 1 2 mm scale 3 1 2 b 4 (2) 4 (2) a pin 1 indication type code terminal 1 index area
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 19 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 16. bare die outline (1) x-scribe line width: 15 ? m (2) y-scribe line width: 15 ? m (3) chip step, x-length: 535 ? m (4) chip step, y-length: 499 ? m (5) bump to bump distance x (la - lb): 400 ? m (6) bump to bump distance y (lb - test): 360 ? m (7) distance bump to nitride edge x: 75 ? m (8) distance bump to nitride edge y: 45 ? m bump size x ? y: 60 ? m ? 60 ? m fig 7. wafer sl2s1402fud and SL2S1502FUD bare die layout 001aam108 not to scale! (1) (7) (2) (8) (5) (6) (4) (3) y x gnd la lb test
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 20 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt (1) x-scribe line width: 15 ? m (2) y-scribe line width: 15 ? m (3) chip step, x-length: 535 ? m (4) chip step, y-length: 622 ? m (5) bump to bump distance x (la - lb): 400 ? m (6) bump to bump distance y (lb - test): 517 ? m (7) distance bump to nitride edge x: 75 ? m (8) distance bump to nitride edge y: 45 ? m bump size x ? y: 60 ? m ? 60 ? m fig 8. wafer sl2s1602fud bare die layout 001aam545 not to scale! (1) (7) (2) (8) (5) (6) (4) (3) y x gnd la lb test
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 21 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 17. abbreviations table 18. abbreviations acronym description crc cyclic redundancy check cw continuous wave eeprom electrically erasable pr ogrammable re ad only memory epc electronic product code (containing header, domain manager, object class and serial number) fm0 bi phase space modulation ic integrated circuit lsb least significant byte/bit msb most significant byte/bit nrz non-return to zero coding rf radio frequency rtf reader talks first tari type a reference interval ( iso 18000-3 mode 3/epc class-1 hf ) hf high frequency xx b value in binary notation xx hex value in hexadecimal notation
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 22 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 18. references [1] iso 18000-3m3 [2] epc? radio-frequency identity protoc ols epc class-1 hf rfid air interface protocol for communications at 13.56 mhz, version 2.0.3 [3] epcglobal: epc tag data standards 1.5 [4] ecc erc recommendation 70-03 annex 9 [5] iso/iec directives, part 2: rules for th e structure and drafting of international standards [6] iso/iec 3309: information technology ? telecommunications and information exchange between systems ? high-level data link control (hdlc) procedures ? frame structure [7] iso/iec 15961: information technology, automatic identification and data capture ? radio frequency identification (rfid) for item management ? data protocol: application interface [8] iso/iec 15962: information technology, automatic identification and data capture techniques ? radio frequency identification (rfid) for item management ? data protocol: data encoding rules and logical memory functions [9] iso/iec 15963: information technology ? radio frequency identification for item management ? unique identification for rf tags [10] iso/iec 18000-1: information technology ? radio frequency identification for item management ? part 1: reference architecture and definition of parameters to be standardized [11] iso/iec 19762: information technology aidc techniques ? harmonized vocabulary ? part 3: radio-frequency identification (rfid) [12] u.s. code of federa l regulations (cfr), title 47, chapter i, part 15: radio-frequency devices, u.s. federal communications commission [13] general specification for 8? wafer on uv-tape with electronic fail die marking ? delivery type description ? bu-id document number: 1093** 1 . 1. ** ... document version number
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 23 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 19. revision history table 19. revision history document id release date data sheet status supersedes sl2s1402_sl2s1502_sl2s1602 v. 3.2 20131008 product data sheet sl2s1402_sl2s1502_sl2s1602 v. 3.1 modifications: ? type sl2s1502ftb added ? section 14 ? marking ? and section 15 ? package outline ? : added sl2s1402_sl2s1502_sl2s1602 v. 3.1 20130923 product data sheet sl2s1402_sl2s1502_sl2s1602 v. 3.0 modifications: ? security status changed into company public sl2s1402_sl2s1502_sl2s1602 v. 3.0 20120522 product data sheet -
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 24 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 20. legal information 20.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 20.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 20.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 25 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comple te, exhaustive or legally binding. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 20.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. icode and i-code ? are trademarks of nxp b.v. 21. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
sl2s1402_sl2s1502_sl2s1602 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet company public rev. 3.2 ? 8 october 2013 234332 26 of 27 nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt 22. tables table 1. ordering information . . . . . . . . . . . . . . . . . . . . . .2 table 2. pin description sot1122 . . . . . . . . . . . . . . . . . .4 table 3. bond pad description . . . . . . . . . . . . . . . . . . . . .6 table 4. wafer specification . . . . . . . . . . . . . . . . . . . . . . .7 table 5. tag populations . . . . . . . . . . . . . . . . . . . . . . . .10 table 6. memory sections . . . . . . . . . . . . . . . . . . . . . . .10 table 7. model number. . . . . . . . . . . . . . . . . . . . . . . . . . 11 table 8. memory map. . . . . . . . . . . . . . . . . . . . . . . . . . .12 table 9. configword. . . . . . . . . . . . . . . . . . . . . . . . . . . .15 table 10. configword details . . . . . . . . . . . . . . . . . . . . . .15 table 11. command coding. . . . . . . . . . . . . . . . . . . . . . . 15 table 12. changeconfigword command response . . . . . 15 table 13. command response table . . . . . . . . . . . . . . . . 15 table 14. limiting values (wafer) [1][2] . . . . . . . . . . . . . . . 16 table 15. eeprom characteristics . . . . . . . . . . . . . . . . 17 table 16. interface characteristics . . . . . . . . . . . . . . . . . 17 table 17. marking sot1122 . . . . . . . . . . . . . . . . . . . . . . 17 table 18. abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 21 table 19. revision history . . . . . . . . . . . . . . . . . . . . . . . . 23 23. figures fig 1. block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . .3 fig 2. pin configuration for sot1122. . . . . . . . . . . . . . . .4 fig 3. wafer sl2s1402fud and SL2S1502FUD layout and pin configuration for the bare die . . . . . . . . . .5 fig 4. wafer sl2s1602fud layout and pin configuration for the bare die. . . . . . . . . . . . . . . . . . . . . . . . . . . .6 fig 5. tid for icode ilt . . . . . . . . . . . . . . . . . . . . . . . . 11 fig 6. package outline sot1122 . . . . . . . . . . . . . . . . . .18 fig 7. wafer sl2s1402fud and SL2S1502FUD bare die layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19 fig 8. wafer sl2s1602fud bare die layout . . . . . . . . .20
nxp semiconductors sl2s1402; sl2s1502; sl2s1602 icode ilt ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 8 october 2013 234332 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 24. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 2.1 key features . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2.2 key benefits . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2.3 custom features . . . . . . . . . . . . . . . . . . . . . . . . 2 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 7 wafer layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 mechanical specification . . . . . . . . . . . . . . . . . 7 8.1 wafer specification . . . . . . . . . . . . . . . . . . . . . . 7 8.1.1 fail die identification . . . . . . . . . . . . . . . . . . . . . 8 8.1.2 map file distribution. . . . . . . . . . . . . . . . . . . . . . 8 9 functional description . . . . . . . . . . . . . . . . . . . 9 9.1 power transfer . . . . . . . . . . . . . . . . . . . . . . . . . 9 9.2 data transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 9.2.1 reader to tag link . . . . . . . . . . . . . . . . . . . . . . 9 9.2.2 tag to reader link . . . . . . . . . . . . . . . . . . . . . . . 9 9.3 air interface standards . . . . . . . . . . . . . . . . . . . 9 10 memory configuration . . . . . . . . . . . . . . . . . . . 10 10.1 memory. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 10.1.1 memory map. . . . . . . . . . . . . . . . . . . . . . . . . . 12 10.1.1.1 supported epc types . . . . . . . . . . . . . . . . . . . 12 11 interrogator commands and tag replies . . . . 13 11.1 commands . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 11.2 mandatory select commands . . . . . . . . . . . . 13 11.2.1 select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 11.3 mandatory inventory commands . . . . . . . . . . 13 11.3.1 beginround . . . . . . . . . . . . . . . . . . . . . . . . . . 13 11.3.2 adjustround . . . . . . . . . . . . . . . . . . . . . . . . . . 13 11.3.3 nextslot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 11.3.4 ack . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 11.3.5 nak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 11.4 mandatory access commands. . . . . . . . . . . . 13 11.4.1 req_rn. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 11.4.2 read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 11.4.3 write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 11.4.4 kill (recommissioning) . . . . . . . . . . . . . 14 11.4.5 lock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 11.5 optional access command . . . . . . . . . . . . . . 14 11.5.1 access . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 11.5.2 blockwrite. . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 11.6 optional features . . . . . . . . . . . . . . . . . . . . . . 14 11.6.1 umi . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 11.7 custom commands . . . . . . . . . . . . . . . . . . . . 14 11.7.1 changeconfigword . . . . . . . . . . . . . . . . . . . . 14 11.8 custom features. . . . . . . . . . . . . . . . . . . . . . . 16 11.8.1 eas . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 11.8.2 fastinitialwrite . . . . . . . . . . . . . . . . . . . . . . . . 16 12 limiting values . . . . . . . . . . . . . . . . . . . . . . . . 16 13 characteristics . . . . . . . . . . . . . . . . . . . . . . . . 17 13.1 memory characteristics . . . . . . . . . . . . . . . . . 17 13.2 interface characteristics . . . . . . . . . . . . . . . . . 17 14 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 14.1 marking sot1122 . . . . . . . . . . . . . . . . . . . . . 17 15 package outline. . . . . . . . . . . . . . . . . . . . . . . . 18 16 bare die outline . . . . . . . . . . . . . . . . . . . . . . . . 19 17 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 21 18 references. . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 19 revision history . . . . . . . . . . . . . . . . . . . . . . . 23 20 legal information . . . . . . . . . . . . . . . . . . . . . . 24 20.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 24 20.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 20.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 24 20.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 25 21 contact information . . . . . . . . . . . . . . . . . . . . 25 22 tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 23 figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 24 contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27


▲Up To Search▲   

 
Price & Availability of SL2S1502FUD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X