Part Number Hot Search : 
RF300 P2950CZ LN453YP 87C51FA KBL200 LA633908 STV0056A AN942
Product Description
Full Text Search
 

To Download NCP1240AD065R2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 july, 2015 ? rev. 1 1 publication order number: ncp1240/d ncp1240 fixed frequency current mode controller for flyback converters the ncp1240 is a new fixed?frequency current?mode controller featuring the dynamic self?supply. this function greatly simplifies the design of the auxiliary supply and the v cc capacitor by activating the internal startup current source to supply the controller during start?up, transients, latch, stand?by etc. this device contains a special hv detector which detect the application unplug from the ac input line and triggers the x2 discharge current. this hv structure allows the brown?out detection as well. it features a timer?based fault detection that ensures the detection of overload and an adjustable compensation to help keep the maximum power independent of the input voltage. due to frequency foldback, the controller exhibits excellent efficiency in light load condition while still achieving very low standby power consumption. internal frequency jittering, ramp compensation, and a versatile latch input make this controller an excellent candidate for the robust power supply designs. a dedicated off mode allows to reach the extremely low no load input power consumption via ?sleeping? whole device and thus minimize the power consumption of the control circuitry. features ? fixed?frequency current?mode operation (65 khz and 100 khz frequency options) ? frequency foldback then skip mode for maximized performance in light load and standby conditions ? timer?based overload protection with latched (options a and e) or auto?recovery (options b and f) operation ? high?voltage current source with brown?out detection and dynamic self?supply, simplifying the design of the v cc circuitry ? frequency modulation for softened emi signature ? adjustable overpower protection dependant on the bulk voltage ? latch?off input combined with the overpower protection sensing input ? v cc operation up to 28 v, with overvoltage detection ? 500/800 ma source/sink drive peak current capability ? 10 ms soft?start ? internal thermal shutdown ? no?load standby power < 30 mw ? x2 capacitor in emi filter discharging feature ? these devices are pb?free and halogen free/bfr free typical applications ? ac?dc adapters for notebooks, lcd, and printers ? offline battery chargers ? consumer electronic power supplies ? auxiliary/housekeeping power supplies ? offline adapters for notebooks soic?7 case 751u marking diagram www. onsemi.com 40xfff alywx  1 8 40xfff = specific device code x = a, b, e or f fff = 065 or 100 a = assembly location l = wafer lot y = year w = work week  = pb?free package see detailed ordering and shipping information on page 44 o f this data sheet. ordering information 18 5 3 4 (top view) latch cs hv pin connections 6 2 fb gnd drv v cc
ncp1240 www. onsemi.com 2 typical application example figure 1. flyback converter application using the ncp1240 gnd gnd gnd gnd ncp1240 gnd gnd pc817 gnd gnd gnd gnd ncp431 gnd gnd gnd l2 l1 q1 d2 d1 cout rsense rclamp cclamp rload cbulk d7 d6 d5 d4 latch 1 fb 2 cs 3 gnd 4 drv 5 vcc 6 hv 8 ic1 tr 2 1 4 3 6 5 d3 c1 ropp d8 ntc ok1 1 2 3 4 c2 r1 r2 r4 r3 ic2 c3 d9 d10 rhv cx1 cx2 12 34 12 34 c4 + + w1 w2 w3 ac input dc output options part option frequency ocp fault ncp1240 a 65 khz latched a 100 khz latched b 65 khz autorecovery b 100 khz autorecovery e 65 khz latched f 65 khz autorecovery pin function description pin no pin name function pin description 1 latch latch?off input pull the pin up or down to latch?off the controller. an internal current source allows the direct connection of an ntc for over temperature detection. 2 fb feedback + shutdown pin an optocoupler collector to ground controls the output regulation. the part goes to the low consumption off mode if the fb input pin is pulled to gnd. 3 cs current sense this input senses the primary current for current?mode operation, and offers an overpower compensation adjustment. 4 gnd ? the controller ground 5 drv drive output drives external mosfet 6 vcc vcc input this supply pin accepts up to 28 vdc, with overvoltage detection. the pin is connected to an external auxiliary voltage. it is not allowed to connect another circuit to this pin to keep low input power consumption. 8 hv high?voltage pin connects to the rectified ac line to perform the functions of start?up current source, self?supply, brown?out detection and x2 capacitor discharge function and the hv sensing for the overpower protection purposes. it is not allowed to connect this pin to dc voltage.
ncp1240 www. onsemi.com 3 simplified internal block schematic figure 2. simplified internal block schematic freq folback jittering vskip skip_cmp skipb vramp_offset 1.4v 4umho ramp_ota csref division ratio 4 internal resitance 40k soft start timer reset q set qb clamp fb cs drv gnd vcc rfb1 rfb2 rfb3 faultb latchb pwm_cmp vfb(reg) max_ton brown_outb pwm v to i iopc = 0.5u*(vhv?125) vfb(opc) von off_mode_cmp1 icstart fbbuffer vhv dc sample 2.2v vcc uvlo_cmp vccoff 9.3v latch vccovp otp votp 0.4v vovp 2.5v otp_cmp ovp_cmp vclamp 1.2v rclamp 1k hv brown_out vccovp_cmp vccovp 26v intc vdd intc ss_end set q reset qb latch brown_out reset ovp ac_off uvlo vcc 5ua vcc_int ic stopb vhv dc sample sg & x2 & vcc vdd reg vdd vcc regulator poweronreset_cmp vcc(reg) vccreset 10.8v 5v control 8 ma current source icstartb tsd reset on_cmp stop_cmp vccon vccmin 12v 8.4v vccon vccmin gotooffmode timer 500ms set q reset qb 0.8v voff off_mode_cmp2 fm input osc 65khz pfm input square output saw output ton_max output 3.0v vdd 1ua fault timer tsd latch management fault ilimit_cmp vilim 0.7v leb 120ns csstop_cmp vcsstop 1.05v tsd latch reset ilimit max_ton autorecovery timer brown_out reset q set qb ic stop transient timer up/down fault itran_cmp vcs(tran) 0.5v itran 4 events timer reset q set qb 50 us filter 350 us filter 10 us filter dual hv start?up softstart_cmp enable ss_end
ncp1240 www. onsemi.com 4 maximum ratings rating symbol value unit drv (pin 5) maximum voltage on drv pin (dc?current self?limited if operated within the allowed range) (note 1) ?0.3 to 20 1000 (peak) v ma v cc (pin 6) v cc power supply voltage, v cc pin, continuous voltage power supply voltage, v cc pin, continuous voltage (note 1) ?0.3 to 28 30 (peak) v ma hv (pin 8) maximum voltage on hv pin (dc?current self?limited if operated within the allowed range) ?0.3 to 500 20 v ma v max maximum voltage on low power pins (except pin 5, pin 6 and pin 8) (dc?current self?limited if operated within the allowed range) (note 1) ?0.3 to 10 10 (peak) v ma r  j?a thermal resistance soic?7 junction-to-air, low conductivity pcb (note 2) junction-to-air, medium conductivity pcb (note 3) junction-to-air, high conductivity pcb (note 4) 162 147 115 c/w r  j?c thermal resistance junction?to?case 73 c/w t jmax operating junction temperature ?40 to +150 c t strgmax storage temperature range ?60 to +150 c esd capability, hbm model (all pins except hv) per jedec standard jesd22, method a114e > 2000 v esd capability, machine model per jedec standard jesd22, method a115a > 200 v stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. this device contains latch-up protection and exceeds 100 ma per jedec standard jesd78. 2. as mounted on a 80 x 100 x 1.5 mm fr4 substrate with a single layer of 50 mm 2 of 2 oz copper traces and heat spreading area. as specified for a jedec 51-1 conductivity test pcb. test conditions were under natural convection or zero air flow. 3. as mounted on a 80 x 100 x 1.5 mm fr4 substrate with a single layer of 100 mm 2 of 2 oz copper traces and heat spreading area. as specified for a jedec 51-2 conductivity test pcb. test conditions were under natural convection or zero air flow. 4. as mounted on a 80 x 100 x 1.5 mm fr4 substrate with a single layer of 650 mm 2 of 2 oz copper traces and heat spreading area. as specified for a jedec 51-3 conductivity test pcb. test conditions were under natural convection or zero air flow. electrical characteristics (for typical values t j = 25 c, for min/max values t j = ?40 c to +125 c, v hv = 125 v, v cc = 11 v unless otherwise noted) characteristics test condition symbol min typ max unit high voltage current source minimum voltage for current source operation v hv(min) ? 30 40 v current flowing out of v cc pin (x2 discharge current value is equal to i start2 ) v cc = 0 v v cc = v cc(on) ? 0.5 v i start1 i start2 0.2 5 0.5 8 0.8 11 ma off?state leakage current v hv = 500 v, v cc = 15 v i start(off) 10 25 50  a off?mode hv supply current v hv = 141 v, v hv = 325 v, v cc loaded by 4.7  f cap i hv(off) ? ? 45 50 60 70  a supply hv current source regulation threshold v cc(reg) 8 11 ? v turn?on threshold level, v cc going up hv current source stop threshold v cc(on) 11.0 12.0 13.0 v hv current source restart threshold v cc(min) 7.8 8.4 9.0 v turn?off threshold (note 5) v cc(off) 8.8 9.3 9.8 v overvoltage threshold v cc(ovp) 25 26.5 28 v 5. v cc(off) < v cc(min) with the minimum gap 0.5 v. 6. internal supply current only, currents sourced via fb pin is not included (current is flowing in gnd pin only). 7. guaranteed by design. 8. cs pin source current is a sum of i bias and i opc , thus at v hv = 125 v is observed the i bias only, because i opc is switched off.
ncp1240 www. onsemi.com 5 electrical characteristics (for typical values t j = 25 c, for min/max values t j = ?40 c to +125 c, v hv = 125 v, v cc = 11 v unless otherwise noted) characteristics unit max typ min symbol test condition supply blanking duration on v cc(off) and v cc(ovp) detection t vcc(blank) ? 10 ?  s v cc decreasing level at which the internal logic resets v cc(reset) 4.8 7.0 7.7 v v cc level for i start1 to i start2 transition v cc(inhibit) 0.2 0.8 1.25 v internal current consumption (note 6) drv open, v fb = 3 v, 65 khz drv open, v fb = 3 v, 100 khz cdrv = 1 nf, v fb = 3 v, 65 khz cdrv = 1 nf, v fb = 3 v, 100 khz off mode (skip or before start?up) fault mode (fault or latch) i cc 1 i cc 1 i cc 2 i cc 2 i cc3 i cc4 1.3 1.3 1.8 2.0 0.5 0.35 1.85 1.85 2.6 2.9 0.65 0.5 2.2 2.2 3.0 3.2 0.8 0.7 ma brown?out brown?out thresholds v hv going up v hv going down v hv(start) v hv(stop) 102 94 111 103 120 112 v timer duration for line cycle drop?out t hv 35 50 75 ms x2 discharge comparator hysteresis observed at hv pin v hv(hyst) 1.5 3.5 5 v hv signal sampling period t sample ? 1.0 ? ms timer duration for no line detection t det 43 64 86 ms discharge timer duration t dis 43 64 86 ms oscillator oscillator frequency f osc 58 87 65 100 72 109 khz maximum on time for t j = 25 c to +125 c only f osc = 65 khz f osc = 100 khz t onmax(65khz) t onmax(100khz) 11.5 7.5 12.3 8.0 13.1 8.5  s maximum on time f osc = 65 khz f osc = 100 khz t onmax(65khz) t onmax(100khz) 11.3 7.4 12.3 8.0 13.1 8.5  s maximum duty cycle (corresponding to maximum on time at maximum switching frequency) f osc = 65 khz f osc = 100 khz d max ? 80 ? % frequency jittering amplitude, in percentage of f osc a jitter 3 5.5 8 % frequency jittering modulation frequency f jitter 85 125 165 hz frequency foldback feedback voltage threshold below which frequency foldback starts t j = 25 c v fb(folds) 2.35 2.5 2.6 v feedback voltage threshold below which frequency foldback is complete t j = 25 c v fb(folde) 1.4 1.5 1.6 v minimum switching frequency (ncp1240a/b) (ncp1240e/f) v fb = v skip(in) + 0.1 f osc(min) 23 21 27 27 32 32 khz 5. v cc(off) < v cc(min) with the minimum gap 0.5 v. 6. internal supply current only, currents sourced via fb pin is not included (current is flowing in gnd pin only). 7. guaranteed by design. 8. cs pin source current is a sum of i bias and i opc , thus at v hv = 125 v is observed the i bias only, because i opc is switched off.
ncp1240 www. onsemi.com 6 electrical characteristics (for typical values t j = 25 c, for min/max values t j = ?40 c to +125 c, v hv = 125 v, v cc = 11 v unless otherwise noted) characteristics unit max typ min symbol test condition output driver rise time, 10% to 90% of v cc v cc = v cc(min) + 0.2 v, c drv = 1 nf t rise ? 40 70 ns fall time, 90% to 10% of v cc v cc = v cc(min) + 0.2 v, c drv = 1 nf t fall ? 40 70 ns current capability v cc = v cc(min) + 0.2 v, c drv = 1 nf drv high, v drv = 0 v drv low, v drv = v cc i drv(source) i drv(sink) ? ? 500 800 ? ? ma clamping voltage (maximum gate voltage) v cc = v ccmax ? 0.2 v, drv high, r drv = 33 k  , c load = 220 pf v drv(clamp) 11 13.5 16 v high?state voltage drop v cc = v cc(min) + 0.2 v, r drv = 33 k  , drv high v drv(drop) ? ? 1 v current sense input pull?up current v cs = 0.7 v i bias ? 1 ?  a maximum internal current setpoint v fb > 3.5 v v ilim 0.66 0.70 0.74 v propagation delay from v ilimit detection to drv off v cs = v ilim t delay ? 80 110 ns leading edge blanking duration for v ilim t leb 200 250 340 ns threshold for fast fault protection activation v cs(stop) 0.95 1.05 1.15 v leading edge blanking duration for v cs(stop) (note 7) t bcs 90 120 150 ns soft?start duration from 1 st pulse to v cs = v ilim t sstart 8 11 14 ms internal slope compensation slope of the compensation ramp s comp(65khz) s comp(100khz) ? ? ?32.5 ?50 ? ? mv /  s feedback internal pull?up resistor t j = 25 c r fb(up) 30 40 50 k  v fb to internal current setpoint division ratio k fb ? 4 ? ? internal pull?up voltage on the fb pin (note 7) v fb(ref) 4.5 5 5.5 v feedback voltage below which the peak current is frozen t j = 25 c v fb(off) ? 0.8 ? v skip cycle mode feedback voltage thresholds for skip mode v fb going down, t j = 25 c v fb going up, t j = 25 c v skip(in) v skip(out) 1.1 1.2 1.2 1.3 1.3 1.4 v remote control on fb pin the voltage above which the part enters the on mode v cc > v cc(off) , v hv = 60 v v on ? 2.2 ? v the voltage below which the part enters the off mode v cc > v cc(off) v off 0.5 0.6 0.7 v minimum hysteresis between the v on and v off v cc > v cc(off) , v hv = 60 v v hyst 500 ? ? mv pull?up current in off mode v cc > v cc(off) i off ? 5 ?  a 5. v cc(off) < v cc(min) with the minimum gap 0.5 v. 6. internal supply current only, currents sourced via fb pin is not included (current is flowing in gnd pin only). 7. guaranteed by design. 8. cs pin source current is a sum of i bias and i opc , thus at v hv = 125 v is observed the i bias only, because i opc is switched off.
ncp1240 www. onsemi.com 7 electrical characteristics (for typical values t j = 25 c, for min/max values t j = ?40 c to +125 c, v hv = 125 v, v cc = 11 v unless otherwise noted) characteristics unit max typ min symbol test condition remote control on fb pin go to off mode timer v cc > v cc(off) t gtom 400 500 600 ms overload protection fault timer duration (ncp1240a/b) (ncp1240e/f) t fault 44 9.1 64 14 84 23.2 ms autorecovery mode latch?off time duration t autorec 0.85 1.00 1.35 s cs threshold for transient peak timer activation v cs(tran) 0.46 0.49 0.52 v transient peak power timer duration (ncp1240a/b) (ncp1240e/f) v cs(peak) = v cs(tran) + 0.1 v from 1 st time v cs > v cs(tran) to drv stop t tran 4.1 44 6.1 64 8.1 84 s ms overpower protection v hv to i opc conversion ratio k opc ? 0.54 ?  a / v current flowing out of cs pin (note 8) v hv = 125 v v hv = 162 v v hv = 325 v v hv = 365 v i opc(125) i opc(162) i opc(325) i opc(365) ? ? ? 105 0 20 110 130 ? ? ? 150  a fb voltage above which i opc is applied v hv = 365 v v fb(opcf) ? 2.6 ? v fb voltage below which is no i opc applied v hv = 365 v v fb(opce) ? 2.1 ? v latch?off input high threshold v latch going up v ovp 2.35 2.5 2.65 v low threshold v latch going down v otp ? 0.4 ? v otp resistance threshold (t j = 25 c ) (t j = 80 c ) (t j = 110 c ) external ntc resistance is going down r otp 6.6 ? ? 7.7 8.5 9.5 8.6 ? ? k  current source for direct ntc connection during sormal operation during soft?start v latch = 0 v i ntc i ntc(sstart) 20 60 50 100 70 140  a blanking duration on high latch detection 65 khz version 100 khz version t latch(ovp) 35 20 50 35 70 55  s blanking duration on low latch detection t latch(otp) ? 350 ?  s clamping voltage i latch = 0 ma i latch = 1 ma v clamp0(latch) v clamp1(latch) 1.0 1.8 1.2 2.4 1.4 3.0 v temperature shutdown temperature shutdown t j going up t tsd ? 150 ? c temperature shutdown hysteresis t j going down t tsd(hys) ? 30 ? c 5. v cc(off) < v cc(min) with the minimum gap 0.5 v. 6. internal supply current only, currents sourced via fb pin is not included (current is flowing in gnd pin only). 7. guaranteed by design. 8. cs pin source current is a sum of i bias and i opc , thus at v hv = 125 v is observed the i bias only, because i opc is switched off. product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions.
ncp1240 www. onsemi.com 8 typical characteristic ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 3. minimum current source operation v hv(min) v hv(min) (v) 20 22 24 26 28 30 32 ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 4. off?state leakage current i start(off) i start(off) (  a) 20 25 30 35 40 45 50 temperature ( c) figure 5. off?mode hv supply current i hv(off) i hv(off) (  a) ?50 ?25 0 25 50 75 100 125 i hv(off) @ v hv = 325 v 8.1 8.2 8.3 8.4 8.5 8.6 8.7 8.8 temperature ( c) figure 6. high voltage startup current flowing out of v cc pin i start2 ?50 ?25 0 25 50 75 100 125 i start2 (ma) 120 temperature ( c) figure 7. brown?out device start threshold v hv(start) v hv(start) (v) ?50 ?25 0 25 50 75 100 125 120 temperature ( c) figure 8. brown?out device stop threshold v hv(stop) ?50 ?25 0 25 50 75 100 125 v hv(stop) (v) 16 18 20 22 24 26 28 30 115 110 105 100 95 115 110 105 100 95
ncp1240 www. onsemi.com 9 typical characteristic 0.65 0.66 0.67 0.68 0.69 0.70 0.71 0.72 0.73 0.74 0.75 temperature ( c) figure 9. maximum internal current setpoint v ilim v ilim (v) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 10. threshold for transient peak power timer activation v cs(tran) v cs(tran) (v) ?50 ?25 0 25 50 75 100 125 0.95 0.97 0.99 1.01 1.03 1.05 1.07 1.09 1.11 1.13 1.15 temperature ( c) figure 11. threshold for immediate fault protection activation v cs(stop) v cs(stop) (v) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 12. propagation delay t delay t delay (ns) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 13. leading edge blanking duaration t leb t leb (ns) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 14. maximum overpower compensating current i opc(365) flowing out of cs pin i opc(365) (  a) ?50 ?25 0 25 50 75 100 125 0.46 0.47 0.48 0.49 0.50 0.51 0.52 30 40 50 60 70 80 90 250 260 270 280 290 300 310 320 110 112 114 116 118 120 122 124 126 128 130
ncp1240 www. onsemi.com 10 typical characteristic temperature ( c) figure 15. fb pin internal pull?up resistor r fb(up) r fb(up) (k  ) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 16. fb pin open voltage v fb(ref) v fb(ref) (v) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 17. v fb to internal current setpoint division ratio k fb k fb (?) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 18. offset voltage v fb(off) between fb pin and internal fb divider v fb(off) (v) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 19. latch pin high threshold v ovp v ovp (v) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 20. otp reistance threshold r otp at latch pin r otp (k  ) ?50 ?25 0 25 50 75 100 125 30 32 34 36 38 40 42 44 46 48 50 4.60 4.70 4.80 4.90 5.00 5.10 5.20 3.50 3.60 3.70 3.80 3.90 4.00 4.10 4.20 4.30 4.40 4.50 0.40 0.50 0.60 0.70 0.80 0.90 1.00 1.10 1.20 2.35 2.40 2.45 2.50 2.55 2.60 2.65 6 7 8 9 10 11 12
ncp1240 www. onsemi.com 11 typical characteristic temperature ( c) figure 21. current i ntc sourced from the latch pin, allowing direct ntc connection i ntc (  a) ?50 ?25 0 25 50 75 100 125 temperature ( c) i ntc(sstart) (  a) ?50 ?25 0 25 50 75 100 125 figure 22. current i ntc(sstart) sourced from the latch pin, during soft?start 20 25 30 35 40 45 50 55 60 65 70 60 70 80 90 100 110 120 temperature ( c) figure 23. oscillator f osc for the 65 khz version (ncp1240a/b only) f osc (khz) ?50 ?25 0 25 50 75 100 125 figure 24. maximum on time t onmax for the 65 khz version (ncp1240a/b only) f osc (khz) ?50 ?25 0 25 50 75 100 125 temperature ( c) 90 91 92 93 94 95 96 97 98 99 100 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5 temperature ( c) figure 25. maximum duty ratio d max d max (%) ?50 ?25 0 25 50 75 100 125 f osc(min) (  s) temperature ( c) figure 26. minimum switching frequency f osc(min) ?50 ?25 0 25 50 75 100 125 72 73 74 75 76 77 78 79 80 81 82 22 23 24 25 26 27 28 29 30
ncp1240 www. onsemi.com 12 typical characteristic temperature ( c) figure 27. fb pin voltage below which frequency foldback starts v fb(folds) v fb(folds) (v) ?50 ?25 0 25 50 75 100 125 figure 28. fb pin voltage below which frequency foldback complete v fb(folde) v fb(folde) (v) ?50 ?25 0 25 50 75 100 12 5 temperature ( c) figure 29. fb pin skip?in level v skip(in) v skip(in) (v) ?50 ?25 0 25 50 75 100 125 temperature ( c) figure 30. fb pin skip?out level v skip(out) v skip(on) (v) ?50 ?25 0 25 50 75 100 12 5 figure 31. fb pin level v fb(opcf) above which is the overpower compensation applied temperature ( c) v fb(opcf) (v) ?50 ?25 0 25 50 75 100 12 5 figure 32. fb pin level v fb(opce) below which is no overpower compensation applied v fb(opce) (v) temperature ( c) ?50 ?25 0 25 50 75 100 125 2.20 2.30 2.40 2.50 2.60 2.70 2.80 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 0.80 0.90 1.00 1.10 1.20 1.30 1.40 1.50 0.90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50
ncp1240 www. onsemi.com 13 typical characteristic figure 33. v cc turn?on threshold level, v cc going up hv current source stop threshold v cc(on) v cc(on) (v) temperature ( c) ?50 ?25 0 25 50 75 100 125 ?50 ?25 0 25 50 75 100 125 figure 34. hv current source restart threshold v cc(min) v cc(min) (v) temperature ( c) figure 35. v cc turn?off threshold (uvlo) v cc(off) v cc(off) (v) temperature ( c) ?50 ?25 0 25 50 75 100 125 ?50 ?25 0 25 50 75 100 125 figure 36. v cc decreasing level at which the internal logic resets v cc(reset) v cc(reset) (v) temperature ( c) figure 37. internal current consumption when drv pin is unloaded i cc1 (ma) temperature ( c) ?50 ?25 0 25 50 75 100 125 i cc2 (ma) figure 38. internal current consumption when drv pin is loaded by 1 nf temperature ( c) ?50 ?25 0 25 50 75 100 125 11.0 11.2 11.4 11.6 11.8 12.0 12.2 12.4 12.6 12.8 13.0 7.8 8.0 8.2 8.4 8.6 8.8 9.0 8.8 8.9 9.0 9.1 9.2 9.3 9.4 6.1 6.2 6.3 6.4 6.5 6.6 6.7 6.8 6.9 7.0 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.0 2.2 2.4 2.6 2.8 3.0 3.2
ncp1240 www. onsemi.com 14 typical characteristic figure 39. x2 discharge comparator hysteresis observed at hv pin v hv(hyst) v hv(hyst) (v) temperature ( c) ?50 ?25 0 25 50 75 100 125 ?50 ?25 0 25 50 75 100 125 figure 40. hv signal sampling period t sample temperature ( c) t sample (ms) ?50 ?25 0 25 50 75 100 125 figure 41. timer duration for line cycle drop?out t hv t hv (ms) temperature ( c) ?50 ?25 0 25 50 75 100 125 figure 42. fault timer duration t fault (ncp1240a/b only) t fault (v) temperature ( c) ?50 ?25 0 25 50 75 100 125 figure 43. transient peak power timer timer duration t tran (ncp1240a/b only) t tran (s) temperature ( c) ?50 ?25 0 25 50 75 100 125 figure 44. go to off mode timer duration t gtom t gtom (ms) temperature ( c) 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 0.90 0.92 0.94 0.96 0.98 1.00 1.02 1.04 1.06 1.08 1.10 35 40 45 50 55 60 65 70 75 50 55 60 65 70 75 80 4.00 4.50 5.00 5.50 6.00 6.50 7.00 7.50 8.00 400 420 440 460 480 500 520 540 560 580 600
ncp1240 www. onsemi.com 15 application information functional description the ncp1240 includes all necessary features to build a safe and ef ficient power supply based on a fixed?frequency flyback converter. the ncp1240 is a multimode controller as illustrated in figure 45. the mode of operation depends upon line and load condition. under all modes of operation, the ncp1240 terminates the drv signal based on the switch current. thus, the ncp1240 always operates in current mode control so that the power mosfet current is always limited. under normal operating conditions, the fb pin commands the operating mode of the ncp1240 at the voltage thresholds shown in figure 45. at normal rated operating loads (from 100% to approximately 33% full rated power) the ncp1240 controls the converter in fixed frequency pwm mode. it can operate in the continuous conduction mode (ccm) or discontinuous conduction mode (dcm) depending upon the input voltage and loading conditions. if the controller is used in ccm with a wide input voltage range, the duty?ratio may increase up to 50%. the build?in slope compensation prevents the appearance of sub?harmonic oscillations in this operating area. the converter operates in frequency foldback mode (ffm) for loads that are between approximately 17% and 48% of full rated power. effectively, operation in ffm results in the application of constant volt?seconds to the flyback transformer each switching cycle. voltage regulation in ffm is achieved by varying the switching frequency in the range from 65 khz (or 100 khz) to 27 khz. for extremely light loads (below approximately 6% full rated power), the converter is controlled using bursts of 27 khz pulses. this mode is called as skip mode. the ffm, keeping constant peak current and skip mode allows design of the power supplies with increased efficiency under the light loading conditions. keep in mind that the aforementioned boundaries of steady?state operation are approximate because they are subject to converter design parameters. v fb 3.6 v 2.2 v 2.5 v 1.5 v 1.3 v 1.2 v 0.8 v ffm pwm at f osc skip mode 0 v low consumption off mode off figure 45. mode control with fb pin voltage on there was implemented the low consumption off mode allowing to reach extremely low no load input power. this mode is controlled by the fb pin and allows the remote control (or secondary side control) of the power supply shut?down. most of the device internal circuitry is unbiased in the low consumption off mode. only the fb pin control circuitry and x2 cap dischar ging circuitry is operating in the low consumption off mode. if the voltage at feedback pin decreases below the 0.6 v the controller will enter the low consumption off mode. the controller can start if the fb pin voltage increases above the 2.2 v level. see the detailed status diagrams for the versions fully latched a and the autorecovery b on the following figures. the basic status of the device after wake?up by the v cc is the off mode and mode is used for the overheating protection mode if the thermal shutdown protection is activated.
ncp1240 www. onsemi.com 16 figure 46. operating status diagram for the fully latched versions a and e of the device extra low consumption power on reset latch=0 off mode latch=x latch latch=1 stop reset latch=0 bo +tsd bo +tsd soft start running skip mode skip in skip out ssend bo bo ac present + discharged efficient operating mode dynamic self?supply (if not enoughgh auxiliary voltage is present) regulated self?supply v cc fault x2 cap discharge latch=0 no ac v hv > v hv(noac) v cc > v ccreset v cc > v ccreset (v fb < v off ) * gtomtimer*(v cc > v ccoff ) (v fb > v on )*latch (v fb > v on )*latch ovp+otp+v ccovp +v csstop (v ilim +maxdc)*t fault v cc > v ccoff (v cc > v ccon )*bo (v cc < v ccoff (v cc < v ccoff
ncp1240 www. onsemi.com 17 figure 47. operating status diagram for the autorecovery versions b and f of the device extra low consumption power on reset latch=0 autorec=0 x2 cap discharge latch=0 autorec=0 off mode latch=x autorec=x latch latch=1 stop reset latch=0 autorec=0 autorecovery latch autorec=1 bo +tsd bo +tsd soft start running skip mode skip in skip out ssend bo bo bo ac present + discharged efficient operating mode regulated self?supply dynamic self?supply (if not enough auxiliary voltage is present) v cc fault no ac (v fb < v off ) * gtomtimer*(v cc > v ccoff ) v hv > v hv(noac) v cc < v ccreset v cc > v ccreset (v fb > v on )*latch (v fb > v on )*latch *autorec (v fb > v on )*autorec ovp+otp+v ccovp bo +t autorec v csstop v cc < v ccoff (v ilim + maxdc)*t fault (v cc > v ccon )*bo v cc < v ccoff v cc > v ccoff
ncp1240 www. onsemi.com 18 the information about the fault (permanent latch or autorecovery) is kept during the low consumption off mode due the safety reason. the reason is not to allow unlatch the device by the remote control being in off mode. start?up of the controller at start?up, the current source turns on when the voltage on the hv pin is higher than v hv(min) , and turns off when v cc reaches v cc(on) , then turns on again when v cc reaches v cc(min) , until the input voltage is high enough to ensure a proper start?up, i.e. when v hv reaches v hv(start) . the controller actually starts the next time v cc reaches v cc(on) . the controller then delivers pulses, starting with a soft?start period t sstart during which the peak current linearly increases before the current?mode control takes over. even though the dynamic self?supply is able to maintain the v cc voltage between v cc(on) and v cc(min) by turning the hv start?up current source on and off, it can only be used in light load condition, otherwise the power dissipation on the die would be too much. as a result, an auxiliary voltage source is needed to supply v cc during normal operation. the dynamic self?supply is useful to keep the controller alive when no switching pulses are delivered, e.g. in brown?out condition, or to prevent the controller from stopping during load transients when the v cc might drop. the ncp1240 accepts a supply voltage as high as 28 v, with an overvoltage threshold v cc(ovp) that latches the controller off. figure 48. v cc start?up timing diagram time v hv time v cc time drv v hv(start) v hv(min) v cc(on) v cc(min) hv current source = i start1 hv current source = i start2 waits next v cc(on) before starting v cc(inhibit)
ncp1240 www. onsemi.com 19 for safety reasons, the start?up current is lowered when v cc is below v cc(inhibit) , to reduce the power dissipation in case the v cc pin is shorted to gnd (in case of v cc capacitor failure, or external pull?down on v cc to disable the controller). there is only one condition for which the current source doesn?t turn on when v cc reaches v cc(inhibit) : the voltage on hv pin is too low (below v hv(min) ). hv sensing of rectified ac voltage the ncp1240 features on its hv pin a true ac line monitoring circuitry. it includes a minimum start?up threshold and an autorecovery brown?out protection; both of them independent of the ripple on the input voltage. it is allowed only to work with an unfiltered, rectified ac input to ensure the x2 capacitor discharge function as well, which is described in following. the brown?out protection thresholds are fixed, but they are designed to fit most of the standard ac?dc conversion applications. when the input voltage goes below v hv(stop) , a brown?out condition is detected, and the controller stops. the hv current source maintains v cc at v cc(min) level until the input voltage is back above v hv(start) .
ncp1240 www. onsemi.com 20 figure 49. ac line drop?out timing diagram
ncp1240 www. onsemi.com 21 time v cc time drv v cc(on) v cc(off) overload applied time v out v out(typ) controller latches off autorecovery timer starts controller restarts v cc(min) t autorec autorecovery timer elapses waits next vccon before figure 50. v cc collapses after overload and its recovery
ncp1240 www. onsemi.com 22 time hv stop time v cc time drv v cc(on) v cc(min) waits next vccon before starting time v hv hv timer elapsed v hv(start) v hv(stop) brown?out condition resets the internal latch t hv brown?out detected spike induced by residual energy in figure 51. ac line drop?out timing diagram with parasitic spike when v hv crosses the v hv(start) threshold, the controller can start immediately. when it crosses v hv(stop) , it triggers a timer of duration t hv , this ensures that the controller doesn?t stop in case of line cycle drop?out. the device restart after the ac line voltage drop-out is protected to the parasitic restart initiated e.g. the spikes induced at hv pin immediately after the device is stopped by the residual energy in the emi filter. the device restart is allowed only after the 1st watch dog signal event. the basic principle is shown at figure 49 and detail of the device restart is shown at figure 52.
ncp1240 www. onsemi.com 23 figure 52. detailed timing diagram of the device restart after the short ac line drop?out
ncp1240 www. onsemi.com 24 x2 cap discharge feature the x2 capacitor discharging feature is offered by usage of the ncp1240. this feature saves approximately 16 mw ? 25 mw input power depending on the emi filter x2 capacitors volume and it saves the external components count as well. the discharge feature is ensured via the start?up current source with a dedicated control circuitry for this function. the x2 capacitors are being discharged by current defined as i start2 when this discharge event is detected. there is used a dedicated structure called ac line unplug detector inside the x2 capacitor discharge control circuitry. see the figure 53 for the block diagram for this structure and figures 54, 55, 56 and 57 for the timing diagrams. the basic idea of ac line unplug detector lies in comparison of the direct sample of the high voltage obtained via the high voltage sensing structure with the delayed sample of the high voltage. the delayed signal is created by the sample & hold structure. the comparator used for the comparison of these signals is without hysteresis inside. the resolution between the slopes of the ac signal and dc signal is defined by the sampling time t sample and additional internal offset n os . these parameters ensure the noise immunity as well. the additional offset is added to the picture of the sampled hv signal and its analog sum is stored in the c 1 storage capacitor. if the voltage level of the hv sensing structure output crosses this level the comparator cmp output signal resets the detection timer and no dc signal is detected. the additional offset n os can be measured as the v hv(hyst) on the hv pin. if the comparator output produces pulses it means that the slope of input signal is higher than set resolution level and the slope is positive. if the comparator output produces the low level it means that the slope of input signal is lower than set resolution level or the slope is negative. there is used the detection timer which is reset by any edge of the comparator output. it means if no edge comes before the timer elapses there is present only dc signal or signal with the small ac ripple at the hv pin. this type of the ac detector detects only the positive slope, which fulfils the requirements for the ac line presence detection. in case of the dc signal presence on the high voltage input, the direct sample of the high voltage obtained via the high voltage sensing structure and the delayed sample of the high voltage are equivalent and the comparator produces the low level signal during the presence of this signal. no edges are present at the output of the comparator, that?s why the detection timer is not reset and dc detect signal appears. the minimum detectable slope by this ac detector is given by the ration between the maximum hysteresis observed at hv pin v hv(hyst),max and the sampling time: s min  v hv(hyst),max t sample (eq. 1) than it can be derived the relationship between the minimum detectable slope and the amplitude and frequency of the sinusoidal input voltage: v max  v hv(hyst),max 2    f  t sample  5 2    35  1  10 ?3 (eq. 2)  22.7 v the minimum detectable ac rms voltage is 16 v at frequency 35 hz, if the maximum hysteresis is 5 v and sampling time is 1 ms. the x2 capacitor discharge feature is available in any controller operation mode to ensure this safety feature. the detection timer is reused for the time limiting of the discharge phase, to protect the device against overheating. the discharging process is cyclic and continues until the ac line is detected again or the voltage across the x2 capacitor is lower than v hv(min ). this feature ensures to discharge quite big x2 capacitors used in the input line filter to the safe level. it is important to note that it is not allowed to connect hv pin to any dc voltage due this feature. e.g. directly to bulk capacitor. during the hv sensing or x2 cap discharging the v cc net is kept above the v cc(off) voltage by the self?supply in any mode of device operation to supply the control circuitry. during the discharge sequence is not allowed to start?up the device.
ncp1240 www. onsemi.com 25 figure 53. the ac line unplug detector structure used for x2 capacitor discharge system figure 54. the ac line unplug detector timing diagram
ncp1240 www. onsemi.com 26 figure 55. the ac line unplug detector timing diagram detail with noise effects
ncp1240 www. onsemi.com 27 figure 56. hv pin ac input timing diagram with x2 capacitor discharge sequence when the application is unplugged under extremely low line condition
ncp1240 www. onsemi.com 28 figure 57. hv pin ac input timing diagram with x2 capacitor discharge sequence when the application is unplugged under high line condition the low consumption off mode there was implemented the low consumption off mode allowing to reach extremely low no load input power as described in previous chapters. if the voltage at feedback pin decreases below the 0.6 v the controller enters the off mode. the internal v cc is turned?off, the ic consumes extremely low v cc current and only the voltage at external v cc capacitor is maintained by the self?supply circuit. the self?supply circuit keeps the v cc voltage at the v cc(reg) level. the supply for the fb pin watch dog circuitry and fb pin bias is provided via the low consumption current sources from the external v cc capacitor. the controller can only start, if the fb pin voltage increases above the 2.2 v level. see figure 58 for timing diagrams. only the x2 cap discharge and self?supply features is enabled in the low consumption off mode. the x2 cap discharging feature is enable due the safety reasons and the self?supply is enabled to keep the v cc supply, but only very low v cc consumption appears in this mode. any other features are disabled in this mode. the information about the latch status of the device is kept in the low consumption off mode and this mode is used for the tsd protection as well. the protection timer gotooffmode t gtom is used to protect the application against the false activation of the low consumption off mode by the fast drop outs of the fb pin voltage below the 0.6 v level. e.g. in case when is present high fb pin voltage ripple during the skip mode.
ncp1240 www. onsemi.com 29 figure 58. start?up, shutdown and ac line unplug time diagram oscillator with maximum on time and frequency jittering the ncp1240 includes an oscillator that sets the switching frequency 65 khz or 100 khz depending on the version. the maximum on time is 12.3  s (for 65 khz version) or 8  s (for 100 khz version) with an accuracy of 7%. the maximum on time corresponds to maximum duty cycle of the drv pin is 80% at full switching frequency. in order to improve the emi signature, the switching frequency jitters 6 % around its nominal value, with a triangle?wave shape and at a frequency of 125 hz. this frequency jittering is active even when the frequency is decreased to improve the efficiency in light load condition. figure 59. frequency modulation of the maximum switching frequency
ncp1240 www. onsemi.com 30 low load operation modes: frequency foldback mode (ffm) and skip mode in order to improve the efficiency in light load conditions, the frequency of the internal oscillator is linearly reduced from its nominal value down to f osc(min) . this frequency foldback starts when the voltage on fb pin goes below v fb(folds) , and is complete when v fb reaches v fb(folde) . the maximum on?time duration control is kept during the frequency foldback mode to provide the natural transformer core anti?saturation protection. the frequency jittering is still active while the oscillator frequency decreases as well. figure 60. frequency foldback mode characteristic when the fb voltage reaches v skip(in) while decreasing, skip mode is activated: the driver stops, and the internal consumption of the controller is decreased. while v fb is below v skip(out) , the controller remains in this state; but as soon as v fb crosses the skip out threshold, the drv pin starts to pulse again. figure 61. skip mode timing diagram
ncp1240 www. onsemi.com 31 figure 62. technique preventing short pulses in skip mode clamped driver the supply voltage for the ncp1240 can be as high as 28 v, but most of the mosfets that will be connected to the drv pin cannot accept more than 20 v on their gate. the driver pin is therefore clamped safely below 16 v. this driver has a typical capability of 500 ma for source current and 800 ma for sink current. current?mode control with slope compensation and soft?start ncp1240 is a current?mode controller, which means that the fb voltage sets the peak current flowing in the inductance and the mosfet. this is done through a pwm comparator: the current is sensed across a resistor and the resulting voltage is applied to the cs pin. it is applied to one input of the pwm comparator through a 250 ns leb block. on the other input the fb voltage divided by 5 sets the threshold: when the voltage ramp reaches this threshold, the output driver is turned off. the maximum value for the current sense is 0.7 v, and it is set by a dedicated comparator. each time the controller is starting, i.e. the controller was off and starts ? or restarts ? when v cc reaches v cc(on) , a soft?start is applied: the current sense setpoint is increased by 15 discrete steps from 0 (the minimum level can be higher than 0 because of the leb and propagation delay) until it reaches v ilim (after a duration of t sstart ), or until the fb loop imposes a setpoint lower than the one imposed by the soft?start (the two comparators outputs are or?ed).
ncp1240 www. onsemi.com 32 figure 63. soft?start feature under some conditions, like a winding short?circuit for instance, not all the energy stored during the on time is transferred to the output during the off time, even if the on time duration is at its minimum (imposed by the propagation delay of the detector added to the leb duration). as a result, the current sense voltage keeps on increasing above v ilim , because the controller is blind during the leb blanking time. dangerously high current can grow in the system if nothing is done to stop the controller. that?s what the additional comparator, that senses when the current sense voltage on cs pin reaches v cs(stop) ( = 1.5 x v ilim ), does: the controller enters the protection mode as soon as this comparator toggles four times consecutively. in order to allow the ncp1240 to operate in ccm with a duty cycle above 50%, the fixed slope compensation is internally applied to the current?mode control. the slope appearing on the internal voltage setpoint for the pwm comparator is ?32.5 mv/  s typical for the 65 khz version, and ?50 mv/  s for the 100 khz version. the slope compensation can be observable as a value of the peak current at cs pin. the internal slope compensation circuitry uses a sawtooth signal synchronized with the internal oscillator is subtracted from the fb voltage divided by k fb .
ncp1240 www. onsemi.com 33 figure 64. slope compensation block diagram figure 65. slope compensation timing diagram internal overpower protection the power delivered by a flyback power supply is proportional to the square of the peak current in discontinuous conduction mode: p out  1 2    l p  f sw  i p 2 (eq. 3) unfortunately, due to the inherent propagation delay of the logic, the actual peak current is higher at high input voltage than at low input voltage, leading to a significant difference in the maximum output power delivered by the power supply.
ncp1240 www. onsemi.com 34 figure 66. needs for line compensation for true overpower protection to compensate this and have an accurate overpower protection, an offset proportional to the input voltage is added on the cs signal by turning on an internal current source: by adding an external resistor in series between the sense resistor and the cs pin, a voltage offset is created across it by the current. the compensation can be adjusted by changing the value of the resistor. but this offset is unwanted to appear when the current sense signal is small, i.e. in light load conditions, where it would be in the same order of magnitude. therefore the compensation current is only added when the fb voltage is higher than v fb(opce) . however, because the hv pin is being connected to ac voltage, there is needed an additional circuitry to read or at least closely estimate the actual voltage on the bulk capacitor. figure 67. overpower protection current relation to feedback voltage
ncp1240 www. onsemi.com 35 figure 68. overpower protection current relation to peak of rectified input line ac voltage figure 69. block schematic of overpower protection circuit division ratio 4 internal resitance 40k fb cs rfb1 rfb2 rfb3 pwm_cmp leb 250ns vfb(reg) pwm i generator ictrl vfb(opcf) fbbuffer a/d 3 bit converter peak detector + 3 bit register hv cmp lo frq osc out sq detection timer reset r1 dc detect sample & hold r2 q1 c1 nos opc control positive slope a 3 bit a/d converter with the peak detector senses the ac input, and its output is periodically sampled and reset, in order to follow closely the input voltage variations. the sample and reset events are given by the output from the ac line unplug detector. the sensed hv pin voltage peak value is validated when no hv edges from comparator are present after last falling edge during two sample clocks. see figure 70 for details.
ncp1240 www. onsemi.com 36 overcurrent protection with fault timer the overload protection depends only on the current sensing signal, making it able to work with any transformer, even with very poor coupling or high leakage inductance. when an overcurrent event occurs on the output of the power supply, the fb loop asks for more power than the controller can deliver, and the cs setpoint reaches v ilim . when this event occurs, an internal t fault timer is started: once the timer times out, drv pulses are stopped and the controller is either latched off (latched protection, options a and e) or this latch is released by the autorecovery mode (options b and f), the controller tries to restart after t autorec . other possibilities of the latch release are the brown?out condition or the v cc power on reset. the timer is reset when the cs setpoint goes back below v ilim before the timer elapses. the fault timer is also started if the driver signal is reset by the maximum on time. the controller also enters the same protection mode if the voltage on the cs pin reaches 1.5 times the maximum internal setpoint v cs(stop) (allows to detect winding short?circuits) or there appears low v cc supply. see figures 71 and 72 for the timing diagram. in autorecovery mode if the fault has gone, the supply resumes operation; if not, the system starts a new burst cycle.
ncp1240 www. onsemi.com 37 time v hv sample time comparator output t sample 2 nd sample clock pulse after last hv edge initiates the watch dog signal v hv(hyst) time sample clock time watch dog signal 1 st hv edge resets the watch dog and starts the peak detection of hv pin signal sample sample reset 2 nd sample clock pulse after last hv edge initiates the watch dog signal time peak detector time i opc figure 70. overpower compensation timing diagram reset
ncp1240 www. onsemi.com 38 protection modes and the latch mode releases event timer protection next device status release to normal operation mode overcurrent v ilim > 0.7 v fault timer latch autorecovery ? b and f versions brown?out v cc < v cc(reset) peak power v ilim > 0.5 v transient timer latch autorecovery ? b and f versions brown?out v cc < v cc(reset) maximum on time fault timer latch autorecovery ? b and f versions brown?out v cc < v cc(reset) winding short v sense > v cs(stop) 4consecutive pulses latch autorecovery ? b and f versions brown?out v cc < v cc(reset) low supply v cc < v cc(off) 10  s timer latch autorecovery ? b and f versions brown?out v cc < v cc(reset) external otp, ovp 55  s (35  s at 100 khz) latch brown?out v cc < v cc(reset) high supply v cc > v cc(ovp) 10  s timer latch brown?out v cc < v cc(reset) brown?out v hv < v hv(stop) hv timer device stops (v hv > v hv(start) ) & (v cc > v cc(on) ) internal tsd 10  s timer device stops, hv start?up current source stops (v hv > v hv(start) ) & (v cc > v cc(on) ) & tsdb off mode v fb < v off 150 ms timer (ncp1240a/b) 500 ms timer (ncp1240e/f) device stops and internal v cc is turned off (v hv > v hv(start) ) & (v cc > v cc(on) ) & (v fb > v on )
ncp1240 www. onsemi.com 39 figure 71. latched timer?based overcurrent protection (options a/e) v cc(on) v cc(min)
ncp1240 www. onsemi.com 40 figure 72. timer?based protection mode with autorecovery release from latch?off (options b/f) v cc(on) v cc(min) duel?level overcurrent protection for some applications (e.g. limited power supplies), it is necessary that the controller maintains regulation while it has detected a first level of overload. this is to authorize a transient peak power higher than the maximum continuous output power. this is implemented by adding another comparator whose threshold is v cs(tran) , a cs voltage level lower than v ilim , which starts the counting of another timer, with a duration t tran longer than t fault (6 s is the typical value). if the timer reaches its maximum duration, the controller enters protection mode which is latched or autorecovery released depending on the option.
ncp1240 www. onsemi.com 41 figure 73. too long transient peak power delivery if the conditions change from transient power delivery to overload, the overload timer starts to count. the timing diagram could look like the one in figure 74.
ncp1240 www. onsemi.com 42 figure 74. transient peak power followed by overload
ncp1240 www. onsemi.com 43 latch?off input figure 75. latch detection schematic the latch pin is dedicated to the latch?off function: it includes two levels of detection that define a working window, between a high latch and a low latch: within these two thresholds, the controller is allowed to run, but as soon as either the low or the high threshold is crossed, the controller is latched off. the lower threshold is intended to be used with an ntc thermistor, thanks to an internal current source i ntc . an active clamp prevents the voltage from reaching the high threshold if it is only pulled up by the i ntc current. to reach the high threshold, the pull?up current has to be higher than the pull?down capability of the clamp (typically 1.5 ma at v ovp ). to avoid any false triggering, spikes shorter than 50  s (for the high latch and 65 khz version) or 350  s (for the low latch) are blanked and only longer signals can actually latch the controller. reset occurs when a brown?out condition is detected or the v cc is cycled down to a reset voltage, which in a real application can only happen if the power supply is unplugged from the ac line. upon startup, the internal references take some time before being at their nominal values; so one of the comparators could toggle even if it should not. therefore the internal logic does not take the latch signal into account before the controller is ready to start: once v cc reaches v cc(on) , the latch pin high latch state is taken into account and the drv switching starts only if it is allowed; whereas the low latch (typically sensing an over temperature) is taken into account only after the soft?start is finished. in addition, the ntc current is doubled to i ntc(sstart) during the soft?start period, to speed up the charging of the latch pin capacitor. the maximum value of latch pin capacitor is given by the following formula (the standard start?up condition is considered and the ntc current is neglected): c latch max  t sstart min  i ntc(sstart) min v clamp0 min  8.0  10 ?3  130  10 ?6 1.0 f  1.04  f (eq. 4)
ncp1240 www. onsemi.com 44 figure 76. latch timing diagram v cc(on) v cc(min) temperature shutdown the ncp1240 includes a temperature shutdown protection with a trip point typically at 150 c and the typical hysteresis of 30 c. when the temperature rises above the high threshold, the controller stops switching instantaneously, and goes to the off mode with extremely low power consumption. there is kept the v cc supply to keep the tsd information. when the temperature falls below the low thre shold, the start?up of the device is enabled again, and a regular start?up sequence takes place. see the status diagrams at the figures 46 and 47. ordering information ordering part no. overload protection switching frequency package shipping ? NCP1240AD065R2G latched 65 khz soic?7 (pb?free) 2500 / tape & reel ncp1240bd065r2g autorecovery ncp1240ed065r2g latched 65 khz soic?7 (pb?free) 2500 / tape & reel ncp1240fd065r2g autorecovery ncp1240ad100r2g latched 100 khz soic?7 (pb?free) 2500 / tape & reel ncp1240bd100r2g autorecovery ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
ncp1240 www. onsemi.com 45 package dimensions soic?7 case 751u issue e seating plane 1 4 5 8 r j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b are datums and t is a datum surface. 4. dimension a and b do not include mold protrusion. 5. maximum mold protrusion 0.15 (0.006) per side. s d h c dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ?a? ?b? g m b m 0.25 (0.010) ?t? b m 0.25 (0.010) t s a s m 7 pl  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer s hall indemnify and hold scillc and its officers , employees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 ncp1240/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NCP1240AD065R2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X