Part Number Hot Search : 
OHN3013U B1100 R471G 0UP20D FZT788B 00MD6 BC847B AT45D
Product Description
Full Text Search
 

To Download MADR-009269-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. m/a-com inc. and its affiliates reserve the right t o make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/acom is considering for development. performance is based on target specifi cations, simulated results, and/or prototype measurements. commitment to develop is not guarante ed. preliminary: data sheets contain information regarding a product m/acom has under develop ment. performance is based on engineering tests. sp ecifications are typical. mechanical outline has been fixed. engineering samples and/or test data ma y be available. commitment to produce in volume is not guaranteed. single driver for gaas fet or pin diode switches an d attenuators rev. v1 MADR-009269-000100 features ? high voltage cmos technology ? complementary outputs ? positive voltage control ? cmos device using ttl input levels ? low power dissipation ? low cost plastic soic8 package ? 100% matte tin plating over copper ? halogenfree green mold compound ? 260c reflow compatible description the madr009269000100 is a single channel cmos driver used to translate ttl control inputs into complementary gate control voltages for gaas fet microwave switches and attenuators. high speed analog cmos technology is utilized to achieve low power dissipation at moderate to high speeds, encompassing most microwave switching applications. the output high level is optionally 0 to +2.0v (relative to gnd) to optimize the intermodula tion products of fet control devices at low frequen cies. for driving pin diode circuits, the outputs are nominally switched between +5v & 5v. ordering information 1 part number package madr009269000100 bulk packaging madr009269000die die 2 madr0092690001tr 1000 piece reel functional schematic * restrictions on hazardous substances, european un ion directive 2002/95/ec. 1. reference application note m513 for reel size information. 2. die sales are available in waffle packs in incre ments of 100 pieces. pin configuration 3 pin no. function 1 output a 2 gnd 3 v cc 4 c, logic 5 v ee 6 v opt 7 gnd 8 output b 3. the bottom of the die should be isolated for par t number madr009269000die.
2 ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. m/a-com inc. and its affiliates reserve the right t o make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/acom is considering for development. performance is based on target specifi cations, simulated results, and/or prototype measurements. commitment to develop is not guarante ed. preliminary: data sheets contain information regarding a product m/acom has under develop ment. performance is based on engineering tests. sp ecifications are typical. mechanical outline has been fixed. engineering samples and/or test data ma y be available. commitment to produce in volume is not guaranteed. single driver for gaas fet or pin diode switches an d attenuators rev. v1 MADR-009269-000100 guaranteed operating ranges 4,5,8 symbol parameter unit min. typ. max. v cc positive dc supply voltage v 4.5 5.0 5.5 v ee negative dc supply voltage v 10.5 5.0 4.5 v opt 6,7 optional dc output supply voltage v 0 v cc v opt v ee negative supply voltage range v 4.5 note 6,7 16.0 v cc v ee positive to negative supply range v 9.0 10.0 16.0 t oper operating temperature c 40 +25 +85 i oh dc output current high ma 50 i ol dc output current low ma 50 t rise , t fall maximum input rise or fall time ns 500 4. unused logic inputs must be tied to either gnd or v cc . 5. all voltages are relative to gnd. 6. v opt is grounded in most cases when fets are driven. t o improve the intermodulation performance and the 1 db compression point of gaas control devices at low frequencies, v opt can be increased to between 1.0 and 2.0v. the non linear characteristics of the gaas control devices will approximate performance at 500 mhz. it should be noted that the control current that is on the gaas mmics will in crease when positive controls are applied. 7. when this driver is used to drive pin diodes, v opt is often set to +5.0v, with v ee set to 5.0v. 8. 0.01 uf decoupling capacitors are required on th e power supply lines. truth table input c a b logic 0 v ee v opt logic 1 v opt v ee outputs handling procedures please observe the following precautions to avoid damage: static sensitivity silicon integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniqu es should be used when handling these devices.
3 ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. m/a-com inc. and its affiliates reserve the right t o make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/acom is considering for development. performance is based on target specifi cations, simulated results, and/or prototype measurements. commitment to develop is not guarante ed. preliminary: data sheets contain information regarding a product m/acom has under develop ment. performance is based on engineering tests. sp ecifications are typical. mechanical outline has been fixed. engineering samples and/or test data ma y be available. commitment to produce in volume is not guaranteed. single driver for gaas fet or pin diode switches an d attenuators rev. v1 MADR-009269-000100 dc characteristics over guaranteed operating range symbol parameter test conditions units min. typ. max. v ih input high voltage guaranteed high input voltage v 2.0 v il input low voltage guaranteed low input voltage v 0.8 v oh output high voltage i oh = 1 ma v v opt 0.1 v ol output low voltage i ol = 1 ma v v ee + 0.1 i in input leakage current v in = v cc or gnd, v ee = min, v cc = max, v opt = min or max a 1 1 r nfet output resistance nfet on (to v ee ) v cc = 5.0v, v ee = 5.0v, v opt = 5.0v, v out = 4.9v +25c 30 r pfet output resistance pfet on (to v opt ) v cc = 5.0v, v ee = 5.0v, v opt = 5.0v, v out = 4.9v +25c 30 i cc quiescent supply current v in = v cc or gnd, v ee = 10.5v, v cc = 5.5v, v opt = 5.5v, no output load a 1 i cc additional supply current (per ttl input pin) v cc = max, v in = v cc 2.1v ma 1 i ee quiescent supply current v in = v cc or gnd, v ee = 10.5v, v cc = 5.5v, v opt = 5.5v, no output load a 1 i opt quiescent supply current v in = v cc or gnd, v ee = 10.5v, v cc = 5.5v, v opt = 5.5v, no output load a 1
4 ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. m/a-com inc. and its affiliates reserve the right t o make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/acom is considering for development. performance is based on target specifi cations, simulated results, and/or prototype measurements. commitment to develop is not guarante ed. preliminary: data sheets contain information regarding a product m/acom has under develop ment. performance is based on engineering tests. sp ecifications are typical. mechanical outline has been fixed. engineering samples and/or test data ma y be available. commitment to produce in volume is not guaranteed. single driver for gaas fet or pin diode switches an d attenuators rev. v1 MADR-009269-000100 switching waveforms 1.3v 10% 90% t r t f t plh t phl t skew t skew 50% t tlh t thl 90% 10% output a output b input c v in logic 1 logic 0 1.3v 90% 10% 50% 90% 10% v out output high output low typical performance symbol parameter 40c +85c +85c unit t plh propagation delay 20 22 25 ns t phl propagation delay 20 22 25 ns t tlh output transition time (rising edge) 5 5 8 ns t thl output transition time (falling edge) 4 4 5 ns t skew delay skew 2.5 2.5 2.5 ns prf (max) 50% duty cycle dc 10 mhz c in input capacitance 5 5 5 pf ac characteristics over guaranteed operating range 9 9. v cc = +4.5v, v ee = 4.5v, v opt = 0v or +4.5v, c l = 25 pf, trise, tfall = 6 ns
5 ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. m/a-com inc. and its affiliates reserve the right t o make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/acom is considering for development. performance is based on target specifi cations, simulated results, and/or prototype measurements. commitment to develop is not guarante ed. preliminary: data sheets contain information regarding a product m/acom has under develop ment. performance is based on engineering tests. sp ecifications are typical. mechanical outline has been fixed. engineering samples and/or test data ma y be available. commitment to produce in volume is not guaranteed. single driver for gaas fet or pin diode switches an d attenuators rev. v1 MADR-009269-000100 absolute maximum ratings 11 symbol parameter min max unit v cc positive dc supply voltage 0.5 7.0 v i cc positive dc supply current (0.5v v in 0.8v; 2.0v v in v cc + 0.5v; v cc v in 7.0v ) 20 ma v ee negative dc supply voltage 11.0 0.5 v i ee negative dc supply current (per output) 12 60 ma v opt optional dc output supply voltage 0.5 note 13 v i opt optional dc output supply current (per output) 12 60 ma v opt v ee output to negative supply voltage range 0.5 18.0 v v cc v ee positive to negative supply voltage range 0.5 18.0 v v in dc input voltage 0.5 note 14 v cc +0.5 v v o dc output voltage v ee C 0.5 v opt + 0.5 v p d 15 power dissipation in still air 500 mw t oper operating temperature 55 125 c t stg storage temperature 65 150 c esd esd sensitivity 2.0 kv 11. all voltages are referenced to gnd. all inputs and outputs incorporate latchup protection structu res. 12. the maximum i ee and i opt are specified under the condition of v cc = 5.5v, v ee = 5.5v, v opt = 5.5v, and the total power dissipation is within 500 mw in sti ll air. 13. the absolute maximum rating for v opt is v cc + 0.5v, or +7.0v, whichever is less. 14. if v cc 6.5v, then the minimum for v in is v cc 7.0v. 15. derate 7 mw/c from 65c to 85c. equivalent output circuit for a and b outputs (50 m a load at 25)
6 ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. m/a-com inc. and its affiliates reserve the right t o make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/acom is considering for development. performance is based on target specifi cations, simulated results, and/or prototype measurements. commitment to develop is not guarante ed. preliminary: data sheets contain information regarding a product m/acom has under develop ment. performance is based on engineering tests. sp ecifications are typical. mechanical outline has been fixed. engineering samples and/or test data ma y be available. commitment to produce in volume is not guaranteed. single driver for gaas fet or pin diode switches an d attenuators rev. v1 MADR-009269-000100 typical application for a spdt switch description of circuit the madr009269000100 provides a pair of complemen tary outputs that are each capable of driving a max i mum of 50 ma into a load. in addition, with proper capaci tor selection (c3 & c4) used in parallel with the c ur rent setting resistor (r1 & r2), additional spiking current can be achieved. to achieve the noninverting and inverting compleme ntary voltages, each output is switched between two inter nal fets. the fets are connected to v opt for the positive output and v ee for the negative output. v opt and v ee are adjustable for various configurations and have the following limitations: v ee can be no more negative than C 10.5 volts; v opt can be no more positive than +5.5 volts and v opt must always be less than or equal to v cc . increasing v opt beyond v cc will prevent the device from switching states when commanded to by the logic input. the most common configuration is to drive v ee at C5.0 volts with v cc and v opt tied together at +5.0 volts.
7 ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. m/a-com inc. and its affiliates reserve the right t o make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/acom is considering for development. performance is based on target specifi cations, simulated results, and/or prototype measurements. commitment to develop is not guarante ed. preliminary: data sheets contain information regarding a product m/acom has under develop ment. performance is based on engineering tests. sp ecifications are typical. mechanical outline has been fixed. engineering samples and/or test data ma y be available. commitment to produce in volume is not guaranteed. single driver for gaas fet or pin diode switches an d attenuators rev. v1 MADR-009269-000100 lead-free, soic-8 ? ? reference application note m538 for leadfree solde r reflow recommendations.
8 ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. m/a-com inc. and its affiliates reserve the right t o make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/acom is considering for development. performance is based on target specifi cations, simulated results, and/or prototype measurements. commitment to develop is not guarante ed. preliminary: data sheets contain information regarding a product m/acom has under develop ment. performance is based on engineering tests. sp ecifications are typical. mechanical outline has been fixed. engineering samples and/or test data ma y be available. commitment to produce in volume is not guaranteed. single driver for gaas fet or pin diode switches an d attenuators rev. v1 MADR-009269-000100 die outline pad configuration 16,17 die size: 1130 x 1290 m (nominal) pad no. x (m) nominal y (m) nominal pad size (m) x x y 0 0 0 lower left edge of die 1 266.40 1092.35 94 x 132 2 157.50 903.70 85 x 85 3 200.40 663.65 85 x 85 4 365.30 200.45 85 x 85 5 684.35 157.50 85 x 85 6 972.50 230.50 85 x 85 7 972.50 451.45 85 x 85 8 863.60 1092.35 94 x 132 9 1130 1290 upper right edge of die 16. all x,y dimensions are at bond pad center. 17. die thickness is 8.0 mils.


▲Up To Search▲   

 
Price & Availability of MADR-009269-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X