Part Number Hot Search : 
K10101TA 3KP15CA HD74LV 593802 SPD5806S M54537FP C4001 TA1814A
Product Description
Full Text Search
 

To Download MA-300TB-502-2252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  biomedical chip thermistors ntc type ma applications a complete line of standard sub-assemblies is available. continuous research and development efforts within thermometrics have resulted not only in these feld proven designs, but in the development of our unitherm thermochip thermistor, designed exclusively for biomedical applications in the range of 32f to 122f (0c to 50c) . although low in cost , these highly stable, precision thermochips provide the reliability, tight interchangeable tolerances, geometries, and fast response times that are often required. thermometrics employs experienced applications engineers who welcome inquiries, whether for assistance, or to help with your design requirements concerning new and existing applications. our biomedical chip thermistor assemblies are designed for use in applications involving both intermittent and continuous patient temperature monitoring. repeatability and fast response are essential not only for the intermittent temperature requirements associated with oral and rectal fever measurements, but also with the continuous monitoring often necessary during induced-hypothermia and general anesthesia, or when employed in the care of infants and premature babies. intensive care units along with recovery rooms have also adopted patient temperature as part of their vital sign monitoring procedures. temperature monitoring for skin surface, tympanic, esophageal, foley catheters and biofeedback applications has also improved due to the high stability and tight interchangeable tolerances designed into each thermometrics biomedical assembly. a mphenol advanced sensors
ntc type ma specifications ma100 designed for use in catheter assemblies, these sensors are available with nominal resistance values of 2252, 3000, 5000, and 10,000 ? at 77f (25c). close monitor - ing of manufacturing processes allow thermometrics to maintain tight interchangeability tolerances with volume production. typical design parameters are rep - resented in assembly type table. 0.030 in (0.76 mm) (10 k? only) and 0.050 in(1.27mm) diameters available with kapton sleeve only. 0.070 in (1.78 mm) diameter normally supplied with molded plastic tip. ma200 intermittent body temperature measurements are common practice in all phases of patient care. this assembly is ideally suited for the disposable cover oral and rectal fever thermometers in use today. it features rugged construction with tip sensitive shaft assemblies exhibiting resistance values of 2252, 3000, 5000, and 10,000 ? at 77f (25c). refer to assembly type table for typical design parameters. ma300 routine continuous patient temperature monitoring is now feasible by using the convenience of the patients skin site as an indicator of body temperature. the stain - less steel housing used is suitable for both reusable and disposable applications, while maintaining maximum patient comfort . nominal resistance values of 2252, 3000, 5000, and 10,000 ? at 77f (25c) are available. refer to assembly type table for typical design param - eters. assembly type assembly type ma100 ma200 ma300 standard diameters (d) 0.030 in (0.762 mm) 0.050 in (1.27 mm) 0.070 in (1.78 mm) 0.080 in (2.03 mm) 0.156 in (3.96 mm) 0.375 in (9.52 mm) body length (l) 3/8 in (9.52 mm) 3.75 in (95.25 mm) n/a lead length (a) 3/8 in (9.52 mm) 3.75 in (95.25 mm) n/a tolerance see tolerance code and temperature table see tolerance code and temperature table see tolerance code and temperature table wire gauge 20, 30, 32, 38, awg 30 awg 30 awg standard wire insulation *heavy isomid *medical grade pvc *polyurethane with nylon overcoat ptfe medical grade pvc ptfe body material molded plastic or kapton sleeve lexan shaft aluminum tip stainless steel nominal r values @ 77f (25c) 2252 ?, 3000 ?, 5000 ?, 10,000 ? (for all three types) thermal response time (63% response) series still air still water* ma100 catherter assembly 15 seconds 2.0 seconds ma200 oral-rectal assembly 35 seconds 0.6 seconds ma300 skin surface assembly 45 seconds 2.0 seconds *response time provided is for assembly plunged from 77f (25c) air to 41f (5c) water.
ntc type ma specifications tolerance code and temperature range tolerance code temperature range f (c) a f (c) b f (c) c f (c) 32 to 68 (0 to 20) 0.27 (0.15) 0.36 (0.2) 0.45 (0.25) 68 to 95 (20 to 35) 0.18 (0.1) 0.27 (0.15) 0.36 (0.2) 95 to 102 (35 to 39) 0.09 (0.05) 0.18 (0.1) 0.27 (0.15) 102 to 107.60 (39 to 42) 0.14 (0.075 0.27 (0.15) 0.36 (0.2) 107.60 to 113 (42 to 45) 0.18 (0.1) 0.27 (0.15) 0.36 (0.2) 113 to 122 (45 to 50) 0.27 (0.15) 0.36 (0.2) 0.45 (0.25) data our biomedical series thermistor chips and sub-assemblies are designed to be interchangeable over a 32f to 122f (0c to 50c) range. best overall stability is maintained when exposure and storage temperatures remain below 158f (70c). temperature f (c) 2252 ? 3 k? 5 k? 10 k? 103(y) ? 32.00 (0) 7373.00 9821.93 16369.9 32739.8 29565.8 33.80 (1) 7005.80 9332.76 15554.6 31109.2 28224.8 35.60 (2) 6659.04 8870.84 14784.7 29569.5 26951.9 37.40 (3) 6331.49 8434.49 14057.5 28115.0 25743.3 39.20 (4) 6021.97 8022.17 13370.3 26740.6 24595.5 41.00 (5) 5729.40 7632.41 12720.7 25441.4 23505.0 42.80 (6) 5452.74 7263.87 12106.4 24212.9 22468.7 44.60 (7) 5191.06 6915.27 11525.4 23050.9 21483.8 46.40 (8) 4943.46 6585.43 10975.7 21951.4 20547.2 48.20 (9) 4709.11 6273.23 10455.4 20910.8 19656.6 50.00 (10) 4487.22 5977.64 9962.74 19925.5 18809.3 51.80 (11) 4277.07 5697.69 9496.15 18992.3 18003.1 53.60 (12) 4077.97 5432.47 9054.11 18108.2 17235.7 55.40 (13) 3889.29 5181.11 8635.19 17270.4 16505.1 57.20 (14) 3710.42 4942.83 8238.05 16476.1 15809.4 59.00 (15) 3540.80 4716.88 7861.46 15722.9 15146.7 60.80 (16) 3379.91 4502.54 7504.24 15008.5 14515.3 62.60 (17) 3227.24 4299.17 7165.28 14330.6 13913.6 64.40 (18) 3082.34 4106.14 6843.57 13687.1 13340.0 66.20 (19) 2944.77 3922.88 6538.13 13076.3 12793.0 68.00 (20) 2814.12 3748.83 6248.05 12496.1 12271.4 69.80 (21) 2690.01 3583.49 5972.48 11945.0 11773.8 71.60 (22) 2572.07 3426.38 5710.63 11421.3 11299.0 73.40 (23) 2459.96 3277.03 5461.72 10923.4 10845.8 75.20 (24) 2353.37 3135.04 5225.07 10450.1 10413.1 77.00 (25) 2252.00 3000.00 5000.00 10000.0 10000.0 78.80 (26) 2155.56 2871.53 4785.88 9571.77 9605.42 80.60 (27) 2063.79 2749.28 4582.13 9164.26 9228.45 82.40 (28) 1976.44 2632.91 4388.19 8776.38 8868.24 84.20 (29) 1893.27 2522.12 4203.54 8407.07 8523.96 86.00 (30) 1814.07 2416.61 4027.68 8055.35 8194.82 87.80 (31) 1738.61 2316.09 3860.15 7720.30 7880.09 89.60 (32) 1666.71 2220.31 3700.51 7401.03 7579.07 91.40 (33) 1598.18 2129.02 3548.36 7096.72 7291.10 93.20 (34) 1532.85 2041.98 3403.30 6806.60 7015.55 95.00 (35) 1470.54 1958.98 3264.97 6529.94 6751.83 96.80 (36) 1411.11 1879.81 3133.02 6266.03 6499.37 98.60 (37) 1354.41 1804.27 3007.12 6014.23 6257.64 100.40 (38) 1300.29 1732.18 2886.96 5773.93 6026.13 102.20 (39) 1248.63 1663.36 2772.27 5544.53 5804.36 104.00 (40) 1199.30 1597.65 2662.75 5325.50 5591.88 105.80 (41) 1152.19 1534.89 2558.15 5116.30 5388.26 107.60 (42) 1107.19 1474.94 2458.23 4916.46 5193.09 109.40 (43) 1064.18 1417.65 2362.75 4725.49 5005.96 111.20 (44) 1023.08 1362.89 2271.49 4542.98 4826.53 113.00 (45) 983.78 1310.55 2184.24 4368.49 4654.43 114.80 (46) 946.21 1260.49 2100.82 4201.64 4489.33 116.60 (47) 910.27 1212.62 2021.03 4042.05 4330.91 118.40 (48) 875.89 1166.81 1944.69 3889.38 4178.88 120.20 (49) 842.99 1122.99 1871.65 3743.29 4032.94 122.00 (50) 811.50 1081.04 1801.73 3603.46 3892.83 resistance vs temperature
aas-920-321b-06/2015 www.amphenol-sensors.com ? 2015 amphenol corporation. all rights reserved. specifcations are subject to change without notice. other company names and product names used in this document are the registered trademarks or trademarks of their respective owners. a mphenol advanced sensors ntc type ma specifications ordering information the code number to be ordered may be specif ied as follows: ma code standard assemblies 100fa series 100, 0.070 in (1.78 mm) diameter molded plastic tip, 30 gauge pvc insulated ribbon cable. 100fd series 100, 0.070 in (1.78 mm) diameter molded plastic tip, 32 gauge biflar heavy isomid insulation. 100dd series 100, 0.050 in (1.27 mm) diameter kapton sleeve with 32 gauge biflar heavy isomid insulation. 100bf series 100, 0.030 in (0.768 mm) diameter kapton sleeve with 38 gauge biflar heavy isomid insulation. 200lc series 200, 0.156 in (3.96 mm) diameter aluminum tip, 30 gauge ptfe leads. 300ta series 300, 0.375 in (9.52 mm) diameter stainless steel cup, 30 gauge pvc insulated ribbon cable. 300tb series 300, 0.375 in (9.52 mm) diameter stainless steel cup, 30 gauge ptfe insulated ribbon cable. 100gg series 100, 0.080 in (2.03 mm) diameter molded plastic tip, 28 gauge kynar insulated twisted pair. code resistance cable* 232 2252 ? 302 3000 ? 502 5000 ? 103 10,000 ? 103 (y) 10,000 ? code tolerance x refer to tolerance code and temperature range table ma - ______ - ______ - ______ typical model number *refer to resistance vs temperature table on previous page.


▲Up To Search▲   

 
Price & Availability of MA-300TB-502-2252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X