Part Number Hot Search : 
YB1506 40MHZ FSA201 2SC114 SST12P1 1408D 20M00 LSWR24
Product Description
Full Text Search
 

To Download IRF6217TRPBF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet notes   through  are on page 8 so-8 top view 8 1 2 3 4 5 6 7 d d d g s a d s s 
  symbol parameter typ. max. units r jl junction-to-drain lead ??? 20 r ja junction-to-ambient  ??? 50 c/w thermal resistance   
  
       !  form quantity tube/bulk 95 irf6217pbf-1 tape and reel 4000 IRF6217TRPBF-1 package type standard pack orderable part number irf6217pbf-1 so-8 base part number parameter max. units i d @ t a = 25c continuous drain current, v gs @ 10v -0.7 i d @ t a = 70c continuous drain current, v gs @ 10v -0.5 a i dm pulsed drain current  -5.0 p d @t a = 25c power dissipation  2.5 w linear derating factor 0.02 w/c v gs gate-to-source voltage 20 v dv/dt peak diode recovery dv/dt 4.5 v/ns t j operating junction and -55 to + 150 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings features benefits industry-standard pinout so-8 package ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability v ds -150 v r ds(on) max (@v gs = -10v) 2.4 q g (typical) 6nc i d (@t a = 25c) -0.7 a
 
  
       !  
  parameter min. typ. max. units conditions g fs forward transconductance 0.55 ??? ??? s v ds = -50v, i d = -0.42a q g total gate charge ??? 6.0 9.0 i d = -0.42a q gs gate-to-source charge ??? 1.6 2.4 nc v ds = -120v q gd gate-to-drain ("miller") charge ??? 2.8 4.2 v gs = -10v, t d(on) turn-on delay time ??? 12 ??? v dd = -75v t r rise time ??? 7.2 ??? i d = -0.42a t d(off) turn-off delay time ??? 14 ??? r g = 6.2 t f fall time ??? 16 ??? v gs = -10v  c iss input capacitance ??? 150 ??? v gs = 0v c oss output capacitance ??? 30 ??? v ds = -25v c rss reverse transfer capacitance ??? 10 ??? pf ? = 1.0khz c oss output capacitance ??? 150 ??? v gs = 0v, v ds = -1.0v, ? = 1.0khz c oss output capacitance ??? 15 ??? v gs = 0v, v ds = -120v, ? = 1.0khz c oss eff. effective output capacitance ??? 45 ??? v gs = 0v, v ds = 0v to -120v dynamic @ t j = 25c (unless otherwise specified) ns parameter typ. max. units e as single pulse avalanche energy  ??? 15 mj i ar avalanche current  ??? -1.4 a avalanche characteristics static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -150 ??? ??? v v gs = 0v, i d = -250 a v (br)dss / t j breakdown voltage temp. coefficient ??? -0.17 ??? v/c reference to 25c, i d = -1ma  r ds(on) static drain-to-source on-resistance ??? ??? 2.4 v gs = -10v, i d = -0.42a  v gs(th) gate threshold voltage -3.0 ??? -5.0 v v ds = v gs , i d = -250 a ??? ??? -25 a v ds = -150v, v gs = 0v, t j = 25c ??? ??? -250 v ds = -120v, v gs = 0v, t j = 125c gate-to-source forward leakage ??? ??? -100 v gs = -20v gate-to-source reverse leakage ??? ??? 100 na v gs = 20v i gss i dss drain-to-source leakage current parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? -1.6 v t j = 25c, i s = -0.42a, v gs = 0v  t rr reverse recovery time ??? 51 77 ns t j = 25c, i f = -0.42a q rr reverse recoverycharge ??? 86 130 nc di/dt = -100a/ s   diode characteristics -1.8 -5.0 " s d g
 
  
       !  
  fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature 0.01 0.1 1 10 0.1 1 10 100 20 s pulse width t = 25 c j top bottom vgs -15v -12v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -5.0v 0.01 0.1 1 10 0.1 1 10 100 20 s pulse width t = 150 c j top bottom vgs -15v -12v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -5.0v 0.01 0.1 1 10 4 5 7 8 9 11 12 v = -50v 20 s pulse width ds -v , gate-to-source voltage (v) -i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d -10v -0.70a
  
  
       !  
  fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage fig 8. maximum safe operating area 0 2 4 6 8 0 2 4 6 8 10 12 q , total gate charge (nc) -v , gate-to-source voltage (v) g gs i = d -0.42a v = -30v ds v = -75v ds v = -120v ds 0.1 1 10 0.2 0.6 0.9 1.3 1.6 -v ,source-to-drain voltage (v) -i , reverse drain current (a) sd sd v = 0 v gs t = 150 c j t = 25 c j 1 10 100 1000 -v ds , drain-to-source voltage (v) 1 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 1 10 100 1000 -v ds , drain-tosource voltage (v) 0.01 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 1msec 10msec operation in this area limited by r ds (on) 100 sec
#  
  
       !  
  fig 11. maximum effective transient thermal impedance, junction-to-ambient 0.1 1 10 100 0.0001 0.001 0.01 0.1 1 10 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 t , case temperature ( c) -i , drain current (a) c d fig 9. maximum drain current vs. ambient temperature $  $  

1  

0.1 %   $  $    %& + -
'  
  
       !  
  fig 13. on-resistance vs. gate voltage fig 12. on-resistance vs. drain current fig 14a&b. basic gate charge test circuit and waveform fig 15a&b. unclamped inductive test circuit and waveforms fig 15c. maximum avalanche energy vs. drain current 25 50 75 100 125 150 0 5 10 15 20 25 30 35 starting tj, junction temperature ( c) e , single pulse avalanche energy (mj) as i d top bottom -0.6a -1.1a -1.4a 4.5 6.0 7.5 9.0 10.5 12.0 13.5 15.0 -v gs, gate -to -source voltage (v) 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00 9.00 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) i d = -0.7a v gs = -10v 0.00 0.25 0.50 0.75 1.00 1.25 1.50 -i d , drain current (a) 1.80 1.82 1.84 1.86 1.88 1.90 1.92 1.94 1.80 1.82 1.84 1.86 1.88 1.90 1.92 1.94 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) d.u.t. v ds i d i g -3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   q g q gs q gd v g charge r g i as 0.01 t p d.u.t l v ds v dd driver a 15v -20v t p v ( br ) dss i as
(  
  
       !  
  so-8 package outline (mosfet & fetky) e1 d e y b a a1 h k l .189 .1497 0 .013 .050 bas ic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 b asic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max millimeters inches mi n max dim 8 e c .0075 .0098 0.19 0.25 .025 bas ic 0.635 b as ic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 footprint 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 8x 1.78 [ .070 ] 4 . ou t l i ne conf or ms t o j e de c ou t l i ne ms - 012aa. not e s : 1. dimens ioning & t ole rancing pe r as me y14.5m-1994. 2. controlling dimension: millimeter 3. dimens ions are s hown in mil l imet e rs [inche s ]. 5 dimens ion doe s not incl ude mol d prot rus ions . 6 dimens ion doe s not incl ude mol d prot rus ions . mold prot rus ions not t o e xce e d 0.25 [.010]. 7 dimens ion is t he l engt h of l ead f or s ol de ring t o a s ubs t rat e. mold prot rus ions not t o e xce e d 0.15 [.006]. dimensions are shown in milimeters (inches) so-8 part marking information p = disgnates lead - free example: t his is an irf7101 (mosfet) f 7101 xxxx int ernational logo rectifier part number lot code product (optional) dat e code (yww) y = l as t digit of t he ye ar ww = we e k a = as s e mb l y s i t e code note: for the most current drawing please refer to ir website at: http://www.irf.com/package/
)  
  
       !  
    repetitive rating; pulse width limited by max. junction temperature.   starting t j = 25c, l = 15mh, r g = 25 , i as = -1.4a.   pulse width 400 s; duty cycle 2%.   when mounted on 1 inch square copper board.  330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel (dimensions are shown in millimeters (inches)) note: for the most current drawing please refer to ir website at: http://www.irf.com/package/ ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ms l 1 (per je de c j-s td-020d ?? ) rohs c ompliant yes qualification information ? qualification level industrial (per jedec jes d47f ?? guidelines) moisture sensitivity level so-8 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/


▲Up To Search▲   

 
Price & Availability of IRF6217TRPBF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X