Part Number Hot Search : 
ANTX2N6 C230E FM34W02U V7237A L5300AH7 40220 12BDL HCT555
Product Description
Full Text Search
 

To Download F125WP102R100V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 1 benefts ? r ated voltage: 50 C 400 vdc ? r ated voltage: 30 C 200 vac ? ca pacitance range: 0.001 C 3.3 f ? e ia size: 2220 C 6560 ? ca pacitance tolerance: 2%, 2.5%, 5% ? c limatic category: 55/125/56 ? r ohs compliant and lead-free terminations ? operating temperature range of ?55?c to +125?c overview polyphenylene sulphide (pps) flm capacitor for surface mounting. encapsulation in self-extinguishing material meeting the requirements of ul 94 vC0. smc capacitors meet the standards according to iec 60384-20. applications typical applications include timing, fltering and use as a memory capacitor . the smc series is designed for high stability, accuracy and temperature. not suitable for across-the-line application (see suppressor capacitors). surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc legacy part number system smc 5.7 102 j 50 j33 tr12 series chip length (mm) capacitance code (pf) capacitance tolerance rated voltage (vdc) size code packaging metallized pps 5.7 7.3 10.2 12.7 16.5 first two digits represent si gnifcant fgures. the third digit specifes number of ze ros. g = 2% h = 2.5% j = 5% 50 100 250 400 see dimension table see ordering options table new kemet part number system f 125 p p 102 j 050 v capacitor class series chip size size code capacitance code (pf) capacitance tolerance rated voltage (vdc) packaging f = film metallized pps p = 2220 s = 2820 w = 4036 y = 5045 z = 6560 see dimension table first two digits represent signifcant fgures. the third d igit specifes number of ze ros. g = 2% r = 2.5% j = 5% 050 = 50 100 = 100 250 = 250 400 = 400 see ordering options table one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 2 ordering options table chip size (eia) packaging type kemet packaging code legacy packaging code 2220 standard packaging options tape & reel (standard reel) v tr12 bulk (bag) a bulk 6wdgdug3dfndjlj2swlrv tape & reel (standard reel) v tr12 bulk (bag) a bulk 6wdgdug3dfndjlj2swlrv tape & reel (horizontal orientation standard reel) v tr16 bulk (bag) a bulk 2wkhu3dfndjlj2swlrv tape & reel (vertical orientation standard reel) y tv24 6wdgdug3dfndjlj2swlrv tape & reel (standard reel) v tr24 bulk (bag) a bulk 2wkhu3dfndjlj2swlrv tape & reel (vertical orientation standard reel) y tv24 6560 standard packaging options tape & reel (standard reel) v tr24 bulk (bag) a bulk 2wkhu3dfndjlj2swlrv tape & reel (vertical orientation standard reel) y tv44 surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 3 dimensions C millimeters kemet size code legacy size code chip size (eia) b h l f nominal tolerance nominal tolerance nominal tolerance nominal tolerance pp j33 2220 5.0 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 +/-0.2 environmental compliance all kemet surface mount capacitors are rohs compliant. surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc l h b f f
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 4 performance characteristics rated voltage (vdc) 50 100 250 400 rated voltage (vac) 30 63 160 200 capacitance range (f) 0.001 C 3.3 0.001 C 1.5 0.001 C 0.47 0.001 C 0.22 chip size (eia) 2220 C 6560 capacitance tolerance 2%, 2.5%, 5% category temperature range ?55c to +125c rated temperature +100c voltage derating the rated voltage should be decreased with 1.25%/c from +100c to +125c and 1.5%/c from +125c to 175c measured at +20c according to iec 60384C19 minimum value between terminals c 0.33 f c > 0.33 f v r 100 1 5,000 m? 5 ,000 m? ? f v r > 100 30,000 m? 10,000 m? ? f dissipation factor maximum values at +23c c 0.1 f 0.1 < c 1 f c > 1 f 1 khz 0.15% 0.15% 0.15% 10 khz 0.25% 0.25% 0.30% 100 khz 0.50% 0.60% pulse rise time the capacitors can withstand an unlimited number of pulses with a dv/dt according to table 1. for voltages (v) lower than the rated voltage (v r ), the specifed dv/dt can be multiplied by v r / v. capacitance vs. temperature dissipation factor vs. temperature surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 5 table 1 C ratings & part number reference (1) g = 2%, r = 2.5% (legacy code = h), j = 5%. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) size code (new/legacy) dimensions in mm size dv/dt (v/s) new kemet part number legacy part number 50 30 0.0010 pp/j33 5.0 3.0 5.7 2220 20 f125pp102(1)050(2) smc5.7102(1)50j33(2) 50 30 0.0012 pp/j33 5.0 3.0 5.7 2220 20 f125pp122(1)050(2) smc5.7122(1)50j33(2) 50 30 0.0015 pp/j33 5.0 3.0 5.7 2220 20 f125pp152(1)050(2) smc5.7152(1)50j33(2) 50 30 0.0018 pp/j33 5.0 3.0 5.7 2220 20 f125pp182(1)050(2) smc5.7182(1)50j33(2) 50 30 0.0022 pp/j33 5.0 3.0 5.7 2220 20 f125pp222(1)050(2) smc5.7222(1)50j33(2) 50 30 0.0027 pp/j33 5.0 3.0 5.7 2220 20 f125pp272(1)050(2) smc5.7272(1)50j33(2) 50 30 0.0033 pp/j33 5.0 3.0 5.7 2220 20 f125pp332(1)050(2) smc5.7332(1)50j33(2) 50 30 0.0039 pp/j33 5.0 3.0 5.7 2220 20 f125pp392(1)050(2) smc5.7392(1)50j33(2) 50 30 0.0047 pp/j33 5.0 3.0 5.7 2220 20 f125pp472(1)050(2) smc5.7472(1)50j33(2) 50 30 0.0056 pp/j33 5.0 3.0 5.7 2220 20 f125pp562(1)050(2) smc5.7562(1)50j33(2) 50 30 0.0068 pp/j33 5.0 3.0 5.7 2220 20 f125pp682(1)050(2) smc5.7682(1)50j33(2) 50 30 0.0082 pp/j33 5.0 3.0 5.7 2220 20 f125pp822(1)050(2) smc5.7822(1)50j33(2) 50 30 0.010 pp/j33 5.0 3.0 5.7 2220 20 f125pp103(1)050(2) smc5.7103(1)50j33(2) 50 30 0.012 pp/j33 5.0 3.0 5.7 2220 20 f125pp123(1)050(2) smc5.7123(1)50j33(2) 50 30 0.015 pp/j33 5.0 3.0 5.7 2220 15 f125pp153(1)050(2) smc5.7153(1)50j33(2) 50 30 0.018 pp/j33 5.0 3.0 5.7 2220 15 f125pp183(1)050(2) smc5.7183(1)50j33(2) 50 30 0.022 pp/j33 5.0 3.0 5.7 2220 15 f125pp223(1)050(2) smc5.7223(1)50j33(2) 50 30 0.027 pp/j33 5.0 3.0 5.7 2220 15 f125pp273(1)050(2) smc5.7273(1)50j33(2) 50 30 0.033 pp/j33 5.0 3.0 5.7 2220 15 f125pp333(1)050(2) smc5.7333(1)50j33(2) 50 30 0.039 pp/j33 5.0 3.0 5.7 2220 6 f125pp393(1)050(2) smc5.7393(1)50j33(2) 50 30 0.047 pp/j33 5.0 3.0 5.7 2220 6 f125pp473(1)050(2) smc5.7473(1)50j33(2) 50 30 0.056 pu/j35 5.0 4.0 5.7 2220 6 f125pu563(1)050(2) smc5.7563(1)50j35(2) 50 30 0.068 pu/j35 5.0 4.0 5.7 2220 6 f125pu683(1)050(2) smc5.7683(1)50j35(2) 50 30 0.082 pu/j35 5.0 4.0 5.7 2220 6 f125pu823(1)050(2) smc5.7823(1)50j35(2) 50 30 0.10 pu/j35 5.0 4.0 5.7 2220 6 f125pu104(1)050(2) smc5.7104(1)50j35(2) 50 30 0.0010 sl/k33 6.0 3.0 7.3 2824 20 f125sl102(1)050(2) smc7.3102(1)50k33(2) 50 30 0.0012 sl/k33 6.0 3.0 7.3 2824 20 f125sl122(1)050(2) smc7.3122(1)50k33(2) 50 30 0.0015 sl/k33 6.0 3.0 7.3 2824 20 f125sl152(1)050(2) smc7.3152(1)50k33(2) 50 30 0.0018 sl/k33 6.0 3.0 7.3 2824 20 f125sl182(1)050(2) smc7.3182(1)50k33(2) 50 30 0.0022 sl/k33 6.0 3.0 7.3 2824 20 f125sl222(1)050(2) smc7.3222(1)50k33(2) 50 30 0.0027 sl/k33 6.0 3.0 7.3 2824 20 f125sl272(1)050(2) smc7.3272(1)50k33(2) 50 30 0.0033 sl/k33 6.0 3.0 7.3 2824 20 f125sl332(1)050(2) smc7.3332(1)50k33(2) 50 30 0.0039 sl/k33 6.0 3.0 7.3 2824 20 f125sl392(1)050(2) smc7.3392(1)50k33(2) 50 30 0.0047 sl/k33 6.0 3.0 7.3 2824 20 f125sl472(1)050(2) smc7.3472(1)50k33(2) 50 30 0.0056 sl/k33 6.0 3.0 7. 3 2824 20 f125sl562(1)050(2) smc7.3562(1)50k33(2) 50 30 0.0068 sl/k33 6.0 3.0 7.3 2824 20 f125sl682(1)050(2) smc7.3682(1)50k33(2) 50 30 0.0082 sl/k33 6.0 3.0 7.3 2824 20 f125sl822(1)050(2) smc7.3822(1)50k33(2) 50 30 0.010 sl/k33 6.0 3.0 7.3 2824 20 f125sl103(1)050(2) smc7.3103(1)50k33(2) 50 30 0.012 sl/k33 6.0 3.0 7.3 2824 20 f125sl123(1)050(2) smc7.3123(1)50k33(2) 50 30 0.015 sl/k33 6.0 3.0 7.3 2824 20 f125sl153(1)050(2) smc7.3153(1)50k33(2) 50 30 0.018 sl/k33 6.0 3.0 7.3 2824 20 f125sl183(1)050(2) smc7.3183(1)50k33(2) 50 30 0.022 sl/k33 6.0 3.0 7.3 2824 20 f125sl223(1)050(2) smc7.3223(1)50k33(2) 50 30 0.027 sl/k33 6.0 3.0 7.3 2824 20 f125sl273(1)050(2) smc7.3273(1)50k33(2) 50 30 0.033 sl/k33 6.0 3.0 7.3 2824 15 f125sl333(1)050(2) smc7.3333(1)50k33(2) 50 30 0.039 sl/k33 6.0 3.0 7.3 2824 15 f125sl393(1)050(2) smc7.3393(1)50k33(2) 50 30 0.047 sl/k33 6.0 3.0 7.3 2824 15 f125sl473(1)050(2) smc7.3473(1)50k33(2) 50 30 0.056 sl/k33 6.0 3.0 7.3 2824 15 f125sl563(1)050(2) smc7.3563(1)50k33(2) 50 30 0.068 sl/k33 6.0 3.0 7.3 2824 15 f125sl683(1)050(2) smc7.3683(1)50k33(2) 50 30 0.082 sl/k33 6.0 3.0 7.3 2824 6 f125sl823(1)050(2) smc7.3823(1)50k33(2) 50 30 0.10 sl/k33 6.0 3.0 7.3 2824 6 f125sl104(1)050(2) smc7.3104(1)50k33(2) 50 30 0.12 sp/k35 6.0 3.5 7.3 2824 6 f125sp124(1)050(2) smc7.3124(1)50k35(2) 50 30 0.15 sp/k35 6.0 3.5 7.3 2824 6 f125sp154(1)050(2) smc7.3154(1)50k35(2) 50 30 0.18 sp/k35 6.0 3.5 7.3 2824 6 f125sp184(1)050(2) smc7.3184(1)50k35(2) 50 30 0.22 st/k37 6.0 4.5 7.3 2824 6 f125st224(1)050(2) smc7.3224(1)50k37(2) 50 30 0.010 wp/a31 9.1 5.5 10.2 4036 4 f125wp103(1)050(2) smc10.2103(1)50a31(2) 50 30 0.012 wp/a31 9.1 5.5 10.2 4036 4 f125wp123(1)050(2) smc10.2123(1)50a31(2) 50 30 0.015 wp/a31 9.1 5.5 10.2 4036 4 f125wp153(1)050(2) smc10.2153(1)50a31(2) 50 30 0.018 wp/a31 9.1 5.5 10.2 4036 4 f125wp183(1)050(2) smc10.2183(1)50a31(2) 50 30 0.022 wp/a31 9.1 5.5 10.2 4036 4 f125wp223(1)050(2) smc10.2223(1)50a31(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) chip size dv/dt (v/s) new kemet part number legacy part number surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 6 table 1 C ratings & part number reference cont'd (1) g = 2%, r = 2.5% (legacy code = h), j = 5%. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) size code (new/legacy) dimensions in mm size dv/dt (v/s) new kemet part number legacy part number 50 30 0.027 wp/a31 9.1 5.5 10.2 4036 4 f125wp273(1)050(2) smc10.2273(1)50a31(2) 50 30 0.033 wp/a31 9.1 5.5 10.2 4036 4 f125wp333(1)050(2) smc10.2333(1)50a31(2) 50 30 0.039 wp/a31 9.1 5.5 10.2 4036 4 f125wp393(1)050(2) smc10.2393(1)50a31(2) 50 30 0.047 wp/a31 9.1 5.5 10.2 4036 4 f125wp473(1)050(2) smc10.2473(1)50a31(2) 50 30 0.056 wp/a31 9.1 5.5 10.2 4036 4 f125wp563(1)050(2) smc10.2563(1)50a31(2) 50 30 0.068 wp/a31 9.1 5.5 10.2 4036 4 f125wp683(1)050(2) smc10.2683(1)50a31(2) 50 30 0.082 wp/a31 9.1 5.5 10.2 4036 4 f125wp823(1)050(2) smc10.2823(1)50a31(2) 50 30 0.10 wp/a31 9.1 5.5 10.2 4036 4 f125wp104(1)050(2) smc10.2104(1)50a31(2) 50 30 0.12 wp/a31 9.1 5.5 10.2 4036 4 f125wp124(1)050(2) smc10.2124(1)50a31(2) 50 30 0.15 wp/a31 9.1 5.5 10.2 4036 4 f125wp154(1)050(2) smc10.2154(1)50a31(2) 50 30 0.18 wp/a31 9.1 5.5 10.2 4036 4 f125wp184(1)050(2) smc10.2184(1)50a31(2) 50 30 0.22 wp/a31 9.1 5.5 10.2 4036 4 f125wp224(1)050(2) smc10.2224(1)50a31(2) 50 30 0.27 wp/a31 9.1 5.5 10.2 4036 4 f125wp274(1)050(2) smc10.2274(1)50a31(2) 50 30 0.33 wp/a31 9.1 5.5 10.2 4036 4 f125wp334(1)050(2) smc10.2334(1)50a31(2) 50 30 0.39 wp/a31 9.1 5.5 10.2 4036 4 f125wp394(1)050(2) smc10.2394(1)50a31(2) 50 30 0.47 wp/a31 9.1 5.5 10.2 4036 4 f125wp474(1)050(2) smc10.2474(1)50a31(2) 50 30 0.56 wp/a31 9.1 5.5 10.2 4036 4 f125wp564(1)050(2) smc10.2564(1)50a31(2) 50 30 0.68 wp/a31 9.1 5.5 10.2 4036 4 f125wp684(1)050(2) smc10.2684(1)50a31(2) 50 30 0.82 wp/a31 9.1 5.5 10.2 4036 4 f125wp824(1)050(2) smc10.2824(1)50a31(2) 50 30 1.0 yr/b31 11.5 6.5 12.7 5045 3 f125yr105(1)050(2) smc12.7105(1)50b31(2) 50 30 1.2 yr/b31 11.5 6.5 12.7 5045 3 f125yr125(1)050(2) smc12.7125(1)50b31(2) 50 30 1.5 yr/b31 11.5 6.5 12.7 5045 3 f125yr155(1)050(2) smc12.7155(1)50b31(2) 50 30 1.8 zs/c31 15.0 7.0 16.5 6560 2 f125zs185(1)050(2) smc16.5185(1)50c31(2) 50 30 2.2 zs/c31 15.0 7.0 16.5 6560 2 f125zs225(1)050(2) smc16.5225(1)50c31(2) 50 30 2.7 zs/c31 15.0 7.0 16.5 6560 2 f125zs275(1)050(2) smc16.5275(1)50c31(2) 50 30 3.3 zs/c31 15.0 7.0 16.5 6560 2 f125zs335(1)050(2) smc16.5335(1)50c31(2) 100 63 0.0010 pp/j33 5.0 3.0 5.7 2220 20 f125pp102(1)100(2) smc5.7102(1)100j33(2) 100 63 0.0012 pp/j33 5.0 3.0 5.7 2220 20 f125pp122(1)100(2) smc5.7122(1)100j33(2) 100 63 0.0015 pp/j33 5.0 3.0 5.7 2220 20 f125pp152(1)100(2) smc5.7152(1)100j33(2) 100 63 0.0018 pp/j33 5.0 3.0 5.7 2220 20 f125pp182(1)100(2) smc5.7182(1)100j33(2) 100 63 0.0022 pp/j33 5.0 3.0 5.7 2220 20 f125pp222(1)100(2) smc5.7222(1)100j33(2) 100 63 0.0027 pp/j33 5.0 3.0 5.7 2220 20 f125pp272(1)100(2) smc5.7272(1)100j33(2) 100 63 0.0033 pp/j33 5.0 3.0 5.7 2220 20 f125pp332(1)100(2) smc5.7332(1)100j33(2) 100 63 0.0039 pp/j33 5.0 3.0 5.7 2220 20 f125pp392(1)100(2) smc5.7392(1)100j33(2) 100 63 0.0047 pp/j33 5.0 3.0 5 .7 2220 20 f125pp472(1)100(2) smc5.7472(1)100j33(2) 100 63 0.0056 pp/j33 5.0 3.0 5.7 2220 20 f125pp562(1)100(2) smc5.7562(1)100j33(2) 100 63 0.0068 pp/j33 5.0 3.0 5.7 2220 20 f125pp682(1)100(2) smc5.7682(1)100j33(2) 100 63 0.0082 pp/j33 5.0 3.0 5.7 2220 20 f125pp822(1)100(2) smc5.7822(1)100j33(2) 100 63 0.010 pp/j33 5.0 3.0 5.7 2220 20 f125pp103(1)100(2) smc5.7103(1)100j33(2) 100 63 0.012 pp/j33 5.0 3.0 5.7 2220 20 f125pp123(1)100(2) smc5.7123(1)100j33(2) 100 63 0.015 pp/j33 5.0 3.0 5.7 2220 15 f125pp153(1)100(2) smc5.7153(1)100j33(2) 100 63 0.018 pp/j33 5.0 3.0 5.7 2220 15 f125pp183(1)100(2) smc5.7183(1)100j33(2) 100 63 0.022 pp/j33 5.0 3.0 5.7 2220 15 f125pp223(1)100(2) smc5.7223(1)100j33(2) 100 63 0.027 pu/j35 5.0 4.0 5.7 2220 15 f125pu273(1)100(2) smc5.7273(1)100j35(2) 100 63 0.033 pu/j35 5.0 4.0 5.7 2220 15 f125pu333(1)100(2) smc5.7333(1)100j35(2) 100 63 0.0010 sl/k33 6.0 3.0 7.3 2824 20 f125sl102(1)100(2) smc7.3102(1)100k33(2) 100 63 0.0012 sl/k33 6.0 3.0 7.3 2824 20 f125sl122(1)100(2) smc7.3122(1)100k33(2) 100 63 0.0015 sl/k33 6.0 3.0 7.3 2824 20 f125sl152(1)100(2) smc7.3152(1)100k33(2) 100 63 0.0018 sl/k33 6.0 3.0 7.3 2824 20 f125sl182(1)100(2) smc7.3182(1)100k33(2) 100 63 0.0022 sl/k33 6.0 3.0 7.3 2824 20 f125sl222(1)100(2) smc7.3222(1)100k33(2) 100 63 0.0027 sl/k33 6.0 3.0 7.3 2824 20 f125sl272(1)100(2) smc7.3272(1)100k33(2) 100 63 0.0033 sl/k33 6.0 3.0 7.3 2824 20 f125sl332(1)100(2) smc7.3332(1)100k33(2) 100 63 0.0039 sl/k33 6.0 3.0 7.3 2824 20 f125sl392(1)100(2) smc7.3392(1)100k33(2) 100 63 0.0047 sl/k33 6.0 3.0 7.3 2824 20 f125sl472(1)100(2) smc7.3472(1)100k33(2) 100 63 0.0056 sl/k33 6.0 3.0 7.3 2824 20 f125sl562(1)100(2) smc7.3562(1)100k33(2) 100 63 0.0068 sl/k33 6.0 3.0 7.3 2824 20 f125sl682(1)100(2) smc7.3682(1)100k33(2) 100 63 0.0082 sl/k33 6.0 3.0 7.3 2824 20 f125sl822(1)100(2) smc7.3822(1)100k33(2) 100 63 0.010 sl/k33 6.0 3.0 7.3 2824 20 f125sl103(1)100(2) smc7.3103(1)100k33(2) 100 63 0.012 sl/k33 6.0 3.0 7.3 2824 20 f125sl123(1)100(2) smc7.3123(1)100k33(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) chip size dv/dt (v/s) new kemet part number legacy part number surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 7 table 1 C ratings & part number reference cont'd (1) g = 2%, r = 2.5% (legacy code = h), j = 5%. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) size code (new/legacy) dimensions in mm size dv/dt (v/s) new kemet part number legacy part number 100 63 0.015 sl/k33 6.0 3.0 7.3 2824 20 f125sl153(1)100(2) smc7.3153(1)100k33(2) 100 63 0.018 sl/k33 6.0 3.0 7.3 2824 20 f125sl183(1)100(2) smc7.3183(1)100k33(2) 100 63 0.022 sl/k33 6.0 3.0 7.3 2824 20 f125sl223(1)100(2) smc7.3223(1)100k33(2) 100 63 0.027 sl/k33 6.0 3.0 7.3 2824 15 f125sl273(1)100(2) smc7.3273(1)100k33(2) 100 63 0.033 sl/k33 6.0 3.0 7.3 2824 15 f125sl333(1)100(2) smc7.3333(1)100k33(2) 100 63 0.039 sp/k35 6.0 3.5 7.3 2824 15 f125sp393(1)100(2) smc7.3393(1)100k35(2) 100 63 0.047 sp/k35 6.0 3.5 7.3 2824 15 f125sp473(1)100(2) smc7.3473(1)100k35(2) 100 63 0.056 st/k37 6.0 4.5 7.3 2824 15 f125st563(1)100(2) smc7.3563(1)100k37(2) 100 63 0.068 st/k37 6.0 4.5 7.3 2824 15 f125st683(1)100(2) smc7.3683(1)100k37(2) 100 63 0.010 wp/a31 9.1 5.5 10.2 4036 6 f125wp103(1)100(2) smc10.2103(1)100a31(2) 100 63 0.012 wp/a31 9.1 5.5 10.2 4036 6 f125wp123(1)100(2) smc10.2123(1)100a31(2) 100 63 0.015 wp/a31 9.1 5.5 10.2 4036 6 f125wp153(1)100(2) smc10.2153(1)100a31(2) 100 63 0.018 wp/a31 9.1 5.5 10.2 4036 6 f125wp183(1)100(2) smc10.2183(1)100a31(2) 100 63 0.022 wp/a31 9.1 5.5 10.2 4036 6 f125wp223(1)100(2) smc10.2223(1)100a31(2) 100 63 0.027 wp/a31 9.1 5.5 10.2 4036 6 f125wp273(1)100(2) smc10.2273(1)100a31(2) 100 63 0.033 wp/a31 9.1 5.5 10.2 4036 6 f125wp333(1)100(2) smc10.2333(1)100a31(2) 100 63 0.039 wp/a31 9.1 5.5 10.2 4036 6 f125wp393(1)100(2) smc10.2393(1)100a31(2) 100 63 0.047 wp/a31 9.1 5.5 10.2 4036 6 f125wp473(1)100(2) smc10.2473(1)100a31(2) 100 63 0.056 wp/a31 9.1 5.5 10.2 4036 6 f125wp563(1)100(2) smc10.2563(1)100a31(2) 100 63 0.068 wp/a31 9.1 5.5 10.2 4036 6 f125wp683(1)100(2) smc10.2683(1)100a31(2) 100 63 0.082 wp/a31 9.1 5.5 10.2 4036 6 f125wp823(1)100(2) smc10.2823(1)100a31(2) 100 63 0.10 wp/a31 9.1 5.5 10.2 4036 6 f125wp104(1)100(2) smc10.2104(1)100a31(2) 100 63 0.12 wp/a31 9.1 5.5 10.2 4036 6 f125wp124(1)100(2) smc10.2124(1)100a31(2) 100 63 0.15 wp/a31 9.1 5.5 10.2 4036 6 f125wp154(1)100(2) smc10.2154(1)100a31(2) 100 63 0.18 wp/a31 9.1 5.5 10.2 4036 6 f125wp184(1)100(2) smc10.2184(1)100a31(2) 100 63 0.22 wp/a31 9.1 5.5 10.2 4036 6 f125wp224(1)100(2) smc10.2224(1)100a31(2) 100 63 0.27 wp/a31 9.1 5.5 10.2 4036 6 f125wp274(1)100(2) smc10.2274(1)100a31(2) 100 63 0.33 yr/b31 11.5 6.5 12.7 5045 5 f125yr334(1)100(2) smc12.7334(1)100b31(2) 100 63 0.39 yr/b31 11.5 6.5 12.7 5045 5 f125yr394(1)100(2) smc12.7394(1)100b31(2) 100 63 0.47 yr/b31 11.5 6.5 12.7 5045 5 f125yr474(1)100(2) smc12.7474(1)100b31(2) 100 63 0.56 yr/b31 11.5 6.5 12.7 5045 5 f125yr564(1)100(2) smc12.7564(1)100b31(2) 100 63 0.68 zs/c31 15.0 7.0 16.5 6560 3 f125zs684(1)100(2) smc16.5684(1)100c31(2) 100 63 0.82 zs/c31 15.0 7.0 16.5 6560 3 f125zs824(1)100(2) smc16.5824(1)100c31(2) 100 63 1.0 zs/c31 15.0 7.0 16.5 6560 3 f125zs105(1)100(2) smc16.5105(1)100c31(2) 100 63 1.2 zs/c31 15.0 7.0 16 .5 6560 3 f125zs125(1)100(2) smc16.5125(1)100c31(2) 100 63 1.5 zs/c31 15.0 7.0 16.5 6560 3 f125zs155(1)100(2) smc16.5155(1)100c31(2) 250 160 0.0010 pp/j33 5.0 3.0 5.7 2220 20 f125pp102(1)250(2) smc5.7102(1)250j33(2) 250 160 0.0012 pp/j33 5.0 3.0 5.7 2220 20 f125pp122(1)250(2) smc5.7122(1)250j33(2) 250 160 0.0015 pp/j33 5.0 3.0 5.7 2220 20 f125pp152(1)250(2) smc5.7152(1)250j33(2) 250 160 0.0018 pp/j33 5.0 3.0 5.7 2220 20 f125pp182(1)250(2) smc5.7182(1)250j33(2) 250 160 0.0022 pp/j33 5.0 3.0 5.7 2220 20 f125pp222(1)250(2) smc5.7222(1)250j33(2) 250 160 0.0027 pp/j33 5.0 3.0 5.7 2220 20 f125pp272(1)250(2) smc5.7272(1)250j33(2) 250 160 0.0033 pp/j33 5.0 3.0 5.7 2220 20 f125pp332(1)250(2) smc5.7332(1)250j33(2) 250 160 0.0039 pp/j33 5.0 3.0 5.7 2220 20 f125pp392(1)250(2) smc5.7392(1)250j33(2) 250 160 0.0047 pp/j33 5.0 3.0 5.7 2220 20 f125pp472(1)250(2) smc5.7472(1)250j33(2) 250 160 0.0056 pp/j33 5.0 3.0 5.7 2220 20 f125pp562(1)250(2) smc5.7562(1)250j33(2) 250 160 0.0068 pp/j33 5.0 3.0 5.7 2220 20 f125pp682(1)250(2) smc5.7682(1)250j33(2) 250 160 0.0082 pu/j35 5.0 4.0 5.7 2220 20 f125pu822(1)250(2) smc5.7822(1)250j35(2) 250 160 0.010 pu/j35 5.0 4.0 5.7 2220 20 f125pu103(1)250(2) smc5.7103(1)250j35(2) 250 160 0.0010 sl/k33 6.0 3.0 7.3 2824 20 f125sl102(1)250(2) smc7.3102(1)250k33(2) 250 160 0.0012 sl/k33 6.0 3.0 7.3 2824 20 f125sl122(1)250(2) smc7.3122(1)250k33(2) 250 160 0.0015 sl/k33 6.0 3.0 7.3 2824 20 f125sl152(1)250(2) smc7.3152(1)250k33(2) 250 160 0.0018 sl/k33 6.0 3.0 7.3 2824 20 f125sl182(1)250(2) smc7.3182(1)250k33(2) 250 160 0.0022 sl/k33 6.0 3.0 7.3 2824 20 f125sl222(1)250(2) smc7.3222(1)250k33(2) 250 160 0.0027 sl/k33 6.0 3.0 7.3 2824 20 f125sl272(1)250(2) smc7.3272(1)250k33(2) 250 160 0.0033 sl/k33 6.0 3.0 7.3 2824 20 f125sl332(1)250(2) smc7.3332(1)250k33(2) 250 160 0.0039 sl/k33 6.0 3.0 7.3 2824 20 f125sl392(1)250(2) smc7.3392(1)250k33(2) 250 160 0.0047 sl/k33 6.0 3.0 7.3 2824 20 f125sl472(1)250(2) smc7.3472(1)250k33(2) 250 160 0.0056 sl/k33 6.0 3.0 7.3 2824 20 f125sl562(1)250(2) smc7.3562(1)250k33(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) chip size dv/dt (v/s) new kemet part number legacy part number surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 8 table 1 C ratings & part number reference cont'd (1) g = 2%, r = 2.5% (legacy code = h), j = 5%. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) size code (new/legacy) dimensions in mm size dv/dt (v/s) new kemet part number legacy part number 250 160 0.0068 sl/k33 6.0 3.0 7.3 2824 20 f125sl682(1)250(2) smc7.3682(1)250k33(2) 250 160 0.0082 sl/k33 6.0 3.0 7.3 2824 20 f125sl822(1)250(2) smc7.3822(1)250k33(2) 250 160 0.010 sl/k33 6.0 3.0 7.3 2824 20 f125sl103(1)250(2) smc7.3103(1)250k33(2) 250 160 0.012 sl/k33 6.0 3.0 7.3 2824 20 f125sl123(1)250(2) smc7.3123(1)250k33(2) 250 160 0.015 sl/k33 6.0 3.0 7.3 2824 20 f125sl153(1)250(2) smc7.3153(1)250k33(2) 250 160 0.018 sp/k35 6.0 3.5 7.3 2824 20 f125sp183(1)250(2) smc7.3183(1)250k35(2) 250 160 0.022 sp/k35 6.0 3.5 7.3 2824 20 f125sp223(1)250(2) smc7.3223(1)250k35(2) 250 160 0.010 wp/a31 9.1 5.5 10.2 4036 10 f125wp103(1)250(2) smc10.2103(1)250a31(2) 250 160 0.012 wp/a31 9.1 5.5 10.2 4036 10 f125wp123(1)250(2) smc10.2123(1)250a31(2) 250 160 0.015 wp/a31 9.1 5.5 10.2 4036 10 f125wp153(1)250(2) smc10.2153(1)250a31(2) 250 160 0.018 wp/a31 9.1 5.5 10.2 4036 10 f125wp183(1)250(2) smc10.2183(1)250a31(2) 250 160 0.022 wp/a31 9.1 5.5 10.2 4036 10 f125wp223(1)250(2) smc10.2223(1)250a31(2) 250 160 0.027 wp/a31 9.1 5.5 10.2 4036 10 f125wp273(1)250(2) smc10.2273(1)250a31(2) 250 160 0.033 wp/a31 9.1 5.5 10.2 4036 10 f125wp333(1)250(2) smc10.2333(1)250a31(2) 250 160 0.039 wp/a31 9.1 5.5 10.2 4036 10 f125wp393(1)250(2) smc10.2393(1)250a31(2) 250 160 0.047 wp/a31 9.1 5.5 10.2 4036 10 f125wp473(1)250(2) smc10.2473(1)250a31(2) 250 160 0.056 wp/a31 9.1 5.5 10.2 4036 10 f125wp563(1)250(2) smc10.2563(1)250a31(2) 250 160 0.068 wp/a31 9.1 5.5 10.2 4036 10 f125wp683(1)250(2) smc10.2683(1)250a31(2) 250 160 0.082 wp/a31 9.1 5.5 10.2 4036 10 f125wp823(1)250(2) smc10.2823(1)250a31(2) 250 160 0.10 wp/a31 9.1 5.5 10.2 4036 10 f125wp104(1)250(2) smc10.2104(1)250a31(2) 250 160 0.12 yr/b31 11.5 6.5 12.7 5045 8 f125yr124(1)250(2) smc12.7124(1)250b31(2) 250 160 0.15 yr/b31 11.5 6.5 12.7 5045 8 f125yr154(1)250(2) smc12.7154(1)250b31(2) 250 160 0.18 yr/b31 11.5 6.5 12.7 5045 8 f125yr184(1)250(2) smc12.7184(1)250b31(2) 250 160 0.22 zs/c31 15.0 7.0 16.5 6560 5 f125zs224(1)250(2) smc16.5224(1)250c31(2) 250 160 0.27 zs/c31 15.0 7.0 16.5 6560 5 f125zs274(1)250(2) smc16.5274(1)250c31(2) 250 160 0.33 zs/c31 15.0 7.0 16.5 6560 5 f125zs334(1)250(2) smc16.5334(1)250c31(2) 250 160 0.39 zs/c31 15.0 7.0 16.5 6560 5 f125zs394(1)250(2) smc16.5394(1)250c31(2) 250 160 0.47 zs/c31 15.0 7.0 16.5 6560 5 f125zs474(1)250(2) smc16.5474(1)250c31(2) 400 200 0.0010 pp/j33 5.0 3.0 5.7 2220 40 f125pp102(1)400(2) smc5.7102(1)400j33(2) 400 200 0.0012 pp/j33 5.0 3.0 5.7 2220 40 f125pp122(1)400(2) smc5.7122(1)400j33(2) 400 200 0.0015 pp/j33 5.0 3.0 5.7 2220 40 f125pp152(1)400(2) smc5.7152(1)400j33(2) 400 200 0.0018 pp/j33 5.0 3.0 5.7 2220 40 f125pp182(1)400(2) smc5.7182(1)400j33(2) 400 200 0.0022 pp/j33 5.0 3.0 5.7 2220 40 f125pp222(1)400(2) smc5.7222(1)400j33(2) 400 200 0.0027 pu/j35 5.0 4.0 5.7 2220 40 f125pu272(1)400(2) smc5.7272(1)400j35(2) 400 200 0.0033 pu/j35 5.0 4.0 5 .7 2220 40 f125pu332(1)400(2) smc5.7332(1)400j35(2) 400 200 0.0010 sl/k33 6.0 3.0 7.3 2824 25 f125sl102(1)400(2) smc7.3102(1)400k33(2) 400 200 0.0012 sl/k33 6.0 3.0 7.3 2824 25 f125sl122(1)400(2) smc7.3122(1)400k33(2) 400 200 0.0015 sl/k33 6.0 3.0 7.3 2824 25 f125sl152(1)400(2) smc7.3152(1)400k33(2) 400 200 0.0018 sl/k33 6.0 3.0 7.3 2824 25 f125sl182(1)400(2) smc7.3182(1)400k33(2) 400 200 0.0022 sl/k33 6.0 3.0 7.3 2824 25 f125sl222(1)400(2) smc7.3222(1)400k33(2) 400 200 0.0027 sl/k33 6.0 3.0 7.3 2824 25 f125sl272(1)400(2) smc7.3272(1)400k33(2) 400 200 0.0033 sl/k33 6.0 3.0 7.3 2824 25 f125sl332(1)400(2) smc7.3332(1)400k33(2) 400 200 0.0039 sl/k33 6.0 3.0 7.3 2824 25 f125sl392(1)400(2) smc7.3392(1)400k33(2) 400 200 0.0047 sl/k33 6.0 3.0 7.3 2824 25 f125sl472(1)400(2) smc7.3472(1)400k33(2) 400 200 0.0056 sp/k35 6.0 3.5 7.3 2824 25 f125sp562(1)400(2) smc7.3562(1)400k35(2) 400 200 0.0068 sp/k35 6.0 3.5 7.3 2824 25 f125sp682(1)400(2) smc7.3682(1)400k35(2) 400 200 0.0082 st/k37 6.0 4.5 7.3 2824 25 f125st822(1)400(2) smc7.3822(1)400k37(2) 400 200 0.010 st/k37 6.0 4.5 7.3 2824 25 f125st103(1)400(2) smc7.3103(1)400k37(2) 400 200 0.010 wp/a31 9.1 5.5 10.2 4036 15 f125wp103(1)400(2) smc10.2103(1)400a31(2) 400 200 0.012 wp/a31 9.1 5.5 10.2 4036 15 f125wp123(1)400(2) smc10.2123(1)400a31(2) 400 200 0.015 wp/a31 9.1 5.5 10.2 4036 15 f125wp153(1)400(2) smc10.2153(1)400a31(2) 400 200 0.018 wp/a31 9.1 5.5 10.2 4036 15 f125wp183(1)400(2) smc10.2183(1)400a31(2) 400 200 0.022 wp/a31 9.1 5.5 10.2 4036 15 f125wp223(1)400(2) smc10.2223(1)400a31(2) 400 200 0.027 wp/a31 9.1 5.5 10.2 4036 15 f125wp273(1)400(2) smc10.2273(1)400a31(2) 400 200 0.033 wp/a31 9.1 5.5 10.2 4036 15 f125wp333(1)400(2) smc10.2333(1)400a31(2) 400 200 0.039 wp/a31 9.1 5.5 10.2 4036 15 f125wp393(1)400(2) smc10.2393(1)400a31(2) 400 200 0.047 yr/b31 11.5 6.5 12.7 5045 10 f125yr473(1)400(2) smc12.7473(1)400b31(2) 400 200 0.056 yr/b31 11.5 6.5 12.7 5045 10 f125yr563(1)400(2) smc12.7563(1)400b31(2) 400 200 0.068 yr/b31 11.5 6.5 12.7 5045 10 f125yr683(1)400(2) smc12.7683(1)400b31(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) chip size dv/dt (v/s) new kemet part number legacy part number surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 9 table 1 C ratings & part number reference cont'd (1) g = 2%, r = 2.5% (legacy code = h), j = 5%. (2) insert ordering code for lead type and packaging. see ordering options table for available options. vdc vac capacitance value (f) size code (new/legacy) dimensions in mm size dv/dt (v/s) new kemet part number legacy part number 400 200 0.082 yr/b31 11.5 6.5 12.7 5045 10 f125yr823(1)400(2) smc12.7823(1)400b31(2) 400 200 0.10 zs/c31 15.0 7.0 16.5 6560 8 f125zs104(1)400(2) smc16.5104(1)400c31(2) 400 200 0.12 zs/c31 15.0 7.0 16.5 6560 8 f125zs124(1)400(2) smc16.5124(1)400c31(2) 400 200 0.15 zs/c31 15.0 7.0 16.5 6560 8 f125zs154(1)400(2) smc16.5154(1)400c31(2) 400 200 0.18 zs/c31 15.0 7.0 16.5 6560 8 f125zs184(1)400(2) smc16.5184(1)400c31(2) 400 200 0.22 zs/c31 15.0 7.0 16.5 6560 8 f125zs224(1)400(2) smc16.5224(1)400c31(2) vdc vac capacitance value (f) size code (new/legacy) b (mm) h (mm) l (mm) chip size dv/dt (v/s) new kemet part number legacy part number surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 10 soldering process refow soldering temperature is measured on the top surface of the component: preheating temperature should be less than 170c. the time above 217c should be less than 50 seconds. the peak temperature must not exceed 260c. marking ? capacitance ? c apacitance tolerance code ? r ated voltage code ? ca pacitor type s for smc ? m anufacturing date code rated voltage code manufacturing date code (iec 60062) year code month code surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 11 flux & cleaning kemet recommends to use a no-clean fux with a halogen content lower than 0.1%. to clean the pcb assembly kemet recommends to use a suitable solvent like isopropyl alcohol, deionized water or neutral ph detergents. aggressive solvents shall not be used. for any different cleaning solvent used please contact kemet technical services to analyze the potential impact on kemet products. storage and moisture recommendations kemet smd film capacitors are supplied in a mbb (moisture barrier bag) class 1. we can guarantee a 24 months shelf life (temperature 40c/relative humidity 90%). after the mbb has been opened, components may stay in areas with controlled temperature and humidity (temperature 30c/relative humidity 60%) for 696 hours [msl 2a]. for longer periods of time and/or higher temperature and/or higher relative humidity values, it is absolutely necessary to protect the components against humidity . if the reel inside the mbb is partially used, kemet recommends to re-use the same mbb or to avoid areas without controlled temperature and humidity (see above). if the above conditions are not respected, components require a baking (minimum time: 48 hours at 55 5c) before the refow. packaging quantities chip size (eia) base (mm) height (mm) length (mm) bulk reel horizontal orientation reel vertical orientation 2220 5 3 5.7 2000 2400 2220 5 4 5.7 2000 2100 2824 6 3 7.3 2000 2500 2824 6 3.5 7.3 2000 2300 2824 6 4.5 7.3 1000 1700 4036 9.1 5.5 10.2 1000 800 500 5045 11.5 6.5 12.7 1000 600 400 6560 15 7 16.5 800 500 200 surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 12 landing mounting chip size dimensions in mm a b x horizontal 2220 5.1 1.5 3.0 2824 6.1 1.5 3.8 4036 9.1 2.0 5.5 5045 11.6 2.5 7.0 6560 15.0 3.0 9.0 vertical 4022 5.6 2.0 5.5 5026 6.6 2.5 7.0 6528 7.1 3.0 9.0 carrier taping & packaging (iec 60286C2) horizontal taping orientation chip size (eia) horizontal mounting dimensions in mm taping specifcation b h l w p 1 a 0 b 0 k 0 d w 1 w 2 nominal nominal nominal -0/+0.3 +/-0.1 nominal nominal nominal -/+2.0 -0/+2 maximum 2220 5.0 3.0 5.7 12.0 8.0 5.5 6.0 3.3 330 12.4 22.0 2220 5.0 4.0 5.7 12.0 8.0 5.5 6.0 4.3 330 12.4 22.0 2824 6.0 3.0 7.3 12.0 8.0 6.5 7.5 3.3 330 12.4 22.0 2824 6.0 3.5 7.3 12.0 8.0 6.5 7.5 3.8 330 12.4 22.0 2824 6.0 4.5 7.3 16.0 8.0 6.6 7.9 5.5 330 16.0 20.0 4036 9.1 5.5 10.2 16.0 16.0 9.5 10.5 5.8 330 16.4 22.0 5045 11.5 6.5 12.7 24.0 16.0 11.9 13.1 6.8 330 24.4 30.0 6560 15.0 7.0 16.5 24.0 20.0 15.4 16.8 7.3 330 24.4 30.0 surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc b
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 13 carrier taping & packaging (iec 60286C2) cont'd vertical taping orientation size code vertical mounting dimensions in mm taping specif cation b h l w p 1 a 0 b 0 k 0 d w 1 w 2 nominal nominal nominal -0/+0.3 +/-0.1 nominal nominal nominal -/+2.0 -0/+2 maximum 4022 5.5 9.1 10.2 24.0 16.0 6.0 10.5 9.3 330 24.4 30.0 5026 6.5 11.5 12.7 24.0 16.0 6.9 13.1 11.8 330 24.4 30.0 6528 7.0 15.0 16.5 44.0 20.0 7.5 17.0 15.3 330 44.5 49.5 note: chip dimensions b and h correspond to dimensions h and b in the horizontal mounting table. surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc side view d w 2 w 1
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 14 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com f3 083_smc ? 2/24/2016 15 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. surface mount metallized pps film capacitor smc series encapsulated, size 2220 C 6560, 50 C 400 vdc


▲Up To Search▲   

 
Price & Availability of F125WP102R100V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X