Part Number Hot Search : 
CD4025AF 328RPDP D4093 MAJ160A F2001 FM101 2SD19 MCR10
Product Description
Full Text Search
 

To Download D1U54P-W-1200-12-HC4PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d1u54p-w-1200-12-hxxpc series 54mm 1u front end ac-dc power supply converter d1u54p-w-1200-12-hxxpc.a09 page 1 of 8 www.murata-ps.com/support www.murata-ps.com for full details go to www.murata-ps.com/rohs $ ordering guide part number power output high line ac power output low line ac main output standby output air? ow D1U54P-W-1200-12-HC4PC 1200w 1100w 12vdc 3.3vdc back to front d1u54p-w-1200-12-ha4pc 5vdc d1u54p-w-1200-12-hc3pc 3.3vdc front to back d1u54p-w-1200-12-ha3pc 5vdc 1 refer to page 7 for alternate input connector (hxxxptc). 2 the hcxpc variants are certi? ed for compliance to 80 plus ? platinum ef? ciency requirements. input characteristics parameter conditions min. nom. max. units input voltage operating range 90 115/230 264 vac input frequency 47 50/60 63 hz turn-on input voltage ramp up 80 85 89 vac turn-off input voltage ramp down 65 73 78 maximum current at vin = 100vac 1100w 12 arms inrush current cold start between 0 to 200msec 25 apk power factor at 230vac, full load 0.99 ef? ciency (230vac) excluding fan load 20% load 90 % 50% load 94 100% load 91 output voltage characteristics nominal output voltage parameter conditions min. typ. max. units 12v nominal output voltage 12 vdc output set point accuracy 50% load; tamb =25c -0.5 +0.5 % line and load regulation -1.0 +1.0 ripple voltage & noise 3 20mhz bandwidth 150 mv p-p output current (230vac) 5 100 a output current (120vac) 5 90 load capacitance 0 30,000 f 3.3vsb nominal output voltage 3.3 vdc line and load regulation 3.14 3.46 ripple voltage & noise 3 20mhz bandwidth 75 mv p-p output current 3 a load capacitance 1000 f 5vsb nominal output voltage 5.0 vdc line and load regulation 4.76 5.24 ripple voltage & noise 3 20mhz bandwidth 75 mv p-p output current 0 3 a load capacitance 0 1000 f 3 ripple and noise are measured with 0.1 f of ceramic capacitance and 10 f of tantalum capacitance on each of the power supply outputs. a short coaxial cable with 50 scope termination is used. features ? ? 1200w output power ? ? 80 plus ? platinum ef? ciency ? ? 12v main output ? ? 3.3v and 5v standby output ? ? 1u height: 2.15" x 12.65" x 1.57" ? ? 28 watts per cubic inch density ? ? n+1 redundancy capable, including hot plugging (up to 8 in parallel) ? ? active current sharing on 12v main output; oring fet ? ? overvoltage, overcurrent, overtemperature protection ? ? internal cooling fan (variable speed) ? ? pmbus? / i2c interface with status indicators ? ? rohs compliant ? ? two-year warranty product overview the d1u54p-w-1200-12-hxxpc series are 80 plus ? platinum ef? ciency 1200 watt, power factor corrected front end supplies with a 12v main output and a 3.3v (3a) or 5v (3a) standby. they have active current sharing and up to 8 supplies may be operated in parallel. the supplies may be hot plugged, they recover from overtemperature faults, and have status leds on their front panel in addition to logic and pmbus? status signals. their low pro? le 1u package and >28w/cubic inch power density make them ideal for delivering reliable, ef? cient power to servers, workstations, storage systems and other 12v distributed power systems. cb test certi cate and test report pm www.murata-ps.com / en / 3d / acdc.htm l www.murata-ps.com / en / 3d / acdc.htm l www.murata- p s.com/en/3d/acdc.htm l www.murata-ps.com / en / 3d / acdc.htm l www.murata- p s.com/en/3d/acdc.htm l www.murata-ps.com / en / 3d / acdc.htm l available now at www.murata-ps.com/en/3d/acdc.html
d1u54p-w-1200-12-hxxpc series 54mm 1u front end ac-dc power supply converter d1u54p-w-1200-12-hxxpc.a09 page 2 of 8 www.murata-ps.com/support output characteristics parameter conditions min. typ. max. units startup time ac ramp up 3 s transient response 12v, 50% load step, 1a/s di/dt 600 mv 3.3vsb, 50% load step, 1a/s di/dt 165 current sharing accuracy (up to 8 in parallel) at 100% load 7 % hot swap transients all outputs remain in regulation 5 % holdup time 100% load 12 ms environmental characteristics parameter conditions min. typ. max. units storage temperature range -40 70 c operating temperature range 060 operating humidity noncondensing 5 90 % storage humidity 595 altitude (without derating at 40c) 3000 m shock 30g non operating operational vibration sine sweep; 5-150hz, 2g; random vibration, 5-500hz, 1.11g mtbf per t elcordia sr-332 m1c1 @40c 529k hrs safety approval standards can/csa c22.2 no 60950-1-07, am.1:2011, am2:2014 ul 60950-1-2014, 2nd ed. iec60950-1:2005 (2nd ed.)+a1:2009+a2:2013 en60950-1:2006+a11+a1+a12+a2 ccc gb4943.1-2011 bsmi cn214336-1 input fuse power supply has internal 15a/250v fast blow fuse on the ac line input weight 3.15 lbs (1.43 kg) protection characteristics output voltage parameter conditions min. typ. max. units overtemperature (intake) autorestart 70 80 c 12v overvoltage latching 13 14 v overcurrent at 220vac hiccup 105 120 a overcurrent at 110vac hiccup 99 117 3.3vsb overvoltage latching 3.6 4.0 v overcurrent hiccup 3.3 4.5 a 5vsb overvoltage latching 5.4 6.0 v overcurrent hiccup 3.3 4.5 a isolation characteristics parameter conditions min. typ. max. units insulation safety rating / test voltage input to output - reinforced 3000 vrms input to chassis - basic 1500 vrms isolation output to chassis 500 vdc
d1u54p-w-1200-12-hxxpc series 54mm 1u front end ac-dc power supply converter d1u54p-w-1200-12-hxxpc.a09 page 3 of 8 www.murata-ps.com/support status indicators and control signals green amber condition led status (power) led status (fault) standby - on; main output - off; ac present blinking green off standby - on; main output - on solid green off main output overcurrent, undervoltage, overvoltage off on fan_fault; overtemperature; standby overcurrent, undervoltage off on no ac power off off power supply warning event off blinking status and control signals signal name i/o description interface details acok (ac source) output the signal output is driven high when input source is available and within acceptable limits.? the output is driven low to indicate loss of input power. there is a minimum of 1ms pre-warning time before the signal is driven low prior to the pwr_ok signal going low. the power supply must ensure that this interface signal provides accurate status when ac power is lost. pulled up internally via 10k to vdd. 4 a logic high >2.0vdc a logic low <0.8vdc driven low by internal cmos buffer (open drain output). pwok (output ok) output the signal is asserted, driven high, by the power supply to indicate that all outputs are valid. if any of the outputs fail then this output will be hi-z or driven low.? the output is driven low to indicate that the main output is outside of lower limit of regulation (11.4vdc). pulled up internally via 10k to vdd. 4 a logic high >2.0vdc a logic low <0.8vdc driven low by internal cmos buffer (open drain output). smb_alert (fault/ warning) output the signal output is driven low to indicate that the power supply has detected a warning or fault and is intended to alert the system. this output must be driven high when the power is operating correctly (within speci? ed limits). the signal will revert to a high level when the warning/fault stimulus (that caused the alert) is removed. pulled up internally via 10k to vdd. 4 a logic high >2.0vdc a logic low <0.8vdc driven low by internal cmos buffer (open drain output). present_l (power supply absent) output the signal is used to detect the presence (installed) of a psu by the host system. the signal is connected to psu logic sgnd within the power module. passive connection to +vsb_return. a logic low <0.8vdc ps_on (power supply enable/disable input this signal is pulled up internally to the internal housekeeping supply (within the power supply). the power supply main 12vdc output will be enabled when this signal is pulled low to +vsb_return.? in the low state the signal input shall not source more than 1ma of current. the 12vdc output will be disabled when the input is driven higher than 2.4v, or open circuited.? cycling this signal shall clear latched fault conditions. pulled up internally via 10k to vdd. 4 pskill input this signal is used during hot swap to disable the main output during hot swap extraction. the input is pulled up internally to the internal housekeeping supply (within the power supply). the signal is provided on a short (lagging pin) and should be connected to +vsb_ return. a logic high >2.0vdc aps (address select) input an analog input that is used to set the address of the internal slave devices (eeprom and microprocessor) used for digital communications. connection of a suitable resistor to +vsb_return, in conjunction with an internal resistor divider chain, will con? gure the required address. dc voltage between the limits of 0 and vdd. 4 scl (serial clock) both a serial clock line compatible with pmbus tm power systems management protocol part 1 C general requirements rev 1.1. no additional internal capacitance is added that would affect the speed of the bus. the signal is provided with a series isolator device to disconnect the internal power supply bus in the event that the power module is unpowered. vil is 0.8v maximum vol is 0.4v maximum when sinking 3ma vih is 2.1v minimum sda (serial data) both a serial data line compatible with pmbus tm power systems management protocol part 1 C general requirements rev 1.1. the signal is provided with a series isolator device to disconnect the internal power supply bus in the event that the power module is unpowered. vil is 0.8v maximum vol is 0.4v maximum when sinking 3ma vih is 2.1v minimum
d1u54p-w-1200-12-hxxpc series 54mm 1u front end ac-dc power supply converter d1u54p-w-1200-12-hxxpc.a09 page 4 of 8 www.murata-ps.com/support status and control signals v1_sense v1sense_rtn input remote sense connections intended to be connected at and sense the voltage at the point of load. the voltage sense will interact with the internal module regulation loop to compensate for voltage drops due to connection resistance between the output connector and the load. if remote sense compensation is not required then the voltage can be con? gured for local sense by: v1_sense directly connected to power blades 6 to 10 (inclusive) v1_sense_rtn directly connected to power blades 1 to 5 (inclusive) compensation for up to 0.12vdc total connection drop (output and return connections). ishare bi-directional analogue bus the current sharing signal is connected between sharing units (forming an ishare bus). it is an input and/or an output (bi-directional analog bus) as the voltage on the line controls the current share between sharing units. a power supply will respond to a change in this voltage but a power supply can also change the voltage depending on the load drawn from it. on a single unit the voltage on the pin (and the common ishare bus would read 8vdc at 100% load (module capability). for two identical units sharing the same 100% load this would read 4vdc for perfect current sharing (i.e. 50% module load capability per unit). analogue voltage: +8v maximum; 10k to +12v_rtn 4 vdd is an internal voltage rail derived from vsb and an internal housekeeping rail (diode ored) and is compatible with the vo ltage tolerances of vsb). emissions and immunity characteristic standard compliance input current harmonics iec/en 61000-3-2 complies voltage fluctuation and flicker iec/en 61000-3-3 complies conducted emissions fcc 47 cfr part 15/cispr 22/en55022 class a with 6db margin esd immunity iec/en 61000-4-2 level 4 criteria a radiated field immunity iec/en 61000-4-3 level 3 criteria b electrical fast transients/burst immunity iec/en 61000-4-4 level 3 criteria b surge immunity iec/en 61000-4-5 level 3 criteria a rf conducted immunity iec/en 61000-4-6 level 3 criteria a magnetic field immunity iec/en 61000-4-8 3 a/m criteria b voltage dips, interruptions iec/en 61000-4-11 230vin, 100% load, phase 0, dip 100% duration 10ms (a) 230vin, 50% load, phase 0, dip 100% duration 20ms (vsb:a, v1:b) 230vin, 100% load, phase 0, dip 100% duration > 20ms (vsb, v1:b)
d1u54p-w-1200-12-hxxpc series 54mm 1u front end ac-dc power supply converter d1u54p-w-1200-12-hxxpc.a09 page 5 of 8 www.murata-ps.com/support derating curves 0 10 20 30 40 50 60 70 80 90 100 110 25 30 35 40 45 50 55 60 main output current (adc) ambient temperture ( ? c) output current de rating vs ambient temperature (back to front air?ow) d1u54p-w-1200-12-hx4pc 90 vac 115 vac 120 vac 180 vac 60 65 70 75 80 85 90 95 100 105 25 30 35 40 45 50 55 60 main output current (adc) ambient temperture ( ? c) 90 vac 115 vac 120 vac 180 vac output current derating vs ambient temperature (back to front air?ow) d1u54p-w-1200 -12- hx4ptc (with c16 ac input connector) 60 65 70 75 80 85 90 95 100 105 25 30 35 40 45 50 55 60 main output current (adc) ambient temperture ( ? c) 90 vac 115 vac 120 vac 180 vac output current derating vs ambient temperature (front to back air?ow) all models
d1u54p-w-1200-12-hxxpc series 54mm 1u front end ac-dc power supply converter d1u54p-w-1200-12-hxxpc.a09 page 6 of 8 www.murata-ps.com/support output connector and signal specification e1 e2 e3 e4 e5 12345678910 d1 d2 d3 d4 d5 c1 c2 c3 c4 c5 b1 b2 b3 b4 b5 a1 a2 a3 a4 a5 pin assignments - d1u54p-w-1200-12-hxxpc tyco pn 1926734-2 (power supply) pin signal name comments 6, 7, 8, 9, 10 v1 + 12v main output 1, 2, 3, 4, 5 pgnd + 12v main output return a1 vsb standby output b1 vsb standby output c1 vsb standby output d1 vsb standby output e1 vsb standby output a2 vsb_return standby return b2 vsb_return standby return c2 unused d2 unused e2 unused a3 aps i2c address and protocol selection, (select by a pull down resistor) b3 unused c3 sda i2c data signal line d3 v1_sense_r - remote sense return e3 v1_sense + remote sense a4 scl i2c clock signal line b4 ps_on remote on/off c4 smb_alert i2c alert signal d4 unused e4 acok ac input ok a5 pskill power supply kill, short pin b5 ishare current share bus, short pin c5 pwok power ok, short pin d5 unused e5 present_l power supply present, short pin mating connector part number description tyco electronics 2-1926739-5 right angle
d1u54p-w-1200-12-hxxpc series 54mm 1u front end ac-dc power supply converter d1u54p-w-1200-12-hxxpc.a09 page 7 of 8 www.murata-ps.com/support wiring diagram for output current sharing notes +12v main output return v1_sense (main output remote sense) v1_sense_r +12v main output e3 6-10 1-5 d3 dotted lines show optional remote sense connections. optional remote sense lines can be attached to a load that is a distance away from the power supply to improve regulation at the load. d1u54p 12v load b4 a2,b2 a1,b1,c1,d1,e1 fet, bjt, wire or switch (debounced ) to turn on +12v main output vsb load vsb ps_on vsb_return a5 (or a3) ps_kill d1u54p b5 (or d4) ishare ps_kill a5 (or a3) a2,b2 vsb_return ps_on b4 a1,b1,c1,d1,e1 vsb b5 (or d4) d3 v1_sense_r ishare +12v main output return +12v main output v1_sense (main output remote sense) e3 6-10 1-5 main output: current sharing is achieved using the active current share method. (see wiring diagram for connection details.) current sharing can be achieved with or without remote sense connected to the common load. +vsb outputs can be tied together for redundancy but total combined output power must not exceed the rated standby power. the + vsb output has internal oring mosfet for additional redundancy / internal short protection. the current share pin b5 (or d4 for alternate pin out model) is a connection between the units. it is input and/or output as th e voltage on the line controls the current share. a power supply will respond to a change in this voltage but a power supply can also change the voltage depending on the load drawn from it. on a single unit this would read 8v at 100% load. for two units sharing load then this should read 4v for perfect current sharing. up to 8 units can be paralleled together. please consult your murata sales representative if operation with more than 8 units i n parallel is needed.
d1u54p-w-1200-12-hxxpc series 54mm 1u front end ac-dc power supply converter d1u54p-w-1200-12-hxxpc.a09 page 8 of 8 www.murata-ps.com/support murata power solutions, inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. the descriptions contained her ein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. speci? cations are subject to cha nge without notice. ? 2015 murata power solutions, inc. murata power solutions, inc. 11 cabot boulevard, mans? eld, ma 02048-1151 u.s.a. iso 9001 and 14001 registered this product is subject to the following operating requirements and the life and safety critical application sales policy: refer to: http://www.murata-ps.com/requirements/ mechanical dimensions optional accessories description part number 12v d1u54p output connector card d1u54p-12-conc application notes document number description link acan-44 d1u54p output connector card www.murata-ps.com/data/apnotes/acan-44.pdf acan-45 d1u54p-x communication protocol www.murata-ps.com/data/apnotes/acan-45.pdf ac input connector: iec 320-c14 alternate input connector: iec 320-c16 (for hxxptc models) dimensions: 2.15" x 12.657" x 1.575" [54.5mm x 322.0mm x 40.0mm]        %  &        !!!!  !!!!    !
&  &  & "  &   & $ &     & #& 

!    ! ! !


▲Up To Search▲   

 
Price & Availability of D1U54P-W-1200-12-HC4PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X