Part Number Hot Search : 
100MZF AD836 HD74HC21 B1215 100MZF CER0205A PIC18F8 ICM7217A
Product Description
Full Text Search
 

To Download CTM3053VT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ct micro rev 2 proprietary & confidential page 1 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler package outline schematic features ? ?? ? high isolation 3750 vrms ? ?? ? peak breakdown voltage 600v ? ?? ? temperature range - 55 c to 100 c ? ?? ? regulatory approvals  ul - ul1577 (e364000)  vde - en60747-5-5(vde0884-5)  cqc ? gb4943.1, gb8898  iec60065, iec60950 ? ?? ? green package applications ? ?? ? motor controls ? ?? ? lamp ballasts ? ?? ? static ac power switch description the ctm3051, ctm3052, ctm3053 series consists of a random phase photo triac optically coupled to a gallium arsenide infrared-emitting diode in a 4-l ead mini flat package.
ct micro rev 2 proprietary & confidential page 2 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler absolute maximum rating at 25 o c symbol parameters ratings units notes v iso isolation voltage 3750 v rms t opr operating temperature -55 ~ +100 o c t stg storage temperature -55 ~ +125 o c t sol soldering temperature 260 o c p tot total power dissipation 200 mw emitter i f forward current 60 ma i f(trans) peak transient current ( 1 s p.w,300pps) 1 a v r reverse voltage 6 v p d power dissipation 100 mw detector p d power dissipation 300 mw v drm off-state output terminal voltage 600 v i tsm peak repetitive surge current 1 a
ct micro rev 2 proprietary & confidential page 3 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler electrical characteristics t a = 25c (unless otherwise specified) emitter characteristics symbol parameters test conditions min typ max units notes v f forward voltage i f =10ma - - 1.5 v i r reverse current v r = 6v - - 5 a c in input capacitance f= 1mhz - 45 - pf detector characteristics symbol parameters test conditions min typ max units notes i drm peak blocking current i f = 0ma, v drm = rated v drm - - 100 na v tm peak on-state voltage i f = rated i ft , i tm = 100ma - - 2.5 v dv/dt critical rate of rise off-state voltage ctm305x v peak = 600v 1000 - - v/ s transfer characteristics symbol parameters test conditions min typ max units notes i ft input trigger current ctm3051 terminal voltage = 3v - - 15 ma ctm3052 - - 10 ctm3053 - - 5 i h holding current - 250 - a r io isolation resistance v io = 500v dc 1x10 11 - -  c io isolation capacitance f= 1mhz - 0.25 - pf
ct micro rev 2 proprietary & confidential page 4 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler typical characteristic curve
ct micro rev 2 proprietary & confidential page 5 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler typical characteristic curve
ct micro rev 2 proprietary & confidential page 6 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler package dimension dimensions in mm unless otherwise stated recommended solder mask dimensions in mm unless otherwise stated
ct micro rev 2 proprietary & confidential page 7 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler marking information note: ct : denotes ?ct micro? 3053 : product number v : vde option y : fiscal year ww : work week k : manufacturing code ordering information ctm30xx(v)(z) xx = part no. (xx=51, 52 or 53) v = vde option ( v or none) z = tape and reel option (t1 or t2) option description quantity t1 surface mount lead forming ? with option 1 taping 30 00 units/reel t2 surface mount lead forming ? with option 2 taping 30 00 units/reel ct 3053 vywwk
ct micro rev 2 proprietary & confidential page 8 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler carrier tape specifications dimensions in mm unless otherwise stated option t1 option t2
ct micro rev 2 proprietary & confidential page 9 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler reflow profile profile feature pb-free assembly profile temperature min. (tsmin) 150c temperature max. (tsmax) 200c time (ts) from (tsmin to tsmax) 60-120 seconds ramp-up rate (t l to t p ) 3c/second max. liquidous temperature (t l ) 217c time (t l ) maintained above (t l ) 60 ? 150 seconds peak body package temperature 260c +0c / -5c time (t p ) within 5c of 260c 30 seconds ramp-down rate (t p to t l ) 6c/second max time 25c to peak temperature 8 minutes max.
ct micro rev 2 proprietary & confidential page 10 mar, 2015 ctm3051, ctm3052, ctm3053 600v random phase 4-pin mini-flat phototriac optoco upler disclaimer ct micro reserves the right to make changes without further notice to any products herein to improve reliability, function or design. ct micro does not assume any liability arising out of the application or use of any produc t or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. ___________________________________________________ ___________________________________ discoloration might occur on the package surface af ter soldering, reflow or long term use. this does not impact the product performa nce nor the product reliability. ct micro are not authorized for use as critical com ponents in life support devices or systems without express written approval of ct micr o international corporation. 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain li fe, or (c) whose failure to perform when properly used in accordance with instruction for use provided in the labelling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of CTM3053VT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X