Part Number Hot Search : 
NX7460LE 8B47M5 2N5881 TYN255 CHR0402H SB260 N5416A MAX9400
Product Description
Full Text Search
 

To Download CS16-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low power limiter diodes rev. v2 mlp71xx series 1 1 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 1 features ? low insertion loss ? fats turn - on time ? wide bandwidth ? rohs* compliant description the mlp71xx series limiter diodes are specially processed pin diodes with thin intrinsic regions designed for use in passive or active limiters from 100 mhz to beyond 20 ghz. the different i region thicknesses and capacitances provide variable threshold and leakage power levels and power handling capability. this rugged device is capable of reliable operation in military, commercial and industrial applications. the mpl71xx series is designed to be used in receiver protection applications. * restrictions on hazardous substances, european union directive 2011/65/eu. electrical specifications: t a = +25c parameter breakdown voltage (v b ) junction capacitance* (c j ) series resistance (r s ) lifetime (t l ) thermal resistance condition i r = 10 a v r = 0 v, 1 mhz v r = 6 v, 1 mhz i f = 10 ma, 1 ghz i f = 1 ma, 1 ghz i f = 10 ma, i r = 6 ma unit v ns oc/w pf typ. typ. max. typ. typ. typ. max. mlp7100 20 - 45 0.2 0.15 1.5 5.0 5 100 mlp7101 20 - 45 0.5 0.30 1.2 4.5 10 80 mlp7102 20 - 45 0.7 0.50 1.0 4.0 10 55 mlp7110 45 - 75 0.2 0.15 1.5 4.0 10 80 mlp7111 45 - 75 0.5 0.30 1.2 3.5 15 60 mlp7112 45 - 75 0.7 0.50 1.0 3.0 20 40 mlp7120 120 - 180 0.2 0.15 1.5 3.5 50 40 mlp7121 120 - 180 0.6 0.30 1.0 3.0 50 20 mlp7122 120 - 180 0.8 0.50 0.5 3.0 100 15 mlp7130 15 - 30 0.12 0.10 2.0 4.0 5 120 mlp7131 15 - 30 0.2 0.15 1.5 3.0 5 80 mlp7140 30 - 60 0.12 0.10 2.0 4.0 7 100 mlp7141 30 - 60 0.2 0.15 1.5 4.0 7 70 cs37 sod323 cs11 h20 cs16 cs32
low power limiter diodes rev. v2 mlp71xx series 2 2 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 2 absolute maximum ratings parameter absolute maximum leakage current 100 na @ 80% of min. v b operating temperature - 55c to +150c storage temperature - 65c to +100c unit peak power in threshold leakage output power insertion loss cw input power recovery time dbm dbm dbm db w ns max. typ. typ. typ. max. typ. mlp7100 50 10 22 0.1 2 10 mlp7101 53 10 24 0.2 3 10 mlp7102 56 10 25 0.2 4 10 mlp7110 53 15 27 0.1 3 20 mlp7111 56 15 29 0.2 4 20 mlp7112 59 15 31 0.2 5 20 mlp7120 60 20 39 0.1 5 50 mlp7121 63 20 41 0.2 10 50 mlp7122 66 20 44 0.2 15 50 mlp7130 47 7 19 0.1 2 5 mlp7131 50 7 22 0.1 3 5 mlp7140 47 12 24 0.1 3 10 mlp7141 50 12 27 0.1 4 10 rf characteristics: t a = +25c handling procedures please observe the following precautions to avoid damage: static sensitivity these electronic devices are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these hbm class 0 devices. moisture sensitivity these electronic devices are rated msl 1.
low power limiter diodes rev. v2 mlp71xx series 3 3 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 3 outline drawing - cs11 outline drawing - cs20 (h20) outline drawing - cs37 (t86) outline drawing - sod323
low power limiter diodes rev. v2 mlp71xx series 4 4 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 4 outline drawing - cs16 package style dimensions solder layout (typ.) package w x y z a b c cp (pf) lp (nh) cs16 - 1 0.012 (0.304) 0.060 (1.52) 0.040 (1.01) 0.050 (1.27) 0.072 (1.83) 0.040 (1.01) 0.020 (0.508) 0.09 0.35 cs16 - 2 0.012 (0.304) 0.075 (1.91) 0.050 (1.27) 0.050 (1.27) 0.087 (2.21) 0.070 (1.78) 0.020 (0.508) 0.11 0.4 cs16 - 3 0.012 (0.304) 0.100 (2.54) 0.050 (1.27) 0.050 (1.27) 0.112 (2.84) 0.070 (1.78) 0.020 (0.508) 0.14 0.4 cs16 - 4 0.012 (0.304) 0.120 (3.05) 0.060 (1.52) 0.050 (1.27) 0.132 (3.35) 0.080 (2.03) 0.020 (0.508) 0.09 0.4 cs16 - 5 0.012 (0.304) 0.200 (5.08) 0.100 (2.54) 0.050 (1.27) 0.212 (5.38) 0.120 (3.05) 0.020 (0.508) 0.09 0.5 cs16 - 6 0.010 (0.254) 0.040 (1.01) 0.020 (0.508) 0.050 (1.27) 0.050 (1.27) 0.030 (0.762) 0.018 (0.457) 0.06 0.35 cs16 - 7 0.010 (0.254) 0.060 (1.52) 0.020 (0.508) 0.050 (1.27) 0.070 (1.78) 0.030 (0.762) 0.018 (0.457) 0.08 0.35 tolerance (+/ - ) 0.002 (0.051) 0.003 (0.76) 0.003 (0.76) max. nom. nom. nom. nom. nom.
low power limiter diodes rev. v2 mlp71xx series 5 5 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 5 ordering information case style description - 11 cs11 , limiter pin diode in chip form - 16 - x cs16 , surface mount, aln carrier, epoxy encapsulated package - 20 cs20 (h20) , surface mount, ceramic package - 37 cs37 (t86) pill package, ceramic body - sod323 sod323, surface mount plastic package - 32 cs32, kovar pill package example part number : mlp71xx - yy, replace - yy with the desired case style suffix outline drawing - cs32
low power limiter diodes rev. v2 mlp71xx series 6 6 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 6 m/a - com technology solutions inc. all rights reserved. information in this document is provided in connection with m/a - com technology solutions inc ("macom") products. these materials are provided by macom as a service to its customers and may be used for informational purposes only. except as provided in macom's terms and conditions of sale for such products or in any separate agreement related to this document, macom assumes no liability whatsoever. macom assumes no responsibility for errors or omissions in these materials. macom may make changes to specifications and product descriptions at any time, without notice. macom makes no commitment to update the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions. no license, express or implied, by estoppels or otherwise, to any intellectual property rights is granted by this document. these materials are provided "as is" without warranty of any kind, either express or implied, relating to sale and/or use of macom products including liability or warranties relating to fitness for a particular purpose, consequential or incidental damages, merchantability, or infringement of any patent, copyright or other intellectual property right. macom further does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. macom shall not be liable for any special, indirect, incidental, or consequential damages, including without limitation, lost revenues or lost profits, which may result from the use of these materials. macom products are not intended for use in medical, lifesaving or life sustaining applications. macom customers using or selling macom products for use in such applications do so at their own risk and agree to fully indemnify macom for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of CS16-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X