Part Number Hot Search : 
4HCT0 2SD113 1206L MC7824 STD2NA50 SF1091A 1812N SPD3911R
Product Description
Full Text Search
 

To Download CC0402DCX7R0BB121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product s pecification C december 9, 2016 v.18 data she e t surface - mount ceramic multilayer capacitor s mid - voltage np0/x7r 100 v to 63 0 v 0.47 pf to 2.2 f rohs compliant & halogen free
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 2 18 product specification ordering informatio n - global part number, phycomp ctc & 12nc all part numbers are identified by the series, size, tolerance, tc material, packing style, voltage, process code, termination and capacitance value. y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) c c xxxx x x xxx x b x xxx (1) (2) (3) (4) (5) (6) (7) ( 1 ) size C inch based (metric) 0201 (0603) / 0 402 ( 1005 ) / 0603 (1608) / 0805 (2012) / 1206 (3216) / 1210 (3225) 1808 (4520) / 1812 (4532) ( 2 ) tolerance c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% k = 10% m = 2 0% ( 3 ) packing style r = paper /pe taping reel; reel 7 inch k = blister taping reel; reel 7 inch p = paper /pe taping reel; reel 13 inch f = blister taping reel; reel 13 inch c = bulk case ( 4 ) t c material npo x7r ( 5 ) rated voltage 0 = 100 v a = 200 v y = 250 v b = 500 v z = 630 v (6) process n = np 0 b = class 2 mlcc ( 7 ) capacitance value 2 significant digits + number of zeros the 3rd digit signifies the multiplying factor, and letter r is decimal point example : 121 = 12 x 10 1 = 120 pf s cope this specification describes mid - voltage np0/x7r series chip capacitors with lead - free terminations. applications pcs, hard disk, game pcs power supplies lcd panel adsl, modem features supplied in tape on reel nickel - barrier end termination rohs compliant halogen free compliant
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 3 18 product specification construction the capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. this structure gives rise to a high capacitance per unit volume. the inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (nisn). the terminations are lead - free. a cross section of the structure is shown in f ig.1. fig. 1 surface m ounted m ultilayer c eramic c apacitor co nstruction type l 1 ( mm ) w ( mm ) t (mm) l 2 / l 3 ( mm ) l 4 ( mm ) min. max. min. 0201 0.6 0.03 0.3 0.03 refer to table 2 to 13 0.10 0.20 0.20 0402 1. 0 0. 05 0. 5 0. 05 0. 15 0. 30 0.40 0603 1.6 0.10 0.8 0.10 0.20 0.60 0.40 0805 2.0 0.20 1.25 0. 20 0.25 0.75 0.55 1206 3.2 0.30 1.6 0. 20 0.25 0.75 1.40 1210 3.2 0. 30 2.5 0. 20 0.25 0.75 1.40 1808 4.5 0. 40 2.0 0. 30 0.25 0.75 2.20 1812 4.5 0. 40 3.2 0. 30 0.25 0.75 2.20 table 1 for outlines see fig. 2 dimension o o u u t t l l i i n n e e s s for dimension see table 1 fig. 2 surface mounted multilayer ceramic capacitor dimension
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 4 18 product specification capacitance range & thickness for np0 table 2 sizes from 0201 to 0805 cap . 0201 0402 0603 0805 100v 100v 100 v 200 v 250 v 100 v 200 v 250 v 500 v 630v 0.22 pf 0.47 pf 0.3 0.03 0. 5 0. 05 0.8 0.1 0.8 0.1 0.8 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 0.56 pf 0.68 pf 0.82 pf 1.0 pf 1.2 pf 1.5 pf 1.8 pf 2.2 pf 2.7 pf 3.3 pf 3.9 pf 4.7 pf 5.6 pf 6.8 pf 8.2 pf 10 pf 12 pf 15 pf 18 pf 22 pf 27 pf 33 pf 39 pf 47 pf 56 pf 68 pf 82 pf 100 pf n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 5 18 product specification capacitance range & thickness for np0 table 4 sizes from 0603 to 0805 ( continued) cap . 0603 0805 100 v 200 v 250 v 100 v 200 v 250 v 500 v 630 v 120 pf 0.8 0.1 0.8 0.1 0.8 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 150 pf 180 pf 220 pf 0.8 5 0.1 0.8 5 0.1 0.8 5 0.1 0.8 5 0.1 270 pf 330 pf 390 pf 470 pf 560 pf 1.25 0. 2 1.25 0. 2 680 pf 820 pf 1 .0 nf 1.2 nf 0.85 0. 1 1.25 0. 2 1.25 0. 2 1.5 nf 1.8 nf 2.2 nf 1.25 0. 2 2.7 nf 3.3 nf 3.9 nf 4.7 nf 5.6 nf 6.8 nf 8.2 nf 1 0 nf 12 nf 15 n f 18 nf 22 nf n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on reques t
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 6 18 product specification capacitance range & thickness for np0 cap . 1206 1210 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 630 v 0.47 pf 0. 6 0.1 0. 6 0.1 0. 6 0.1 0.56 p f 0.68 pf 0.82 pf 1.0 pf 1.2 pf 1.5 pf 1.8 pf 2.2 pf 2.7 pf 3.3 pf 3.9 pf 4.7 pf 5.6 pf 6.8 pf 8.2 pf 10 pf 0. 6 0.1 1.25 0. 2 12 pf 15 pf 1 8 pf 22 pf 2 7 pf 33 pf 1.25 0. 2 39 pf 47 pf 1.25 0. 2 1.25 0. 2 1.25 0. 2 1.25 0. 2 56 pf 68 pf 82 pf n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on reques t table 5 siz es from 1206 to 1210
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 7 18 product specification capacitance range & thickness for np0 table 7 sizes from 1206 to 1210 ( continued) cap . 1206 1210 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 630 v 1 0 0 pf 0. 6 0.1 0. 6 0.1 0. 6 0.1 0. 6 0.1 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 120 pf 150 pf 180 pf 220 pf 270 pf 330 pf 390 pf 470 pf 560 pf 680 pf 820 pf 0. 85 0.1 0. 85 0.1 0. 85 0.1 1 .0 nf 1.2 nf 1.5 nf 1.8 nf 1.25 0.2 1.25 0.2 1.25 0.2 2.2 nf 2.7 nf 3.3 nf 0. 85 0.1 3.9 nf 4.7 nf 5.6 nf 6.8 nf 8.2 nf 1.25 0.2 10 nf 12 nf 15 nf 18 nf 22 nf n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 8 18 product specification capacitance range & thickness for np0 table 8 sizes 1812 cap . 1812 100 v 200 v 250 v 500 v 630v 10 pf 12 pf 15 pf 18 pf 22 pf 27 pf 33 pf 39 pf 47 pf 56 pf 1.25 0.2 1.25 0.2 68 pf 82 pf 100 pf 120 pf 150 pf 180 pf 220 pf 270 pf 330 pf 1.25 0.2 1.25 0.2 1.25 0.2 390 pf 470 pf 560 pf 680 pf 820 pf 1 nf 1.2 nf 1.5 nf 1.8 nf 2.2 nf 2.7 nf 3.3 nf 3.9 nf 4.7 nf 5.6 nf 6.8 nf 8.2 nf 10 nf 12 nf 15 nf 18 nf 22 nf n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 12 series is on request
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 9 18 product specification table 10 sizes from 0402 to 0805 capacitance range & thickness for x7r cap . 0402 0603 0805 100 v 100 v 250 v 100 v 200 v 250 v 500 v 630 v 100 pf 0.5 0.05 0. 8 0.1 150 pf 0. 85 0.1 0. 85 0.1 220 pf 0. 8 0.1 0.6 0.1 0. 85 0.1 0. 85 0.1 330 pf 470 pf 680 pf 1.0 nf 1.5 nf 2.2 nf 3.3 nf 4.7 nf 6.8 nf 1.25 0.2 1.25 0.2 1 0 nf 1.25 0.2 1.25 0.2 15 nf 0. 85 0.1 22 nf 33 nf 1.25 0.2 47 nf 68 nf 100 nf 150 nf 220 nf 330 nf 470 nf n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 6 series is on request 3. for special ordering code, please contact local sales force before order 4. for product with 5% tolerance, please contact local sales force before order
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 10 18 product specification table 11 sizes from 1206 to 1210 capacitance range & thickness for x7r cap . 1206 1210 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 630v 100 pf 150 pf 220 pf 0. 85 0.1 0. 85 0.1 0. 85 0.1 1.25 0.2 1.25 0.2 330 pf 470 pf 680 pf 1.0 nf 1.5 nf 2.2 nf 0. 85 0.1 0. 85 0.1 0. 85 0.1 3.3 nf 1.25 0.2 1.25 0.2 4.7 nf 6.8 nf 10 nf 15 nf 22 nf 1.25 0.2 1.25 0.2 1.6 0.2 1.25 0.2 1.25 0.2 33 nf 1.6 0.2 47 nf 68 nf 1.25 0.2 100 nf 1.6 0.2 1.6 0.2 150 nf 1.25 0.2 220 nf 330 nf 1.6 0.2 470 nf 68 0 nf 2.0 0.2 1 f 1.6 0.2 2.2 f n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 6 series is on request 3. for product w it h 5% tolerance, please contact local sales force before order
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 11 18 product specification table 12 sizes from 1808 to 1812 capacitance range & thickness for x7r cap . 1808 1812 100 v 200 v 250 v 500 v 100 v 200 v 250 v 500 v 630 v 100 pf 150 pf 220 pf 330 pf 470 pf 680 pf 1.0 nf 0. 85 0.1 0. 85 0.1 0. 85 0.1 1.25 0.2 1.35 0.2 1.5 nf 2.2 nf 3.3 nf 1.25 0.2 1.25 0.2 1.25 0.2 1.25 0.2 4.7 nf 6.8 nf 10 nf 15 nf 22 nf 33 nf 1.6 0. 2 47 nf 1.25 0.2 1.25 0.2 68 nf 100 nf 1.25 0.2 1.6 0. 2 150 nf 220 nf 1.6 0. 2 1.6 0. 2 330 nf 470 nf 1.6 0. 2 68 0 nf 1 f n ote 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e - 6 series is on request 3. for product w it h 5% tolerance, please contact local sales force before order
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 12 18 product specification table 13 thickness classes and packing quantity size code thickness classification t ape width quantity per reel ? 180 mm / 7 inch ? 330 mm / 13 inch quantity per bulk case paper blister paper blister 0201 0.3 0. 03 mm 8 mm 15,000 --- 50,000 --- --- 0402 0.5 0.05 mm 8 mm 10,000 --- 50,000 --- 50,000 0603 0.8 0.1 mm 8 mm 4,000 --- 15,000 --- 15,000 0805 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- 10,000 0.8 / 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- 8,000 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 5,000 1206 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- --- 0.8 / 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- --- 1.00 / 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 --- 1.6 0.15 mm 8 mm --- 2,500 --- 10,000 --- 1.6 0.2 mm 8 mm --- 2,000 --- 8 ,000 --- 1210 0.6 / 0.7 0.1 mm 8 mm --- 4,000 --- 15,000 --- 0.85 0.1 mm 8 mm --- 4,000 --- 10,000 --- 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 0.15 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- --- --- 1.5 0.1 mm 8 mm --- 2,000 --- --- --- 1.6 / 1.9 0.2 mm 8 mm --- 2,000 --- --- --- 2.0 0.2 mm 8 mm --- 2,000 1,000 --- --- --- 2.5 0.2 mm 8 mm --- 1,000 500 --- --- --- 1808 1.15 0.15 mm 12 mm --- 3,000 --- --- --- 1.25 0.2 mm 12 mm --- 3,000 --- --- --- 1.35 0.15 mm 12 mm --- 2,000 --- --- --- 1.5 0.1 mm 12 mm --- 2,000 --- --- --- 1.6 0.2 mm 12 mm --- 2,000 --- 8,000 --- 2.0 0.2 mm 12 mm --- 2,000 --- --- --- 1812 0.6 / 0.85 0.1 mm 12 mm --- 2,000 --- --- --- 1.15 0.1 mm 12 mm --- 1,000 --- --- --- 1.15 0.15 mm 12 mm --- 1,000 --- --- --- 1.25 0. 2 mm 12 mm --- 1,000 --- --- --- 1.35 0.15 mm 12 mm --- 1,000 --- --- --- 1.5 0.1 mm 12 mm --- 1,000 --- --- --- 1.6 0.2 mm 12 mm --- 1,000 --- --- --- 2.0 0.2 mm 12 mm --- 1,000 --- --- --- 2.5 0.2 mm 12 mm --- 500 --- --- ---
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 13 18 product specification electrical character istics n n p p 0 0 / / x x 7 7 r r d d i i e e l l e e c c t t r r i i c c c c a a p p a a c c i i t t o o r r s s ; ; n n i i s s n n t t e e r r m m i i n n a a t t i i o o n n s s unless otherwise specified, all test and measurements shall be made under standard atmospheric conditions for testing as given in 5.3 of iec 60068 - 1: - temperature: 15 - r elative humidity: 25 % to 75 % - a ir pressure: 86 kpa to 106 kpa before the measurements are made, the capacitor shall be stored at the measuring temperature for a time sufficient to allow the entire capacitor to reach this temperature. the period as prescribed for recovery at the end of a test is normally sufficient for this purpose. table 14 description value capacitance range 0.47 p f to 2.2 f capacitance tolerance np0 c < 10 pf 0.25 pf, 0.5 pf c 10 pf 2%, 5%, 10% x7r 5% (1) , 10%, 20% dissipation factor (d.f.) np0 c < 3 0 pf 1 / ( 400 + 20 c ) c 30 pf 0.1 % x7r 2.5 % e xception x7r/ 0603/100v, 12nf c 100nf , x7r/12 0 6/2.2uf/100v 5% x7r/1206/100v/1uf; x7r/1210/100v/1uf and 2.2uf; 3.5% insulation resistance after 1 minute at u r (dc) r ins 10 g or r ins c 500 seconds whichever is less maximum capacitance change as a function of temperature (temperature c haracteristic/coefficient) : np0 30 ppm/ c x7r 15% operating temperature range: np0/ x7r C 55 c to +125 c note 1. capacitance tolerance 5% doesn't available for x7r full product range, please contact local sales force before order
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 14 18 product specification soldering recommenda tion table 15 soldering method size 0201 0402 0603 0805 1206 1210 reflow reflow only > 100 nf > 1.0 f > 2.2 f > 2.2 f reflow only reflow/wave 100 nf 1.0 f 2.2 f 2.2 f --- test test method procedure requirements mounting iec 60384 - 21/ 22 4.3 the capacitors may be mounted on printed - c ircuit boards or ceramic substrates no visible damage visual i nspection and d imension c heck 4.4 any applicable method using 10 magnification in accordance with specification capacitance 4.5.1 class 1: f = 1 mhz for c 1 nf, measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c class 2 : f = 1 khz for c 10 f, measuring at voltage 1 v rms at 20 c within specified tolerance dissipation f actor (d.f.) 4.5.2 class 1: f = 1 mhz for c 1 nf , measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c class 2 : f = 1 khz for c 10 f, measuring at voltage 1 v rms at 20 c in accordance with specification insulation r esistance 4.5.3 u r 500 v: at u r for 1 minute u r > 500 v: at 500 v for 1 minute in accordance with specification tests and requiremen ts table 1 6 test procedures and requirements
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 15 18 product specification test test method procedure requirements temperature coefficient 4.6 capacitance shall be measured by the steps shown in the following table. the capacitance change should be measured after 5 min at each specified temperature stage. step temperature( ) a 25 2 b lower temperature 3 c 25 2 d upper temperature 2 e 25 2 (1) class i temperature coefficient shall be calculated from the formula as below temp, coefficient = [ppm/ ] c1: capacitance at step c c2: capacitance at 125 ? t: 100 (=125 - 25 ) (2) c lass ii capacitance change shall be calculated from the formula as below ? c = x 100% c1: capacitance at step c c2: capacitance at step b or d < general purpose series> class1: ? c/c: 30ppm class2: x7r: ? c/c: 15% y5v: ? c/c: 22~ - 82% class2: x7r/x5r: ? c/c: 15% y5v: ? c/c: 22~ - 82% adhesion iec 60384 - 21/ 22 4. 7 a force applied for 10 sec onds to the line joining the terminations and in a plane parallel to the substrate force size 0603: 5n bending strength 4.8 mounting in accordance with iec 60384 - 22 paragraph 4.3 no visible damage conditions: bending 1 mm at a rate of 1 mm/s, radius jig 5 mm ? c/c class 1: np0 : within 1% or 0.5 pf, whichever is greater class2: x7r: 10% 6 10 t x c1 c1 - c2 ? c1 c1 - c2
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 16 18 product specification test test method procedure requirements resistance to s oldering h eat 4.9 precondition: 150 + 0/ C 10 c for 1 hour, then keep for 24 1 hours at room temperature preheating: for size 1206: 120 c to 150 c for 1 minute preheating: for size > 1206: 100 c to 120 c for 1 minute and 170 c to 200 c for 1 minute solder bath temperature: 260 5 c dipping ti me: 10 0.5 s econds recovery time : 24 2 hours dissolution of the end face plating shall not exceed 25% of the length of the edge concerned ? c/c class 1: np0 : within 0.5 % or 0.5 pf, whichever is greater class2: x7r : 10% d.f. within initial specified value r ins within initial specified value solderability 4.10 preheated the temperature of 80 c to 140 c and maintained for 30 s econds to 60 s econds. test conditions for lead containing solder alloy temperature: 235 5 c dipping time: 2 0.2 s econds depth of immersion: 10 mm alloy compos i tion: 60/40 sn/pb number of immersions: 1 test conditions for lead free containing solder alloy temperature: 245 5 c dipping time: 3 0.3 s econds depth of immersion: 10 mm alloy compos i tion: sac305 number o f immersions: 1 the solder should cover over 95% of the critical area of each termination rapid c hange of t emperature iec 60384 - 21/22 4.11 preconditioning; 150 + 0/ C 10 c for 1 hour, then keep for 24 1 h ours at room temperature 5 cycles with following detail: 30 minutes at l ower c ategory t emperature 30 minutes at u pper c ategory t emperature recovery time 24 2 h ours no visual damage ? c/c class 1: np0 : within 1% or 1 pf, whichever is greater class2: x7r : 15 % d.f. meet initial specified value r ins meet initial specified value
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 17 18 product specification test test method procedure requirements damp h eat 4.13 1. preconditioning, class 2 only: 150 +0/ - 10 c /1 h our , then keep for 24 1 h our at room temp 2. initial measure : spec: refer i nitial spec c, d, ir 3. damp heat test: 500 12 hours at 40 2 c; 90 to 95% r.h . 4. recovery: class 1: 6 to 24 hours class 2: 24 2 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be precondition according to iec 60384 4.1 and then the requirement shall be met. no visual damage after recovery ? c/c class 1: np0 : within 2 % or 1 pf, whichever is greater class2: x7r : 1 5 % d.f. class 1: np0: 2 x specified value class2: x7r : 25 v: 5% r ins class 1: np0: 2,500 m or r ins x c r 25s whichever is less class2: x7r : 500 m or r ins x c r 25s whichever is less endurance iec 60384 - 21/22 4.14 1. preconditioning, class 2 only: 150 +0/ - 10 c /1 h our , then keep for 24 1 h our at room temp 2. initial measure : spec: refer initial spec c, d, ir 3. endurance test : temperature : np0/x7r: 125 c specified stress voltage applied for 1 , 000 h our s: 4. high voltage series follows with below stress condition: applied 2.0 x ur for 100 v series applied 1.5 x ur for 200/250 v series applied 1.3 x ur for 500 v, 630 v series applied 1.2 x u r for 1 kv, 2 kv, 3 kv series 5. recovery time: 24 2 hours 6. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be p recondition according to iec 60384 4.1 and then the requirement shall be met. no visual damage ? c/c class1: np0 : within 2 % or 1 pf, whichever is greater class2: x7r: 1 5 % d.f. class1: np0: 2 x specified value class2: x7r : 25 v: 5% r ins class1: np0: 4,000 m or r ins x c r 40s whichever is less class2: x7r : 1,000 m or r ins x c r 50s whichever is less voltage p roof 4.6 specified stress voltage applied for 1~5 seconds ur 100 v: series applied 2.5 ur 100 v < ur 200 v series applied (1.5 ur + 100) 200 v < ur 500 v series applied (1.3 ur + 100) ur > 500 v: 1.3 ur ur R 1000 v: 1.2 ur charge/discharge current is less than 50 ma no breakdown or flashover
mid - voltage np 0 / x 7 r 100 v to 630 v www.yageo.com dec. 9, 2016 v.1 8 surface - mount ceramic multilayer capacitors 18 18 product specification revision history revision date change notification description version 18 dec 9, 2016 - - soldering recommendation update version 1 7 aug 16 , 2016 - - capacitance range & thickness update version 16 apr. 16, 2015 - - c apacitance range & thickness version 15 apr. 16, 2015 - - e lectrical characteristics update version 14 sep. 25, 2014 - - e lectrical characteristics update version 13 apr. 21, 2014 - - e lectrical characteristics update version 12 dec. 12, 2013 - - e lectrical characteristics update version 11 jun. 17, 2013 - - test method and procedure updated version 10 nov 22, 2012 - - test method and procedure updated version 9 feb 02, 2012 - - test method and procedure updated version 8 apr 22, 2011 - - np0 0402 100v added version 7 mar 01, 2011 - - dimension updated version 6 sep 30, 2010 - - update the thickness of 0805 100v version 5 sep 28, 2010 - - product range update d - thickness classes and packing quantity table updated version 4 jun 17, 2010 - - update the dimension of 0805, 1206 and 1812 version 3 mar 25, 2010 - - product range update version 2 mar 15, 2010 - - product range update version 1 oct 30, 2009 - - change to dual brand datasheet that describe mid - voltage np0/x7r series with rohs compliant - replace the "100v to 630v" part of pdf files: up - np0x7r_mv_100 - to - 500v_0, uy - np0x7r_mv_100 - to - 500v_0, np0_16v - to - 100v_6 , np0_50 - to - 500v_10, x7r_16 - to - 500v_9 and x7r_16v - to - 100v_9 - define global part number - description of "halogen free compliant" added - test method and procedure updated version 0 sep 08, 2005 - - new


▲Up To Search▲   

 
Price & Availability of CC0402DCX7R0BB121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X