reference: qod-510 page 1 of 2 p.o. box 5928, greenville, south carolina 29606 u.s .a. tel: 864.963.6300 fax: 864.963.6521 pbu-092116-aga 1 product/process bulletin update pbu-092116-aga standard marking format change c4xx series aximax axial leaded mlccs in order to optimize efficiency and improve product ivity, kemet will initiate a change to the current marking format of all c4xx style/size devices. the following changes will be implemented on october 3 rd , 2016. first two lines will remain the same, unique lot id entifier (used as internal control) will be removed and date code will no longer be included in the standard marking information for these devices. it will be available as a marking option only. kemet has estab lished an ordering code c-spec to accommodate customers that require the date code be included in the marking information. current marking format new marking format position detail C current marking format position detail - new marking format ? kemet trademark - k ? kemet trademark - k ? rated voltage (vdc) 1 = 100vdc ? rated voltage (vdc) 1 = 100vdc ? dielectric (temperature coefficient) r = x7r dielectric ? dielectric (temperature coefficient) r = x7r dielectric ? capacitance code 105 = 1.0f ? capacitance code 105 = 1.0f ? capacitance tolerance k = 10% ? capacitance tolerance k = 10% ? lot code - unique lot code identifier xx ? date code > yyww (available as an option only) ? date code > yyww
reference: qod-510 page 2 of 2 p.o. box 5928, greenville, south carolina 29606 u.s .a. tel: 864.963.6300 fax: 864.963.6521 pbu-092116-aga 2 optional date code marking ordering code c-spec: to properly request the inclusion of the date code in the marking information provided on the component, ordering code c-spec 9207 must be added to the end of the ordering code. example: c410c104k5r5ta 7200 9207 please reference ordering information in the produc t catalog for additional ordering details. for general information: ana garza technical product specialist scbg: ceramics (956) 982 4644 anagarza@kemet.com component details c-spec 1: to identify packaging option c-spec 2: to identify date code marking option
|