Part Number Hot Search : 
UFT12140 IN4936 MMSZ5231 MF388 2N3175 10H100CT ISL81486 F20NF06
Product Description
Full Text Search
 

To Download AUIRLR3114Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   www.irf.com 1 features advanced process technology ultra low on-resistance 175c operating temperature fast switching repetitive avalanche allowed up to tjmax logic level  lead-free, rohs compliant  automotive qualified * AUIRLR3114Zauirlu3114z hexfet ? power mosfet automotive grade absolute maximum ratings 

  
     
      
   functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. 


!! 

"
  
 ""       
# 
   
 
   

  $  % &'()* 
 #"  specifically designed for automotive applications, thishexfet ? power mosfet utilizes the latest processing techniques to achieve extremely low on-resistance persilicon area. additional features of this design are a 175c junction operating temperature, fast switching speed and improved repetitive avalanche rating . these features com- bine to make this design an extremely efficient and reliable device for use in automotive applications and a wide variety of other applications. descriptionhexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ gds gate drain source d-pak AUIRLR3114Z   i-pak auirlu3114z   s d g parameter units i d @ t c = 25c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) a i d @ t c = 25c continuous drain current, v gs @ 10v (package limited) i dm pulsed drain current p d @t c = 25c power dissipation w linear derating factor w/c v gs gate-to-source voltage v e as (thermally limited) single pulse avalanche energy  mj e as (tested ) single pulse avalanche energy tested value  i ar avalanche current  a e ar repetitive avalanche energy  mj t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds thermal resistance parameter typ. max. units r jc junction-to-case  CCC 1.05 r ja junction-to-ambient (pcb mount)  CCC 40 c/w r ja junction-to-ambient CCC 110 -55 to + 175 300(1.6mm from case) 140 0.95 16 max. 130  89  500 42 260 130 see fig.12a, 12b, 15, 16 v dss 40v r ds(on) max @ 10v 4.9m max @ 4.5v 6.5m i d (silicon limited) 130a i d (package limited) 42a pd - 96381 downloaded from: http:///

2 www.irf.com s d g s d g  repetitive rating; pulse width limited bymax. junction temperature. (see fig. 11).  limited by t jmax , starting t j = 25c, l = 0.15mh r g = 25 , i as = 42a, v gs =10v. part not recommended for use above this value.  pulse width 1.0ms; duty cycle 2%.  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .   limited by t jmax , see fig.12a, 12b, 15, 16 for typical repetitive avalanche performance.  this value determined from sample failure population. 100%tested to this value in production.  when mounted on 1" square pcb (fr-4 or g-10 material).
        
calculated continuous current based on maximum allowablejunction temperature. package limitation is 42a. static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 40 CCC CCC v ? v (br)dss / ? t j breakdown voltage temp. coefficient CCC 0.032 CCC v/c r ds(on) static drain-to-source on-resistance CCC 3.9 4.9 CCC 5.2 6.5 v gs(th) gate threshold voltage 1.0 CCC 2.5 v gfs forward transconductance 98 CCC CCC s i dss drain-to-source leakage current CCC CCC 20 CCC CCC 250 i gss gate-to-source forward leakage CCC CCC 100 gate-to-source reverse leakage CCC CCC -100 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate charge CCC 40 56 q gs gate-to-source charge CCC 12 CCC nc q gd gate-to-drain ("miller") charge CCC 18 CCC t d(on) turn-on delay time CCC 25 CCC t r rise time CCC 140 CCC t d(off) turn-off delay time CCC 33 CCC ns t f fall time CCC 50 CCC l d internal drain inductance CCC 4.5 CCC between lead, nh 6mm (0.25in.) l s internal source inductance CCC 7.5 CCC from package and center of die contact c iss input capacitance CCC 3810 CCC c oss output capacitance CCC 650 CCC c rss reverse transfer capacitance CCC 350 CCC pf c oss output capacitance CCC 2390 CCC c oss output capacitance CCC 580 CCC c oss eff. effective output capacitance CCC 820 CCC diode characteristics parameter min. typ. max. units i s continuous source current (body diode) a i sm pulsed source current (body diode)  v sd diode forward voltage CCC CCC 1.3 v t rr reverse recovery time CCC 30 45 ns q rr reverse recovery charge CCC 27 41 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) v dd = 20v i d = 42a r g = 3.7 v ds = v gs , i d = 100 a v ds = 40v, v gs = 0v v ds = 40v, v gs = 0v, t j = 125c v gs = 4.5v  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 42a  p-n junction diode. t j = 25c, i s = 42a, v gs = 0v  t j = 25c, i f = 42a, v dd = 20v di/dt = 100a/ s  v gs = 0v, v ds = 0v to 32v  mosfet symbol showing the integral reverse v ds = 25v ? = 1.0mhz v gs = 0v, v ds = 1.0v, ? = 1.0mhz v gs = 0v, v ds = 32v, ? = 1.0mhz 500 v gs = 4.5v, i d = 42a  v gs = 16v v gs = -16v v ds = 20v v ds = 10v, i d = 42a i d = 42a conditions v gs = 4.5v  v gs = 0v CCC CCC CCC CCC m a na 42  downloaded from: http:///

www.irf.com 3 ? qualification standards can be found at international rectifiers web site: http//www.irf.com/ ?? exceptions to aec-q101 requirements are noted in the qualification report. ??? highest passing voltage qualification information ? moisture sensitivity level 3l-d pak msl1 3l-i-pak n/a rohs compliant yes esd machine model class m4(+/- 425v ) ??? (per aec-q101-002) human body model class h1c(+/- 2000v ) ??? (per aec-q101-001) charged device model class c5(+/- 1125v ) ??? (per aec-q101-005) qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. irs industrial and consumer qualification level is granted by extension of the higher automotive level. downloaded from: http:///

4 www.irf.com fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. typical forward transconductance vs. drain current 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 8.0v 4.5v 3.5v 3.0v 2.7v bottom 2.5v 60 s pulse width tj = 25c 2.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 2.5v 60 s pulse width tj = 175c vgs top 15v 10v 8.0v 4.5v 3.5v 3.0v 2.7v bottom 2.5v 1 2 3 4 5 6 7 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 175c v ds = 15v 60 s pulse width 0 2 04 06 08 01 0 0 i d ,drain-to-source current (a) 0 50 100 150 200 g f s , f o r w a r d t r a n s c o n d u c t a n c e ( s ) t j = 25c t j = 175c v ds = 10v 380 s pulse width downloaded from: http:///

www.irf.com 5 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 1 02 03 04 05 0 q g , total gate charge (nc) 0.0 1.0 2.0 3.0 4.0 5.0 6.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 32v v ds = 20v v ds = 8.0v i d = 42a 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v sd , source-to-drain voltage (v) 1.0 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) tc = 25c tj = 175c single pulse 100 sec 1msec 10msec dc downloaded from: http:///

6 www.irf.com fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature fig 10. normalized on-resistance vs. temperature 25 50 75 100 125 150 175 t c , case temperature (c) 0 20 40 60 80 100 120 140 i d , d r a i n c u r r e n t ( a ) limited by package -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 42a v gs = 10v 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i / ri ci= i / ri c 4 4 r 4 r 4 ri (c/w) i (sec) 0.0350 0.0000130.2433 0.000077 0.4851 0.001043 0.2867 0.004658 downloaded from: http:///

www.irf.com 7 fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 14. threshold voltage vs. temperature r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v v gs 1k vcc dut 0 l 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 600 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 9.7a 17a bottom 42a -75 -50 -25 0 25 50 75 100 125 150 175 200 t j , temperature ( c ) 0.5 1.0 1.5 2.0 2.5 3.0 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 150 a i d = 250 a i d = 1.0ma i d = 1.0a q g q gs q gd v g charge +,- downloaded from: http:///

8 www.irf.com fig 15. typical avalanche current vs.pulsewidth fig 16. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 15, 16:(for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far in excess of t jmax . this is validated for every part type.2. safe operation in avalanche is allowed as long as neither tjmax nor iav (max) is exceeded. 3. equation below based on circuit and waveforms shown in figures 12a, 12b. 4. p d (ave) = average power dissipation per single avalanche pulse.5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. ? t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 15, 16). t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figure 11) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 0.1 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? j = 25c and tstart = 150c. 0.01 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 150c and tstart =25c (single pulse) 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 50 100 150 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1.0% duty cycle i d = 42a downloaded from: http:///

www.irf.com 9 fig 17. ./0

  1 ) for n-channel hexfet   power mosfets  
     ? 
     ?     ?

         p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-appliedvoltage reverserecovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period 2   ! " #$ % #& & % 2 + - + + + - - -   
   ?      !  ?   " #$## ?        %  && ? #$##'$

 v ds 90%10% v gs t d(on) t r t d(off) t f fig 18a. switching time test circuit fig 18b. switching time waveforms   ( ) 1 *  %   0.1 %
  
 '  + -   downloaded from: http:///

10 www.irf.com  
          
     
 
 
         
    .3 45

5
)
  !""#$ 0)
 676 8878
/8/ 7

*5 9 downloaded from: http:///

www.irf.com 11 
 "   
 "  
  
          
          
       .3 45

5
)
 !""#$ 0)
 676 8878
/8/ 7

*5 9 downloaded from: http:///

12 www.irf.com  
  % &   
         tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl notes : 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters ( inches ). 3. outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch downloaded from: http:///

www.irf.com 13 ordering information base part package type complete part number form quantity AUIRLR3114Z dpak tube 75 AUIRLR3114Z tape and reel 2000 AUIRLR3114Ztr tape and reel left 3000 AUIRLR3114Ztrl tape and reel right 3000 AUIRLR3114Ztrr auirlu3114z ipak tube 75 auirlu3114z standard pack downloaded from: http:///

14 www.irf.com  
 unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reservethe right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterati ons is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions.resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or serv ice voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive businesspractice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any suchunintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product.only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military gr ade products, is solely at the buyers own risk and that they are solely responsible for compliance with all legal and regulatoryrequirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir product s are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au.buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact irs technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRLR3114Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X