Part Number Hot Search : 
2412E 2N7002KG 2SC4851 E3055 MBR3045 BU2520 GILFT P6SMB250
Product Description
Full Text Search
 

To Download 781Z-1-051E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5.00 (.197) 7814j j-hook 0 5 1 7 a 2.55 (.100) 1.30 0.10 (.051 .004) 2.35 (.093) 0.80 0.10 (.031 .004) 2 plcs. 1.00 (.039) 3 plcs. 2.0 (.079) 2.0 (.079) 3 plcs. 4.0 (.157) 2.3 (.091) 1.3 (.051) 2 plcs. 4.50 (.177) c cw ccw 0 5 1 7 a 4.50 (.177) c cw ccw 2.55 (.100) 0.20 (.008) typ. 0.60 (.024) typ. 5 max. typ. 6.20 (.244) 1.30 0.10 (.051 .004) 5.50 (.217) 2.00 (.079) 2.30 (.091) 1.30 (.051) 2 plcs. 7814h through- hole 2.35 (.093) 5.00 (.197) c cw ccw 6.30 (.248) 2.55 (.100) 4.00 (.157) typ. 5.00 0.10 (.197 .004) outside when pins are parallel 0.20 typ. (.008) 0.60 0.10 (.024 .004) 3 plcs. 4.50 (.177) 5.00 (.197) 0.80 typ. dia. (.031) 7814g gull wing 0 5 1 7 a 7814z right angle recommended pcb layout recommended pcb layout recommended pcb layout recommended pcb layout 4.50 (.177) 4.50 (.177) 4.50 (.177) long wide deep adjustment slot x x 2.45 (.096) 0.51 (.020) 0.51 (.020) 0.80 0.10 (.031 .004) 2 plcs. adjustment slot long wide deep x x 0.51 (.020) 0.55 (.022) 2.45 (.096) 4.50 (.177) 1.30 (.051) 3 plcs. 2.55 (.100) 2.55 (.100) 3.32 (.130) 5.76 (.226) 3.18 (.226) 3.48 (.138) 0.61 (.024) 3.08 (.121) 1.19 (.047) 0.96 (.038) 5.60 (.220) 2.54 (.100) 5.01 (.197) 1.27 (.050) 2.01 (.080) 2.01 (.080) 2.01 (.080) 0.26 (.010) 2.54 (.100) 1.30 (.051) 2 e 0 2 3 1 3 c rotor positioned as shown within 22? of centerline of terminal 2 1.29 (.050) 0.21 (.084) adj. slot long 2.41 (.095) wide 0.51 (.020) deep x x 0.60 (.024) features single pole/double throw compatible with most surface mount manufacturing processes 50 or 2000 cycle rotational life compatible with popular vacuum pick-and- place equipment j-hook, gull-wing and through hole meets eia/eiaj/ipc/vrci smd standard outline dimensions rohs compliant* - see processing information on rohs compliant surface mount components for switch applications/processing guidelines, click here 7814 smd 4 mm square sealed rotary switch *rohs directive 2002/95/ec jan 27, 2003 including annex. ?fluorinert is a registered trademark of 3m co. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. electrical characteristics contact rating maximum current ..........100 ma max. maximum voltage ........................16 v contact timing ..................non-shorting contact resistance ........... 2 ohms max. insulation resistance ............................. 100 megohms min. dielectric strength .................... 250 vac general characteristics switch type ...................................spdt operating temp. range ............................... -55 c to +125 c storage temp. range .. -55 c to +125 c seal test ......................85 c fluorinert? mechanical characteristics positions ...............................................2 adjustment torque ......... 1.8 n-cm max. stop strength .................. 2.5 n-cm min. pushover strength (z style) ......................... 2 kilograms minimum weight ................approximately 0.2 gm. marking ........................... manufacturer?s trademark, life code and date code environmental characteristics vibration ......................................... 20 g shock ........................................... 100 g thermal shock ........................(5 cycles) -55 c to +125 c humidity insulation resistance ............................... 10 megohms min. rotational life -051 ..................................... 50 cycles -023 ................................. 2000 cycles packaging options j & g ..................................... 500 pcs. z ............................................ 200 pcs. h ....................................100 pcs./tube product dimensions dimensions: mm (inches) tolerances: 2 except where noted. 2 c 1cw 3 ccw how to order 7814 j - 1 - 051 e model terminal j = j-hook g = gull wing h = through-hole z = right angle switch type 1 = spdt rotational life -051 = 50 cycles -023 = 2000 cycles optional embossed tape designator (for pin styles j, g, z only - omit for tube packaging) circuit diagram - 7814j, g ,h circuit diagram - 7814z 2 c 3cw 1 ccw *rohs compliant


▲Up To Search▲   

 
Price & Availability of 781Z-1-051E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X