Part Number Hot Search : 
C2050 1N581705 SHD12 SA130 170M4069 AD668AQ 13156 HA12237
Product Description
Full Text Search
 

To Download 50SMDJ400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features mechanical data surface mount transient vol tage suppressor surface mount transient vol tage suppressor ratings and electrical characteristics o ratings at 25 c ambient temperature unless otherwise specified s m c / d o - 2 1 4 a b dime nsion s in in ches and ( millim eters ) .002(.051) .008(.203) .006(.152) .012(.305) .305(7.75) .320(8.13) .079(2.00) .103(2.62) .030(0.76) .050(1.27) .260(6.60) .280(7.11) .220(5.59) .245(6.22) .108(2.75) .128(3.25) low leakage 5000 w peak pulse power capability glass passivated chip uni and bidirectional unit with a 10/1000 us waveform, repetitive excellent clamping capability rate (duty cycle):0.01 % very fast response time case molded plastic lead: solderable per mil-std-750, method 2026 polarity color band denotes positive end (cathode) except bidirectional mounting position: any www.paceleader.tw reverse voltage 6.8 to 520 volts peak pulse power 5000 watts 5 epoxy ul 94v-0 rate flame retardant single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% 5.0smdj series note: (1) measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. operating junction and storage temperature range t j , t stg ?55 to +150 c power dissipation on infinite heatsink at t l = 75 c p d 6.5 watts peak forward surge current, 8.3 ms single half sine- wave unidirectional only (1) i fsm 300 amps. see next table amps. unit peak power dissipation with a 10/1000 s waveform p pp minimum 5000 watts value parameter symbol peak pulse current wih a 10/1000 s waveform i pp
ambie n average forward current, (a) 0 100 1 300 25 100 100 120 175 0 0 6.5 0.9 100 70 6.5 10000 2 175 0 00 0.2 100 0.5 76 150 1.5 33 223 313 410 fig. 5 - pulse waveform fig. 1 - pulse derating curve fig. 2 - maximum non-repetitive surge current fig. 3 - steady state power derating curve fig. 4 - peak pulse power rating curve 0.1 1 10 100 0.1 1 10 100 1000 10000 pulse width, td peak power (kw) 0.1 s 1 s 10 s 100 s 1ms 10ms 0 25 50 75 100 0 25 50 75 100 125 150 175 200 ambient temperature ,ta ( ) peak pulse derating in % of peak power or current, % tj = tj max. 8.3 ms single half sine-wave 100 150 200 250 300 1 10 100 number of cycles at 60 hz peak forward surge current, (a) 0.0 2.0 4.0 6.0 8.0 0 25 50 75 100 125 150 175 200 lead temperature , tl ( ) steady state power dissipation, (w) 0 50 100 01234 time , (ms) peak pulse current , (% ) tj = 25 c pulse width (td) is defined as the point where the peak current decays to 50 % of ippm 10/1000 sec. waveform as de fin ed by r.e.a. tr=10 s peak value , (ipp) half value = ipp 2 td surface mount transient vol tage suppressor surface mount transient vol tage suppressor 5.0smdj series 2 www.paceleader.tw
uni-polar bi-polar uni bi min (v) max (v) it (ma) 5.0smdj11 5.0smdj11c 5pdw 5bdw 12.2 14.9 1 800 11 251.2 20.1 5.0smdj11a 5.0smdj11ca 5pdx 5bdx 12.2 13.5 1 800 11 277.5 18.2 5.0smdj12 5.0smdj12c 5pdy 5bdy 13.3 16.3 1 800 12 229.5 22.0 5.0smdj12a 5.0smdj12ca 5pdz 5bdz 13.3 14.7 1 800 12 253.8 19.9 5.0smdj13 5.0smdj13c 5ped 5bed 14.4 17.6 1 500 13 212.2 23.8 5.0smdj13a 5.0smdj13ca 5pee 5bee 14.4 15.9 1 500 13 234.9 21.5 5.0smdj14 5.0smdj14c 5pef 5bef 15.6 19.1 1 200 14 195.7 25.8 5.0smdj14a 5.0smdj14ca 5peg 5beg 15.6 17.2 1 200 14 217.7 23.2 5.0smdj15 5.0smdj15c 5peh 5beh 16.7 20.4 1 100 15 187.7 26.9 5.0smdj15a 5.0smdj15ca 5pek 5bek 16.7 18.5 1 100 15 207.0 24.4 5.0smdj16 5.0smdj16c 5pel 5bel 17.8 21.8 1 50 16 175.3 28.8 5.0smdj16a 5.0smdj16ca 5pem 5bem 17.8 19.7 1 50 16 194.2 26.0 5.0smdj17 5.0smdj17c 5pen 5ben 18.9 23.1 1 20 17 165.6 30.5 5.0smdj17a 5.0smdj17ca 5pep 5bep 18.9 20.9 1 20 17 183.0 27.6 5.0smdj18 5.0smdj18c 5peq 5beq 20.0 24.4 1 10 18 156.8 32.2 5.0smdj18a 5.0smdj18ca 5per 5ber 20.0 22.1 1 10 18 172.9 29.2 5.0smdj19 5.0smdj19c 5pes 5bes 21.1 25.8 1 10 19 148.5 34.0 5.0smdj19a 5.0smdj19ca 5pet 5bet 21.1 23.3 1 10 19 164.1 30.8 5.0smdj20 5.0smdj20c 5peu 5beu 22.2 27.1 1 5.0 20 141.1 35.8 5.0smdj20a 5.0smdj20ca 5pev 5bev 22.2 24.5 1 5.0 20 155.9 32.4 5.0smdj22 5.0smdj22c 5pew 5bew 24.4 29.8 1 5.0 22 128.2 39.4 5.0smdj22a 5.0smdj22ca 5pex 5bex 24.4 26.9 1 5.0 22 142.3 35.5 5.0smdj24 5.0smdj24c 5pey 5bey 26.7 32.6 1 5.0 24 117.4 43.0 5.0smdj24a 5.0smdj24ca 5pez 5bez 26.7 29.5 1 5.0 24 129.8 38.9 5.0smdj26 5.0smdj26c 5pfd 5bfd 28.9 35.3 1 5.0 26 108.4 46.6 5.0smdj26a 5.0smdj26ca 5pfe 5bfe 28.9 31.9 1 5.0 26 120.0 42.1 5.0smdj28 5.0smdj28c 5pff 5bff 31.1 38.0 1 5.0 28 101.0 50.0 5.0smdj28a 5.0smdj28ca 5pfg 5bfg 31.1 34.4 1 5.0 28 111.2 45.4 5.0smdj30 5.0smdj30c 5pfh 5bfh 33.3 40.7 1 5.0 30 94.4 53.5 5.0smdj30a 5.0smdj30ca 5pfk 5bfk 33.3 36.8 1 5.0 30 104.3 48.4 5.0smdj33 5.0smdj33c 5pfl 5bfl 36.7 44.9 1 5.0 33 85.6 59.0 5.0smdj33a 5.0smdj33ca 5pfm 5bfm 36.7 40.6 1 5.0 33 94.7 53.3 5.0smdj36 5.0smdj36c 5pfn 5bfn 40.0 48.9 1 5.0 36 78.5 64.3 5.0smdj36a 5.0smdj36ca 5pfp 5bfp 40.0 44.2 1 5.0 36 86.9 58.1 5.0smdj40 5.0smdj40c 5pfq 5bfq 44.4 54.3 1 5.0 40 70.7 71.4 5.0smdj40a 5.0smdj40ca 5pfr 5bfr 44.4 49.1 1 5.0 40 78.3 64.5 5.0smdj43 5.0smdj43c 5pfs 5bfs 47.8 58.4 1 5.0 43 65.8 76.7 5.0smdj43a 5.0smdj43ca 5pft 5bft 47.8 52.8 1 5.0 43 72.8 69.4 5.0smdj45 5.0smdj45c 5pfu 5bfu 50.0 61.1 1 5.0 45 62.9 80.3 5.0smdj45a 5.0smdj45ca 5pfv 5bfv 50.0 55.3 1 5.0 45 69.5 72.7 5.0smdj48 5.0smdj48c 5pfw 5bfw 53.3 65.1 1 5.0 48 59.1 85.5 5.0smdj48a 5.0smdj48ca 5pfx 5bfx 53.3 58.9 1 5.0 48 65.2 77.4 5.0smdj51 5.0smdj51c 5pfy 5bfy 56.7 69.3 1 5.0 51 55.4 91.1 5.0smdj51a 5.0smdj51ca 5pfz 5bfz 56.7 62.7 1 5.0 51 61.3 82.4 5.0smdj54 5.0smdj54c 5pgd 5bgd 60.0 73.3 1 5.0 54 52.4 96.3 5.0smdj54a 5.0smdj54ca 5rge 5rge 60.0 66.3 1 5.0 54 58.0 87.1 5.0smdj58 5.0smdj58c 5pgf 5bgf 64.4 78.7 1 5.0 58 49.0 103 5.0smdj58a 5.0smdj58ca 5pgg 5bgg 64.4 71.2 1 5.0 58 54.0 93.6 5.0smdj60 5.0smdj60c 5pgh 5bgh 66.7 81.5 1 5.0 60 47.2 107 5.0smdj60a 5.0smdj60ca 5pgk 5bgk 66.7 73.7 1 5.0 60 52.2 96.8 5.0smdj64 5.0smdj64c 5pgl 5bgl 71.1 86.9 1 5.0 64 44.3 114 5.0smdj64a 5.0smdj64ca 5pgm 5bgm 71.1 78.6 1 5.0 64 49.0 103 5.0smdj70 5.0smdj70c 5pgn 5bgn 77.8 95.1 1 5.0 70 40.4 125 5.0smdj70a 5.0smdj70ca 5pgp 5bgp 77.8 86.0 1 5.0 70 44.7 113 maximum clamping voltage vc (volts) @ipp technologies 5.0smdj series device marking code breakdown voltage vbr @ it maximum reverse leakage ir(ua) @vrwm working peakreverse voltage vrwm (volts) maximum reverse surge current ipp(a) @10x1000us sinewave surface mount transient vol tage suppressor surface mount transient vol tage suppressor 5.0smdj series www.paceleader.tw 3
uni-polar bi-polar uni bi min (v) max (v) it (ma) maximum clamping voltage vc (volts) @ipp technologies 5.0smdj series device marking code breakdown voltage vbr @ it maximum reverse leakage ir(ua) @vrwm working peakreverse voltage vrwm (volts) maximum reverse surge current ipp(a) @10x1000us sinewave 5.0smdj75 5.0smdj75c 5pgq 5bgq 83.3 102 1 5.0 75 37.7 134 5.0smdj75a 5.0smdj75ca 5pgr 5bgr 83.3 92.1 1 5.0 75 41.7 121 5.0smdj78 5.0smdj78c 5pgs 5bgs 86.7 106 1 5.0 78 36.3 139 5.0smdj78a 5.0smdj78ca 5pgt 5bgt 86.7 95.8 1 5.0 78 40.1 126 5.0smdj80 5.0smdj80c 5pga 5bga 89.0 109 1 5.0 80 35.3 143 5.0smdj80a 5.0smdj80ca 5pgb 5bgb 88.8 97.6 1 5.0 80 39.0 130 5.0smdj85 5.0smdj85c 5pgu 5bgu 94.4 115 1 5.0 85 33.4 151 5.0smdj85a 5.0smdj85ca 5pgv 5bgv 94.4 104 1 5.0 85 36.9 137 5.0smdj90 5.0smdj90c 5pgw 5bgw 100 122 1 5.0 90 31.6 160 5.0smdj90a 5.0smdj90ca 5pgx 5bgx 100 111 1 5.0 90 34.6 146 5.0smdj100 5.0smdj100c 5pgy 5bgy 111 136 1 5.0 100 28.2 179 5.0smdj100a 5.0smdj100ca 5pgz 5bgz 111 123 1 5.0 100 31.2 162 5.0smdj110 5.0smdj110c 5phd 5bhd 122 149 1 5.0 110 25.8 196 5.0smdj110a 5.0smdj110ca 5phe 5bhe 122 135 1 5.0 110 28.5 177 5.0smdj120 5.0smdj120c 5phf 5bhf 133 163 1 5.0 120 23.6 214 5.0smdj120a 5.0smdj120ca 5phg 5bhg 133 147 1 5.0 120 26.2 193 5.0smdj130 5.0smdj130c 5phh 5bhh 144 176 1 5.0 130 21.9 231 5.0smdj130a 5.0smdj130ca 5phk 5bhk 144 159 1 5.0 130 24.2 209 5.0smdj140 5.0smdj140c 5pha 5bha 156 190 1 5.0 140 20.2 251 5.0smdj140a 5.0smdj140ca 5phb 5bhb 155 171 1 5.0 140 22.3 227 5.0smdj150 5.0smdj150c 5phl 5bhl 167 204 1 5.0 150 18.8 268 5.0smdj150a 5.0smdj150ca 5phm 5bhm 167 185 1 5.0 150 20.8 243 5.0smdj160 5.0smdj160c 5phn 5bhn 178 218 1 5.0 160 17.6 287 5.0smdj160a 5.0smdj160ca 5php 5bhp 178 197 1 5.0 160 19.5 259 5.0smdj170 5.0smdj170c 5phq 5bhq 189 231 1 5.0 170 16.6 304 5.0smdj170a 5.0smdj170ca 5phr 5bhr 189 209 1 5.0 170 18.4 275 5.0smdj180 5.0smdj180c 5phs 5bhs 200 245 1 5.0 180 15.7 322 5.0smdj180a 5.0smdj180ca 5pht 5bht 200 220 1 5.0 180 17.3 292 5.0smdj190 5.0smdj190c 5phu 5bhu 211 258 1 5.0 190 14.8 340 5.0smdj190a 5.0smdj190ca 5phv 5bhv 211 232 1 5.0 190 16.4 308 5.0smdj200a 5.0smdj200ca 5phw 5bhw 224 247 1 5.0 200 9.3 324 5.0smdj220a 5.0smdj220ca 5phx 5bhx 246 272 1 5.0 220 8.4 356 5.0smdj250a 5.0smdj250ca 5phz 5bhz 279 309 1 5.0 250 7.4 405 5.0smdj300a 5.0smdj300ca 5pje 5bje 335 371 1 5.0 300 6.2 486 5.0smdj350a 5.0smdj350ca 5pjg 5bjg 391 432 1 5.0 350 5.3 567 5.0smdj400a 5.0smdj400ca 5pjk 5bjk 447 494 1 5.0 400 4.6 648 5.0smdj440a 5.0smdj440ca 5pjm 5bjm 492 543 1 5.0 440 4.2 713 note: 1. suffix 'a ' denotes 5% tolerance device. without 'a' denotes 10% tolerance device. 2. add suffix 'c 'or ' ca ' after part number to specify bi-directional devices. 3. for bi-directional devices having vr of 20 volts and under, the ir limit is double . surface mount transient vol tage suppressor surface mount transient vol tage suppressor 5.0smdj series www.paceleader.tw 4


▲Up To Search▲   

 
Price & Availability of 50SMDJ400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X