Part Number Hot Search : 
2412E 2N7002KG 2SC4851 E3055 MBR3045 BU2520 GILFT P6SMB250
Product Description
Full Text Search
 

To Download 2SC3873 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3873 d escription with to-3pfa package high v c bo high speed switching good linearity of h fe wide area of safe operation applications for high speed switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 7 v i c collector current 12 a i cm collector current-peak 22 a i b base current 5 a t c =25 100 p c collector power dissipation t a =25 3 w t j junction temperature 150 t stg storage temperature -55~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon npn power transistors 2SC3873 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma;i b =0 400 v v cesat collector-emitter saturation voltage i c =7a ;i b =1.4a 1.0 v v besat base-emitter saturation voltage i c =7a ;i b =1.4a 1.5 v i cbo collector cut-off current v cb =500v; i e =0 100 a i ebo emitter cut-off current v eb =5v; i c =0 100 a h fe-1 dc current gain i c =0.1a ; v ce =5v 15 h fe-2 dc current gain i c =7a ; v ce =5v 8 f t transition frequency i c =0.5a ; v ce =10v 30 mhz switching times t on turn-on time 0.7 s t stg storage time 2.0 s t f fall time i c =7a; v cc =150v i b1 =1.4a;i b2 =-2.8a 0.3 s downloaded from: http:///
savantic semiconductor product specification 3 silicon npn power transistors 2SC3873 package outline fig.2 outline dimensions (unindicated tolerance:0.30mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC3873

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X