Part Number Hot Search : 
AN3317 TDA725 21M10 D1803DFH JANTXV1 SA2002 P6KE200A BC12429A
Product Description
Full Text Search
 

To Download 2RS104M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. resistive or inductive load. 2rs101m thru 2rs107m maximum rat ings (@ t a =25 o c unless otherwise noted) electrical characteristics (@t a =25 o c unless otherwise noted) dimensions in inches and (mi llimeters) features * low leakage * low for ward vol tage * low cost * mou nting position: any mechanical data * epoxy: device has ul fla mmability classification 94v-o rs-1m ratings maximum recurrent peak rev erse voltage maximum rms voltage max imum dc blocking vol tage max imum average forward rec tified current at t a = 105 o c peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (no te 1) typical current squarad time symbol v rrm v dc i fsm i 2 t t j , t stg v rms units vol ts vol ts amps 2.0 60 14.9 1550 amps a 2 /sec 0 c/w 0 c operating and storage temperature range r 1 jc r 1 ja i o -55 to + 150 volts 100 2rs 101m 2rs103m 2rs105m 2rs 102m 2RS104M 200 800 2rs106m 50 100 200 800 50 70 140 560 35 1000 2rs 107m 1000 700 400 400 280 600600 420 20 11-11 rev :c characteristics at rated dc blocking vol tage v f symbol i r uamps maximum dc reverse cur rent maximum instantaneous forward vol tage at 2.0a dc volts 2.0 @t a = 100 o c @t a = 25 o c 1.1 50 units 2rs101m 2rs 103m 2rs105m 2rs 102m 2RS104M 2rs106m 2rs107m notes : 1. the rmal resistance : heat-sink case mounted or if pcb mounted. 2. "fu lly roh s compliant", "100% sn plating (pb-free)". .582 (14.8).559 (14.2) 21 .4 ) 7.01( 6 0) 3.01( 4. (14 8 .) 2 .8 5 1 (45 .3 ) 8.3 50 .9 ) 5.1( ) 1.1(340. 50 .9 ) 5.1( ) 1.1(340. 0 . ) 3.2(9 .146 (3.7).130 (3.3) .024 (0.6).016 (0.4) .043 (0.9).035 (0.6) .165 (4.2).149 (3.8) .165 (4.2).149 (3.8) .165 (4.2).149 (3.8) 3. available in halogen-free epoxy by adding suffix -hf after the part nbr. single-phase glass passivated silicon bridge rectifier voltage range 50 to 1000 volts current 2.0 amperes downloaded from: http:///
instantaneous forward voltage, (v) percent rated peak reverse voltage, (%) wro fa ) a( ,tnerruc dr n is n a tt s uoena ambient temperature, ( 2 &        )a( ,tnerruc drawrof egareva                      1000       rating and characteristics curves ( 2rs101m thru 2rs107m fig.3 typical reverse characteristics f i g . 3 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s fig.1 typical forward current f i g . 1 t y p i c a l f o r w a r d c u r r e n t derating curve d e r a t i n g c u r v e fig.2 typical instantaneous f i g . 2 t y p i c a l i n s t a n t a n e o u s forward characteristics f o r w a r d c h a r a c t e r i s t i c s ( ,tnerruc esrev re n a suoe n at n ist a) u number of cycles at 60h )a( ,tnerruc egrus r o wr ad f pk a e               fig.4 maximum non-repetitive forward f i g . 4 m a x i m u m n o n - r e p e t i t i v e f o r w a r d surge current s u r g e c u r r e n t single phase half wave 60 h inductive or resistive load 7 $ = 100 2 & 7 $ = 25 2 & 8.3ms single half sine-wave jedec method 7 $ = 25 2 & pulse width = 3 00 m 6  duty cycle downloaded from: http:///
marking description 2 r s 1 0 x m v y ww rectron logo part no. year C code: (y:last digit of year& a:2010, b:2011) week C code: (ww:01~52) voltage-code 1-------50v 5-------600v 2-------100v 6-------800v 3-------200v 7-------1000v 4-------400v downloaded from: http:///
packaging of diode and bridge rectifiers bulk pack package rs-1m ea per box inner box size (mm) carton size (mm) ea per carton gross weight(kg) 660 5,280 240*239*35 510*293*131 9.58 packing code -b tube pack package ea per box inner box size (mm) carton size (mm) ea per carton weight(kg) rs-1m 1,700 540*118*118 560*259*144 3,400 15.25 packing code -c downloaded from: http:///
rectron inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. rectron inc or anyone on its behalf assumes no responsibility or liabi- lity for any errors or inaccuracies. data sheet specifications and its information contained are intended to provide a product description only. "typical" paramet- ers which may be included on rectron data sheets and/ or specifications ca- n and do vary in different applications and actual performance may vary over ti- me. rectron inc does not assume any liability arising out of the application or use of any product or circuit. rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other rela- ted applications where a failure or malfunction of component or circuitry may di- rectly or indirectly cause injury or threaten a life without expressed written appr- oval of rectron inc. customers using or selling rectron components for use in such applications do so at their own risk and shall agree to fully indemnify rect- ron inc and its subsidiaries harmless against all claims, damages and expendit- ures. disclaimer notice downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2RS104M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X