Part Number Hot Search : 
BZX97C11 SR400CD A1314BS2 TS7909 F9033 00268 BZX97C11 CT1506R
Product Description
Full Text Search
 

To Download 0805CS-060XJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip inductors C 0805cs (2012) document 100-1 document 100-1 revised 01/11/12 ? exceptional q values, even at high frequencies ? tight tolerances C 2% for most; 1% for some values inductance 2 percent srf typ 5 dcr max 6 irms 7 color part number 1 (nh) tolerance 3 q min 4 (mhz) (ohms) (ma) code 0805cs-020xjl_ 2.8 @ 250 mhz 5 80 @ 1500 mhz 12200 0.06 800 gray 0805cs-3n0xjl_ 3.0 @ 250 mhz 5 65 @ 1500 mhz 12200 0.06 800 white 0805cs-030xjl_ 3.3 @ 250 mhz 5 50 @ 1500 mhz 12200 0.08 600 black 0805cs-050xjl_ 5.6 @ 250 mhz 5 65 @ 1000 mhz 5900 0.08 600 orange 0805CS-060XJL_ 6.8 @ 250 mhz 5 50 @ 1000 mhz 5600 0.11 600 brown 0805cs-070xjl_ 7.5 @ 250 mhz 5 50 @ 1000 mhz 4800 0.14 600 green 0805cs-080x_l_ 8.2 @ 250 mhz 5,2 50 @ 1000 mhz 4400 0.12 600 red 0805cs-100x_l_ 10 @ 250 mhz 5,2 60 @ 500 mhz 4300 0.10 600 blue 0805cs-120x_l_ 12 @ 250 mhz 5,2 50 @ 500 mhz 4000 0.15 600 orange 0805cs-150x_l_ 15 @ 250 mhz 5,2 50 @ 500 mhz 3200 0.17 600 yellow 0805cs-180x_l_ 18 @ 250 mhz 5,2 50 @ 500 mhz 3100 0.20 600 green 0805cs-220x_l_ 22 @ 250 mhz 5,2 55 @ 500 mhz 2600 0.22 500 blue 0805cs-240x_l_ 24 @ 250 mhz 5,2 50 @ 500 mhz 2400 0.22 500 gray 0805cs-270x_l_ 27 @ 250 mhz 5,2 55 @ 500 mhz 2580 0.25 500 violet 0805cs-330x_l_ 33 @ 250 mhz 5,2, 1 60 @ 500 mhz 2150 0.27 500 gray 0805cs-360x_l_ 36 @ 250 mhz 5,2, 1 55 @ 500 mhz 1900 0.27 500 orange 0805cs-390x_l_ 39 @ 250 mhz 5,2, 1 60 @ 500 mhz 2000 0.29 500 white 0805cs-430x_l_ 43 @ 200 mhz 5,2, 1 60 @ 500 mhz 1800 0.34 500 yellow 0805cs-470x_l_ 47 @ 200 mhz 5,2, 1 60 @ 500 mhz 1700 0.31 500 black 0805cs-560x_l_ 56 @ 200 mhz 5,2, 1 60 @ 500 mhz 1600 0.34 500 brown 0805cs-680x_l_ 68 @ 200 mhz 5,2,1 60 @ 500 mhz 1500 0.38 500 red 0805cs-820x_l_ 82 @ 150 mhz 5,2, 1 65 @ 500 mhz 1330 0.42 400 orange 0805cs-910x_l_ 91 @ 150 mhz 5,2, 1 65 @ 500 mhz 1330 0.48 400 black 0805cs-101x_l_ 100 @ 150 mhz 5,2, 1 65 @ 500 mhz 1250 0.46 400 yellow 0805cs-111x_l_ 110 @ 150 mhz 5,2 50 @ 250 mhz 1100 0.48 400 brown 0805cs-121x_l_ 120 @ 150 mhz 5,2,1 50 @ 250 mhz 1100 0.51 400 green 0805cs-151x_l_ 150 @ 100 mhz 5,2,1 50 @ 250 mhz 920 0.56 400 blue 0805cs-181x_l_ 180 @ 100 mhz 5,2, 1 50 @ 250 mhz 920 0.64 400 violet 0805cs-221x_l_ 220 @ 100 mhz 5,2 50 @ 250 mhz 820 0.70 400 gray 0805cs-241x_l_ 240 @ 100 mhz 5,2 44 @ 250 mhz 770 1.00 350 red 0805cs-271x_l_ 270 @ 100 mhz 5,2 48 @ 250 mhz 730 1.00 350 white 0805cs-331x_l_ 330 @ 100 mhz 5,2 48 @ 250 mhz 650 1.40 310 black 0805cs-391x_l_ 390 @ 100 mhz 5,2 48 @ 250 mhz 600 1.50 290 brown 0805cs-471x_l_ 470 @ 50 mhz 5,2 33 @ 100 mhz 375 1.76 250 violet 0805cs-561x_l_ 560 @ 25 mhz 5,2 23 @ 50 mhz 330 1.90 230 orange 0805cs-681x_l_ 680 @ 25 mhz 5,2 23 @ 50 mhz 310 2.20 190 green 0805cs-821x_l_ 820 @ 25 mhz 5,2 23 @ 50 mhz 310 2.35 180 blue 1. when ordering, specify tolerance, termination and packaging codes: 0805cs-821xglc tolerance: f = 1% g = 2% j = 5% (table shows stock tolerances in bold.) termination: l = rohs compliant silver-palladium-platinum-glass frit. e = halogen free component. rohs compliant silver- palladium-platinum-glass frit terminations. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance measured using a coilcraft smd-a fxture in an agilent/ hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. tolerances in bold are stocked for immediate shipment. 4. q measured using an agilent/hp 4291a with an agilent/hp 16193 test fxture. 5. srf measured using an agilent/hp 8720d network analyzer and a coilcraft smd -d test fxture. 6. dcr measured on a cambridge technology micro-ohmmeter and a coilcraft ccf858 test fxture. 7. current that causes a 15c temperature rise from 25c ambient. 8. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. ? wirewound construction provides the highest srfs in 0805 size us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
0805cs series (2012) document 100-2 typical q vs frequency typical l vs frequency j h a b ov erall f g e ter minal f c d te r minal wraparound: appro x 0.015/0,38 both ends recommended land p attern i i pic k and place mater ial 1 10 100 1000 10 100 1000 inductance (nh) frequency (mhz) 220 nh 100 nh 39 nh 15 nh 3.3 nh 12 nh 6.8 nh 3.3 nh 22 nh 39 nh 68 nh 120 nh 270 nh 10 100 frequency (mhz) q f actor 1000 10,000 100 90 80 70 60 50 40 30 20 10 0 -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 pe r cent of rated rms i 25c irms derating designers it c0 contains 10 of each 5% part desines it c303-2 contains 10 of each 2% part ceramic rohs compliant, halogen free optional rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. 10.2 C 11.6 mg C40c to +125c with i rms current, +125c to +140c with derated current component: C40c to +140c. tape and reelpackaging: C40c to +80c max three 40 second refows at +260c, parts cooled to room temperature between cycles +100 to +250 ppm/c 1 (unlimited foor life at <30c / 85% relative humidity) one per billion hours / one billion hours, calculated per telcordia sr-332 2000/7 reel; 7500/13 reel. plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing, 1.65 mm pocket depth only pure water or alcohol recommended document 100-2 revised 01/11/12 c d m m m e h j 0.090 0.068 0.060 0.020 0.050 0.020 0.040 0.070 0.040 0.030 inches 2,29 1,73 1,52 0,51 1,27 0,51 1,02 1,78 1,02 0,76 mm height dimension (c) is before optional solder application. for maximum height dimension including solder, add 0.006 in / 0,152 mm. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of 0805CS-060XJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X