Part Number Hot Search : 
NCP1201 MAX11 5KP60A PT231 AD802 PT231 2301P 444BX
Product Description
Full Text Search
 

To Download VT1045C-M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VT1045C-M3, vit1045c-m3, vt1045chm3, vit1045chm3 www.vishay.com vishay general semiconductor revision: 12-may-16 1 document number: 89348 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dual low-voltage trench mo s barrier schottky rectifier ultra low v f = 0.34 v at i f = 2.5 a features ? trench mos schottky technology ? low forward voltage drop, low power losses ? high efficiency operation ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 typical applications for use in high frequency dc/dc converters, switching power supplies, freewheeling diodes, or-ing diode, and reverse battery protection. mechanical data case: to-220ab and to-262aa ? molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs-compliant, and commercial grade ? base p/nhm3 - halogen-free, rohs-compliant, and aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? m3 suffix meets jesd 201 class 1a whisker test, hm3 suffix meets jesd 201 class 2 whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 2 x 5.0 a v rrm 45 v i fsm 100 a v f at i f = 5.0 a 0.41 v t j max. 150 c package to-220ab, to-262aa diode variations common cathode to-220ab 1 2 3 tmbs ? 1 k 2 3 to-262aa pin 1 pin 2 pin 3 k vit1045c vt1045c pin 1 pin 2 case pin 3 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol vt1045c vit1045c unit maximum repetitive pe ak reverse voltage v rrm 45 v maximum average forward rectified current (fig. 1) per device i f(av) 10 a per diode 5.0 peak forward surge current 8. 3 ms single ha lf sine-wave ? superimposed on ra ted load per diode i fsm 100 a operating junction and storage temperature range t j , t stg -40 to +150 c
VT1045C-M3, vit1045c-m3, vt1045chm3, vit1045chm3 www.vishay.com vishay general semiconductor revision: 12-may-16 2 document number: 89348 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms note (1) aec-q101 qualified electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit instantaneous forward voltage per diode i f = 2.5 a t a = 25 c v f (1) 0.44 - v i f = 5.0 a 0.49 0.58 i f = 2.5 a t a = 125 c 0.34 - i f = 5.0 a 0.41 0.50 reverse current per diode v r = 45 v t a = 25 c i r (2) - 500 a t a = 125 c 5 15 ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol vt1045c vit1045c unit typical thermal resistance per diode r ? jc 3.5 c/w per device 2.5 ordering information (example) package preferred p/n unit weight (g) pac kage code base quantity delivery mode to-220ab VT1045C-M3/4w 1.87 4w 50/tube tube to-262aa vit1045c-m3/4w 1.45 4w 50/tube tube to-220ab vt1045chm3/4w (1) 1.87 4w 50/tube tube to-262aa vit1045chm3/4w (1) 1.45 4w 50/tube tube
VT1045C-M3, vit1045c-m3, vt1045chm3, vit1045chm3 www.vishay.com vishay general semiconductor revision: 12-may-16 3 document number: 89348 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forward current derating curve fig. 2 - forward power loss characteristics per diode fig. 3 - typical instantaneous forward characteristics per diode fig. 4 - typical reverse characteristics per diode fig. 5 - typical junction capacitance per diode fig. 6 - typical transient thermal impedance per diode case temperature (c) average forward rectified current (a) 12 10 8 6 2 0 100 110 120 130 140 150 4 0 0.5 2.5 3.0 3.5 4.0 0123 56 average forward current (a) average power loss (w) d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0.8 d = 1.0 4 d = t p /t t p t 1.0 1.5 2.0 instantaneous forward voltage (v) 0.1 0.2 0.4 0.7 0.9 1.1 100 10 1 0.1 t a = 150 c t a = 125 c t a = 100 c t a = 25 c 0.6 0.8 1.0 instantaneous forward current (a) 0.3 0.5 20 40 60 80 100 1 0.1 0.01 0.001 100 10 percent of rated peak reverse voltage (%) instantaneous reverse current (ma) t a = 150 c t a = 25 c t a = 100 c t a = 125 c 100 1000 10 000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 10 0.1 0.01 0.1 1 10 100 t - pulse duration (s) junction to case 1 transient thermal impedance (c/w)
VT1045C-M3, vit1045c-m3, vt1045chm3, vit1045chm3 www.vishay.com vishay general semiconductor revision: 12-may-16 4 document number: 89348 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) to-220ab 0.113 (2.87) 0.103 (2.62) 0.415 (10.54) 0.380 (9.65) 0.635 (16.13) 0.625 (15.87) pin 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.104 (2.65) 0.096 (2.45) 0.205 (5.20) 0.195 (4.95) 0.035 (0.90) 0.028 (0.70) 0.161 (4.08) 0.139 (3.53) 1 3 2 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) to-262aa 0.401 (10.19) 0.381 (9.68) 0.185 (4.70) 0.175 (4.44) 0.055 (1.40) 0.045 (1.14) 0.110 (2.79) 0.100 (2.54) 0.350 (8.89) 0.330 (8.38) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.35) k 123 0.055 (1.40) 0.047 (1.19) 0.510 (12.95) 0.470 (11.94) pin 0.411 (10.45) max. 0.250 (6.35) min. 30 (typ.) (ref.) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.104 (2.65) 0.096 (2.45) 0.057 (1.45) 0.045 (1.14) 0.160 (4.06) 0.140 (3.56) 0.950 (24.13) 0.920 (23.37)
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VT1045C-M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X