Part Number Hot Search : 
2SK3058 45F2R0 1H222 RT9625B SLG505 AD7226KN 21125 MBR8045R
Product Description
Full Text Search
 

To Download VGAS120660Y560DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  70 012317 glass encapsulated transguard ? automotive series multilayer varistors for automotive applications general description the glass encapsulated transguard ? automotive series are zinc oxide (zno) based ceramic semiconductor devices with non-linear, bi-directional voltage-current characteristics. they have the advantage of offering bi-directional overvoltage protection as well as emi/rfi attenuation in a single smt package. the automotive series high current and high energy handling capability make them well suited for protection against automotive related transients. these large case size parts extend transguard range into high energy applications. in addition the glass encapsulation provides enhanced resistance against harsh environment or process such as acidic environment, salts or chlorite flux. physical dimensions: mm (inches) size (eia) length (l) width (w) max thickness (t) land length (t) 1206 3.200.20 1.600.20 1.70 0.94 max. (0.1260.008) (0.0630.008) (0.067) (0.037 max.) 1210 3.200.20 2.490.20 1.70 0.14 max. (0.1260.008) (0.0980.008) (0.067) (0.045 max.) 1812 4.500.30 3.200.30 2.00 1.00 max. (0.1770.012) (0.1260.012) (0.079) (0.040 max.) 2220 5.700.40 5.000.40 2.50 1.00 max. (0.2240.016) (0.1970.016) (0.098) (0.040 max.) 3220 8.200.40 5.000.40 2.50 max. 1.30 max. (0.3230.016) (0.1970.016) (0.098 max.) (0.051 max.) features ? high reliability ? high energy absorption (load dump) ? high current handling ? bi-directional protection ? emi/rfi attenuation in off-state ? multi-strike capability ? sub 1ns response to esd strike ? aec q200 qualified applications ? various automotive applications ? internal combustion engine (ice) vehicles ? hybrid electric vehicles (hev) ? plug-in hybrid electric vehicles (phev) ? commercial vehicles ? sensors ? dc motor ? lin bus ? relays ? ecu ? and more ? applications where glass encapsulation is needed for harsh environment/acid- resistance general characteristics ? operating temperature: -55oc to 125oc ? case size: 1206-2200 ? working voltage: 16-65vdc ? energy: 07-12j ? peak current: 200-2000a v varistor g glass encapsulate chip as automotive series 1812 chip size 1206 1210 1812 2220 3220 16 working voltage 16 = 16vdc 18 = 18vdc 22 = 22vdc 26 = 26vdc 30 = 30vdc 31 = 31vdc 34 = 34vdc 42 = 42vdc 48 = 48vdc 60 = 60vdc 65 = 65vdc p engergy rating d = 0.4j f = 0.7j h = 1.2j j = 1.6j k = 0.6j n = 1.1j s = 2.0j p = 2.5-3.7j u = 4.0-5.0j y = 6.5-12j 400 clamping voltage 390 = 40v 400 = 42v 440 = 44v 490 = 49v 540 = 54v 560 = 60v 570 = 57v 650 = 65v 770 = 77v 900 = 90v 101 = 100v 121 = 120v 131 = 135v r package d = 7" reel r = 7" reel t = 13" reel p termination p = ni/sn plated how to order
71 012317 avx pn v w (dc) v w (ac) v b v c i vc i l e t e ld i p cap freq v jump p diss, max vgas120616k390 16 11 24.510% 40 1 15 0.6 1.5 200 900 k 27.5 0.01 vgas120616n390 16 11 24.510% 40 1 15 1.1 2 200 1300 k 27.5 0.01 vgas121016s390 16 14 24.510% 40 2.5 15 2.0 5.00 500 3000 k 27.5 0.01 vgas121016j400 16 13 25.510% 42 5 10 1.6 3 500 3100 k 27.5 0.03 vgas181216p390 16 11 24.510% 40 5 15 2.9 10 1000 7000 k 27.5 0.07 vgas181216p400 16 11 24.510% 42 5 10 2.9 10 1000 5000 k 27.5 0.07 vgas222016y390 16 11 24.510% 40 10 15 10.2 45 1500 20000 k 27.5 0.08 vgas222016y400 16 11 24.510% 42 10 10 7.2 25 1500 13000 k 27.5 0.10 vgas120618d400 18 13 25.510% 42 1 15 0.4 1.5 150 1200 k 27.5 0.008 vgas121018j400 18 13 25.510% 42 5 15 1.6 3.0 500 2300 k 27.5 0.03 vgas181218p440 18 14 27.510% 44 5 15 2.9 6 800 5000 k 27.5 0.05 vgas222022y490 22 17 30.010% 49 10 15 6.8 25 1200 12000 k 27.5 0.03 vgas120626f540 26 18 33.010% 54 1 15 0.7 1.5 200 600 k 27.5 0.008 vgas121026h560 26 18 34.510% 60 5 15 1.2 3 300 1200 k 27.5 0.018 vgas181226p570 26 23 35.010% 57 5 15 2.5 8 600 3000 k 30 0.015 vgas222026y570 26 23 35.010% 57 10 15 6.8 25 1100 7000 k 30 0.03 vgas322026z570 26 23 35.010% 57 10 15 13.0 50 1800 15000 k 30 0.04 vgas121030h620 30 21 41.010% 67 5 15 1.2 3 280 1850 k 30 0.018 vgas120631m650 31 25 39.010% 65 1 15 1 2.5 200 700 k 30 0.03 vgas121031r650 31 25 39.010% 65 2.5 15 1.7 4.5 300 1200 k 30 0.05 vgas181231p650 31 25 39.010% 65 5 15 3.7 8 800 2600 k 30 0.06 vgas222031y650 31 25 39.010% 65 10 15 9.6 23 1200 6100 k 30 0.03 vgas120634n770 34 30 47.010% 77 1.0 15 1.1 1.50 200 500 k 47 0.02 vgas121034s770 34 30 47.010% 77 2.5 15 2 3 400 1000 k 48 0.04 vgas181234u770 34 30 47.010% 77 5 15 5 6.1 800 1500 k 48 0.08 vgas222034y770 34 30 47.010% 77 10 15 12 25 2000 6300 k 48 0.24 vgas181242u900 42 35 56.010% 90 5 15 4.0 6 500 1200 k 48 0.015 vgas222042y900 42 37 56.010% 90 10 15 12 24 1000 5000 k 48 0.06 vgas121048h101 48 34 62.010% 100 5 15 1.2 - 250 500 k 48 0.022 vgas181256u111 56 40 68.010% 110 5.0 15 4.8 - 500 1100 k 48 0.04 vgas121060j121 60 42 76.010% 120 5 15 1.5 - 250 400 k 48 0.03 vgas121065p131 65 50 82.010% 135 2.5 15 2.7 - 350 600 k 48 0.05 vgas181265u131 65 50 82.010% 135 5.0 15 4.5 - 400 800 k 48 0.03 vgas222065y131 65 50 82.010% 135 10 15 6.5 - 1100 3000 k 48 0.06 vgas181285u161 85 60 10010% 165 5.0 15 4.5 - 400 500 k 48 0.04 electrial characteristics vgas181216p400 0.5 1 4 100ms 46 52 72 200ms 37 41 59 400ms 32 35 51 vgas222016y400 0.5 1 4 100ms 53 60 77 200ms 50 55 73 400ms 47 50 66 12v systems automotive series C load dump test according to iso dp7637 rev 2 pulse 5 when using the test method indicated below, the amount of energy dissipated by the varistor must not exceed the load dump energy value specified in the product table. automotive load dump pulse (according to iso 7637 pulse 5) voltage (v) energy (joules) time (msec) glass encapsulated transguard ? automotive series multilayer varistors for automotive applications v w (dc) dc working voltage [v] v w (ac) ac working voltage [v] v b typical breakdown votage [v @ 1ma dc , 25c] v c clamping voltage [v @ i ivc ] i vc test current for v c [a, 8x20s] i l maximum leakage current at the working voltage, 25c [a] e t transient energy rating [j, 10x1000s] e ld load dump energy (x10) [j] i p peak current rating [a, 8x20s] cap typical capacitance [pf] @ frequency specified and 0.5v rms , 25c, m = 1mhz, k = 1khz v jump jump start [v, 5 min] p diss power dissipation [w]


▲Up To Search▲   

 
Price & Availability of VGAS120660Y560DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X