Part Number Hot Search : 
BCM5464R M69P819T ON1862 8HC90 ADG774 R80188B SS431GB MAX153
Product Description
Full Text Search
 

To Download SY100EL16VDKG-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sy10el16v sy100el16v micrel, inc. m9999-061306 hbwhelp@micrel.com or (408) 955-1690 description features 5v/3.3v differential receiver sy10el16v sy100el16v 3.3v and 5v power supply options 250ps propagation delay high bandwidth output transitions internal 75k ? input pull-down resistors replaces sy10/100el16 improved output waveform characteristics available in 8-pin (3 3mm) msop and soic package the sy10/100el16v are differential receivers. the devices are functionally equivalent to the e116 devices, with higher performance capabilities. with output transition times significantly faster than the e116, the el16v is ideally suited for interfacing with high-frequency sources. the el16v provides a v bb output for either single- ended use or as a dc bias for ac coupling to the device. the v bb pin should be used only as a bias for the el16v as its current sink/source capability is limited. whenever used, the v bb pin should be bypassed to ground via a 0.01 f capacitor. under open input conditions (pulled to v ee ), internal input clamps will force the q output low. pin names pin function d data inputs q data outputs v bb reference voltage output rev.: i amendment: /1 issue date: june 2006 downloaded from: http:///
2 sy10el16v sy100el16v micrel, inc. m9999-061306 hbwhelp@micrel.com or (408) 955-1690 package/ordering information ordering information (1) package operating package lead part number type range marking finish sy10el16vkc k8-1 commercial hel16v sn-pb sy10el16vkctr (2) k8-1 commercial hel16v sn-pb sy100el16vkc k8-1 commercial xel16v sn-pb sy100el16vkctr (2) k8-1 commercial xel16v sn-pb sy10el16vzc z8-1 commercial hel16v sn-pb sy10el16vzctr (2) z8-1 commercial xel16v sn-pb sy100el16vzc z8-1 commercial hel16v sn-pb sy100el16vzctr (2) z8-1 commercial xel16v sn-pb sy10el16vki k8-1 industrial hel16v sn-pb sy10el16vkitr (2) k8-1 industrial hel16v sn-pb sy100el16vki k8-1 industrial xel16v sn-pb sy100el16vkitr (2) k8-1 industrial xel16v sn-pb sy10el16vzi z8-1 industrial hel16v sn-pb sy10el16vzitr (2) z8-1 industrial xel16v sn-pb sy100el16vzi z8-1 industrial hel16v sn-pb sy100el16vzitr (2) z8-1 industrial xel16v sn-pb sy10el16vkg (3) k8-1 industrial h16v with pb-free pb-free bar-line indicator nipdau sy10el16vkgtr (2, 3) k8-1 industrial h16v with pb-free pb-free bar-line indicator nipdau sy100el16vkg (3) k8-1 industrial x16v with pb-free pb-free bar-line indicator nipdau sy100el16vkgtr (2, 3) k8-1 industrial x16v with pb-free pb-free bar-line indicator nipdau sy10el16vzg (3) z8-1 industrial hel16v with pb-free pb-free bar-line indicator nipdau sy10el16vzgtr (2, 3) z8-1 industrial hel16v with pb-free pb-free bar-line indicator nipdau sy100el16vzg (2) z8-1 industrial xel16v with pb-free pb-free bar-line indicator nipdau sy100el16vzgtr (2, 3) z8-1 industrial xel16v with pb-free pb-free bar-line indicator nipdau notes: 1. contact factory for die availability. dice are guaranteed a t t a = 25 c, dc electricals only. 2. tape and reel. 3. pb-free package is recommended for new designs. 8-pin msop (k8-1) 8-pin soic (z8-1) process: bipolar esd rating: per mil std. 883 human body model, >2.0kv (all pins). product/process information downloaded from: http:///
3 sy10el16v sy100el16v micrel, inc. m9999-061306 hbwhelp@micrel.com or (408) 955-1690 symbol rating value unit v cc power supply voltage (v ee = 0) +6.0 to 0 v v ee power supply voltage (v cc = 0) C6.0 to 0 v v in input voltage (v cc = 0v, v in not more negative than v ee ) C6.0 to 0 v input voltage (v ee = 0v, v in not more positive than v cc ) +6.0 to 0 v i out output current Ccontinuous 50 ma Csurge 100 t lead lead temperature range (soldering, 20sec.) +260 c t a operating temperature range C40 to +85 c t store storage temperature range C65 to +150 c ja thermal resistance (junction-to-ambient) Cstill air 160 c/w C500lfpm 109 c/w jc thermal resistance (junction-to-case) 39 c/w esd mil std. 883 human body model, all pins >2.0k v note 1. permanent device damage may occur if absolute maximum ratings are exceed ed. this is a stress rating only and functional operation is not implied at conditions other than those detailed in the o perational sections of this data sheet. exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. absolute maximum ratings (1) note 1. parametric values specified at: 10/100el16v series: -3.0v to -5.5v. note 2. specification for packaged product only. dc electrical characteristics (1, 2) t a = C40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max . unit i ee power supply current ma 10el 18 22 9 18 22 9 18 22 9 18 22 100el 18 22 9 18 22 9 18 22 9 21 26 v bb output reference v voltage 10el C1.43 C1.30 C1.38 C1.27 C1.35 C1.25 C1.31 C1. 19 100el C1.38 C1.26 C1.38 C1.26 C1.38 C1.26 C1.38 C1.26 i ih input high current 150 150 150 150 a v ee = v ee (min.) to v ee (max.); v cc = gnd downloaded from: http:///
4 sy10el16v sy100el16v micrel, inc. m9999-061306 hbwhelp@micrel.com or (408) 955-1690 t a = C40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max . unit t pd propagation delay to ps output d (diff) 125 250 375 175 250 325 175 250 325 205 280 355 d (se) 75 250 425 125 250 375 125 250 375 155 280 405 t skew duty cycle skew (2) (diff) 5 5 20 5 20 5 20 ps v pp minimum input swing (3) 150 150 150 150 mv v cmr common mode range (4) C1.3 C0.4 C1.4 C0.4 C1.4 C0.4 C1.4 C0.4 v t r output rise/fall times q 100 225 350 100 225 350 100 225 350 100 225 350 ps t f (20% to 80%) note 1. parametric values specified at: 10/100el16v series: -3.0v to -5.5v. note 2. duty cycle skew is the difference between a t plh and t phl propagation delay through a device. note 3. minimum input swing for which ac parameters are guaranteed. the device has a dc gain of 40. note 4. the cmr range is referenced to the most positive side of the d ifferential input signal. normal operation is obtained i f the high level falls within the specified range and the peak-to-peak voltage lie s between v pp min. and 1v. the lower end of the cmr range varies 1:1 wi th v ee. the numbers in the spec table assume a nominal v ee = C3.3v. note for pecl operation, the v cmr (min) will be fixed at 3.3v C |v cmr (min)|. note 5. specification for packaged product only. v ee = v ee (min.) to v ee (max.); v cc = gnd ac electrical characteristics (1, 5) downloaded from: http:///
5 sy10el16v sy100el16v micrel, inc. m9999-061306 hbwhelp@micrel.com or (408) 955-1690 8-pin msop (k8-1) rev. 01 package notes: note 1. package meets level 1 moisture sensitivity. downloaded from: http:///
6 sy10el16v sy100el16v micrel, inc. m9999-061306 hbwhelp@micrel.com or (408) 955-1690 8-pin soic(z8-1) rev. 03 micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this datasheet is belie ved to be accurate and reliable. however, no responsibility is assumed by micrel for its use. micrel reserves the right to change circuitry and specifications at an y time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. life suppo rt devices or systems are devices or systems that (a) are intended for surgica l implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant in jury to the user. a purchasers use or sale of micrel products for use in life support appliances, devices or systems is at purchasers own risk and purchaser agrees to fully in demnify micrel for any damages resulting from such use or sale. ? 2006 micrel, incorporated. package notes: note 1. package meets level 1 moisture sensitivity. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of SY100EL16VDKG-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X