Part Number Hot Search : 
BUK72 1N4786A 2SC2344 20M10 NTE2558 TCMZ47V 4LVCH SP8M51
Product Description
Full Text Search
 

To Download SSF6010G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ssf6010g 60v n-channel mosfet www.goodark.com page 1 of 7 rev.1.1 main product characteristics features and benefits description absolute max rating symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 64 i d @ tc = 100c continuous drain current, v gs @ 10v 45 i dm pulsed drain current 300 a power dissipation 91 w p d @tc = 25c linear derating factor 0.61 w/c v ds drain-source voltage 60 v v gs gate-to-source voltage 20 v e as single pulse avalanche energy @ l=0.3mh 160 mj i as avalanche current @ l=0.3mh 32.6 a t j t stg operating junction and storage temperature range -55 to +175 c v dss 60v r ds (on) 8.3m (typ.) i d 64a to-251 marking and pin assignment schematic diagram ? advanced mosfet process technology ? special designed for pwm, load switching and general purpose applications ? ultra low on-resistance with low gate charge ? fast switching and reverse body recovery ? 175 operating temperature ? lead free product it utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications.
ssf6010g 60v n-channel mosfet www.goodark.com page 2 of 7 rev.1.1 thermal resistance symbol characteristics typ. max. units r jc junction-to-case 1.64 /w r ja junction-to-ambient (t 10s) 110 /w electrical characteristics @t a =25 unless otherwise specified symbol parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 60 v v gs = 0v, i d = 250a 8.3 10 v gs =10v,i d = 30a r ds(on) static drain-to-source on-resistance 15.6 m t j = 125 2 4 v ds = v gs , i d = 250a v gs(th) gate threshold voltage 2.35 v t j = 125 1 v ds = 60v,v gs = 0v i dss drain-to-source leakage current 10 a t j = 125c 100 v gs =20v i gss gate-to-source forward leakage -100 na v gs = -20v q g total gate charge 49 q gs gate-to-source charge 11 q gd gate-to-drain("miller") charge 20 nc i d = 37a, v ds =44v, v gs = 10v t d(on) turn-on delay time 13 t r rise time 12 t d(off) turn-off delay time 32 t f fall time 8.4 ns v gs =10v, v ds =30v, r l =15, r gen =2.5 i d =2a c iss input capacitance 2048 c oss output capacitance 218 c rss reverse transfer capacitance 162 pf v gs = 0v v ds = 25v ? = 1mhz source-drain ratings and characteristics symbol parameter min. typ. max. units conditions i s continuous source current (body diode) 64 a i sm pulsed source current (body diode) 300 a mosfet symbol showing the integral reverse p-n junction diode. v sd diode forward voltage 1.2 v i s =30a, v gs =0v t rr reverse recovery time 25 ns q rr reverse recovery charge 24 nc t j = 25c, i f =37a, di/dt = 100a/s
ssf6010g 60v n-channel mosfet www.goodark.com page 3 of 7 rev.1.1 test circuits and waveforms switch waveforms: notes : calculated continuous current based on maximum allowable junction temperature. repetitive rating; pulse width limited by max. junction temperature. the power dissipation pd is based on max. junction temperature, using junction-to-case thermal resistance. the value of r ja is measured with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with ta =25c
ssf6010g 60v n-channel mosfet www.goodark.com page 4 of 7 rev.1.1 typical electrical and thermal characteristics figure 2. gate to source cut-off voltage figure 1: typical output characteristics figure 3. drain-to-source breakdown voltage vs. case temperature figure 4: normalized on-resistance vs. case temperature
ssf6010g 60v n-channel mosfet www.goodark.com page 5 of 7 rev.1.1 typical electrical and thermal characteristics figure7. maximum effective transient thermal impedance, junction-to-case figure 6.typical capacitance vs. drain-to-source voltage figure 5. maximum drain current vs. case temperature
ssf6010g 60v n-channel mosfet www.goodark.com page 6 of 7 rev.1.1 mechanical data min nom max min nom max a 2.200 2.300 2.380 0.087 0.091 0.094 a2 0.970 1.070 1.170 0.038 0.042 0.046 b 0.720 0.780 0.850 0.028 0.031 0.033 b1 0.710 0.760 0.810 0.028 0.030 0.032 b3 5.230 5.330 5.460 0.206 0.210 0.215 c 0.470 0.530 0.580 0.019 0.021 0.023 c1 0.460 0.510 0.560 0.018 0.020 0.022 d 6.000 6.100 6.200 0.236 0.240 0.244 d1 e 6.500 6.600 6.700 0.256 0.260 0.264 e1 4.700 4.830 4.920 0.185 0.190 0.194 e h 16.100 16.400 16.600 0.634 0.646 0.654 l1 9.200 9.400 9.600 0.362 0.370 0.378 l3 0.900 1.020 1.250 0.035 0.040 0.049 l5 1.700 1.800 1.900 0.067 0.071 0.075 1 5 o 7 o 9 o 5 o 7 o 9 o 2 5 o 7 o 9 o 5 o 7 o 9 o g 0.000 0.076 0.000 0.000 0.003 g1 0.000 0.076 0.000 0.000 0.003 symbol dimension in millimeters dimension in inches 5.300ref 0.209ref 0.090bsc2.286bsc to-251 package outline dimension
ssf6010g 60v n-channel mosfet www.goodark.com page 7 of 7 rev.1.1 ordering and marking information device marking: ssf6010g package (available) to-251(ipak) operating temperature range c : -55 to 175 oc devices per unit package type units/ tube tubes/inner box units/inner box inner boxes/carton box units/carton box to-251 80 60 4800 5 24000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) t j =125 to 175 @ 80% of max v dss /v ces /vr 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) t j =175 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices


▲Up To Search▲   

 
Price & Availability of SSF6010G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X