Part Number Hot Search : 
D64F26 FM305 KBU610 170CA TD62309 SY5PA 1520CC B2100
Product Description
Full Text Search
 

To Download SR1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - low power loss, high efficiency - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free base p/n with prefix "h" on packing code - aec-q101 qualified terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test, with prefix "h" on packing code meet jesd 201 class 2 whisker test v rrm 20 30 40 50 60 90 100 150 v v rms 14 21 28 35 42 63 70 105 v v dc 20 30 40 50 60 90 100 150 v i f(av) a dv/dt v/ s r jc o c/w t j o c t stg o c document number: ds_d1308061 version: k13 SR1020 thru sr10150 taiwan semiconductor dual common cathode schottk y rectifier features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec to-220ab mechanical data case: to-220ab polarity: as marked mounting torque: 5 in-lbs maximum weight: 1.8 g (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol sr 1020 sr 1030 sr 1040 sr 1050 sr 1060 sr 1090 sr 10100 sr 10150 unit maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 120 2 a maximum instantaneous forward voltage (note 1) i f =5a v f 0.55 0.70 0.85 0.95 v - 55 to +150 maximum reverse current @ rated vr t j =25 t j =100 t j =125 i r 0.5 0.1 ma 10 5 - - storage temperature range - 55 to +150 note 1: pulse test with pw=300 s, 1% duty cycle voltage rate of change (rated v r ) 10000 typical thermal resistance 3 operating junction temperature range - 55 to +125
part no. part no. sr1060 sr1060 sr1060 (ta=25 unless otherwise noted) document number: ds_d1308061 version: k13 SR1020 thru sr10150 taiwan semiconductor ordering information aec-q101 qualified packing code green compound code package packing green compound code description note 1: "xx" defines voltage from 20v (SR1020) to 150v (sr10150) sr10xx (note 1) prefix "h" c0 suffix "g" to-220ab 50 / tube ratings and characteristics curves sr1060 c0 c0 sr1060 c0g c0 g example preferred p/n aec-q101 qualified sr1060hc0 h c0 aec-q101 qualified green compound packing code 0 2.5 5 7.5 10 12.5 25 50 75 100 125 150 average forward current (a) lead temperature ( o c) fig.1 forward current derating curve sr1050 - sr10150 SR1020 - sr1040 resistive of inductive load with heatsink 0 50 100 150 200 250 300 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse current. (ma) percent of rated peak reverse voltage.(%) fig. 4 typical reverse characteristics per leg tj=25 tj=100 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics per leg SR1020-sr1040 sr1050-sr1060 sr10150 sr1090-sr10100
min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 13.19 14.79 0.519 0.582 h 2.41 2.67 0.095 0.105 i 4.42 4.76 0.174 0.187 j 1.14 1.40 0.045 0.055 k 5.84 6.86 0.230 0.270 l 2.20 2.80 0.087 0.110 m 0.35 0.64 0.014 0.025 p/n = marking code g = green compound yww = date code f = factory code document number: ds_d1308061 version: k13 marking diagram SR1020 thru sr10150 taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 100 1000 10000 0.1 1 10 100 junction capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance per leg f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pilse duration(s) fig. 6 typical transient thermal impedance per leg
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1308061 version: k13 SR1020 thru sr10150 taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of SR1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X