Part Number Hot Search : 
MC7818 SB103 PXF4225E 2N336 UPD70 BZT03C68 PCA9655E B45196
Product Description
Full Text Search
 

To Download SBL2060C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd SBL2060C preliminary diode www.unisonic.com.tw 1 of 3 copyright ? 2014 unisonic technologies co., ltd qw-r601-188.a 20a schottky barrier rectifier ? description the utc SBL2060C is a 20a schottky barrier rectifier, it uses utc?s advanced technology to provide customers with low forward voltage drop and high sw itching speed, etc. ? features * low forward voltage drop * high switching speed * high temperature stability * halogen free ? symbol to-220 1 1 to-220f ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 SBL2060Cl-ta3-t SBL2060Cg-ta3-t to-220 a k a tube SBL2060Cl-tf3-t SBL2060Cg-tf3-t to-220f a k a tube note: pin assignment: a: anode, k: cathode ? marking information package marking to-220 to-220f
SBL2060C preliminary diode unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r601-188.a ? absolute maximum ra tings (per leg) (t a =25c unless otherwise specified) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. parameter symbol ratings unit dc blocking voltage v rm 60 v working peak reverse voltage v rwm 60 v peak repetitive reverse voltage v rrm 60 v rms reverse voltage v r ( rms ) 35 v average rectified output current per leg i o 10 a total 20 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 250 a isolation voltage from terminal heatsink t=1min. v ac 2000 v storage temperature t stg -65~+150 c operating junction temperature t j -65~+150 c note: absolute maximum ratings are those values beyond which the device coul d be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal characteri stics (per leg) parameter symbol ratings unit junction to ambient ja 62.5 c/w junction to case jc 3 c/w ? electrical character istics (per leg) (t a =25 c unless otherwise specified.) parameter symbol test conditions min typ max unit forward voltage drop v f i f =10a, t j =25c 0.64 0.75 v i f =10a, t j =125c 0.59 0.70 v leakage current (note 1) i r v r =60v, t j =25c 0.04 1.0 ma v r =60v, t j =100c 50 ma notes: 1. short duration pulse test used to minimize self-heating effect.
SBL2060C preliminary diode unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r601-188.a utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of SBL2060C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X