Part Number Hot Search : 
EL3082 MAX828 DD667 DDTA114 D70N0 L2596 UF07B MM1278XD
Product Description
Full Text Search
 

To Download RL1218GK-070R12L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data she e t low ohmic chip resis tors rl series 5%, 2%, 1% sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 roh s compliant & halogen free product s pecification C may 27, 2016 v.1
chip resistor su r f ac e mount www.yageo.com may. 27, 2016 v.1 product sp ecification 2 2 series rl 0402 to 2512 ordering information - gl obal part number & 12nc both part number s are identified by the series, size, tolerance, packing type , temperature coefficient, t aping reel and resistance value. s cope this specification describes r l 0 402 to r l 2512 low ohmic chip resistors with lead - free terminations made by th ick film process. applications ? converters ? printer equipment ? server board ? telecom ? con sumer ? car electronics features ? aec - q200 qualified ? halogen free epoxy ? rohs compliant ? h azardous wastes ? high component and equipment reliability ? saving of pcb space ? non - forbidden materials used in products /production ? low resistances applied to current sensi ng ? msl class: msl 1 o rdering example the ordering code of a r l0603 chip resistor, value 0.56 with 1 % tolerance, supplied i n 7 - inch tape reel is: r l0603fr - 070r56l . n ote 1. all our r - chip products meet rohs compliant and halogen free. "lfp" of the internal 2d reel label mentions "lead free process" 2. on customize d label, "lfp" or specific symbol can be printed y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) r l xxxx x x x xx xxxx l ( 1 ) ( 2 ) ( 3 ) ( 4 ) ( 5 ) ( 6 ) ( 7 ) ( 1 ) size 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512 ( 2 ) tolerance f = 1% g = 2 % j = 5% " - " = jumper ordering ( 3 ) packaging t ype r = paper taping reel k = embossed taping reel ( 4 ) temperature coeffici ent of resistance C = b ase d on spec ( 5 ) ta ping reel 07 = 7 inch dia. reel and standard power 13 = 13 inch dia. reel and standard power 7w = 7 inch dia. reel and 2 x standard power (0805 and 1206) ( 6 ) resistance v alue there are 2~4 digits indicated the resis tor value. letter r/k/m is decimal point . detailed coding rules of resistance are shown in the table of resistance rule of global part number . ( 7 ) default code letter l is system default code for order only (note) resistance rule of global part number resistance code rule example 0rxxx (1 to 976 m ) 0r1 = 0.1 0r12 = 0.12 0r105 = 0.105 xrxx (1 to 9.76 ) 1r = 1 1r5 = 1.5 9r76 = 9.76 xxrx ( 10 to 97.6 ) 10r = 10 97r6 = 97.6 xxxr ( 100 to 976 ) 100r = 100 xkxx (1 to 9.76 k ) 1k = 1,000 9k76 = 9760 xmxx (1 to 9.76 m ) 1m = 1,000,000 9m76= 9,7 60,000
chip resistor su r f ac e mount www.yageo.com may. 27, 2016 v.1 product sp ecification 3 3 series rl 0402 to 2512 p p h h y y c c o o m m p p b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e s s both global part number (preferred) and 12nc (traditional) codes are acceptable to order phycomp b rand products . global part number ( preferred ) for detailed information of global part numbe r and ordering example, please refer to page 2. o rdering example the ordering code of a rl0 603 chip resistor, value 0.56 with 1 % tolerance, supplied in tape of 5, 000 units per reel is: 235051212567l or r l 0 603 fr - 07 0 r56l. n ote 1. all our r - chip products meet rohs compliant and halogen free. "lfp" of the internal 2d reel label mentions "lead free process" 2. on customized label, "lfp" or specific symbol can be printed 12nc code 2350 / 2390 / 2322 xxx xx xxx l (1) (2) (3) ( 4 ) size type start in (1) tol. (%) resistance range embos sed (2) tape on reel paper/pe (2) tape on reel (units) 4,000 5,000 10,000 0402 lrc31 2350 5% 0.05 to 1 - - 513 20 xxx lrc32 2350 1% 0.05 to 1 - - 513 22 xxx 0603 lrc21 2350 5% 0.01 to 1 - 512 10xxx - lrc22 2350 1% 0.01 to 1 - 512 12xxx - 0805 lrc11 2350 5% 0.01 to 1 - 511 10xxx - lrc12 2350 1% 0.01 to 1 - 511 12xxx - lrc11p 2350 1% 0.01 to 1 - 511 1 5 xxx - lrc12p 2350 5% 0.01 to 1 - 511 1 7 xxx - 1206 lrc01 2350 5% 0.01 to 1 - 510 10xxx - lrc02 2350 1% 0.01 to 1 - 510 12xxx - lrc01p 2350 1% 0.01 to 1 - 51 9 01 xxx - lrc02p 2350 5% 0.01 to 1 - 51 9 1x xxx - 1210 l prc101 2390 5% 0.01 to 0.0976 - 735 90xxx - lprc101 2390 5% 0.1 to 1 - 735 60xxx - lprc102 2390 1% 0.01 to 1 - 735 3xxxx - 1218 lprc201 2322 5% 0.01 to 1 735 64xxx - - lprc201 2322 1% 0.01 to 1 735 7xxxx - - 2010 lprc111 2322 5% 0.0 1 to 0.0976 760 90xxx - - lprc111 2322 5% 0.1 to 1 760 60xxx - - lprc111 2322 1% 0.01 to 0.0976 761 90xxx - - lprc111 2322 1% 0.1 to 1 761 6xxxx - - 2512 lprc221 2322 5% 0.01 to 0.0976 762 90xxx - - lprc221 2322 5% 0.1 to 1 762 60 xxx - - lprc221 2322 1% 0.01 to 0.0976 763 90xxx - - lprc221 2322 1% 0.1 to 1 763 6xxxx - - r esistance decade (3) l ast digit 0.01 to 0.09 76 0 0.1 to 0.9 76 7 1 to 9. 76 8 10 to 9 7.6 9 100 to 9 76 1 1 to 9. 76 k 2 10 to 9 7.6 k 3 100 to 9 76 k 4 1 to 9. 76 m 5 10 to 9 7.6 m 6 example: 0.02 = 0200 or 200 0.3 = 3007 or 307 1 = 1008 or 108 33 k = 3303 or 333 10 m = 1006 or 106 la st digit of 12nc (1) the resistors have a 12 - digit ordering code starting with 2350/2390/2322. (2) the subsequent 4 or 5 digits indicate the resistor tolerance and packaging. (in 12nc code, only 07'' tape reel code is supplied. supply of 10''/13'' ta pe reel is requested in global part number ordering code.) (3) the remaining 4 or 3 digits represent the resistance value with the last digit indicating the multiplier as shown in the table of last digit of 12nc. (note) .
chip resistor su r f ac e mount www.yageo.com may. 27, 2016 v.1 product sp ecification 4 4 series rl 0402 to 2512 marking rl0402 / rl0603 : r<100 m except 10/20/30/40/5 0/60 m no marking rl 0603: r 100 m , r = 10/20/30/40/50 /60 m e - 24 series / non - e series (r= 25/40/50/60/250/400/500 m ):3 digits the r is used as a decimal poi nt ; the other 2 digits are significant. rl0805 / rl1206 / rl 1210 / rl1218 / rl2010 / rl2512 e - 24 series / non - e series (r= 25/40/50/60/250/400/500 m ) : 4 digits the r is used as a decimal point ; the other 3 digits are significant. for further marki ng information, please see special data sheet chip resistors marking . fig. 2 value = 220 m fig. 1 fig. 4 chip resistor outlines o o u u t t l l i i n n e e s s for dimension see table 1 construction the resistors are constructed ou t of a high - grade ceramic body. internal metal electrodes are added at each end and connected by a resistive paste. the composition of the paste is adjusted to give the approximate required resistance and laser cutting of this resistive layer that achieves tolerance trims the value. the resistive layer is covered with a protective coat and printed with the resistance value. finally, the two external terminations (matte tin) are added . see fig. 4. dimensions type l ( mm ) w ( mm ) h ( mm ) i 1 ( mm ) i 2 ( mm ) rl0402 1.00 0. 10 0.50 0. 05 0.35 0. 05 0. 20 0. 10 0. 2 5 0. 10 rl0603 1. 60 0. 10 0.80 0. 10 0.45 0. 10 0. 25 0. 15 0. 2 5 0. 15 r l 0 805 2 . 0 0 0. 10 1.25 0. 10 0.5 0 0. 10 0. 35 0. 20 0. 3 5 0. 20 r l1206 3.10 0. 10 1.60 0. 10 0.5 5 0. 10 0. 45 0. 20 0. 40 0. 20 r l1210 3.10 0. 10 2.60 0. 15 0.5 5 0. 10 0. 50 0. 20 0 .50 0. 20 r l1218 3.05 0. 15 4.60 0. 20 0.5 5 0. 10 0. 45 0. 25 0. 50 0. 25 r l2010 5.0 0 0. 10 2.50 0. 15 0.5 5 0. 10 0. 60 0. 20 0. 50 0. 20 r l2512 6.35 0. 10 3.20 0. 15 0.5 5 0. 10 0. 60 0. 20 0. 50 0. 20 table 1 for outlines see fig. 4 fig. 3 value = 20 m
chip resistor su r f ac e mount www.yageo.com may. 27, 2016 v.1 product sp ecification 5 5 series rl 0402 to 2512 type power p 70 operating temp. range resistance range & tolerance t. c. r. ( ppm/c) jumper criteria rl0402 1/16w - 55 c to +155 c e24 1%, 2%, 5% 50m r < 1 see following table t.c.r. - rl series max. resistance 20m rated current 1.5a rl0603 1/10w 10m r < 1 max. resistance 20m rated current 2a rl0805 1/8w 10m r < 1 max. resistance 20m rated current 2.5a 1/4w - 55 c to +125 c 10m r < 1 -- -- rl1206 1/4w - 55 c to +155 c 10m r < 1 max. resistance 20m rated current 3.5a 1/2w - 55 c to +125 c 10m r < 1 -- -- rl1210 1/2w - 55 c to +155 c 10m r < 1 -- -- rl1218 1w 10m r < 1 -- -- rl2010 3/4w 10m r < 1 -- -- rl2512 1w 10m r < 1 -- -- electrical character istics table 2 footprint and solder ing profiles for recommended footprint and soldering profiles, please see the special data sheet chip resistors mounting . packing style reel dimension r l 0 4 0 2 r l 0603 r l 0 8 0 5 r l1206 r l1210 r l1218 r l2010 r l2512 p aper taping reel (r) 7" (178 mm) 10,000 5,000 5,000 5,000 5,000 --- --- --- 13 " ( 330 mm) 50,000 20,000 20,000 20,000 20,000 --- --- --- embossed taping r eel (k) 7" (178 mm) --- --- --- --- --- 4,000 4,000 4,000 note 1. for paper/embossed tape and reel specification/ dimensions , please see the special data sheet chip resistors p acking . packing style and pa ckaging quantity table 3 packing style and packaging quantity type / r esista nce range temperature c oefficient of resistance r l 0 402 50m r <1 50m r<100m 100m r<500m 500m r<1 10 00 ppm/ c 8 00 ppm/ c 3 00 ppm/ c r l 0603 10m r <1 10m r 36m 36m chip resistor su r f ac e mount www.yageo.com may. 27, 2016 v.1 product sp ecification 6 6 series rl 0402 to 2512 fig. 5 maximum dissipation (p max ) in percentage of rated power as a function of the operating ambient temperature (t amb ) functional descripti on o o p p e e r r a a t t i i n n g g t t e e m m p p e e r r a a t t u u r r e e r r a a n n g g e e normal power: range: C 5 5 c to +1 5 5 c (fig. 5) double power: range: C 5 5 c to +1 2 5 c (fig. 6) p p o o w w e e r r r r a a t t i i n n g g each type rated power at 7 0 c: rl0402=1/16 w; rl0603 = 1/10 w; rl0805 = 1/8 w, 1/4w; rl1206 = 1/4 w, 1/2w; rl1210 = 1/2 w; rl1218 = 1 w ; rl2010 = 3/4 w; rl2512 = 1 w. r ated v oltage the dc or ac (rms) continuous working voltage corresponding to the rated power is determined by the following formula: v = where v = continuous rated dc or ac ( rms ) working voltage ( v ) p = rated power ( w ) r = resistance value ( ) fig. 6 maximum dissipation (p max ) in percentage of rated power as a function of the operating ambient temperature (t amb ) ) pxr (
chip resistor su r f ac e mount www.yageo.com may. 27, 2016 v.1 product sp ecification 7 7 series rl 0402 to 2512 tests and requiremen ts test test meth od procedure requirements life/ endurance iec 60115 - 1 4.25.1 mil - std - 202 method 108a 1 , 000 hours at 70 2 c applied rcwv 1.5 h ours on, 0.5 h our off, still air required (2% +0.5m ) high temperature exposure iec 60068 - 2 - 2 1 , 000 hours at maximum operati ng temperature depending on spec ification, u npowered no direct impingement of forced air to the parts normal power : tolerances: 155 5 double power : tolerances: 125 5 (1% +0.5m ) moisture resistance mil - std - 202 method 106 g each temperature / humidit y cycle is defined at 8 h ours , 3 cycles / 24 h ours for 10d with 25 c / 65 c 95% r.h, without steps 7a & 7b, u npowered parts mounted on test - boards, without condensation on parts (2% +0.5m ) thermal shock mil - std - 202 method 107 g - 55/+125 c number of c ycles required is 300. devices mounted maximum transfer time is 20 seconds. dwell time is 15 minutes . (1% +0.5m ) short time overload iec601 1 5 - 1 4 .13 rl standard power: 2.5 times rated voltage for 5 sec at room temperature rl high power: 5 times rated power for 5 sec at room temperature (2% +0.5m ) no visible damage board flex/ bending iec 60115 - 1 4.33 d evice mounted on pcb test board as described, only 1 board bending required 3 mm bending b ending time : 60 5 s econds o hmic value checked during bendin g (1% +0.5m ) no visible damage table 4 test condition, procedure and requirements
chip resistor su r f ac e mount www.yageo.com may. 27, 2016 v.1 product sp ecification 8 8 series rl 0402 to 2512 test test method procedure requirements solderability - wetting j - std - 002 t est b electrical test not required magnification 50x smd c onditions: 1 st step : method b, ag ing 4 h ours at 155 c dry heat 2 nd step : leadfree solder bath at 245 3 c dipping time: 3 0.5 seconds well tinned ( 95% covered) no visible damage - leaching j - std - 002 t est d leadfree solder, 260 c, 30 seconds immersion time no visible damage - resistance to soldering heat iec 60115 - 1 4.18 condition b, no pre - heat of samples. leadfree solder, 2 6 0 c, 10 s econds immersion time procedure 2 for smd: devices fluxed and cleaned with isopropanol ( 1 % +0.5m ) no visible damage
chip resistor su r f ac e mount www.yageo.com may. 27, 2016 v.1 product sp ecification 9 9 series rl 0402 to 2512 revision history yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are u nchanged. any product change will be announced by pcn. revision date change notification description version 1 dec. 16, 2015 - - extend 0805 t.c.r. range version 0 nov. 11, 2014 - - first issue of this specification


▲Up To Search▲   

 
Price & Availability of RL1218GK-070R12L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X