Part Number Hot Search : 
H47UG ST19WI18 54AC04 ZTX321 C3502 LB66B2B AD8104 ALQ50
Product Description
Full Text Search
 

To Download PB1151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 test jacks & probes ps 1161 www.schurter.com /pg08 appliance inlet ps 1161 test probe, ? 2 mm, 6.3 a description - test probe - diameter 2.0 mm weblinks pdf-datasheet, html-datasheet, general product information, rohs, china-rohs, reach, distributor-stock-check, accessories, detailed request for product technical data diameter 2 mm rated current 6.3 a admissible switching power @ 250 insertions : 220 w / max. 5 a or 75 vdc 440 w / max. 5 a or 50 vac ? @ 1000 insertions : 100 w / max. 2 a or 75 vdc 150 w / max. 5 a or 50 vac contact resistance < 7 m at 20 mv allowable operation temp. -25 c to 70 c resistance to soldering heat 260 c / 5 sec acc. to iec 60068-2- 20 , test tb, method 1a weight 1.1 g material: housing thermoplastic (pc), ul 94v-2 surface of contacts gold plated , thickness 2.0 m dimensions ?2 4.4 9.8 12.7 15.3 28 4 diagrams
2 test jacks & probes ps 1161 www.schurter.com /pg08 appliance inlet all variants product group color order number test probe black 0040.1161 test probe red 0040.1162 availability for all products can be searched real-time: http://www.schurter. com/stock-check/stock-check-schurter packaging unit 100 pcs mating outlets/connectors category / description test jacks & probes overview complete pb 1151 test jack, pcb mounting, ? 2 mm, 6.3 a pb 1151 test jacks & probes further types to ps 1161 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 21.11.2016


▲Up To Search▲   

 
Price & Availability of PB1151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X