Part Number Hot Search : 
F11N60N BB105GD T6200715 G9015 G9015 MIP2E G9015 MIP2E
Product Description
Full Text Search
 

To Download P6FMBJ30C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3. measured on 8.3ms single half sine-wave or equivalent wave, duty cycle = 4 pulses per minute maximum. notes : 2. mounted on 0.2 x 0.2 ( 5.0 x 5.0mm ) copper pad to each terminal. 1. non-repetitive current pulse, per fig.3 and derated above t a = 25 o c per fig.2. 4. v f = 3.5v on p6fmbj6.8 thru p6fmb90 devices and v f = 5.0v on p6fmbj100 thur p6fmbj400 devices. rectron semiconductor technical specification features * plastic package has underwriters laboratory * glass passivated chip construction * 600 watt surage capability at 1ms * excellent clamping capability * low zener impedance * fast response time maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. tvs p6fmbj series do-214aa 600 watt peak power 5.0 watts steady state surface mount gpp transient voltage suppressor dimensions in inches and (millimeters) maximum ratings (at t a = 25 o c unless otherwise noted) devices for bipolar applications for bidirectional use c or ca suffix for types p6fmbj6.8 thru p6fmbj400 electrical characteristics apply in both direction 2003-12 ratings at 25 o c ambient temperature unless otherwise specified. ratings steady state power dissipation at t l = 75 o c ( note 2 ) peak pulse durrent with a 10/1000us waveform( note 1, fig.3 ) maximum instantaneous forward voltage at 50a for symbol i fsm v f t j , t stg volts -55 to + 150 0 c units unidirectional only ( note 3,4 ) amps peak power dissipation with a 10/1000us (note 1,2 fig.1) minimum 600 100 see note 4 value operating and storage temperature range p ppm watts i ppm amps see table 1 peak forward surge current, 8.3ms single half sine wave super-imposed on rated load (jedec method)(note 3,2) unidirectional only p m ( av ) 5.0 watts 0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.008 ( 0.203 ) 0.004 ( 0.102 ) 0.220 ( 5.59 ) 0.205 ( 5.21 ) 0.030 ( 0.76 ) 0.060 ( 1.52 ) 0.084 ( 2.13 ) 0.096 ( 2.44 ) 0.160 ( 4.06 ) 0.180 ( 4.57 ) 0.130 ( 3.30 ) 0.155 ( 3.94 ) 0.083 ( 2.11 ) 0.077 ( 1.96 ) downloaded from: http:///
rectron rating and characteristic curves ( p6fmbj6.8 thru p6fmbj400ca ) fig. 2 - pulse derating curve peak pulse power (ppp) or current t a , ambient temperature,( ) 02550 75 100 125 150 175 200 100 7550 25 0 (ipp) derating in percentage,% measured atzero bias measured atstand off voltage,v wm f = 1.0 mhzvsig = 50mvp-p tj = 25 fig. 4 - typical junction capacitance c j , capacitance, pf v( wm ), breakdown voltace, volts 1.0 10 100 200 6,0001,000 100 10 measured atzero bias measured atstand off voltage,v wm f = 1.0 mhzvsig = 50mvp-p tj = 25 fig. 5 - typical junction capacitance c j , junction capacitance,pf v( wm ), breakdown voltace, volts 1.0 10 100 200 6,0001,000 100 10 pulse width (td) is definedas the point where the peak current decays to 50% of i ppm 10/1000usec. waveformas defined by r.e.a. peak valueippm tr = 10usec. fig. 3 - pulse waveform i ppm , peak pulse current,% t, time,ms 0 0 1.0 2.0 3.0 4.0 50 100 150 half value - i ppm 2 td fig. 1 - peak pulse power rating curve p ppm , peak pulse power, kw t p , pulse width, sec non-repetitivepulse waveform shown in fig.3 t a = 25 0.2x0.2"(5.0x5.0mm)copper pad areas 100 10 1.00.1 0.1us 1.0us 10us 100us 1.0ms 10ms bidirectional ifsm, peak forward surge current amperes fig. 6 - maximum non-repetitive forward number of cycles at 60 hz 200100 10 1 10 100 8.3ms single half sine-wave(jeded method) surge current unidirectional unidirectional only downloaded from: http:///
rectron transient voltage suppressors 600w series tvs diodes / do-214aa ( case 3 ) 600w type breakdown voltage v br ( volts ) min. max. @i t ( ma ) reverse stand off voltage v wm ( volts ) maximum reverse leakage at v wm i d ( ua ) maximum peak pulse current i ppm ( amps ) maximum clamping voltage at i ppm v c ( volts ) p6fmbj6.8p6fmbj6.8a p6fmbj7.5 p6fmbj7.5a p6fmbj8.2 p6fmbj8.2a p6fmbj9.1 p6fmbj9.1a p6fmbj10 p6fmbj10a p6fmbj11 p6fmbj11a p6fmbj12 p6fmbj12a p6fmbj13 p6fmbj13a p6fmbj15 p6fmbj15a p6fmbj16 p6fmbj16a p6fmbj18 p6fmbj18a p6fmbj20 p6fmbj20a p6fmbj22 p6fmbj22a p6fmbj24 p6fmbj24a p6fmbj27 p6fmbj27a p6fmbj30 p6fmbj30a p6fmbj33 p6fmbj33a p6fmbj36 p6fmbj36a p6fmbj39 p6fmbj39a p6fmbj43 p6fmbj43a p6fmbj47 p6fmbj47a p6fmbj51 p6fmbj51a p6fmbj56 p6fmbj56a 53.2 6.12 7.48 10 1010 10 10 10 1.01.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 1000 55.6 10.8 10.5 57.1 1000 5.80 7.14 6.45 6.75 8.25 6.05 500 51.3 11.7 7.13 7.88 6.40 500 53.1 11.3 7.38 9.02 6.63 200 48 12.5 7.79 8.61 7.02 200 49.6 12.1 8.19 10.0 7.37 50 43.5 13.8 8.65 9.55 7.78 50 44.8 13.4 9.00 11.0 8.10 10 40 15.0 9.50 10.5 8.55 10 41.4 14.5 9.90 12.1 8.92 5.0 37 16.2 10.5 11.6 9.40 5.0 5.05.0 5.0 5.0 5.0 5.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 38.5 15.6 10.8 13.2 9.72 34.7 17.3 11.4 12.6 10.2 35.9 16.7 11.7 14.3 10.5 31.6 19.0 12.4 13.7 11.1 33 18.2 13.5 16.5 12.1 27.3 22.0 14.3 15.8 12.8 28.3 21.2 14.4 17.6 12.9 25.5 23.5 15.2 16.8 13.6 26.7 22.5 16.2 19.8 14.5 22.6 26.5 17.1 18.9 15.3 23.8 25.2 18.0 22.0 16.2 20.6 29.1 19.0 21.0 17.1 21.7 27.7 19.8 24.2 17.8 18.8 31.9 20.9 23.1 18.8 19.6 30.6 21.6 26.4 19.4 17.3 34.7 22.8 25.2 20.5 18.1 33.2 24.3 29.7 21.8 15.3 39.1 25.7 28.4 23.1 16 37.5 27.0 33.0 24.3 13.8 43.5 28.5 31.5 25.6 14.5 41.4 29.7 36.3 26.8 12.6 47.7 31.4 34.7 28.2 13.1 45.7 32.4 39.6 29.1 11.5 52.0 34.2 37.8 30.8 12 49.9 35.1 42.9 31.6 10.6 56.4 37.1 41.0 33.3 11.1 38.7 47.3 34.8 9.7 40.9 45.2 36.8 10.1 42.3 51.7 38.1 8.8 44.7 49.4 40.2 9.3 45.9 56.1 41.3 8.2 48.5 53.6 43.6 8.6 50.4 61.6 45.4 47.8 7.5 58.8 7.8 53.961.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 downloaded from: http:///
rectron transient voltage suppressors 600w series tvs diodes / do-214aa ( case 3 ) 600w type breakdown voltage v br ( volts ) min. max. @i t ( ma ) reverse stand off voltage v wm ( volts ) maximum reverse leakage at v wm i d ( ua ) maximum peak pulse current i ppm ( amps ) maximum clamping voltage at i ppm v c ( volts ) p6fmbj62p6fmbj62a p6fmbj68 p6fmbj68a p6fmbj75 p6fmbj75a p6fmbj82 p6fmbj82a p6fmbj91 p6fmbj91a p6fmbj100 p6fmbj100a p6fmbj110 p6fmbj110a p6fmbj120 p6fmbj120a p6fmbj130 p6fmbj130a p6fmbj150 p6fmbj150a p6fmbj160 p6fmbj160a p6fmbj170 p6fmbj170a p6fmbj180 p6fmbj180a p6fmbj200 p6fmbj200a p6fmbj220 p6fmbj220a p6fmbj250 p6fmbj250a p6fmbj300 p6fmbj300a p6fmbj350 p6fmbj350a p6fmbj400 p6fmbj400a 55.8 68.2 1.0 1.01.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 50.2 5.0 7.0 89.0 85.0 7.4 5.0 53.0 65.1 58.9 61.2 74.8 55.1 5.0 6.4 98.0 64.6 71.4 58.1 5.0 6.8 92.0 67.5 82.5 60.7 5.0 5.8 108 71.3 78.8 64.1 5.0 6.1 103 73.8 90.2 66.4 5.0 5.3 118 77.9 86.1 70.1 5.0 5.5 113 81.9 100 73.7 5.0 4.8 131 86.5 95.5 77.8 5.0 5.0 125 90.0 110 81.0 5.0 3.5 144 95.0 105 85.5 5.0 5.05.0 5.0 5.0 5.0 5.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 1.01.0 5.05.0 3.6 137 99.0 121 89.2 3.2 158 105 116 94.0 3.3 152 108 132 97.2 2.9 173 114 126 102 3.0 165 117 143 105 2.7 187 124 137 111 2.8 179 135 165 121 2.3 215 143 158 128 2.4 207 144 176 130 2.2 230 152 168 136 2.3 219 153 187 138 2.0 244 162 179 145 2.1 234 162 198 146 1.9 258 171 189 154 2.0 246 180 220 162 1.7 287 190 210 171 1.8 274 198 242 175 1.5 344 209 231 185 1.6 328 225 275 202 1.4 360 237 263 214 1.5 344 270 330 243 1.2 430 285 315 256 1.3 414 315 385 284 1.0 504 332 368 300 1.1 482 360 440 324 0.8 574 380 420 342 0.9 548 notes : 1. v br measured after i t applied for 300ms. i t = square pulse or equivalent. 2. for bidirectional use c or ca suffixs for all types (ex. p6fmbj6.8c,p6fmbj400ca) electrical characteristics apply in both directions. 3. for bidirectional types having v wm of 10 volts and less, the i d iimit is doubled. 4. all devices ul listed file# e211196. * * ** ** * * * * * ** * * * * * * * ** * * ** ** 5. mark " * " reverse power rating are 500w . downloaded from: http:///
mounting pad layout rectron dimensions in inches and (millimeters) 0.083 min.(2.10 min.) 0.050 min.(1.27 min.) 0.220 ref 0.106 max.(2.69 max.) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of P6FMBJ30C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X