Part Number Hot Search : 
NC7ST32 E234I SP481ECP PN16250 R2M35 AT49F004 AT49F004 74AHC
Product Description
Full Text Search
 

To Download NLV14541BDR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 july, 2014 ? rev. 14 1 publication order number: mc14541b/d mc14541b programmable timer the mc14541b programmable timer consists of a 16?stage binary counter, an integrated oscillator for use with an external capacitor and two resistors, an automatic power?on reset circuit, and output control logic. timing is initialized by turning on power, whereupon the power?on reset is enabled and initializes the counter, within the specified v dd range. with the power already on, an external reset pulse can be applied. upon release of the initial reset command, the oscillator will oscillate with a frequency determined by the external rc network. the 16?stage counter divides the oscillator frequency (f osc ) with the n th stage frequency being f osc /2 n . features ? available outputs 2 8 , 2 10 , 2 13 or 2 16 ? increments on positive edge clock transitions ? built?in low power rc oscillator ( 2% accuracy over temperature range and 20% supply and 3% over processing at < 10 khz) ? oscillator may be bypassed if external clock is available (apply external clock to pin 3) ? external master reset totally independent of automatic reset operation ? operates as 2 n frequency divider or single transition timer ? q/q select provides output logic level flexibility ? reset (auto or master) disables oscillator during resetting to provide no active power dissipation ? clock conditioning circuit permits operation with very slow clock rise and fall times ? automatic reset initializes all counters on power up ? supply voltage range = 3.0 vdc to 18 vdc with auto reset supply voltage range = disabled (pin 5 = v dd ) supply voltage range = 8.5 vdc to 18 vdc with auto reset supply voltage range = enabled (pin 5 = v ss ) ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable ? these devices are pb?free and are rohs compliant http://onsemi.com marking diagrams a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb?free package see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information soic?14 d suffix case 751a tssop?14 dt suffix case 948g 1 14 14541bg awlyww 14 541b alyw   1 14 soeiaj?14 f suffix case 965 1 14 mc14541b alywg (note: microdot may be in either location) pin assignment nc = no connection 11 12 13 14 8 9 10 5 4 3 2 1 7 6 mode nc a b v dd q q/q sel nc r s c tc r tc v ss mr ar soic?14 tssop?14 soeiaj?14
mc14541b http://onsemi.com 2 maximum ratings (voltages referenced to v ss ) symbol parameter value unit v dd dc supply voltage range ?0.5 to +18.0 v v in , v out input or output voltage range, (dc or transient) ?0.5 to v dd + 0.5 v i in input current (dc or transient) 10 (per pin) ma i out output current (dc or transient) 45 (per pin) ma p d power dissipation, per package (note 1) 500 mw t a ambient temperature range ?55 to +125 c t stg storage temperature range ?65 to +150 c t l lead temperature, (8?second soldering) 260 c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. temperature derating: ?d/dw? packages: ?7.0 mw/  c from 65  c to 125  c ordering information device package shipping ? mc14541bdg soic?14 (pb?free) 55 units / rail nlv14541bdg* soic?14 (pb?free) 55 units / rail mc14541bdr2g soic?14 (pb?free) 2500 / tape & reel NLV14541BDR2G* soic?14 (pb?free) 2500 / tape & reel mc14541bdtr2g tssop?14 (pb?free) 2500 / tape & reel nlv14541bdtr2g* tssop?14 (pb?free) 2500 / tape & reel mc14541bfelg soeiaj?14 (pb?free) 2000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable.
mc14541b http://onsemi.com 3 electrical characteristics (voltages referenced to v ss ) characteristic symbo l v dd vdc ? 55  c 25  c 125  c unit min max min typ (note 2) max min max output voltage ?0? level v in = v dd or 0 v ol 5.0 10 15 ? ? ? 0.05 0.05 0.05 ? ? ? 0 0 0 0.05 0.05 0.05 ? ? ? 0.05 0.05 0.05 vdc ?1? level v in = 0 or v dd v oh 5.0 10 15 4.95 9.95 14.95 ? ? ? 4.95 9.95 14.95 5.0 10 15 ? ? ? 4.95 9.95 14.95 ? ? ? vdc input voltage ?0? level (v o = 4.5 or 0.5 vdc) (v o = 9.0 or 1.0 vdc) (v o = 13.5 or 1.5 vdc) v il 5.0 10 15 ? ? ? 1.5 3.0 4.0 ? ? ? 2.25 4.50 6.75 1.5 3.0 4.0 ? ? ? 1.5 3.0 4.0 vdc ?1? level (v o = 0.5 or 4.5 vdc) (v o = 1.0 or 9.0 vdc) (v o = 1.5 or 13.5 vdc) v ih 5.0 10 15 3.5 7.0 11 ? ? ? 3.5 7.0 11 2.75 5.50 8.25 ? ? ? 3.5 7.0 11 ? ? ? vdc output drive current (v oh = 2.5 vdc) source (v oh = 9.5 vdc) (v oh = 13.5 vdc) i oh 5.0 10 15 ?4.19 ?7.96 ?16.3 ? ? ? ?3.38 ?6.42 ?13.2 ?6.75 ?12.83 ?26.33 ? ? ? ?2.37 ?4.49 ?9.24 ? ? ? madc (v ol = 0.4 vdc) sink (v ol = 0.5 vdc) (v ol = 1.5 vdc) i ol 5.0 10 15 1.93 4.96 19.3 ? ? ? 1.56 4.0 15.6 3.12 8.0 31.2 ? ? ? 1.09 2.8 10.9 ? ? ? madc input current i in 15 ? 0.1 ? 0.00001 0.1 ? 1.0  adc input capacitance (v in = 0) c in ? ? ? ? 5.0 7.5 ? ? pf quiescent current (pin 5 is high) auto reset disabled i dd 5.0 10 15 ? ? ? 5.0 10 20 ? ? ? 0.005 0.010 0.015 5.0 10 20 ? ? ? 150 300 600  adc auto reset quiescent current (pin 5 is low) i ddr 10 15 ? ? 250 500 ? ? 30 82 250 500 ? ? 1500 2000  adc supply current (notes 3 & 4) (dynamic plus quiescent) i d 5.0 10 15 i d = (0.4  a/khz) f + i dd i d = (0.8  a/khz) f + i dd i d = (1.2  a/khz) f + i dd  adc product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 2. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance. 3. the formulas given are for the typical characteristics only at 25  c. 4. when using the on chip oscillator the total supply current (in  adc) becomes: i t = i d + 2 c tc v dd f x 10 ?3 where i d is in  a, c tc is in pf, v dd in volts dc, and f in khz. (see fig. 3) dissipation during power?on with automatic reset enabled is typically 50  a @ v dd = 10 vdc.
mc14541b http://onsemi.com 4 switching characteristics (note 5) (c l = 50 pf, t a = 25  c) characteristic symbol v dd min typ (note 6) max unit output rise and fall time t tlh , t thl = (1.5 ns/pf) c l + 25 ns t tlh , t thl = (0.75 ns/pf) c l + 12.5 ns t tlh , t thl = (0.55 ns/pf) c l + 9.5 ns t tlh , t thl 5.0 10 15 ? ? ? 100 50 40 200 100 80 ns propagation delay, clock to q (2 8 output) t plh , t phl = (1.7 ns/pf) c l + 3415 ns t plh , t phl = (0.66 ns/pf) c l + 1217 ns t plh , t phl = (0.5 ns/pf) c l + 875 ns t plh t phl 5.0 10 15 ? ? ? 3.5 1.25 0.9 10.5 3.8 2.9  s propagation delay, clock to q (2 16 output) t phl , t plh = (1.7 ns/pf) c l + 5915 ns t phl , t plh = (0.66 ns/pf) c l + 3467 ns t phl , t plh = (0.5 ns/pf) c l + 2475 ns t phl t plh 5.0 10 15 ? ? ? 6.0 3.5 2.5 18 10 7.5  s clock pulse width t wh(cl) 5.0 10 15 900 300 225 300 100 85 ? ? ? ns clock pulse frequency (50% duty cycle) f cl 5.0 10 15 ? ? ? 1.5 4.0 6.0 0.75 2.0 3.0 mhz mr pulse width t wh(r) 5.0 10 15 900 300 225 300 100 85 ? ? ? ns master reset removal time t rem 5.0 10 15 420 200 200 210 100 100 ? ? ? ns 5. the formulas given are for the typical characteristics only at 25  c. 6. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance. figure 1. power dissipation test circuit and waveform figure 2. switching time test circuit and waveforms pulse generator v dd c l q r s ar q/q select mode a b mr v ss 20 ns 20 ns 90% 50% 10% 50% duty cycle (r tc and c tc outputs are left open) pulse generator v dd r s ar q/q select mode a b mr v ss c l q 20 ns 90% 50% 20 ns 10% r s q t plh 50% 90% 50% 10% 50% t tlh t thl t phl
mc14541b http://onsemi.com 5 expanded block diagram a12 b13 r tc 1 c tc 2 r s 3 5 auto reset osc reset c 2 8 8-stage counter reset power-on reset 6 master reset 2 10 2 13 2 16 c 8-stage counter reset 1 of 4 mux 10 mode 9 q/q select 8q v dd = pin 14 v ss = pin 7 frequency selection table a b number of counter stages n count 2 n 0 0 13 8192 0 1 10 1024 1 0 8 256 1 1 16 65536 truth table pin state 0 1 auto reset, 5 auto reset operating auto reset disabled master reset, 6 timer operational master reset on q/q ,9 output initially low after reset output initially high after reset mode, 10 single cycle mode recycle mode figure 3. oscillator circuit using rc configuration 3 r s r tc c tc 21 to clock circuit internal reset
mc14541b http://onsemi.com 6 typical rc oscillator characteristics figure 4. rc oscillator stability figure 5. rc oscillator frequency as a function of r tc and c tc 8.0 4.0 0 -4.0 -8.0 -12 -16 125 100 75 50 25 0 -25 -55 t a , ambient temperature ( c) frequency deviation (%) v dd = 15 v 10 v 5.0 v r s = 0, f = 10.15 khz @ v dd = 10 v, t a = 25 c r s = 120 k  , f = 7.8 khz @ v dd = 10 v, t a = 25 c r tc = 56 k  , c = 1000 pf 100 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 1.0 k 10 k 100 k 1.0 m f, oscillator frequency (khz) r tc , resistance (ohms) 0.0001 0.001 0.01 0.1 c, capacitance (  f) v dd = 10 v f as a function of r tc (c = 1000 pf) (r s 2r tc ) f as a function of c (r tc = 56 k  ) (r s = 120 k  ) operating characteristics with auto reset pin set to a ?0? the counter circuit is initialized by turning on power. or with power already on, the counter circuit is reset when the master reset pin is set to a ?1?. both types of reset will result in synchronously resetting all counter stages independent of counter state. auto reset pin when set to a ?1? provides a low power operation. the rc oscillator as shown in figure 3 will oscillate with a frequency determined by the external rc network i.e., if (1 khz  f  100 khz) 2.3 r tc c tc 1 f = and r s 2 r tc where r s 10 k  the time select inputs (a and b) provide a two?bit address to output any one of four counter stages (2 8 , 2 10 , 2 13 and 2 16 ). the 2 n counts as shown in the frequency selection table represents the q output of the n th stage of the counter. when a is ?1?, 2 16 is selected for both states of b. however, when b is ?0?, normal counting is interrupted and the 9th counter stage receives its clock directly from the oscillator (i.e., effectively outputting 2 8 ). the q/q select output control pin provides for a choice of output level. when the counter is in a reset condition and q/q select pin is set to a ?0? the q output is a ?0?, correspondingly when q/q select pin is set to a ?1? the q output is a ?1?. when the mode control pin is set to a ?1?, the selected count is continually transmitted to the output. but, with mode pin ?0? and after a reset condition the r s flip?flop (see expanded block diagram) resets, counting commences, and after 2 n?1 counts the r s flip?flop sets which causes the output to change state. hence, after another 2 n?1 counts the output will not change. thus, a master reset pulse must be applied or a change in the mode pin level is required to reset the single cycle operation. digital timer application r tc c tc nc r s ar mr input t mr v dd b a n.c. output v dd mode q/q t + t mr 1 2 3 4 5 6 78 9 10 11 12 13 14 when master reset (mr) receives a positive pulse, the internal counters and latch are reset. the q output goes high and remains high until the selected (via a and b) number of clock pulses are counted, the q output then goes low and remains low until another input pulse is received. this ?one shot? is fully retriggerable and as accurate as the input frequency. an external clock can be used (pin 3 is the clock input, pins 1 and 2 are outputs) if additional accuracy is needed. notice that a setup time equal to the desired pulse width output is required immediately following initial power up, during which time q output will be high.
mc14541b http://onsemi.com 7 package dimensions soic?14 nb case 751a?03 issue k notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of at maximum material condition. 4. dimensions d and e do not include mold protrusions. 5. maximum mold protrusion 0.15 per side. h 14 8 7 1 m 0.25 b m c h x 45 seating plane a1 a m  s a m 0.25 b s c b 13x b a e d e detail a l a3 detail a dim min max min max inches millimeters d 8.55 8.75 0.337 0.344 e 3.80 4.00 0.150 0.157 a 1.35 1.75 0.054 0.068 b 0.35 0.49 0.014 0.019 l 0.40 1.25 0.016 0.049 e 1.27 bsc 0.050 bsc a3 0.19 0.25 0.008 0.010 a1 0.10 0.25 0.004 0.010 m 0 7 0 7 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.019  6.50 14x 0.58 14x 1.18 1.27 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc14541b http://onsemi.com 8 package dimensions tssop?14 case 948g issue b dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ?u? seating plane 0.10 (0.004) ?t? ??? ??? 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ?v? 14x ref k n n 7.06 14x 0.36 14x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc14541b http://onsemi.com 9 package dimensions soeiaj?14 case 965 issue b h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.004 0.008 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 1.42 --- 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e l m z on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemni fy and hold scillc and its officers, em ployees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mc14541b/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NLV14541BDR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X