Part Number Hot Search : 
D5621B LVR033K SG17311 MCSO1ELS A2726 TL082CN 266BE CMBT2484
Product Description
Full Text Search
 

To Download MURF1010CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MURF1010CT~murf1060ct ito -220ab f eatures ? plas tic pac kage has underwriters laboratory flammability classification 94v-0. flame retardant epoxy molding compound. ? ? low pow er loss, high efficiency. ? high surge capability ? ultra fast recovery time,high voltage. ? lead free in comply with eu rohs . mechanical data ? case: ito-2 20ab molded plastic ? ter minals: solder plated, solderable per mil - std - 750, method 2026 ? polarity: as marked. ? mounting position: any maximum ratings and electrical characteristics voltage 100 to 600 volts current 10 amperes ultrafast recovery rectifiers may.2015-rev.00 page . 1 www.dyelec.com ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 vdc. 2. reverse recovery test conditions: i f =0.5a, i r =1a, irr=0.25a. 3. thermal resistance from junction to case. parameter symbol mur f 1 0 1 0 ct mur f 1 0 2 0 ct mur f 1 0 3 0 ct mur f 1 0 6 0 ct units maximum recurrent peak reverse voltage v rrm 100 200 300 400 600 v maximum rms voltage v rms 70 140 210 280 420 v maximum dc blocking voltage v dc 100 200 300 400 600 v maximum average forward current at t c = 1 00 c o f(av) i 10 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 9 0 a maximum forward voltage at 5a v f maximum dc reverse current at rated dc blocking voltage t j =25 o c t j =125 o c i r 10 500 a typical junction capacitance (note 1) c j 170 130 pf maximum reverse recovery time (note 2) t rr 35 ns typical thermal resistance (note 3) r jc 3.5 o c / w operating junction and storage temperature range t j ,t stg -55 to +150 o c v 1 1.3 1.7 mur f 1 0 4 0 c t mur f 1 0 5 0 ct 5 00 35 0 5 00 low foward voltage, high current capability.
murf1 010ct~murf1060ct rating a nd characteristic curves page . 2 fig.3 forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitances fig.5 peak forward surge current fig.4 typical reverse characteristics forward voltage, volts no. of cycles at 60hz instantaneous forward current, amperes forward surge current,amperes 1 10 100 15 3 0 45 6 0 75 90 105 10 1 0.1 0.01 .4 .6 .8 1.0 1.2 1.6 1.8 1.4 100 2.0 500- 600v 300-400v 1 00 -200v o j t=25 c instantaneous reverse current,ua 1000 100 1.0 20 40 60 80 100 120 o j t=25 c o j t=125 c 1 0.1 10 40 percentage of peak reverse voltage,% reverse voltage, volts o case temperature, c average forward current, amperes junction capacitance, pf 0 50 100 150 12.5 10.0 7.5 5.0 2.5 0 1 2 5 10 20 50 100 150 120 90 60 180 30 0 200 500 t 10 0-400v 5 00- 6 00v = o 25c j may,2015-rev.00 www.dy elec.com
murf1 010ct~murf1060ct important notice and disclaimer ? re producin g and modifyin g in f ormatio n of th e documen t is prohibite d withou t permission fro m diyi . ? diyi reserves the right to make changes to this document and its products and specifications at any time without notice. customers should obtain and confirm the latest product information and specifications before final design, purchase or use. ? diyi discla im s any and al l l ia bilit y arisin g ou t of th e a pplicatio n or us e of any produc t includin g d am ag es incidentall y and co n sequent i all y occurred. ? diyi do es no t as sum e any and al l im plie d warr a nti es, includin g war ran ti es of fit ness for particula r purpose , non - infring em en t and merch a nt a bilit y. ? application s show n on th e her ein documen t ar e ex am pl es of st an dar d us e and operation. customer s ar e re sponsibl e in comprehendin g th e suit ab le us e in particula r ap plicatio n s. diyi m ak es no r ep re sentatio n or warr an ty tha t suc h ap plicatio ns wil l be suitable for the specified use without further testing or modification. ? th e product s show n her ein ar e no t de signe d and authorize d for equipments requirin g high leve l of reliability or relatin g t o human lif e and for any app licatio ns concernin g life - saving or life - sustaining , suc h as medica l instruments , tr an sportatio n equ i pment , a erosp a ce ma chiner y et cetera . customer s usin g or sellin g th ese product s for us e in suc h applications do so at th eir ow n ri sk and agre e to full y ind e mnif y diyi for any d am ag es resulting from such improper use or sale. ? sinc e diyi us es lo t numbe r as th e tr acking ba se , pl ease provid e th e lo t numbe r for tr acking when complaining. page . 3 may .2015 -rev.00 www.dy elec.com


▲Up To Search▲   

 
Price & Availability of MURF1010CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X