Part Number Hot Search : 
PCF8577C IRFI4020 STPA200 DS050 P0461 14300 C9068 FDLL916
Product Description
Full Text Search
 

To Download MBR2035CT-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ret y rt - low power loss, high efficiency - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i f(av) a i rrm a 0.15 dv/dt v/us r jc o c/w t j o c t stg o c document number ds_d1308023 version:a13 10000 molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free, rohs compliant MBR2035CT-Y thru mbr20200ct-y taiwan semiconductor dual common cathode schottk y rectifier feat u res 0.99 - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec m ech an i cal dat a to-220ab case to-220ab terminal matte tin plated leads, solderable per jesd22-b106 meet jesd 201 class 1a whisker test polarity as marked weight 1.88 gram (approximately) m ax i m u m rat i n gs an d elect ri cal ch aract erst i cs (t a =25 unless otherwise noted) param et er sy m bol m br 2 0 3 5 ct -y m br 2 0 4 5 ct -y m br 2 0 5 0 ct -y m br 2 0 6 0 ct -y m br 2 0 9 0 ct -y m br 2 0 1 0 0 ct -y m br 2 0 1 5 0 ct -y u n i t maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm a peak repetitive reverse surge current (note 1) 1 mounting torque 5 in-lbs maximum maximum average forward rectified current peak repetitive forward current (rated vr, square wave, 20khz) i frm a maximum instantaneous forward voltage (note 2) if=10a, ta=25 if=10a, ta=125 if=20a, ta=25 if=20a, ta=125 v f v - 0.80 0.85 0.57 0.84 0.95 0.95 0.72 0.85 0.85 voltage rate of change (rated v r ) typical thermal resistance 1.0 operating junction temperature range maximum reverse current @ rated vr t a =25 t a =125 i r ma 15 storage temperature range note 1 tp = 2.0 s, 1.0khz note 2 pulse test with pw=300u sec, 1% duty cycle m br 2 0 2 0 0 ct -y 2020 150 0.5 mbr 20200 ct 0.871.23 1.10 0.1 2.0 - 55 to + 150 10 5 0.70 0.75 - 55 to + 150 marking code mbr2035 ct mbr2045 ct mbr2050 ct mbr2060 ct mbr2090 ct mbr 20100 ct mbr 20150 ct downloaded from: http:///
part n o. part n o. mbr2060ct-y mbr2060ct-y (ta=25 unless otherwise noted) document number ds_d1308023 version:a13 mbr20xxct-y (note 1) suffix "g" c0 MBR2035CT-Y thru mbr20200ct-y taiwan semiconductor pack i n g code green com pou n d code pack age pack i n g to-220ab g green compound note 1: "xx" defines voltage from 35v (MBR2035CT-Y) to 200v (mbr20200ct-y) preferred p/n pack i n g code green com pou n d code descri pt i on 50 / tube orderi n g i n form at i on ex am ple rat i n gs an d ch aract eri st i cs cu rv es mbr2060ct-y c0 c0 mbr2060ct-y c0g c0 0 4 8 12 16 20 24 0 50 100 150 average forward a current (a) case temperature ( o c) fig.1- forward current derating curve resistive or inductiveload with heatsink 0 25 50 75 100 125 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2- maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4- typical reverse characteristics per leg ta=75 ta=125 ta=25 MBR2035CT-Y-2045ct-y mbr2050ct-y-20100ct-y mbr20150ct-y-20200ct-y 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3- typical instantaneous forward characteristics per leg ta=125 pulse width=300us 1% duty cycle ta=25 MBR2035CT-Y-2045ct-y mbr2050ct-y-2060ct-y mbr20100ct-y mbr20150ct-y-200ct-y downloaded from: http:///
min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 13.19 14.79 0.519 0.582 h 2.41 2.67 0.095 0.105 i 4.42 4.76 0.174 0.187 j 1.14 1.40 0.045 0.055 k 5.84 6.86 0.230 0.270 l 2.20 2.80 0.087 0.110 m 0.35 0.64 0.014 0.025 p/n = marking code g = green compound yww = date code f = factory code document number ds_d1308023 version:a13 m ark i n g di agram MBR2035CT-Y thru mbr20200ct-y taiwan semiconductor pack age ou t li n e di m en si on s dim. unit(mm) unit(inch) 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5- typical junction capacitance per leg MBR2035CT-Y-2045ct-y mbr2050ct-y-20200ct-y f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration. (sec) fig. 6- typical transient thermal impedance per leg downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MBR2035CT-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X