Part Number Hot Search : 
OCX160 1M96VQA 92124J 2SD2104 X9315WSI 2SC2898 ALE12B12 73K224AL
Product Description
Full Text Search
 

To Download M63003KUVLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. m630x series 5x7 mm, 1.8/2.5/3.3 v, lvpecl/lvds/cml/cmos, tcxo/tcvcxo features: superior jitter performance ? (comparable to saw based) frequencies from 50 mhz to 1.4 ghz ? designed for a short 2 week cycle time ? applications: telecommunications such as sonet / ? sdh / dwdm / fec / serdes / oc-3 thru oc-192 wireless base stations / wlan / ? gigabit ethernet avionic fight controls and military ? communications rev: 10/14/2013 ordering information m6300 2 j b v p n 00.0000 mhz product series m6300 = 3.3 v m6301 = 2.5 v m6302 = 1.8 v temperature range 1: 0 c to +70 c 3: -55 c to +105 c 6: -20 c to +70 c 4: -55 c to +125 c 2: -40 c to +85 c stability g: 0.5 ppm j: 1.0 ppm k: 2.0 ppm h: 2.5 ppm l: 4.6 ppm e: 10 ppm enable/disable function b: enable high (pad 1) g: enable high (pad 2) s: enable low (pad 1) m: enable low (pad 2) u: no enable/disable function output type f: no voltage control (tcxo) v: voltage control (tcvcxo) output waveform p: lvpecl l: lvds m: cml c: cmos package/lead configurations n: leadless ceramic (9 pad) c: leadless ceramic (6 pad) frequency (customer specified) m6300sxxx, m6301sxxx & m6302sxxx - custom datasheets. temperature vs. stability pin 1 enable pad 1: enable/disable pad 2: n/c pad 3: gnd pad 4: output q (lvpecl, lvds, cml, cmos) pad 5: output q (lvpecl, lvds, cml) pad 6: v cc 0.5 ppm 1.0 ppm 2.0 ppm 2.5 ppm 4.6 ppm 0 c to +70 c a a a a a -20 c to +70 c n a a a a -40 c to +85 c n a a a a -55 c to +105 c n n n n a -55 c to +125 c n n n n a a = available n = contact factory pin 2 enable pad 1: n/c, v control pad 2: enable/disable pad 3: gnd pad 4: output q (lvpecl, lvds, cml, cmos) pad 5: output q (lvpecl, lvds, cml) pad 6: v cc
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. m630x series 5x7 mm, 3.3/2.5/1.8 volt, lvpecl/lvds/cml/cmos, tcxo/tcvcxo parameter symbol min. typ. max. units conditions/notes frequency range f r 50 1400 mhz lvpecl, lvds, cml (see note 1) 50 135 mhz cmos initial accuracy f i -1 +1 ppm @ +25 c frequency stability ? f t /f ppm (fmax - fmin)/2 (see note 2) frequency vs. aging ? f time /f -3 +3 ppm first year -1 +1 ppm thereafter (per year) frequency vs. supply voltage ? f vdd /f 0.40 ppm 5% voltage variation frequency vs. reflow 0.75 ppm 2 reflows max. frequency vs. load ? f load /f 0.20 ppm 5% supply voltage variation operating temperature t a c storage temperature t stg -55 +125 c operating voltage v cc /v s /v dd 3.135 3.3 3.465 v m6300 2.375 2.5 2.625 v m6301 1.71 1.8 1.89 v m6302 operating current i cc 125 ma lvpecl 100 ma lvds 110 ma cml 90 ma cmos rise/fall time t r /t f 0.35 ns lvpecl, lvds, cml 6 ns cmos logic ?1? level v oh v cc - 1.02 v lvpecl 90 % v dd cmos logic ?0? level v ol v cc - 1.63 v lvpecl 10 % v dd cmos common mode output voltage v cm 1.2 v lvds symmetry (duty cycle) t dc 45 55 % @ 50% v dd (cmos) 45 55 % @ 50% of waveform (lvpecl) 45 55 % @ 1.25 v (lvds) output voltage level 0.7 0.95 1.2 v pk-pk cml tuning range 5 ppm vctcxo only (see note 3) voltage control range v c 0.18 0.90 1.62 v @ 1.8 v supply (vctcxo only - pad 2) 0.25 1.25 2.25 v @ 2.5 v supply (vctcxo only - pad 2) 0.30 1.65 3.00 v @ 3.3 v supply (vctcxo only - pad 2) output skew 20 ps lvpecl 15 ps cml 20 ps lvds output load lvpecl (see note 4) lvds, cml (see note 4) cmos (see note 4) enable/disable function 80 % output enabled (option b or g) 0.5 v output disabled enable/disable function 0.5 v output enabled (option s or m) 80 % output disabled phase noise (typical) 10 hz 100 hz 1 khz 10 khz 100 khz offset from carrier @ 622.080 mhz (lvpecl) -60 -90 -120 -127 -133 dbc/hz @ 100.000 mhz (hcmos) -70 -103 -123 -131 -136 dbc/hz @ 50.000 mhz (hcmos) -77 -109 -129 -137 -141 dbc/hz shock vibration solderability hermeticity thermal shock thermal cycle note 4: refer to the load circuit diagram in this data sheet. environmental 1 x 10 -8 atm cc/sec of helium (crystal only) per mil-std-883, method 1011, condition a per mil-std-883, method 1010, condition b per mil-std-202, methods 201 & 204 per eiaj-std-002 per mil-std-202, method 213, condition c see ordering information note 1: contact factory for frequencies over 945 mhz. note 2: contact factory for less than 1 ppm frequency stability. note 3: contact factory for other tuning range options. electrical specifications v dc 100 differential 15 pf see ordering information 50 to (v cc - 2)
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. load circuit diagrams lead free solder profle


▲Up To Search▲   

 
Price & Availability of M63003KUVLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X