Part Number Hot Search : 
DF01M 00104 PSD813F1 01118 67BGC 62304AF T1212DH 24100
Product Description
Full Text Search
 

To Download L2SA1037AKSLT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio com p an y , ltd. general purpose t ransistors pnp silicon maximum r a tings rating symbol v alue unit collector?emitter v oltage v ceo ?50 v collector?base v oltage v cbo ?60 v emitter?base v oltage v ebo ?6.0 v collector current ? continuous i c ?150 madc collector power dissipation p c 0.2 w junction temperature t j 150 c storage temperature t stg -55 ~ +150 c device marking l2sa1037akq l t1g =fq l2sa1037akslt1g=g3f l2sa1037akrlt1g=fr electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol mi n t y p ma x unit collector?emitter breakdown v oltage v (br)ceo ? 50 ? ? v (i c = ?1 ma) emitter?base breakdown v oltage v (br)ebo ? 6 ? ? v (i e = ? 50 a) collector?base breakdown v oltage v (br)cbo ? 60 ? ? v (i c = ? 50 a) collector cuto f f current i cbo ? ? ? 0.1 a (v cb = ? 60 v) emitter cuto f f current i ebo ? ? ? 0.1 a (v eb = ? 6 v) collector-emitter saturation voltage v ce(sat) ? ? -0.5 v (i c / i b = ? 50 ma / ? 5m a) dc current transfer ratio h fe 120 ? ? 560 ? ? (v ce = ? 6 v, i c = ?1ma) t ransition frequency f t ? 140 ? ? mh z (v ce = ? 12 v, i e = 2ma, f=30mhz ) output capacitance c ob ? 4.0 5.0 p f (v cb = ? 12 v, i e = 0a, f =1mhz ) h fe values are classified as follows: qrs hf e 120~270 180~390 270~560 1 3 2 sot? 23 2 emitter 3 collector 1 base * l2sa1037akqlt1g series features z ordering information device package shipping l2sa1037akqlt1g 3000/tape & reel sot23 10000/tape & reel l2sa1037akqlt3g sot23 we declare that the material of product compliance with rohs requirements. rev.o 1/4 s-l2sa1037akqlt1g series z s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l2sa1037akqlt1g s-l2sa1037akqlt3g
leshan radio com p an y , ltd. ?0.2 ?0.4 ?0.6 ?0.8 ?1.0 ?1.2 ?1.4 ?1.6 t a = 100c 25c ? 40c ?50 ?20 ?10 ?50 ?2 ?1 ?0.5 ?0.2 ?0.1 0 ?0.4 ?0.8 ?1.2 ?1.6 ?2.0 t a = 25c ?10 ?8 ?6 ?4 ?2 0 i c , collector current (ma) fig.1 grounded emitter propagation characteristics fig.2 grounded emitter output characteristics( ) fig.3 grounded emitter output characteristics( ) fig.4 dc current gain vs. collector current ( ) fig.5 dc current gain vs. collector current ( ) fig.6 collector-emitter saturation voltage vs. collector current ( ) v ce = ?10 v v be , base to emitter voltage(v) i c , collector current (ma) v ce , collector to emitter voltage (v) ?35.0 ?31.5 ?28.0 ?24.5 ?21.0 ?17.5 ?14.0 ?10.5 ?7.0 ?3.5  a i b =0 0 ?1?2 ?3 ?4?5 t a = 25c ?100 ?80 ?60 ?40 ?20 0 i c , collector current (ma) v ce , collector to emitter voltage (v) ?250 ?200 ?150 500 450 400 350 300 ?100 ?50  a i b =0 t a = 25c 500 200 100 50 h fe , dc current gain v ce = ?5 v ?3v ?1v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 100c 500 200 100 50 h fe , dc current gain v ce = ? 6v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 25c ?40c ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 25c i c /i b = 50 20 10 l2sa1037akqlt1g series rev.o 2/4 s-l2sa1037akqlt1g series
leshan radio com p an y , ltd. fig.7 collector-emitter saturation voltage vs. collector current ( ) ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat ) , collec t or s a tur a tion vo l t age(v) i c , collec t or current (ma) ?0.2 ?0.5 ? 1 ? 2 ? 5 ?10 ?20 ?50 ? 100 t a = 100c 25c ?40c i c /i b = 10 fig.8 gain bandwidth product vs. emitter current 1000 500 200 100 50 f r , transition frequency(mhz) i e , emitter current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 25c v ce = ?12v fig.9 collector output capacitance vs.collector-base voltage emitter inputcapacitance vs. emitter-base voltage 20 10 5 2 c ob , collector output capacitance( pf) c ib , emitter input capacitance (pf) v cb , collector to base voltage (v) v eb , emitter to base voltage (v) ?0.5 ?1 ?2 ?5 ?10 ?20 t a = 25c f =1mhz i e = 0a i c = 0a c ib c ob rev.o 3/4 l2sa1037akqlt1g series s-l2sa1037akqlt1g series
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. rev.o 4/4 l2sa1037akqlt1g series s-l2sa1037akqlt1g series


▲Up To Search▲   

 
Price & Availability of L2SA1037AKSLT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X