Part Number Hot Search : 
FDS650 3KP15 2SK30 LC22024A PT2127A 1E63UM SEF206A SMAJ43C
Product Description
Full Text Search
 

To Download IRFR3911PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.kersemi.com 1 12/06/04 IRFR3911PBF irfu3911pbf smps mosfet hexfet   power mosfet v dss r ds(on) max i d 100v 0.115 ? 14a parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 14 i d @ t c = 100c continuous drain current, v gs @ 10v 9.5 a i dm pulsed drain current  56 p d @t c = 25c power dissipation 56 w linear derating factor 0.37 w/c v gs gate-to-source voltage 20 v dv/dt peak diode recovery dv/dt  7.1 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings d-pak irfr3911 i-pak irfu3911  high frequency dc-dc converters  lead-free benefits applications  low gate-to-drain charge to reduce switching losses  fully characterized capacitance including effective c oss to simplify design, (see app. note an1001)  fully characterized avalanche voltage and current parameter typ. max. units r jc junction-to-case ??? 2.7 r ja junction-to-ambient (pcb mount)* ??? 50 c/w r ja junction-to-ambient ??? 110 thermal resistance pd - 95373a
2 www.kersemi.com 
 parameter min. typ. max. units conditions g fs forward transconductance 9.6 ??? ??? s v ds = 50v, i d = 8.4a q g total gate charge ??? 21 32 i d = 8.4a q gs gate-to-source charge ??? 4.3 6.5 nc v ds = 80v q gd gate-to-drain ("miller") charge ??? 6.6 9.9 v gs = 10v  t d(on) turn-on delay time ??? 7.9 ??? v dd = 500v t r rise time ??? 26 ??? i d = 8.4a t d(off) turn-off delay time ??? 52 ??? r g = 22 ? t f fall time ??? 25 ??? v gs = 10v  c iss input capacitance ??? 740 ??? v gs = 0v c oss output capacitance ??? 110 ??? v ds = 25v c rss reverse transfer capacitance ??? 18 ??? pf ? = 1.0mhz c oss output capacitance ??? 700 ??? v gs = 0v, v ds = 1.0v, ? = 1.0mhz c oss output capacitance ??? 61 ??? v gs = 0v, v ds = 80v, ? = 1.0mhz c oss eff. effective output capacitance ??? 130 ??? v gs = 0v, v ds = 0v to 80v  dynamic @ t j = 25c (unless otherwise specified) ns parameter typ. max. units e as single pulse avalanche energy  ??? 68 mj i ar avalanche current  ??? 8.4 a e ar repetitive avalanche energy  ??? 0.0056 mj avalanche characteristics s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c, i s = 8.4a, v gs = 0v  t rr reverse recovery time ??? 86 ??? ns t j = 25c, i f = 8.4a q rr reverse recoverycharge ??? 290 ??? nc di/dt = 100a/s   t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) diode characteristics 14 56  static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 100 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.11 ??? v/c reference to 25c, i d = 1ma  r ds(on) static drain-to-source on-resistance ??? ??? 0.115 ? v gs = 10v, i d = 8.4a  v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = v gs , i d = 250a ??? ??? 20 a v ds = 100v, v gs = 0v ??? ??? 250 v ds = 80v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 100 v gs = 20v gate-to-source reverse leakage ??? ??? -100 na v gs = -20v i gss i dss drain-to-source leakage current
www.kersemi.com 3 
 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 3.0 5.0 7.0 9.0 11.0 13.0 15.0 v gs , gate-to-source voltage (v) 1.00 10.00 100.00 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 175c v ds = 15v 20s pulse width 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20s pulse width tj = 25c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20s pulse width tj = 175c vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 14a
4 www.kersemi.com 
 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 5 10 15 20 25 0 2 5 7 10 12 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 8.4a v = 20v ds v = 50v ds v = 80v ds 0.0 0.5 1.0 1.5 2.0 v sd , source-todrain voltage (v) 0.10 1.00 10.00 100.00 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 1 10 100 1000 v ds , drain-tosource voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec
www.kersemi.com 5 
 fig 10a. switching time test circuit v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms   
 1     0.1 %          + -   fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 25 50 75 100 125 150 175 0 3 6 9 12 15 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
6 www.kersemi.com 
 q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 24 48 72 96 120 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 3.4a 5.9a 8.4a
www.kersemi.com 7 
 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfet   power mosfets     
    
              ?     ?    ?      ! "" ? #   $   $    ?  %&    ? ' (  ?  %)  $     
8 www.kersemi.com 
  

  

  12 in the assembly line "a" as s emble d on ww 16, 1999 example: wi t h as s e mb l y t his is an irfr120 lot code 1234 year 9 = 199 9 dat e code we e k 16 part number logo int ernat ional rectifier as s e mb l y lot code 916a irf u120 34 year 9 = 1999 dat e code or p = de s i gnat e s l e ad-f r e e product (optional) note: "p" in as s embly line pos ition indicates "l ead-f r ee" 12 34 we e k 16 a = assembly site code part number irf u120 line a logo lot code as s e mb l y int ernat ional rect ifier
www.kersemi.com 9 
  
   
          
  as s e mb l y example: wit h as s e mb l y this is an irfu120 year 9 = 199 9 dat e code line a week 19 in t he as s embly l ine "a" as s emble d on ww 19, 1999 lot code 5678 part number 56 irfu120 international logo rectifier lot code 919a 78 note: "p" in as s embly line position indicates "lead-free"  56 78 as s e mb l y lot code rectifier logo international irf u120 part number we e k 19 dat e code year 9 = 1999 a = as s e mb l y s i t e code p = de s i gn at e s l e ad- f r e e product (opt ional)
10 www.kersemi.com 
   repetitive rating; pulse width limited by max. junction temperature.  i sd 8.4a, di/dt 320a/s, v dd v (br)dss , t j 175c 
  starting t j = 25c, l = 1.9mh r g = 25 ? , i as = 8.4a.  pulse width 300s; duty cycle 2%.  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss * when mounted on 1" square pcb (fr-4 or g-10 material). for recommended footprint and soldering techniques refer to application note #an-994.  

  
         tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch


▲Up To Search▲   

 
Price & Availability of IRFR3911PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X